Part Number Hot Search : 
PIC12 7SZ08 ADCMP602 PIC12 PIC12 C35005 709ZCPB 003775
Product Description
Full Text Search
 

To Download 2SA1310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1310
Silicon PNP epitaxial planer type
For low-frequency and low-noise amplification Complementary to 2SC3312
Unit: mm
4.00.2
3.00.2 0.70.1
s Features
q q q q
Allowing supply with the radial taping. Low noise voltage NV. High foward current transfer ratio hFE. Optimum for high-density mounting. (Ta=25C)
Ratings -60 -55 -7 -200 -100 300 150 -55 ~ +150 Unit V V V mA mA mW C C
1:Emitter 2:Collector 3:Base
1.27 1.27 marking 1 2 3
+0.2 0.45-0.1
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
2.540.15
EIAJ:SC-72 New S Type Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise voltage
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE* VCE(sat) VBE fT NV Conditions VCB = -10V, IE = 0 VCE = -10V, IB = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -100mA, IB = -10mA VCE = -1V, IC = -30mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -10V, IC = -1mA, GV = 80dB Rg = 100k, Function = FLAT 200 150 -60 -55 -7 180 700 - 0.6 -1 V V MHz mV min typ max - 0.1 -1 Unit A A V V V
*h
FE
Rank classification
R 180 ~ 360 S 260 ~ 520 T 360 ~ 700 hFE
Rank
2.00.2
s Absolute Maximum Ratings
15.60.5
1
Transistor
PC -- Ta
500 -100 Ta=25C 450 -90 -100 25C Ta=75C -80
2SA1310
IC -- VCE
-120 VCE=-5V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
-70 IB=-200A -60 -50 -40 -30 -20 -10 0 0 -2 -4 -6 -8 -10 -12 -180A -160A -140A -120A -100A -80A -60A -40A -20A
Collector current IC (mA)
400
-80
-25C
-60
-40
-20
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 IC/IB=10 600
hFE -- IC
320 VCE=-5V
fT -- IE
VCB=-5V Ta=25C
Forward current transfer ratio hFE
500 Ta=75C 400 25C
Transition frequency fT (MHz)
-10 -30 -100
280 240 200 160 120 80 40
300
-25C
- 0.3 25C - 0.1
Ta=75C
200
-25C
100
- 0.03 - 0.01 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
-1
-3
0 0.1
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
10 120 IE=0 f=1MHz Ta=25C
NV -- IC
VCE=-10V GV=80dB Function=FLAT
Collector output capacitance Cob (pF)
9 8 7 6 5 4 3 2 1 0 -1
100
Noise voltage NV (mV)
80 Rg=100k 60 22k 40 5k 20
-3
-10
-30
-100
0 - 0.01
- 0.03
- 0.1
- 0.3
-1
Collector to base voltage VCB (V)
Collector current IC (mA)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SA1310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X