Part Number Hot Search : 
BD4825G NX5DV330 2SC17 TLRE53T R6008FNJ 070415 254201MR BB200
Product Description
Full Text Search
 

To Download 2SA10252SA10812SA1082 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1025, 2SA1081, 2SA1082
Silicon PNP Epitaxial
Application
* Low frequency amplifier * Complementary pair with 2SC2396, 2SC2543 and 2SC2544
Outline
2SA1025, 2SA1081, 2SA1082
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Emitter current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC IE PC Tj Tstg 2SA1025 -60 -60 -5 -100 100 400 150 -55 to +150 2SA1081 -90 -90 -5 -100 100 400 150 -55 to +150 2SA1082 -120 -120 -5 -100 100 400 150 -55 to +150 Unit V V V mA mA mW C C
Electrical Characteristics (Ta = 25C)
2SA1025 Item Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current Emitter cutoff current Symbol Min V(BR)CBO -60 V(BR)CEO -60 V(BR)EBO ICBO IEBO
1
2SA1081 Max -- -- -- -0.1 -0.1 800 -0.2 Min -90 -90 -5 -- -- 250 -- -- -- -- Typ Max -- -- -- -- -- -- -- -- -- -- -0.1 -0.1 800 -0.2
2SA1082 Min Typ Max -- -- -- -0.1 -0.1 800 -0.2 V V Unit Test conditions V V A A IC = -10 A, IE = 0 IC = -1 mA, RBE = IE = -10 A, IC = 0 VCB = -50 V, I E = 0 VEB = -2 V, IC = 0 VCE = -12 V, IC = -2 mA IC = -10 mA, IB = -1 mA VCE = -12 V, IC = -2 mA
Typ -- -- -- -- -- -- --
-120 -- -120 -- -5 -- -- 250 -- -- -- -- -- -- -- -- --
-5 -- -- 250 -- -- -- --
DC current transfer ratio hFE* Collector to emitter saturation voltage Base to emitter voltage
VCE(sat) VBE
-0.6 -- 90 3.5 -- --
-0.6 -- 90 3.5 -- --
-0.6 -- 90 3.5 -- --
Gain bandwidth product fT Collector output capacitance Cob
MHz VCE = -12 V, IC = -2 mA pF VCB = -10 V, I E = 0, f = 1 MHz
Note: D
1. The 2SA1025, 2SA1081 and 2SA1082 are grouped by h FE as follows. E 400 to 800
250 to 500
See characteristic curves of 2SA1083.
2
2SA1025, 2SA1081, 2SA1082
3
2SA1025, 2SA1081, 2SA1082
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SA10252SA10812SA1082

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X