Part Number Hot Search : 
MN3814S LBS23301 A4FSD02 MC33502P AP9962GM 104JD 50005 C3694V
Product Description
Full Text Search
 

To Download 1SS198 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADE-208-298(Z)
1SS198 Silicon Schottky Barrier Diode for Various Detector,High Speed Switching
Rev. 0 Dec. 1994 Features
* Detection efficiency is very good. * Small temperature coefficient. * Small glass package (MHD) enables easy mounting and high reliability.
1
Outline
2
2 Cathode band
Ordering Information
Type No. 1SS198
Cathode band Mark
Package Code MHD
1. Cathode 2. Anode
Green
2
Absolute Maximum Ratings (Ta = 25C)
Item Reverse voltage Average forward current Junction temperature Storage temperature Symbol VR Io Tj Tstg Value 10 30 125 -55 to +125 Unit V mA C C
Electrical Characteristics (Ta = 25C)
Item Forward current Reverse current Capacitance Rectifier efficiency ESD-Capability Symbol Min IF IR C -- 4.5 -- -- 70 100 Typ -- -- -- -- -- Max -- 70 1.5 -- -- Unit mV A pF % V Test Condition VF = 1 V VR = 6 V VR = 1 V, f = 1 MHz Vin=2Vrms,f=40MHz,RL=5k CL=20pF *C=200pF ,
Both forward and reverse direction 1 pulse.
* Failure criterion ; IR 140A at VR = 6V
1SS198
10
-1
10
-2
Forward current I F (A)
10
-3
Reverse current I R (A) 0 0.8 1.2 1.6 0.4 Forward voltage VF (V) Fig.1 Forward current Vs. Forward voltage 2.0
10
-2
10
-3
10
-4
10
-4
10
-5
10
-5
10
-6
0
2
4 8 6 Reverse voltage VR (V)
10
Fig.2 Reverse current Vs. Reverse voltage
100 f=1MHz 80
Rectifier efficiency (%) 10-1 1.0 Reverse voltage VR (V) Fig.3 Capacitance Vs. Reverse voltage
10 Capacitance C (pF)
60
1.0
40
20
10
-1
0 10 0 0.5 1.0 1.5 2.0 2.5 3.0 Input voltage Vin (Vrms) Fig.4 Rectifier efficiency Vs. Input voltage
1SS198
Package Dimensions
Unit: mm
26.0 Min
2.4 Max
26.0 Min 2.0 Max
2
0.4
1
2 Cathode band (Green)
1 Cathode 2 Anode
HITACHI Code JEDEC Code EIAJ Code Weight (g)
MHD DO-34 -- 0.084


▲Up To Search▲   

 
Price & Availability of 1SS198

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X