Part Number Hot Search : 
SAB8726 2SA1008 20N06 BTS560 SPD5190B 0805CS S541A 015020
Product Description
Full Text Search
 

To Download 0259375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Next
Previous
Hazardous Area Fuses
Barrier Network Fuse 242 Series
* Meets Barrier Network Standards (EN50020) for hazardous applications. * High interrupting rating. Meets the 1500A minimum. * Available in both axial lead and surface mount.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 110% 300% 1000% Opening Time 4 hours, Minimum 10 seconds, Maximum 0.002 seconds, Maximum
INTERRUPTING RATINGS: 4000 amperes at 250VAC/VDC PACKAGING (500 pcs): For surface mount version add packaging suffix UR. For Axial Leaded version add packaging suffix UA. For Axial Leaded version, taped add packaging suffix UAT1.
ORDERING INFORMATION:
Catalog Number 0242.050 0242.080 0242.100 0242.160 0242.200 0242.250 Ampere Rating .050 .080 .100 .160 .200 .250 Color Coding Red Green Blue Violet Brown Black Nominal Resistance Cold Ohms 11.34 8.19 3.60 3.00 2.68 1.6 Nominal Melting I 2t A2 Sec. 0.000103 0.000214 0.000977 0.00157 0.0038 0.00579
1.90mm (.075") 3.02mm (.119") 8.40mm (.331") 1.90mm (.075")
4.60mm (.181") 3.02mm (.119") 8.40mm (.331")
4.60mm (.181")
.635mm (.025")
Safe-T-Plus Fuse 259 Series
* Designed to allow equipment to meet "Intrinsically Safe" certification for applications in gas plants, petrochemical and processing industries where there is a danger of gas explosion from faulty circuits. * Hermetically sealed.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 200% IEC 60079-11. Opening Time 4 hours, Minimum 5 seconds, Maximum
AGENCY APPROVALS: Meets CENELEC EN500014 to 039 and INTERRUPTING RATINGS:
50 amperes at 125 VAC 300 amperes at 125 VDC
ORDERING INFORMATION:
Catalog Number 0259.062 0259.125 0259.250 0259.375 0259.500 0259.750 0259001. Ampere Rating .062 .125 .250 .375 .500 .750 1 Voltage Drop 2.1 1.3 0.83 0.81 0.78 0.23 0.24 Maximum Resistance Cold Ohms 8.1 2.4 0.87 0.46 0.32 0.19 0.14 Nominal Melting I 2t A2 Sec. 0.00016 0.0012 0.0095 0.025 0.07 0.062 0.01
(.512") 13mm (.315") 8mm (.197") 5mm (.394") 10mm
(.025") .635mm
Schedule of limitations. 1) The fuse must be so mounted that creepage and clearance distances meet the requirements of Table 2 of EN50020 :1977 or Table 4 of EN50020 :1994 (equivalent to IEC 60079-11 4th Edition 1999). 2) When used in intrinsically safe apparatus it will be necessary to determine a surface temperature classification for the fuse.
326
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 0259375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X