Part Number Hot Search : 
P461ML TLGD262 VTS80 PG128 KBJ4005 D1563 P461ML MPSA62
Product Description
Full Text Search
 

To Download ZRL-2150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High IP3
Low Noise Amplifier
50 950 to 2150 MHz
Features
* * * * * * high IP3, +33 dBm typ. low noise figure, 1.5 dB typ. broadband flat gain response excellent return loss, 20 dB typ. internal voltage regulated over voltage and transient protected
! NEW
ZRL-2150
Maximum Ratings
Operating Temperature Storage Temperature DC Voltage -40C to 80C case -40C to 60C ambient -55C to 100C +17V max.
Applications
* * * * PCS, UMTS mobil satellite service baseband amp, fiber optic driver defense and aeronautical
CASE STYLE: FJ893 PRICE: $119.95 ea. QTY (1-9)
Outline Drawing
FREQ. RANGE (MHz)
fL - fU 950-2150 1500-2000
1
Electrical Specifications (TAMB=25C)
GAIN (dB)
Flatness Typ. Min. 25 25 22.5 23 Typ. 1.1 0.9 Max. Typ. Max. 1.8 1.5 1.5 1.3 2.2 2.0
NOISE FIGURE (dB)
MAXIMUM POWER (dBm)
Output (1 dB Comp.) Typ. Min. 22 24 17.5 22 Input (no damage) +10 +10
INTERCEPT POINT
IP3 dBm Typ.* 33 34
VSWR (:1) Typ.
In 1.3 1.3 Out 1.2 1.2
DIRECTIVITY (dB)
DC POWER
Max. Volt1 Current Typ. (mA) 12 12 280 280
Typ. 26 21
Other voltages available in the 6.5 to 17V range, please contact factory.
ZRL-2150 GAIN 30 29 28 27 26 25 24 23 22 21 20 950
ZRL-2150 NOISE FIGURE 2.0 NOISE FIGURE (dB) 1.5 1.0 0.5 0.0 950
Outline Dimensions ( inch ) mm
A 2.00 50.80 K .26 6.60 B 3.75 95.25 L 1.00 25.40 C .80 20.32 M .51 12.95 D 3.00 76.20 N .22 5.59 E .19 4.83 P .26 6.60 F 3.374 85.70 Q -- -- G 1.624 41.25 R .19 4.83 H .156 3.96 J .44 11.18
GAIN (dB)
1150
1350
1550
1750
1950
2150
1150
1350
1550
1750
1950
2150
FREQUENCY (MHz)
FREQUENCY (MHz)
S wt. .10 grams 2.54 135
ZRL-2150 IP3
45 40 35 30 25 20 15 10 5 0 950
2.0
ZRL-2150 VSWR INPUT 1.8 VSWR 1.6 1.4 1.2 OUTPUT
IP3 (dBm)
1150
1350
1550
1750
1950
2150
FREQUENCY (MHz)
1.0 950
1190
1430 1670 FREQUENCY (MHz)
1910
2150
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
REV. A M92817 ZRL-2150 EDB021202 BLUEC/RS/CP 0406


▲Up To Search▲   

 
Price & Availability of ZRL-2150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X