Part Number Hot Search : 
80012 04365 UNR91A1G P6KE6 1N5545 S8230 NJU26 TOP246R
Product Description
Full Text Search
 

To Download XN0121M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN0121M (XN121M)
NPN epitaxial planer transistor
Unit: mm
For switching/digital circuits
2.90+0.20 -0.05 1.90.1 (0.95) (0.95) 3 4 5 1.50+0.25 -0.05 2.8+0.2 -0.3
0.16+0.10 -0.06
I Features
G G
Two elements incorporated into one package. (Emitter-coupled transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half.
2 0.30+0.10 -0.05 10
1 (0.65)
1.1+0.2 -0.1
G
UNR221M(UN221M) x 2 elements
I Absolute Maximum Ratings
Parameter Rating Collector to emitter voltage of element Collector current Total power dissipation Overall Junction temperature Storage temperature Collector to base voltage Symbol VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings 50 50 100 300 150 -55 to +150 Unit V V mA mW C C
1 : Collector (Tr1) 2 : Collector (Tr2) 3 : Base (Tr2)
4 : Emitter 5 : Base (Tr1) EIAJ : SC-74A Mini5-G1 Pakage
Marking Symbol: EM Internal Connection
5 4 3 2 Tr1 1
Tr2
I Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Input resistance Resistance ratio Transition frequency
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE (small/large) VCE(sat) VOH VOL R1 R1/R2 fT VCB = 10V, IE = -2mA, f = 200MHz Conditions IC = 10A, IE = 0 IC = 2mA, IB = 0 VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 VCE = 10V, IC = 5mA VCE = 10V, IC = 5mA IC = 10mA, IB = 0.3mA VCC = 5V, VB = 0.5V, RL = 1k VCC = 5V, VB = 2.5V, RL = 1k -30% 2.2 0.047 150 MHz 4.9 0.2 +30% 80 0.5 0.99 0.06 0.25 V V V k min 50 50 0.1 0.5 0.2 typ max Unit V V A A mA
Note) The Part number in the Parenthesis shows conventional part number.
0 to 0.1
1.1+0.3 -0.1
I Basic Part Number of Element
0.40.2
5
1
Composite Transistors
PT -- Ta
500
XN0121M
Total power dissipation PT (mW)
400
300
200
100
0 0 40 80 120 160
Ambient temperature Ta (C)
IC -- VCE
240 10
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C IC/IB=10 500
hFE -- IC
VCE=10V
3 1 0.3 Ta=75C 0.1 0.03 0.01 0.003 0.001 25C
200
Collector current IC (mA)
IB=1.0mA 0.9mA 0.8mA 0.7mA
Forward current transfer ratio hFE
400
160 0.6mA 0.5mA 0.4mA 0.3mA 0.2mA
300 Ta=75C 25C 200 -25C
120
80
-25C
40
0.1mA
100
0 0 2 4 6 8 10 12
0 1 3 10 30 100 300 1000 1 3 10 30 100 300 1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
5
104
IO -- VIN
f=1MHz IE=0 Ta=25C
VO=5V Ta=25C
VIN -- IO
100 30 VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
4
Output current IO (A)
Input voltage VIN (V)
103
10 3 1 0.3 0.1 0.03
3
102
2
101
1
0 0.1
0.3
1
3
10
30
100
1 0.4
0.6
0.8
1.0
1.2
1.4
0.01 0.1
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of XN0121M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X