Part Number Hot Search : 
CHEST 5714D WM887AL1 LN833WPH HC157 CHEST NJU9207F 2SA184
Product Description
Full Text Search
 

To Download VP0300LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VP0300L/LS, VQ2001J/P
Vishay Siliconix
P-Channel Enhancement-Mode MOSFET Transistors
PRODUCT SUMMARY
Part Number
VP0300L VP0300LS VQ2001J VQ2001P -30 30
V(BR)DSS Min (V)
rDS(on) Max (W)
2.5 @ VGS = -12 V 2.5 @ VGS = -12 V 2 @ VGS = -12 V 2 @ VGS = -12 V
VGS(th) (V)
-2 to -4.5 -2 to -4.5 -2 to -4.5 -2 to -4.5
ID (A)
-0.32 -0.5 -0.6 -0.6
FEATURES
D D D D D High-Side Switching Low On-Resistance: 1.5 W Moderate Threshold: -3.1 V Fast Switching Speed: 17 ns Low Input Capacitance: 60 pF
BENEFITS
D D D D D Ease in Driving Switches Low Offset (Error) Voltage Low-Voltage Operation High-Speed Switching Easily Driven Without Buffer
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Power Supply, Converter Circuits D Motor Control
Dual-In-Line
TO-226AA (TO-92)
1
TO-92S
D1 1 2 3 4 5 6 7 14 D4 13 S4 12 G4 11 NC 10 G3 9 8 Top View Plastic: VQ2001J Sidebraze: VQ2001P S3 D3 P P P S1 G1
S
S
1
G
2
G
2
NC G2
D
3
D
3
P
S2 D2
Top View VP0300L
Top View VP0300LS
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
VQ2001J/P Parameter P
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta Power Dissipation Maximum Junction-to-Ambient Operating Junction and Storage Temperature Range TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol S bl
VDS VGS ID IDM PD RthJA TJ, Tstg
VP0300L
-30 "20 -0.32 -0.2 -2.4 0.8 0.32 156
VP0300LS
-30 "20 -0.5 -0.32 -3 0.9 0.4 139 -55 to 150
Single
-30 "20 -0.6 -0.37 -2 1.3 0.52 96
Total Quad
-30 "20 -0.6 -0.37 -2 2
Unit Ui
V
A
W 0.8 62.5 _C/W _C
Notes a. Pulse width limited by maximum junction temperature. Applications information may also be obtained via FaxBack, request document #70611. Document Number: 70217 S-00591--Rev. D, 04-Apr-00 www.vishay.com S FaxBack 408-970-5600
11-1
VP0300L/LS, VQ2001J/P
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VP0300L/LS VQ2001J/P
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
V(BR)DSS VGS(th)
VGS = 0 V, ID = -10 mA VDS = VGS, ID = -1 mA VDS = 0 V, VGS = "16 V
-55 -3.1
-30 -2 -4.5
-30 V -2 -4.5 "100 "500 "100 -10 -500 -500 -10 mA A nA A
Gate-Body Leakage G BdL k
IGSS
TJ = 125_C VDS = 0 V, VGS = "20 V VDS = -24 V, VGS = 0 V
Zero Gate Voltage Drain Current Z G Vl DiC
IDSS
TJ = 125_C VDS = -30 V, VGS = 0 V
On-State Drain Currentb Drain-Source On-Resistanceb Forward Transconductanceb Common Source Output Conductanceb
ID(on) rDS(on) gfs gos
VDS = -10 V, VGS = -12 V VGS = -12 V, ID = -1 A TJ = 125_C VDS = -10 V, ID = -0.5 A VDS = -7.5 V, ID = -0.05 A
-2.8 1.5 2.6 370 0.25
-1.5 2.5 3.6
-1.5 2 3.6
A W
200
200
mS
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = -15 V, VGS = 0 V 15 V f = 1 MHz 60 40 10
150 100 60
150 100 60
pF F
Switchingc
Turn-On Time Turn-Off Time Turn-On Time Turn-Off Time tON tOFF tON tOFF VDD = -25 V, RL = 23 W ID ^ -1 A VGEN = -10 V A, RG = 25 W VDD =-15 V, RL = 23 W ID ^ -0.6 A, VGEN = -10 V RG = 25 W 19 17 19 16 30 30 ns 30 30 VPEA03
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature.
www.vishay.com S FaxBack 408-970-5600
11-2
Document Number: 70217 S-00591--Rev. D, 04-Apr-00
VP0300L/LS, VQ2001J/P
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
-2.0 VGS = -10 V -1.6 I D - Drain Current (A) -9 V -1000 125_C -8 V I D - Drain Current (mA) -800 TJ = -55_C 25_C
Transfer Characteristics
-1.2
-7 V
-600
-0.8
-6 V
-400
-0.4
-5 V -4 V
-200
0 0 -1 -2 -3 -4 -5 VDS - Drain-to-Source Voltage (V)
0 0 -2 -4 -6 -8 -10 VGS - Gate-to-Source Voltage (V)
Capacitance
175 150 C - Capacitance (pF) 125 100 75 50 25 0 0 -5 -10 -15 -20 -25 -30 VDS - Drain-to-Source Voltage (V) Crss Coss VGS = 0 V f = 1 MHz -18
Gate Charge
V GS - Gate-to-Source Voltage (V)
-15 VDS = -15 V ID = -1 A VDS = -24 V ID = -1 A
-12
-9
Ciss
-6
-3
0 0 1000 2000 3000 4000 5000
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
1.65 -10 K
Source-Drain Diode Forward Voltage
TJ = 150_C I S -Source Current (A) -1 K TJ = 25_C
1.50 r DS(on)- On-Resistance ( W ) (Normalized) VGS = -4.5 V ID = -0.5 A
1.35
1.20
VGS = -10 V ID = -0.1 A
-100
1.05
-10
0.90
0.75 -50
-1 -25 0 25 50 75 100 125 150 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V) www.vishay.com S FaxBack 408-970-5600
Document Number: 70217 S-00591--Rev. D, 04-Apr-00
11-3
VP0300L/LS, VQ2001J/P
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Gate-to-Source Voltage
3.0 ID = -0.5 A r DS(on)- On-Resistance ( W ) 2.5 I D - Drain Current ( m A) -1 K -10 K
Threshold Region
VDS = -10 V TJ = 150_C
2.0
100_C -100
25_C
1.5
ID = -0.2 A
-10 -55_C
1.0
0 0 -4 -8 -12 -16 -20 VGS - Gate-to-Source Voltage (V)
-1 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0
VGS - Gate-Source Voltage (V)
THERMAL RATINGS
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA, VP0300L Only)
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 Notes: PDM
0.01 Single Pulse 0.01 0.1 1 10 100 t1 - Square Wave Pulse Duration (sec)
2. Per Unit Base = RthJA = 156_C/W 3. TJM - TA = PDMZthJA(t)
1K
10 K
www.vishay.com S FaxBack 408-970-5600
11-4
Document Number: 70217 S-00591--Rev. D, 04-Apr-00


▲Up To Search▲   

 
Price & Availability of VP0300LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X