Part Number Hot Search : 
SP1648 4745A SP1648 2501N UDZS7V5B EA40QC09 74HC08D CONN005
Product Description
Full Text Search
 

To Download TLMH3102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLMH3102
Vishay Telefunken
SMD LED in P-LCC-2 Package
Color High efficiency red Type TLMH3102 Technology GaAsP on GaP Angle of Half Intensity o 60
Description
These devices have been designed for applications requiring narrow brightnes selection. The package of the TLMH3102 is the P-LCC-2 (equivalent to a size B tantalum capacitor). It consists of a lead frame which is surrounded with a white thermoplast. The reflector inside this package is filled up with clear epoxy.
Features
D D D D
SMD LED with exceptional brightness Luminous intensity categorized Color categorized Compatible equipment with automatic placement
94 8553
D EIA and ICE standard package D Compatible with infrared, vapor phase and
wave solder processes according to CECC
D Available in 8 mm tape D Low profile package D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Low power consumption D Luminous intensity ratio in one packaging unit
IVmax/IVmin
x 2.0
Applications
Automotive: backlighting in dashboards and switches Telecommunication: indicator and backlighting in telephone and fax Indicator and backlight for audio and video equipment Indicator and backlight in office equipment Flat backlight for LCDs, switches and symbols General use
Document Number 83085 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 1 (6)
TLMH3102
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified TLMH3102 Parameter Reverse voltage DC forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Test Conditions Tamb 60C tp 10 ms Tamb 60C Symbol VR IF IFSM PV Tj Tamb Tstg Tsd RthJA Value 6 30 0.5 100 100 -40 to +100 -55 to +100 260 400 Unit V mA A mW C C C C K/W
t5s mounted on PC board (pad size > 16 mm2)
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified High efficiency red (TLMH3102 ) Parameter Luminous intensity Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage Junction capacitance Test Conditions IF = 10 mA IF = 10 mA IF = 10 mA IF = 10 mA IF = 20 mA IR = 10 mA VR = 0, f = 1 MHz Type Symbol IV ld lp VF VR Cj Min 6.3 612 Typ Max 20 625 Unit mcd nm nm deg V V pF
6
635 60 2.2 15 15
2.6
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
125 PV - Power Dissipation ( mW ) IF - Forward Current ( mA ) 100
95 10905
60 50 40 30 20 10 0 0 20 40 60 80 0 20 40 60 80 100 Tamb - Ambient Temperature ( C ) Tamb - Ambient Temperature ( C )
100
75
50 25 0
95 10904
Figure 1 Power Dissipation vs. Ambient Temperature
Figure 2 Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (6)
Document Number 83085 Rev. A1, 04-Feb-99
TLMH3102
Vishay Telefunken
10000 Tamb IF - Forward Current ( mA ) tp/T=0.005 1000 0.01 0.02 0.05 100 0.2 0.5 DC 10 0.1 Iv rel - Relative Luminous Intensity
v60C
2.0 High Efficiency Red 1.6
1.2
0.8 0.4 0
1 0.01
95 9985
0.1
1
10
100
95 9993
0
20
40
60
80
100
tp - Pulse Length ( ms )
Tamb - Ambient Temperature ( C )
Figure 3 Forward Current vs. Pulse Length
0 Iv rel - Relative Luminous Intensity 10 20
Figure 6 Rel. Luminous Intensity vs. Ambient Temperature
30 Iv rel - Relative Luminous Intensity 2.4 High Efficiency Red 2.0 1.6 1.2 0.8 0.4 0
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
10
95 10321
20 0.5
50 0.2
100 0.1
200 0.05
500 0.02
IF(mA) tp/T
95 10319
1
Figure 4 Rel. Luminous Intensity vs. Angular Displacement
100 High Efficiency Red IF - Forward Current ( mA ) Iv rel - Relative Luminous Intensity 10
Figure 7 Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
High Efficiency Red
10
1
1
0.1
0.1 0
95 9989
0.01 1 2 3 4 5
95 9995
1
10 IF - Forward Current ( mA )
100
VF - Forward Voltage ( V )
Figure 5 Forward Current vs. Forward Voltage
Figure 8 Relative Luminous Intensity vs. Forward Current
Document Number 83085 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 3 (6)
TLMH3102
Vishay Telefunken
1.2 Iv rel - Relative Luminous Intensity High Efficiency Red 1.0 0.8 0.6 0.4 0.2 0 590
95 10040
610
630
650
670
690
l - Wavelength ( nm )
Figure 9 Relative Luminous Intensity vs. Wavelength
Dimensions in mm
95 11314
www.vishay.de * FaxBack +1-408-970-5600 4 (6)
Document Number 83085 Rev. A1, 04-Feb-99
TLMH3102
Vishay Telefunken PCB Layout in mm
95 10966
Document Number 83085 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 5 (6)
TLMH3102
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 6 (6)
Document Number 83085 Rev. A1, 04-Feb-99


▲Up To Search▲   

 
Price & Availability of TLMH3102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X