Part Number Hot Search : 
BD4826G ACS541K AX4924EL SR280 IMP1832 HDSL2 2000000 AD542
Product Description
Full Text Search
 

To Download TLMB310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLMB310.
Vishay Telefunken
SMD LED in P-LCC-2 Package
Color Blue Type TLMB310. Technology GaN on SiC Angle of Half Intensity o 60
Description
This device has been redesigned in 1998 replacing SiC by GaN technology to meet the increasing demand for high efficiency blue LEDs. The package of the TLMB310. is the P-LCC-2 (equivalent to a size B tantalum capacitor). It consists of a lead frame which is surrounded with a white thermoplast. All LEDs are categorized in luminous intensity groups. That allows users to assemble LEDs with uniform appearance.
Features
D GaN on SiC technology D EIA and ICE standard package D Compatible with infrared, vapor phase and wave
solder processes according to CECC
94 8553
D Available in 8 mm tape D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Luminous intensity ratio in one packaging unit
IVmax/IVmin
D ESD class 1
x 1.6
Applications
Automotive: backlighting in dashboards and switches Telecommunication: indicator and backlighting in telephone and fax Indicator and backlight for audio and video equipment Indicator and backlight in office equipment Flat backlight for LCDs, switches and symbols General use
Document Number 83034 Rev. A2, 13-Jul-99
www.vishay.de * FaxBack +1-408-970-5600 1 (6)
TLMB310.
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified TLMB310. Parameter Reverse voltage DC forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Test Conditions Tamb 60C tp 10 ms Tamb 60C Symbol VR IF IFSM PV Tj Tamb Tstg Tsd RthJA Value 5 20 0.1 100 100 -40 to +100 -40 to +100 260 400 Unit V mA A mW C C C C K/W
t5s mounted on PC board ( pad size > 16 mm2)
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified Blue (TLMB310. ) Parameter Luminous intensity y Test Conditions IF = 10 mA Type Symbol TLMB3100 IV TLMB3101 IV TLMB3104 IV TLMB3106 IV ld lp VF VR Min 4.0 4.0 5.0 5.0 Typ 8.0 Max 12.5 12.5 20.0 466 428 60 3.9 5 Unit mcd mcd mcd mcd nm nm deg V V
Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage
IF = 10 mA IF = 10 mA IF = 10 mA IF = 20 mA IR = 10 mA
4.5
www.vishay.de * FaxBack +1-408-970-5600 2 (6)
Document Number 83034 Rev. A2, 13-Jul-99
TLMB310.
Vishay Telefunken Typical Characteristics (Tamb = 25_C, unless otherwise specified)
125 PV - Power Dissipation ( mW ) I F - Forward Current ( mA ) 100
15846
100
100
75
10
50 25 0 0 20 40 60 80
1 0 1 2 3 4 5 6 7 8 Tamb - Ambient Temperature ( C ) VF - Forward Voltage ( V )
95 10904
Figure 1 Power Dissipation vs. Ambient Temperature
60 IF - Forward Current ( mA ) 50 40 30 20 10 0 0
15884
Figure 4 Forward Current vs. Forward Voltage
1.6 I Vrel- Relative Luminous Intensity 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -10 0 10 20 30 40 50 60 70 80 90 100
15847
IF = 10 mA
20
40
60
80
100
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 2 Forward Current vs. Ambient Temperature
0 Iv rel - Relative Luminous Intensity 10 20 30
Figure 5 Rel. Luminous Intensity vs. Ambient Temperature
10.00 I Vrel- Relative Luminous Intensity
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
1.00
0.10
0.01 1
15848
10 IF - Forward Current ( mA )
100
95 10319
Figure 3 Rel. Luminous Intensity vs. Angular Displacement
Figure 6 Relative Luminous Intensity vs. Forward Current
Document Number 83034 Rev. A2, 13-Jul-99
www.vishay.de * FaxBack +1-408-970-5600 3 (6)
TLMB310.
Vishay Telefunken
120 I Vrel - Relative Luminous Intensity (%) IF = 10 mA 100 80 60 40 20 0 350
400
450
500
550
600
15849
l - Wavelength ( nm )
Figure 7 Relative Luminous Intensity vs. Wavelength
Dimensions in mm
95 11315
www.vishay.de * FaxBack +1-408-970-5600 4 (6)
Document Number 83034 Rev. A2, 13-Jul-99
TLMB310.
Vishay Telefunken PCB Layout in mm
95 10966
Document Number 83034 Rev. A2, 13-Jul-99
www.vishay.de * FaxBack +1-408-970-5600 5 (6)
TLMB310.
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 6 (6)
Document Number 83034 Rev. A2, 13-Jul-99


▲Up To Search▲   

 
Price & Availability of TLMB310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X