Part Number Hot Search : 
011DR R5F21 XF4018 FTVFIJ 6204E14 M5142 2SK3827 CDBD1545
Product Description
Full Text Search
 

To Download SUM110N03-03P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE Device Model SUM110N03-03P
Vishay Siliconix
N-Channel 30-V (D-S), 175C MOSFET
CHARACTERISTICS
* N-Channel Vertical DMOS * Macro Model (Subcircuit Model) * Level 3 MOS * Apply for both Linear and Switching Application * Accurate over the -55 to 125C Temperature Range * Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics
DESCRIPTION
The attached spice model describes the typical electrical characteristics of the n-channel vertical DMOS. The subcircuit model is extracted and optimized over the -55 to 125C temperature ranges under the pulsed 0 to 10V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 70095 09-Jun-04 www.vishay.com
1
SPICE Device Model SUM110N03-03P
Vishay Siliconix
SPECIFICATIONS (TJ = 25C UNLESS OTHERWISE NOTED) Parameter Static
Gate Threshold Voltage On-State Drain Current
a
Symbol
Test Conditions
Simulated Data
1.8 1708 0.0019 0.0026 0.0030 0.93
Measured Data
Unit
VGS(th) ID(on)
VDS = VGS, ID = 250 A VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 30 A
V A 0.0020 0.0031 1.1 V
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A, TJ = 125C VGS = 4.5 V, ID = 20 A
Forward Voltagea
VSD
IF = 110 A, VGS = 0 V
Dynamic
b
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Charge Gate-Drain Chargec Turn-On Delay Timec Rise Time
c c
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf trr IF = 85 A, di/dt = 100 A/s VDD = 15 V, RL = 0.18 ID 110 A, VGEN = 10 V, RG = 2.5 VDS = 15 V, VGS = 10 V, ID = 110 A VGS = 0 V, VDS = 25 V, f = 1 MHz
11410 811 498 194 40 40 19 23 50 44 31
12100 1910 1250 172 40 22 20 20 90 25 60 ns nC pF
Turn-Off Delay Timec Fall Timec Source-Drain Reverse Recovery Time
Notes a. Pulse test; pulse width 300 s, duty cycle 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 70095 09-Jun-04
SPICE Device Model SUM110N03-03P
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25C UNLESS OTHERWISE NOTED)
Document Number: 70095 09-Jun-04
www.vishay.com
3


▲Up To Search▲   

 
Price & Availability of SUM110N03-03P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X