Part Number Hot Search : 
M3218 TMP89F ES51W4 C1045C AN729 MB89538 AK4523 KRA551U
Product Description
Full Text Search
 

To Download STTH1506DI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STTH1506D/DI
TURBO 2 ULTRA-FAST HIGH VOLTAGE RECTIFIER
PRELIMINARY DATASHEET
MAJOR PRODUCTS CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) trr (max) 15 A 600 V 175 C 1.9 V 50 ns TO-220AC STTH1506D
A K
FEATURES AND BENEFITS COMBINES HIGHEST RECOVERY AND VOLTAGE PERFORMANCE. ULTRA-FAST, SOFT AND NOISE-FREE RECOVERY FOR LOW SIDE EFFECTS. LOW INDUCTANCE, LOW CAPACITANCE, ALLOWS SIMPLIFIED LAYOUT. INSULATED VERSION: TO-220AC Insulated voltage = 2500 VRMS Capacitance = 7 pF ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM Tstg Tj Parameter Repetitive peak reverse voltage RMS forward current Average forward current = 0.5 TO-220AC Insulated TO-220AC TO-220AC Insulated TO-220AC Tc = 92C Tc = 55C tp = 10 ms sinusoidal Value 600 30 24 15 85 -65 +175 + 175 Unit V A A A C C
A K
Insulated TO-220AC STTH1506DI
Surge non repetitive forward current Storage temperature range Maximum operating junction temperature
June 1999 - Ed: 2A
1/6
STTH1506D/DI
THERMAL RESISTANCES Symbol Rth (j-c) Parameter Junction to case thermal resistance TO-220AC Insulated TO-220AC Value 2.2 3.2 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Parameter Reverse leakage current Tests Conditions VR = 600 V Tj = 25C Tj = 125C VF ** Forward voltage drop IF = 15 A Tj = 25C Tj = 125C Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2% To evaluate the maximum conduction losses use the following equation : P = 1.3 x IF(AV) + 0.04 IF(RMS)2 DYNAMIC ELECTRICAL CHARACTERISTICS Symbol trr IF = 0.5 A IF = 1 A IRM Sfactor tfr VFP Qrr IF = 15 A dIF/dt = 120 A/s VFR = 1.1 x VF max VR = 400V IF = 15 A dIF/dt = -200 A/s Tj = 25C Tests Conditions Irr = 0.25 A dIF/dt = - 50 A/s IR = 1 A VR = 30 V Tj = 125C 1 200 6 Tj = 125C 380 Tj = 25C Min. Typ. Max. 35 50 9.5 A ns V nC Unit ns 1.5 10 Min. Typ. Max. 100 400 2.4 1.9 V Unit A
VR = 400 V IF = 15 A dIF/dt = 200 A/s
2/6
STTH1506D/DI
Fig. 1: Conduction losses versus average current. Fig. 2: Forward voltage drop versus forward current.
IFM(A)
= 0.1 = 0.05 = 0.2 = 0.5
PF(av)(W) 40 35 30 25 20 15 10 5 0 0 2 4 6 8 IF(av) (A) 10 12 14
=tp/T
T
200 100
=1
Tj=125C Typical values Tj=25C Maximum values Tj=125C Maximum values
10
tp
16
18
20
VFM(V) 1 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Fig. 3: Relative variation of thermal impedance junction to case versus pulse duration.
Fig. 4: Peak reverse recovery current versus dIF/dt (90% confidence).
IRM(A) 20 18 16 14 12 10 8 6 4 2 0
VR=400V Tj=125C IF=2 x IF(av)
Zth(j-c)/Rth(j-c) 1.0 0.8 0.6 0.4 0.2
= 0.5
IF=IF(av)
IF=0.5xIF(av)
= 0.2 = 0.1
T
Single pulse
tp(s) 1E-2 1E-1
0.0 1E-3
=tp/T
tp
dIF/dt(A/s)
0 50 100 150 200 250 300 350 400 450 500
1E+0
Fig. 5: Reverse recovery time dIF/dt (90% confidence).
trr(ns) 220 200 180 160 140 120 100 80 60 40 20 0
VR=400V Tj=125C
Fig. 6: Reverse charges versus dIF/dt (90% confidence).
Qrr(nC) 900 800 700 600 500 400 300 200 100 0
VR=400V Tj=125C IF=2 x IF(av)
IF=2 x IF(av)
IF=IF(av)
IF=IF(av) IF=0.5xIF(av)
IF=0.5xIF(av)
dIF/dt(A/s) 0 50 100 150 200 250 300 350 400 450 500
dIF/dt(A/s) 0 50 100 150 200 250 300 350 400 450 500
3/6
STTH1506D/DI
Fig. 7: Softness factor (tb/ta) versus dIF/dt (typical values) Fig. 8: Relative variation of dynamic parameters versus junction temperature (Reference: Tj=125C)
S factor 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
3.5
IF< 2 x IF(av) VR=400V Tj=125C
3.0 2.5 2.0 1.5 1.0
IRM S factor
dIF/dt(A/s) 0 50 100 150 200 250 300 350 400 450 500
0.5 0.0 25 50
QRR
Tj(C) 100 125 150
75
Fig. 9: Transient peak forward voltage versus dIF/dt (90% confidence).
Fig. 10: Forward recovery time versus dIF/dt (90% confidence).
VFP(V) 12 11 10 9 8 7 6 5 4 3 2 1 0
tfr(ns) 300
VFR=1.1 x VF max. IF=IF(av) Tj=125C
IF=IF(av) Tj=125C
250 200 150 100
dIF/dt(A/s)
50 dIF/dt(A/s)
200 250 300
0
50
100
150
0
0
50
100
150
200
250
300
4/6
STTH1506D/DI
PACKAGE MECHANICAL DATA TO-220AC (Iso.) DIMENSIONS
B C
b2
REF. A
F
Millimeters 15.20 3.75 13.00 10.00 0.61 1.23 4.40 0.49 2.40 4.80 6.20 3.75 2.65 1.14 2.60 14.00 0.511 10.40 0.393 0.88 0.024 1.32 0.048 4.60 0.173 0.70 0.019 2.72 0.094 5.40 0.189 6.60 0.244 3.85 0.147 2.95 0.104 1.70 0.044 15.90 0.598
Inches 0.625 0.147 0.551 0.409 0.034 0.051 0.181 0.027 0.107 0.212 0.259 0.151 0.116 0.066 0.102
Min. Typ. Max. Min. Typ. Max.
L
a1 a2 B b1 b2 C
I A
l4
a1
c2
c1 c2 e F I I4
l2 a2
15.80 16.40 16.80 0.622 0.646 0.661
b1 e
M c1
L l2 M
5/6
STTH1506D/DI
PACKAGE MECHANICAL DATA TO-220AC DIMENSIONS REF.
H2 C L5 OI L6 L2 D L7 A
Millimeters Min. Max. 4.60 1.32 2.72 0.70 0.88 1.70 5.15 10.40 14.00 2.95 15.75 6.60 3.93 3.85 4.40 1.23 2.40 0.49 0.61 1.14 4.95 10.00 13.00 2.65 15.25 6.20 3.50 3.75
Inches Min. 0.173 0.048 0.094 0.019 0.024 0.044 0.194 0.393 0.511 0.104 0.600 0.244 0.137 0.147 Max. 0.181 0.051 0.107 0.027 0.034 0.066 0.202 0.409 0.551 0.116 0.620 0.259 0.154 0.151
A C D E F F1 G H2 L2 L4
M E
L9 F1 L4
16.40 typ.
0.645 typ.
F G
L5 L6 L7 L9 M Diam. I
2.6 typ.
0.102 typ.
Ordering code STTH1506D STTH1506DI
Marking STTH1506D STTH1506DI
Package TO-220AC Insulated TO-220AC
Weight 1.86 g. 1.86 g.
Base qty 50 50
Delivery mode Tube Tube
Cooling method: C Recommended torque value: 0.8 N.m. Maximum torque value: 1 N.m. Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com 6/6


▲Up To Search▲   

 
Price & Availability of STTH1506DI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X