Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download STPS16150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS16150CT/CG/CR
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj VF (max) 2x8A 150 V 175C 0.75 V
K A1 A2
A1 K A2
FEATURES AND BENEFITS
s
I2PAK STPS16150CR
K
s
s
s
HIGH JUNCTION TEMPERATURE CAPABILITY GOOD TRADE OFF BETWEEN LEAKAGE CURRENT AND FORWARD VOLTAGE DROP LOW LEAKAGE CURRENT AVALANCHE CAPABILITY SPECIFIED
A2 A1
A2 K A1
DESCRIPTION Dual center tap schottky rectifier designed for high frequency Switched Mode Power Supplies.
D2PAK STPS16150CG
TO-220AB STPS16150CT
ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM PARM Tstg Tj dV/dt Parameter Repetitive peak reverse voltage RMS forward current Average forward current TO-220AB = 0.5 D2PAK / I2PAK Surge non repetitive forward current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature Critical rate of rise of reverse voltage Tc = 150C per diode per device tp = 10 ms sinusoidal tp = 1s Tj = 25C Value 150 20 8 16 150 4700 - 65 to + 175 175 10000 Unit V A A A W C C V/s
July 2003 - Ed: 6C
1/5
STPS16150CT/CG/CR
THERMAL RESISTANCES Symbol Rth (j-c) Rth (c) Junction to case Parameter TO-220AB / D PAK / I PAK TO-220AB / D2PAK / I2PAK
2 2
Value Per diode Total Coupling 3 1.8 0.6
Unit C/W
When the diodes 1 and 2 are used simultaneously : Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c) STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR * VF ** Parameter Reverse leakage current Forward voltage drop Tests conditions Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 5 ms, < 2% ** tp = 380 s, < 2%
Min.
Typ.
Max. 3.0 4.0 0.92
Unit A mA V
VR = VRRM IF = 8 A IF = 8 A IF = 16 A IF = 16 A 0.8 0.70
0.75 1 0.86
To evaluate the conduction losses use the following equation: P = 0.64 x IF(AV) + 0.014 IF2(RMS) Fig. 1: Average forward power dissipation versus average forward current (per diode).
PF(av)(W) 8 7 6 5 4 3 2 1 0 0 1 2 3 4 IF(av) (A) 5 6 7
=tp/T
T
Fig. 2: Average forward current versus ambient temperature ( = 0.5, per diode).
IF(av)(A)
= 0.05
= 0.1
= 0.2
= 0.5
=1
tp
8
9
10
9 8 7 6 5 4 3 2 1 0
Rth(j-a)=Rth(j-c)
Rth(j-a)=15C/W
T
=tp/T
tp
Tamb(C) 50 75 100 125 150 175
0
25
Fig. 3: Normalized avalanche power derating versus pulse duration.
PARM(tp) PARM(1s)
1
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(25C)
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
2/5
STPS16150CT/CG/CR
Fig. 5: Non repetitive surge peak forward current versus overload duration (maximum values, per diode).
IM(A) 120 100 80
Fig. 46 Relative variation of thermal impedance junction to case versus pulse duration (per diode).
Zth(j-c)/Rth(j-c) 1.0 0.8 0.6
= 0.5
60 40
IM
Tc=50C
Tc=75C
0.4 0.2
= 0.2 = 0.1
T
20 0 1E-3
Tc=125C
t
=0.5
t(s) 1E-2 1E-1 1E+0
Single pulse
tp(s) 1E-2 1E-1
0.0 1E-3
=tp/T
tp
1E+0
Fig. 7: Reverse leakage current versus reverse voltage applied (typical values, per diode).
IR(A) 1E+5 1E+4 1E+3 1E+2
Tj=75C Tj=175C Tj=150C Tj=125C
Fig. 8: Junction capacitance versus reverse voltage applied (typical values, per diode).
C(pF) 1000
F=1MHz Tj=25C
100
1E+1 1E+0 1E-1 0 VR(V) 25 50
Tj=25C
VR(V) 10
100 125 150
75
1
2
5
10
20
50
100
200
Fig. 9: Forward voltage drop versus forward current (maximum values, per diode).
IFM(A) 100.0
Tj=125C Typical values
Fig. 10: Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board, copper thckness: 35m) (STPS16150CG only).
Rth(j-a) (C/W) 80 70 60
10.0
Tj=125C
Tj=25C
50 40 30 20 10 0 0 2 4 6 8
1.0 VFM(V) 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
S(cm) 10 12 14 16 18 20
3/5
STPS16150CT/CG/CR
PACKAGE MECHANICAL DATA TO-220AB DIMENSIONS REF. A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Diam. Millimeters Min.
H2 Dia L5 C L7 L6 L2 F2 F1 L9 L4 F G1 G M E D A
Inches Min. Max. 0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.044 0.066 0.194 0.202 0.094 0.106 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
Max.
4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 1.14 1.70 4.95 5.15 2.40 2.70 10 10.40 16.4 typ. 13 14 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
PACKAGE MECHANICAL DATA I2PAK DIMENSIONS REF.
A E L2 c2
Millimeters Min. Max. 4.60 2.69 0.93 1.17 1.17 0.60 1.36 9.35 2.70 10.4 13.6 3.78 1.40 4.40 2.49 0.70 1.14 1.14 0.45 1.23 8.95 2.40 10.0 13.1 3.48 1.27
Inches Min. 0.173 0.098 0.028 0.044 0.044 0.018 0.048 0.352 0.094 0.394 0.516 0.137 0.050 Max. 0.181 0.106 0.037 0.046 0.046 0.024 0.054 0.368 0.106 0.409 0.535 0.149 0.055
A A1 b b1 b2 c c2 D
D
L1 b2 L b1 b e
4/5
A1
e E L L1
c
L2
STPS16150CT/CG/CR
PACKAGE MECHANICAL DATA D2PAK DIMENSIONS REF.
A E L2 C2
Millimeters Min. Typ. Max. Min. 4.60 0.169 2.69 0.098 0.23 0.001 0.93 0.027 1.40 4.30 2.49 0.03 0.70 1.25 0.45 1.21 8.95 10.00 4.88 15.00 1.27 1.40 0.40 0 8 0
Inches Typ. Max. 0.181 0.106 0.009 0.037 0.024 0.054 0.368 0.405 0.208 0.624 0.055 0.069 0.016 8
A A1 A2
D
L L3 A1 B2 B G A2 2.0 MIN. FLAT ZONE V2 C R
B B2 C C2 D E G L L2 L3 R V2
0.049 0.055 0.60 0.017 1.36 0.047 9.35 0.352 10.28 0.393 5.28 0.192 15.85 0.590 1.40 0.050 1.75 0.055
FOOT PRINT DIMENSIONS (in millimeters)
16.90
10.30 1.30
5.08
3.70 8.90
Ordering type STPS16150CT STPS16150CG STPS16150CG-TR STPS16150CR
s
Marking STPS16150CT STPS16150CG STPS16150CG STPS16150CR
Package TO-220AB D2PAK D2PAK I2PAK
Weight 2.2 g 1.48 g 1.48 g 1.49 g
Base qty 50 50 1000 50
Delivery mode Tube Tube Tape & reel Tube
Epoxy meets UL94, V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS16150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X