Part Number Hot Search : 
2N5064 2N5064 44000 SPC5604B 8677AU GF1GNL DB106 36503605
Product Description
Full Text Search
 

To Download STH51004X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STH 51004X STH 51005X
* * * *
Designed for application in fiber-optic networks Laser Diode with Multi-Quantum Well structure Suitable for bit rates up to 1 Gbit/s Ternary photodiode at rear mirror for monitoring and control of radiant power * Hermetically sealed subcomponent, similar to TO 18 * SM Pigtail with optional flange
Type STH 51004G STH 51004A STH 51005G STH 51005A
Ordering Code Q62702-P3002 Q62702-Pxxxx Q62702-P3083 Q62702-Pxxxx
Connector/Flange FC / without flange DIN / without flange FC / with flange DIN / with flange
Component with other connector types on request. Maximum Ratings Output power ratings refer to the SM fiber output. The operating temperature of the submount is identical to the case temperature. Parameter Module Operating temperature range at case Storage temperature range Soldering temperature tmax = 10 s, 2 mm distance from bottom edge of case Laserdiode Direct forward current Radiant power CW Reverse voltage Symbol Values Unit
TC Tstg TS
- 40 ... + 85 - 40 ... + 85 260
C C C
IF max
e
120 4 2
mA mW V
VR max
1
Semiconductor Group
02.95
STH 51004X STH 51005X
Maximum Ratings (cont'd) Parameter Monitor Diode Reverse voltage Symbol Values Unit
VR max
10
V
Characteristics All optical data refer to a coupled 10/125 m SM fiber, TC = 25 C. Parameter Laser Diode Optical output power Emission wavelength center of range e = 0.5 mW Spectral bandwidth e = 0.5 mW (RMS) Threshold current (- 40 ... + 85 C) Forward voltage e = 0.5 mW Radiant power at threshold Slope efficiency Differential series resistance Rise time/Fall time Monitor Diode Dark current, VR = 5 V, e = 0 Photo current, e = 0.5 mW e > 2.4 1280 ... 1330 <5 2 ... 45 < 1.5 < 80 40 ... 160 <8 <1 mW nm nm mA V W mW/A ns Symbol Values Unit
Ith VF
eth
rS tR, tF
IR IP
< 500 100 ... 1000
nA A
Semiconductor Group
2
STH 51004X STH 51005X
Laser Diode Radiant Power in Singlemode Fiber
Relative Radiant Power e = f()
2 1.8 Relative Optical Power 0 5 10 15 20 Forward Current in mA 1.6 Optical Power in mW 1.4 1.2 1 0.8 0.6 0.4 0.2 0
100 90 80 70 60 50 40 30 20 10 0 1306 1308 1310 1312 1314 Wavelength in nm
Laser Forward Current IF = f(VF)
Monitor Diode Dark Current IR = f(TA) port = 0, VR = 5 V
100 90 Forward Current in mA 80 70 60 50 40 30 20 10 0 0 0.4 0.8 1.2 1.6 Forward Voltage in V Dark Current in nA
1000
100
10
1
0.1
0.01 -50 0 50 100 Temperature in C
Semiconductor Group
3
STH 51004X STH 51005X
Package Outlines (Dimensions in mm)
STH 51004X
STH 51005X (with flange) Semiconductor Group 4


▲Up To Search▲   

 
Price & Availability of STH51004X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X