Part Number Hot Search : 
RV2207N 30OHM TDSO315 TB0614A LA7682 SS540 30F401 SF166CS
Product Description
Full Text Search
 

To Download SN74LS03D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS03 QUAD 2-INPUT NAND GATE
* ESD > 3500 Volts
QUAD 2-INPUT NAND GATE
VCC 14 13 12
*
LOW POWER SCHOTTKY
11 10 9
*
8
*
*
1
2
3
4
5
6
J SUFFIX CERAMIC CASE 632-08
7
14 1
GND
* OPEN
COLLECTOR OUTPUTS
14 1
N SUFFIX PLASTIC CASE 646-06
14 1
D SUFFIX SOIC CASE 751A-02
ORDERING INFORMATION
SN54LSXXJ SN74LSXXN SN74LSXXD Ceramic Plastic SOIC
GUARANTEED OPERATING RANGES
Symbol VCC TA VOH IOL Supply Voltage Operating Ambient Temperature Range Output Voltage -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 5.5 4.0 8.0 Unit V C V mA
FAST AND LS TTL DATA 5-14
SN54/74LS03
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK IOH VOL Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage Output HIGH Current Output LOW Voltage 74 Input HIGH Current 0.1 Input LOW Current Power Supply Current Total, Output HIGH Total, Output LOW - 0.4 1.6 4.4 0.35 0.5 20 IIH IIL ICC V A mA mA 54, 74 54, 74 0.25 - 0.65 0.8 - 1.5 100 0.4 V A V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, VOH = MAX IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX
mA
AC CHARACTERISTICS (TA = 25C)
Limits Symbol tPLH tPHL Parameter Turn-Off Delay, Input to Output Turn-On Delay, Input to Output Min Typ 17 15 Max 32 28 Unit ns ns Test Conditions VCC = 5.0 V CL = 15 pF, RL = 2.0 k
FAST AND LS TTL DATA 5-15
Case 751A-02 D Suffix 14-Pin Plastic SO-14 -A14 8
NOTES: 1. DIMENSIONS A" AND B" ARE DATUMS AND T" IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. 4. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 6. 751A 01 IS OBSOLETE, NEW STANDARD 751A 02.
-B1 7
P
7 PL
0.25 (0.010)
M
B
M
G
C
SEATING PLANE
R X 45
D 14 PL
0.25 (0.010)
M
K
T B
S
M
F
J
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX
8.55 3.80 1.35 0.35 0.40 8.75 4.00 1.75 0.49 1.25
INCHES MIN MAX
0.337 0.150 0.054 0.014 0.016 0.344 0.157 0.068 0.019 0.049
1.27 BSC 0.19 0.10 0 5.80 0.25 0.25 0.25 7 6.20 0.50
0.050 BSC 0.008 0.004 0 0.229 0.010 0.009 0.009 7 0.244 0.019
Case 632-08 J Suffix 14-Pin Ceramic Dual In-Line -A14 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
-B1 7
3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. 5. 632 01 THRU 07 OBSOLETE, NEW STANDARD
C
L
632 08.
-TSEATING PLANE
K F D 14 PL
0.25 (0.010)
M
G
T A
S
N J 14 PL
M
0.25 (0.010)
M
T
B
S
DIM A B C D F G J K L M N
MILLIMETERS MIN MAX
19.05 6.23 3.94 0.39 1.40 19.94 7.11 5.08 0.50 1.65
INCHES MIN MAX
0.750 0.245 0.155 0.015 0.055 0.785 0.280 0.200 0.020 0.065
2.54 BSC 0.21 3.18 0.38 4.31
0.100 BSC 0.008 0.125 0.015 0.170
7.62 BSC 0 0.51 15 1.01
0.300 BSC 0 0.020 15 0.040
Case 646-06 N Suffix 14-Pin Plastic
NOTES: 1. LEADS WITHIN 0.13 mm (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION.
14
8
B
1 7
2.
DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL.
3.
DIMENSION B" DOES NOT INCLUDE MOLD FLASH.
4. 5.
ROUNDED CORNERS OPTIONAL. 646 05 OBSOLETE, NEW STANDARD 646 06.
A F C N H G D
SEATING PLANE
NOTE 4
L
J K M
DIM A B C D F G H J K L M N
MILLIMETERS MIN MAX
18.16 6.10 3.69 0.38 1.02 19.56 6.60 4.69 0.53 1.78
INCHES MIN MAX
0.715 0.240 0.145 0.015 0.040 0.770 0.260 0.185 0.021 0.070
2.54 BSC 1.32 0.20 2.92 2.41 0.38 3.43
0.100 BSC 0.052 0.008 0.115 0.095 0.015 0.135
7.62 BSC 0 0.39 10 1.01
0.300 BSC 0 0.015 10 0.039
FAST AND LS TTL DATA 5-16
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
FAST AND LS TTL DATA 5-17


▲Up To Search▲   

 
Price & Availability of SN74LS03D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X