Part Number Hot Search : 
LSZ51A LSZ51A 1N5629 27C256 LSZ51A P6KE200C SMBJ58A ZTX650
Product Description
Full Text Search
 

To Download SM3JZ47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM3GZ47,SM3JZ47
TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM3GZ47,SM3JZ47
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off-State Voltage : VDRM = 400, 600V l R.M.S ON-State Current : IT (RMS) = 3A l High Commutating (dv / dt) l Isolation Voltage : VISOL = 1500V AC Unit: mm
MAXIMUM RATINGS
CHARACTERISTIC Repetitive Peak Off-State Voltage SM3GZ47 SM3JZ47 SYMBOL VDRM IT (RMS) ITSM It di / dt PGM PG (AV) VGM IGM Tj Tstg VISOL
2
RATING 400 600 3 30 (50Hz) 33 (60Hz) 4.5 50 5 0.5 10 2 -40~125 -40~125 1500
UNIT V A A As A / s W W V A C C V
2
R.M.S On-State Current (Full Sine Waveform Tc = 110C) Peak One Cycle Surge On-State Current (Non-Repetitive) I t Limit Value (t = 1~10ms) Critical Rate of Rise of On-State Current (Note 1) Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Voltage Peak Gate Current Junction Temperature Storage Temperature Range Isolation Voltage (AC, t = 1min.)
2
JEDEC JEITA TOSHIBA Weight: 1.7g
13-10H1A
Note 1: di / dt test condition VDRM = 0.5xRated ITM 4.5A tgw 10s tgr 250ns igp = IGTx2.0
1
2001-07-13
SM3GZ47,SM3JZ47
ELECTRICAL CHARACTERISTICS (Ta = 25C)
CHARACTERISTIC Repetitive Peak Off-State Current I Gate Trigger Voltage II III IV I Gate Trigger Current II III IV Peak On-State Voltage Gate Non-Trigger Voltage Holding Current Thermal Resistance Critical Rate of Rise of Off-State Voltage Critical Rate of Rise of Off-State Voltage at Commutation VTM VGD IH Rth (j-c) dv / dt ITM = 4.5A VD = Rated, Tc = 125C VD = 12V, ITM = 1A Junction to Case, AC VDRM = Rated, Tj = 125C Exponential Rise VDRM = 400V, Tj = 125C (di /dt) c = -2.0A / ms IGT VD = 12V RL = 20 VGT VD = 12V RL = 20 SYMBOL IDRM TEST CONDITION VDRM = Rated T2 (+), Gate (+) T2 (+), Gate (-) T2 (-), Gate (-) T2 (-), Gate (+) T2 (+), Gate (+) T2 (+), Gate (-) T2 (-), Gate (-) T2 (-), Gate (+) MIN 0.2 TYP. 300 MAX 20 1.5 1.5 1.5 20 20 20 1.5 30 4.2 V V mA C / W V / s mA V UNIT A
(dv / dt) c
10
V / s
MARKING
NUMBER *1 *2 SYMBOL TOSHIBA PRODUCT MARK TYPE SM3GZ47 SM3JZ47 M3GZ47 M3JZ47 MARK
*3
Example 8A : January 1998 8B : Febrary 1998 8L : December 1998
2
2001-07-13
SM3GZ47,SM3JZ47
3
2001-07-13
SM3GZ47,SM3JZ47
4
2001-07-13
SM3GZ47,SM3JZ47
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2001-07-13


▲Up To Search▲   

 
Price & Availability of SM3JZ47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X