Part Number Hot Search : 
LFEC1 TLUR6400 V1N4565 IN74ACT MD100 MAX3902D BUZ110S ENABLE
Product Description
Full Text Search
 

To Download SD8901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wideband, Ring Demodulator
CORPORATION
SD8901
FEATURES DESCRIPTION The SD8901 is a ring demodulator/balanced mixer. Designed to utilize Calogic's ultra high speed and low capacitance lateral DMOS process. The SD8901 offers significant performance improvements over JFET and diode balanced mixers when low third order harmonic distortion has been a problem. PACKAGE INFORMATION Part Package Temperature Range -55oC to 125oC -55oC to 125oC -55oC to 125oC SD8901HD Hermetic TO-78 SD8901CY Plastic Surface Mount XSD8901 Sorted Chips in Carriers PIN CONFIGURATIONS Functional block diagram
* High Frequency Operation * Wide Dynamic Range * Low Capacitance * Communications * RF Mixers
APPLICATIONS
SO-14
TO-78
LO1
5
IF2
7
RF2
3
C
IF 2 LO1 LO 2 IF1 RF2 RF 1
TOP VIEW LO1 SUB LO2 SUB IF2 SUB NC RF 2 SUB RF 1 SUB IF 1 SUB NC
1 2 3 4 5 6 7
IF 1 RF1 RF2 CASE LO 1 LO 2 IF 2
45 3 2 1
6
6 7
2
1
LO2
RF1
IF1
4 SUBSTRATE
BOTTOM VIEW
CD4
SD8901
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = +25oC unless otherwise noted) VDS VDB VSB VGS VGB VGD Drain to Source . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V Drain to Substrate . . . . . . . . . . . . . . . . . . . . . . . . 22.5 V Source to Substrate . . . . . . . . . . . . . . . . . . . . . . . 22.5 V Gate to Source. . . . . . . . . . . . . . . . . . . . -22.5 V to 30 V Gate to Substrate. . . . . . . . . . . . . . . . . . . . -0.3V to 30 V Gate to Drain . . . . . . . . . . . . . . . . . . . . . . -22.5V to 30 V ID Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Operating Temperature . . . . . . . . . . . . . . . . . . . . -55 to 125oC Storage Temperature . . . . . . . . . . . . . . . . . . . . . . -65 to 150oC Power Dissipation (A Package)* . . . . . . . . . . . . . . . . 640 mW * Derate 5 mW/ oC above 25oC
ELECTRICAL CHARACTERISTCIS (TA = +25oC unless otherwise noted)
SYMBOL STATIC V(BR)DS V(BR)SD V(BR)DB V(BR)SB VT Drain-Source Breakdown Voltage Source-Drain Breakdown Voltage Drain-Substrate Breakdown Voltage Source-Substrate Breakdown Voltage Threshold Voltage 15 15 22.5 22.5 0.1 1 50 rDS(ON) Drain-Source "ON" Resistance 30 23 19 rDS(ON) DYNAMIC Cgg Lc IMD3 fMAX LO1 - LO2 Capacitance Conversion Loss Third Order Intercept Maximum Operation Frequency 4.4 8 +35 250 MHz pF VDS = 0 V, VBS = -5.5 V VGS = 4 V See Figure 1, PLO = +17 dBm Resistance Matching 3 7 ID = 1 mA VSB = 0 V 2.0 75 V 25 VGS = VSB = -5 V Is = 10 nA VGD = VDB = - 5 V ID = 10 nA Source Open VGB = 0 V, ID = 10 nA Drain Open VGB = 0 V, ID = 10 nA VDS = VGS = VT IS = 1 A, VSB = 0V VGS = 5 V VGS = 10 V VGS = 15 V VGS = 20 V VGS = 5 V CHARACTERISTICS MIN TYP MAX UNIT TEST CONDITIONS
dB
Note: Guaranteed by design, not subject to production test
PERFORMANCE COMPARISON
40 3rd ORDER INPUT INTERCEPT POINT (+dBM) 30 20 10 0 0 5
SD8901 U350
DIODE RING
10
15
20
25
30
35
POWER LOCAL OSC. (+dBm)
SD8901
CORPORATION
FIGURE 1.
SD8901 +V GG
u T1-1T OR T4-1
u T4-1 LO
SIGNAL
u LOW-PASS IMAGE TERMINATING FILTER (OPTIONAL)
u
680 pF
T4-1
-Vu 680 pF
i-f
FIGURE 2. First and third Quadrand I-E Characteristic Showing Effect of Gate Voltage Leading to Large-Signal Overload Distortion.
ID (ma) 16 V 50.00 8V 12 V
10.00 /DIV
4V 0V
0
-50.00 -5.000
VDS
0 1.000/DIV
(V)
5.000


▲Up To Search▲   

 
Price & Availability of SD8901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X