Part Number Hot Search : 
HS202DR MAX394 40011 04598484 REF19 LT455IW GE272K XC31B
Product Description
Full Text Search
 

To Download SD403C12S15C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2067 rev. C 04/00
SD403C..C SERIES
FAST RECOVERY DIODES Features
High power FAST recovery diode series 1.0 to 1.5 s recovery time High voltage ratings up to 1600V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Press-puk encapsulation Case style conform to JEDEC DO-200AA Maximum junction temperature 125C
Hockey Puk Version
430A
Typical Applications
Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications
case style DO-200AA
Major Ratings and Characteristics
Parameters
IF(AV) @ T hs IF(RMS) @ T hs IFSM @ 50Hz @ 60Hz It
2
SD403C..C
430 55 675 25 6180 6470 191 175 400 to 1600 1.0 to 1.5
Units
A C A C A A KA2s KA2s V s C C
@ 50Hz @ 60Hz
VRRM range trr range @ TJ TJ
25 - 40 to 125
www.irf.com
1
SD403C..C Series
Bulletin I2067 rev. C 04/00
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
04 SD403C..S10C 08 10 12 SD403C..S15C 14 16
V RRM max. repetitive peak and off-state voltage V
400 800 1000 1200 1400 1600
VRSM , maximum nonrepetitive peak voltage V
500 900 1100 1300 1500 1700
I RRM max. TJ = 125C mA
35
Forward Conduction
Parameter
IF(AV) Max. average forward current @ Heatsink temperature IF(RMS) Max. RMS current IFSM Max. peak, one-cycle non-repetitive forward current
SD403C..C
430(210) 55(75) 675 6180 6470 5200 5445
Units
A C A
Conditions
180 conduction, half sine wave. Double side (single side) cooled @ 25C heatsink temperature double side cooled t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
A
t = 10ms t = 8.3ms t = 10ms
It
2
Maximum I t for fusing
2
191 175 135 123 KA2s
t = 8.3ms t = 10ms t = 8.3ms
I2 t
Maximum I2 t for fusing
1910 1.00 1.20 0.56 0.70 1.83
KA2s V m V
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)), TJ = TJ max. Ipk= 1350A, T J = 25C, t p = 10ms sinusoidal wave
VF(TO)1 Low level of threshold voltage VF(TO) 2 High level of threshold voltage r f1 r f2 VFM Low level of forward slope resistance High level of forward slope resistance Max. forward voltage
Recovery Characteristics
Code
T J = 25 oC typical t (s)
rr
Test conditions
I
pk
Max. values @ TJ = 125 C
V
r
di/dt (A/s)
t
rr
Q
rr
I
rr
@ 25% IRRM
Square Pulse (A) (V)
@ 25% IRRM (s) 2.4 (C) 52 90 (A) 33 44
S10 S15
1.0 750 1.5 25 - 30
2.9
2
www.irf.com
SD403C..C Series
Bulletin I2067 rev. C 04/00
Thermal and Mechanical Specifications
Parameter
TJ Tstg Max. operating temperature range Max. storage temperature range
SD403C..C
-40 to 125 -40 to 150 0.16 0.08 4900 (500) 70 DO-200AA
Units
C
Conditions
RthJ-hs Max. thermal resistance, junction to heatsink F wt Mounting force, 10% Approximate weight Case style
K/W N (Kg) g
DC operation single side cooled DC operation double side cooled
See Outline Table
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
Single Side Double Side 0.010 0.012 0.016 0.024 0.042 0.011 0.013 0.016 0.024 0.042
Rectangular conduction
Single Side Double Side 0.008 0.013 0.018 0.025 0.042 0.008 0.013 0.018 0.025 0.042
Units
Conditions
K/W
TJ = TJ max.
Ordering Information Table
Device Code
SD
1 1 2 3 4 5 6 7 Diode Essential part number 3 = Fast recovery C = Ceramic Puk
40
2
3
3
C
4
16 S15
5 6
C
7
Voltage code: Code x 100 = V RRM (see Voltage Ratings table) t rr code (see Recovery Characteristics table) C = Puk Case DO-200AA
www.irf.com
3
SD403C..C Series
Bulletin I2067 rev. C 04/00
Outline Table
3.5(0.14) 0.1(0.004) DIA. NOM.x 1.8 (0.07) DEEP MIN. BOTH ENDS 19(0.75) DIA. MAX. TWO PLACES 0.3 (0.01) MIN. BOTH ENDS
4 2 (1.65 ) D IA . M A X . 1 4.4 (0 .5 7) 13 .7 (0. 54 )
Case Style DO-200AA
All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification)
38 (1.50) DIA. MAX.
M a x im u m A llo w a b le He a t sin k T e m p e ra t ure (C )
130 120 110 100 90 80 70 0 50 100 1 50 2 00 2 50 A v e ra g e F o rw a r d C u rre n t (A )
Fig. 1 - Current Ratings Characteristics
C o nduc tio n An g le
M a x im um A llo w a b le H e at sin k T e m p e ra tu re ( C )
S D 4 0 3 C ..C S e rie s (S in g le Sid e C o o le d ) R thJ- hs (D C ) = 0 .1 6 K / W
130 120 110 100
C o ndu ctio n Pe rio d
S D 4 0 3 C ..C Se rie s (S in gle Sid e C o o le d ) R thJ-h s (D C ) = 0 .1 6 K /W
90 80 70 60 50 0 50 100 150 20 0 2 50 30 0 35 0 A v e ra g e F o r w a rd C u rr e n t (A )
Fig. 2 - Current Ratings Characteristics
30 60 9 0 1 20 180
30
60 90
1 80 1 20
DC
4
www.irf.com
SD403C..C Series
Bulletin I2067 rev. C 04/00
Maxim um Allowable Heatsink Tempera ture (C ) M a xim u m A llo w a b le H e a tsin k T e m p e ra tu r e ( C ) 130 120 110 100 90 80 30 70 60 50 0 50 100 150 200 250 300 350 400 450 Average Forward Curren t (A)
Fig. 3 - Current Ratings Characteristics
C o nd uctio n A ng le
130 120 110 100 90 80 70 60 90 50 40 0 100 2 00 30 0 4 00 5 00 600 7 00 A v e ra g e F o rw a r d C u rre n t (A )
Fig. 4 - Current Ratings Characteristics
C o ndu c tio n Pe rio d
SD403C..C Series (Doub le Side Cooled) R th J-hs (DC) = 0.08 K/W
SD 4 0 3 C ..C Se rie s (D o u b le Sid e C o o le d ) R thJ-h s (D C ) = 0 .0 8 K / W
60
90
120 180
30
60
1 20
180
DC
Maxim um Average Forw ard Pow er Loss (W )
M a x im um A v e ra g e Fo rw a rd Po w e r Lo ss (W )
800 700 600 500 400 300 200 100 0 0 50 100 150 200 250 300 350 400 450 Average Forward Curren t (A)
Fig. 5 - Forward Power Loss Characteristics
C o ndu c tio n Ang le
1 10 0 1 00 0 90 0 80 0 70 0 60 0 50 0 40 0 30 0 20 0 10 0 0 0 1 00 20 0 3 00 400 5 00 60 0 7 00 A v e ra g e F o rw a rd C u rre n t (A )
Fig. 6 - Forward Power Loss Characteristics
C o ndu ctio n Pe rio d
180 120 90 60 30
RM S Limit
DC 180 120 90 60 30 RM S Lim it
SD403C..C Series T J = 125C
SD 4 0 3 C ..C S e r ie s TJ = 125 C
P e a k H a lf Sin e W a v e F o rw a rd C u rre n t (A )
5 50 0 5 00 0 4 50 0 4 00 0 3 50 0 3 00 0 2 50 0 2 00 0 1
A t A n y R a t e d Lo a d C o n d it io n A n d W it h R a t e d V RR M A p p lie d Fo llo w in g S u rg e . In it ia l T J = 1 2 5 C @ 6 0 H z 0 .0 0 8 3 s @ 5 0 H z 0 .0 1 0 0 s
Peak H alf Sine W ave Forwa rd Current (A)
6 00 0
7000 6000 5000 4000 3000 2000
Maxim um Non Rep etitive Surge Current Versus Pulse Train D uration . Initial TJ = 125C No Voltage Reapplied Rated VRR M Reapplied
S D 4 0 3 C ..C S e rie s
SD 403C..C Series 0.1 Pulse Train Duration (s)
Fig. 8 - Maximum Non-repetitive Surge Current Single and Double Side Cooled
10
1 00
1000 0.01
1
Num be r O f Equ al A m plitud e Ha lf Cy c le C urre nt Pulse s (N )
Fig. 7 - Maximum Non-repetitive Surge Current Single and Double Side Cooled
www.irf.com
5
SD403C..C Series
Bulletin I2067 rev. C 04/00
Ins tan ta ne o u s Fo rw ard C urr e nt ( A )
T J = 2 5 C T J = 1 2 5 C 1000
T ra n sie n t T h e rm al Im pe d an c e Z thJ-hs ( K / W )
1 0 0 00
1 SD 4 0 3 C ..C S e rie s
0 .1
S te a d y St a t e V a lu e 0. 01 R t hJ-hs = 0 .1 6 K /W ( S in g le Sid e C o o le d ) R thJ- hs = 0 .0 8 K /W ( D o ub le S id e C o o le d ) ( D C O p e ra t io n ) 0 .0 0 1 0 .0 0 1 0 .0 1 0 .1 1 10 10 0
1 00
SD 4 0 3 C ..C Se r ie s
10 0 1 2 3 4 5 6 7 In st an ta n e o us Fo rw ar d V o lta ge ( V )
S q u a re W a v e P u lse D u ra tio n ( s)
Fig. 9 - Forward Voltage Drop Characteristics
M a xim um R e v e rse R e c o v e ry C h a rg e - Q rr ( C ) 2 .8 2 .6 2 .4 2 .2
40 0 A
Fig. 10 - Thermal Impedance ZthJ-hs Characteristic
Maxim um Rev erse Recov ery Cur ren t - Irr (A) 90
I FM = 750 A
M a x im u m R e ve rse R e c o v e ry T im e - T rr ( s)
14 0 13 0 12 0 11 0 10 0 90 80 70 60 50 40 30 20 10 0 20 40 60 80 100 SD 4 0 3 C ..S1 0 C Se rie s TJ = 1 2 5 C ; V r = 3 0 V
200 A 4 00 A I FM = 7 50 A Squa re Pulse
SD 4 0 3 C ..S1 0 C Se rie s TJ = 1 2 5 C ; V r = 3 0 V
I FM = 7 50 A Squa re Pulse
80 70 60 50 40 30 20 10
Squa re Pu lse 4 00 A 20 0 A
2 1 .8 1 .6 10 100
20 0 A
SD40 3C..S10C Series T J = 12 5 C; V r = 30V 10 20 30 4 0 50 60 7 0 80 9 0 10 0
Rat e O f Fall O f Forw ard Current - d i/dt (A /s)
R ate O f Fa ll O f Fo rw ard C urre nt - di/dt (A /s)
Rate O f Fall O f Fo rw ard C urre nt - di/dt (A /s)
Fig. 11 - Recovery Time Characteristics
M a xim u m R e v e rse R e c o v e ry C h a rg e - Q rr ( C ) 3 .5 S D 4 0 3 C ..S1 5 C S e rie s T J = 1 2 5 C ; V r = 3 0 V 3
I FM = 750 A Sq uare Pulse
Fig. 12 - Recovery Charge Characteristics
170 160 150 140 130 120 110 100 90 80 70 60 50 0 20 40 60 80 10 0 SD 4 0 3 C ..S1 5 C Se rie s TJ = 12 5 C ; V r = 30V
20 0 A 40 0 A I FM = 75 0 A Sq uare Pulse
Fig. 13 - Recovery Current Characteristics
130 120 110 100 90 80 70 60 50 40 30 20 10 1 0 20 3 0 40 5 0 60 70 80 9 0 10 0 SD 4 0 3 C ..S1 5 C S e rie s T J = 1 2 5 C ; V r = 3 0 V
2 00 A 40 0 A I FM = 750 A Squ are Pu lse
2 .5
400 A
2
2 00 A
1 .5 10 10 0
Rate O f Fall O f Fo rw ard C urren t - di/d t (A/s)
Rate O f Fall O f Fo rw ard C urre nt - d i/dt ( A/s)
Fig. 14 - Recovery Time Characteristics
Fig. 15 - Recovery Charge Characteristics
M a x im um Re v e rse Re c o v e ry C u rre n t - Irr (A )
M a x im u m R e v e rse R e c o v e ry T im e - T rr ( s)
R ate O f Fa ll O f Forw ard C urre nt - di/dt ( A/s)
Fig. 16 - Recovery Current Characteristics
6
www.irf.com
SD403C..C Series
Bulletin I2067 rev. C 04/00
1E 4
20 jo u le s p e r p ulse 1 0 .4 2 4 10 2 4 10 20 jo ule s p er pulse 1 0.2 0.1 0. 04 0.4
Pe a k Fo rw ard C u rre n t (A )
1E 3
0.2 0 .1 0. 04 0 .02
1E 2
0 .01
SD 4 0 3 C..S1 0C Se rie s T rape zo idal Pulse T J = 1 2 5 C, VR R M = 8 0 0 V d v/ dt = 1 0 0 0 V/ s ; d i/ dt= 5 0 A / s
tp
SD 40 3 C ..S1 0 C S e ri es Si nu soi dal Pul se T J = 1 2 5 C , VRRM = 8 0 0 V d v/ d t = 10 0 0V / s
tp
1E 1 1E 1
1 E2
1E3
1 E 4 4 E11E 1 1E 1
1 E2
1E3
1E4
P u lse B a se w id t h ( s)
P ulse B a se w id t h ( s)
Fig. 17 - Maximum Total Energy Loss Per Pulse Characteristics
1E4
2 0 jo ule s pe r pu lse 2 4 10 1 0 .4 0 .2 0 .1 2 4 10 2 0 jo ules pe r pulse
P e a k F o r w a rd C u rre n t (A )
1 0.4
1E3
0. 1 0 .04
0.2
1E2
0 .02
SD 4 0 3. .S15 C Se ri es Si nu so idal Pu ls e T J = 1 2 5 C , VR R M = 1 1 2 0 V dv / d t = 10 0 0 V/ s SD 4 0 3 C..S1 5C Se rie s Trape zo id al Puls e T J = 1 2 5 C, V RR M = 11 20 V d v/ dt = 1 0 0 0 V/ s ; di / dt= 5 0 A/ s
tp
tp
1E1 1E1
1 E2
1 E3
1 E 4E 4 E 1 1 1 1 1E
1E2
1E3
1 E4
Pu lse Ba se w id t h ( s)
P u lse Ba se w id t h ( s)
Fig. 18 - Maximum Total Energy Loss Per Pulse Characteristics
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of SD403C12S15C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X