Part Number Hot Search : 
FL5150 4148W Z200D5 G2406 2A105K 305S12FR 4040N TC020PA
Product Description
Full Text Search
 

To Download SD104CWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
SD104AWS THRU SD104CWS
SCHOTTKY DIODES
SOD-323
.012 (0.3)
FEATURES
Low turn-on voltage Low capacitance Ultrafast switching Microminiature plastic package Single, double, and ring balanced mixer in narrowband receivers up to 1 GHz Detectors and fast switching up to 1 GHz Phase detectors Suitable for radios, TV, CTV, and hyper band tuners
.112 (2.85) .100 (2.55) .076 (1.95) .065 (1.65)
Cathode Mark
Top View
max. .049 (1.25)
max. .004 (0.1)
max. .006 (0.15)
.059 (1.5) .043 (1.1)
MECHANICAL DATA
Case: SOD-323 Plastic Package Weight: approx. 0.004g
min. .010 (0.25)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
SD104AWS SD104BWS SD104CWS
VR VR VR IF Ptot Tj TS RJA
20 15 10 30 150 (NOTE 1) 125 -55 to + 150 650 (NOTE 1)
Volts Volts Volts mA mW C C K/W
Forward Current Power Dissipation TC= 25C Junction Temperature Storage Temperature Range Thermal Resistance Junction to Ambient Air
NOTES: (1) Valid provided that electrodes are kept at ambient temperature
12/16/98
SD104AWS THRU SD104CWS
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage at IR = 10 A Leakage Current at VR = 15 V at VR = 10 V at VR = 5 V Forward Voltage at IF = 0.1 mA
SD104AWS SD104BWS SD104CWS
VR VR VR
20 15 10
-
-
Volts Volts Volts
SD104AWS SD104BWS SD104CWS
IR IR IR
-
-
500 500 500
nA nA nA
at IF = 1.0 mA
at IF = 10 mA
SD104AWS SD104BWS SD104CWS SD104AWS SD104BWS SD104CWS SD104AWS SD104BWS SD104CWS
VF VF VF VF VF VF VF VF VF
-
-
350 325 310 450 425 400 600 580 565
mV mV mV mV mV mV mV mV mV
Diodes Capacitance at VR = 0 V, f = 1 MHZ
SD104AWS SD104BWS SD104CWS
CD CD CD
-
-
0.8 0.9 1.0
pF pF pF
NOTES: (1) Valid provided that electrodes are kept at ambient temperature


▲Up To Search▲   

 
Price & Availability of SD104CWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X