Part Number Hot Search : 
CR2430 74LV4067 8TXXX FQP19N10 AXLE30S 1N4740B 7810N115 OP90FZ
Product Description
Full Text Search
 

To Download SC00380912 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SC Series: MIS Chip Capacitors
Features

Readily available from stock High reliability silicon oxide-nitride dielectric Low loss -- typically 0.04 dB in a 50 system Operation through 26 GHz Wide temperature operation
Description
Skyworks MIS Chip Capacitors are available in a wide range of sizes and capacitance values. They are frequently used in applications requiring DC blocking, RF bypassing, or as a fixed capacitance tuning element in filters, oscillators, and matching networks. The devices have a dielectric composed of thermally grown silicon dioxide over which a layer of silicon nitride is deposited. This dielectric possesses a low temperature coefficient of capacitance and very high insulation resistance. The devices also exhibit excellent long term stability making them suitable for high reliability applications. The capacitors have a high dielectric breakdown which permits the use of thin dielectrics resulting in large capacitance per unit area. The temperature coefficient is less that 50 ppm/C, and operation is suitable from -65 C to 200 C. Compared to ceramic capacitors, Skyworks MIS chip capacitors offer higher Q, and a lower insertion loss of 0.04 dB, in a 50 accommodate high volume automated assembly methods, wafers can be supplied on expanded film frame. To reduce cost, chips can be supplied with only sample testing packaged in vials. Packaging in waffle packs with 100% electrical test and visual inspection is always available if required.
Absolute Maximum Ratings
Characteristic Operating temperature range (TOP) Storage temperature range (TSTG) Dielectric withstanding voltage Value -65 to +200 C -65 to +200 C 100 V
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Typical SPDT Switch
BIAS BIAS OUTPUT C2 C3
Electrical Specifications
Capacitance range1: 0.8 to 1000 pF Temperature coefficient: 50 ppm/C typical Capacitance tolerance2: 20% Operating temperature: -65 C to 200 C Dielectric withstanding voltage: 100 V Insulation resistance: 105 megohms typical Leakage current: typ. < 1 nA
INPUT 1 C1 D1
INPUT 2 D2 C4
C2, C3 -- Chip MIS capacitor C1, C4 -- Chip or beam -- lead MIS capacitor D1, D2 DSG9500 beam -- lead pIN diode
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200136 Rev. A * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * February 7, 2005
1
DATA SHEET * SC SERIES
Example
Part Number Structure -- SCXXXXYYZZ
Electrical Specifications
Part Number SC00080912 SC00120912 SC00180912 SC00260912 SC00380912 SC00560912 SC00680912 SC00820710
ZZ 0.001
where:
SC = Silicon Capacitor XXXX = Capacitance (pF) YY = Square Contact Size (mils) ZZ = Square Chip Size (mils)
Capacitance (+ 20%) 0.8 1.2 1.8 2.6 3.8 5.6 6.8 8.2 8.2 10 10 10 15 15 15 22 33 47 68 100 333 500 1000
Chip Dimensions (+ 1 mil) 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 7 mil pad/10 mil chip 15 mil pad/18 mil chip 7 mil pad/10 mil chip 9 mil pad/12 mil chip 15 mil pad/18 mil chip 7 mil pad/10 mil chip 9 mil pad/12 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 24 mil pad/30 mil chip 34 mil pad/40 mil chip 44 mil pad/50 mil chip 60 mil pad/68 mil chip
SC00821518 SC01000710 SC01000912 SC01001518 SC01500710 SC01500912 SC01501518
YY 0.001 Chip Thickness 0.005 0.001
SC02201518 SC03301518 SC04701518 SC06801518 SC10002430
Performance Data
Tests on typical MIS capacitors at L and S band show insertion loss to be 1/2 to 1/3 that of equivalent ceramic type capacitors, without any of the associated resonance problems. Power tests indicate that the only limitation is the actual breakdown voltage of the device (see data section). A typical insertion loss versus frequency graph is shown in Figure 1. This data is taken from an actual tests circuit with series mounted beam-lead or chip capacitors on a 50 microstrip transmission line. The apparent higher loss at lower frequencies on the lower capacitance units is strictly due to the capacitive reactance of the capacitor.
SC33303440 SC50004450 SC99906068
10.0
1 pF
Insertion Loss (dB)
1.0 8.2 pF 100 pF 47 pF 100 pF 0.01 2 6 10 14 18 1-47 pF
0.10
Frequency (GHz)
Figure 1. Typical Insertion Loss vs. Frequency (50 System)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
February 7, 2005 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200136 Rev. A
DATA SHEET * SC SERIES
Copyright (c) 2002, 2003, 2004, 2005, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products. These materials are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials. Skyworks may make changes to its documentation, products, specifications and product descriptions at any time, without notice. Skyworks makes no commitment to update the information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from future changes to its documentation, products, specifications and product descriptions. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by or under this document. Except as may be provided in Skyworks Terms and Conditions of Sale for such products, Skyworks assumes no liability whatsoever in association with its documentation, products, specifications and product descriptions. THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED OR OTHERWISE, RELATING TO SALE AND/OR USE OF SKYWORKS PRODUCTS INCLUDING WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. SKYWORKS FURTHER DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING SPECIAL, INDIRECT, INCIDENTAL, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THESE MATERIALS WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. The following are trademarks of Skyworks Solutions, Inc.: Skyworks(R), the Skyworks logo, and Breakthrough Simplicity(R). Product names or services listed in this publication are for identification purposes only, and may be trademarks of Skyworks or other third parties. Third-party brands and names are the property of their respective owners. Additional information, posted at www.skyworksinc.com, is incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200136 Rev. A * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * February 7, 2005
3


▲Up To Search▲   

 
Price & Availability of SC00380912

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X