Part Number Hot Search : 
C505C 8AG350 GRM1555C HT809 AS5DC3 CS42448 CS42448 040AR
Product Description
Full Text Search
 

To Download SBT2907AUF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SBT2907AUF
PNP Silicon Transistor
Descriptions
* General purpose application * Switching application
Features
* Low Leakage current * Low collector saturation voltage enabling low voltage operation * Complementary pair with SBT2222AUF
Ordering Information
Type NO. SBT2907AUF Marking F2 Package Code SOT-323F
Outline Dimensions
2.0~2.2 0.30~0.40 1.2~1.4
unit : mm
1.30 BSC
1.9~2.1
1 3 2
0.06~0.16
0.55~0.8
KST-3044-002
0~0.1
PIN Connections 1. Base 2. Emitter 3. Collector
1
SBT2907AUF
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature range * : Package mounted on 99.5% alumina 10x8x0.6mm
Ta=25C
Symbol
VCBO VCEO VEBO IC PC* Tj Tstg
Ratings
-60 -60 -5 -600 350 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Delay time Rise time Turn-off time Storage time Fall time
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICBO hFE VCE(sat) fT Cob ton td tr toff ts tf
Test Condition
IC=-10A, IE=0 IC=-1mA, IB=0 IE=-10A, IC=0 VCB=-60V, IE=0 VCE=-10V, IC=-10mA IC=-150mA, IB=-15mA VCE=-5.0V, IC=-20mA, f=100MHz VCB=-10V, IE=0, f=1MHz VCC=-30Vdc,IC=-150mAdc, IB1=-15mAdc
Min. Typ. Max.
-60 -60 -5 100 200 -20 -0.4 8 45 10 40 100 80 30
Unit
V V V nA V MHz pF ns ns ns ns ns ns
VCC=-6.0Vdc,IC=-150mAdc, IB1=IB2=-15mAdc
KST-3044-002
2
SBT2907AUF
Electrical Characteristic Curves
Fig. 1 PC-Ta Fig. 2 hFE-IC
Fig. 3 VCE(sat)-IC
Fig. 4 Cob-VCB
KST-3044-002
3
SBT2907AUF
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KST-3044-002
4


▲Up To Search▲   

 
Price & Availability of SBT2907AUF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X