Part Number Hot Search : 
0R12K 6BX68 TP506 9729K CD214 TP506 21200 855272
Product Description
Full Text Search
 

To Download R1800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
R1200 THRU R2000
HIGH VOLTAGE SILICON RECTIFIER
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
FEATURES
* * * * Low cost Low leakage Low forward voltage drop High current capability
DO-41
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.35 gram
1.0 (25.4) MIN. .034 (0.9) DIA. .028 (0.7)
.205 (5.2) .166 (4.2)
.107 (2.7) .080 (2.0)
DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG R1200 1200 840 1200 R1500 1500 1050 1500 500 30 30 -65 to + 175 R1800 1800 1260 1800 R2000 2000 1400 2000 200 UNITS Volts Volts Volts mAmps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 0.5A/0.2A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA =100 o C SYMBOL VF IR R1200 R1500 2.0 5.0 50 30 uAmps 2001-6 R1800 R2000 3.0 UNITS Volts uAmps
Maximum Full Load Reverse Current Average, Full Cycle .375", (9.5mm) lead length at TL = 75oC NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
RATING AND CHARACTERISTIC CURVES ( R1200 THRU R2000 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 500 400 300
R1 20 0~ R1
Single Phase Half Wave 60Hz Inductive or Resistive Load
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
PEAK FORWARD SURGE CURRENT, (A)
AVERAGE FORWARD CURRENT, (mA)
SURGE CURRENT 70 60 50 40 30 20 10 0 1 10 100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDEC Method)
200
R2 000
80 0
100 0 0 50 100 150 175 AMBIENT TEMPERATURE, ( )
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
10
1.0
TJ = 25
0.1
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
RECTRON


▲Up To Search▲   

 
Price & Availability of R1800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X