Part Number Hot Search : 
SL1461 NTD42 P6KE22 PAL16L8 2SK12 P8051 2MK35 SPL11A
Product Description
Full Text Search
 

To Download PG12864-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 12864-D
OUTLINE DIMENSION & BLOCK DIAGRAM
84.0 0.5 79.0 69.0 59.4 56.28
2.5 6.0 2.5
2.5 8.7 3.6 2.54 4- 1.27 20.4
H1 H2
12.0
2-R1.25
K 33.24 16.2 38.0 48.0 7.5
128 x 64 DOT
2- 2.5 31.5 A
12.0
1
18
23.4
60.0 0.5
2.54
4.0 10.2 P2.54 x 17=43.18 42.0
COM 128
4.0 18- 1.0 Holes 18- 1.6 Pads
1.6
DB7~DB0 D /I ,R/W E CSA CSB Vo Vss Vdd A K
SEGMENT DRIVER x 2
LCD PANEL
COM 64 4
0.48 0.04
COMMEND DRIVER 0.04 0.48
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 84.0 x 60.0 59.4 x 38.0 0.40 x 0.48 0.44 x 0.52
0.3mm
Module W /O B/L EL B/L LED B/L H2 / H1 3.6 / 8.2 3.6 / 8.2 6.3 / 11.0
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. Symbol Function
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
1-8 9 10 11 12 13 14 15 16 17 18
DB0-DB7 E R/W D /I Vo Vdd Vss K A CSA CSB
Data bus line Enable signal Data read / write Command /Data select Contrast Adjust Power supply(+) Power supply(GND) Power supply for LED B/L( ) Power supply for LED B/L(+) Chip selection driver 1 Chip selection driver 2
Min. -0.3 -0.3 -0.3
Max. Units V 7.0 19.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC 4.5 5.5 V Top N WNW NW V 14.3 14.7 15.1 -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
9.5
10
10.6
8.8 13.2 9.3 13.6 9.8 8.5 12 9 12.4 9.5
14
12.8
Idd
Vdd=5V
1.5 100
3
Backlight current consumption
LED/edge VB/L=4.2V LED/array VB/L=4.2V
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG12864-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X