Part Number Hot Search : 
48VDC MOR01S RKH9TD GL2504 31818 KIA6268 AK5B420L 30N06LG
Product Description
Full Text Search
 

To Download PESD3V3L4U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
ge
MBD127
PESDxL4UG series Low capacitance quadruple ESD protection diode array in SOT353 package
Product specification 2004 Mar 23
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection diode array in SOT353 package
FEATURES * Uni-directional ESD protection of up to four lines * Low diode capacitance * Maximum peak pulse power: Ppp = 30 W at tp = 8/20s * Low clamping voltage: VCL(R) = 12 V at Ipp = 3 A * Ultra low leakage current: IRM = 5 nA at VRWM = 5 V * ESD protection > 20 kV * IEC 61000-4-2; level 4 (ESD). APPLICATIONS * Cellular handsets and accessories * Portable electronics * Computers and peripherals * Communications systems * Audio and video equipment. DESCRIPTION ESD protection diode arrays designed to protect up to four transmissions or data lines from ElectroStatic Discharge (ESD) damage and other transients. MARKING TYPE NUMBER PESD3V3L4UG PESD5V0L4UG MARKING L1 L2
1 2 3 5 handbook, halfpage 4
PESDxL4UG series
QUICK REFERENCE DATA SYMBOL VRWM PARAMETER reverse standoff voltage PESD3V3L4UG PESD5V0L4UG Cd diode capacitance PESD3V3L4UG PESD5V0L4UG 22 16 pF pF 3.3 5 V V VALUE UNIT
number of protected lines 4 PINNING PIN 1 2 3 4 5 cathode 1 common anode cathode 2 cathode 3 cathode 4 DESCRIPTION
1 3 2 4 5
MGT580
Fig.1 Simplified outline (SOT353) and symbol.
ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PESD3V3L4UG PESD5V0L4UG - - DESCRIPTION plastic surface mounted package; 5 leads plastic surface mounted package; 5 leads VERSION SOT353 SOT353
2004 Mar 23
2
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection diode array in SOT353 package
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Per diode Ipp peak pulse current PESD3V3L4UG PESD5V0L4UG Ppp IFSM IZSM peak pulse power non-repetitive peak forward current non-repetitive peak reverse current PESD3V3L4UG PESD5V0L4UG Ptot PZSM Tstg Tj Tamb Notes 1. Non-repetitive current pulse 8/20 s exponentially decaying waveform; see Fig.5. 2. Between any of pins 1, 3, 4 or 5 and pin 2. 3. Device mounted on standard printed-circuit board. ESD maximum ratings SYMBOL Per diode ESD electrostatic discharge capability IEC 61000-4-2 (contact discharge); notes 1 and 2 HBM MIL-Std 883 Notes 1. Device stressed with ten non-repetitive Electrostatic Discharge (ESD) pulses. 2. Measured from any of pins 1, 3, 4, or 5 to pin 2. ESD standards compliance STANDARD IEC 61000-4-2, level 4 (ESD) HBM MIL-Std 883, class 3 >4 kV PARAMETER CONDITIONS total power dissipation Tamb = 25 C; note 3 non-repetitive peak reverse power tp = 1 ms; square pulse; see Fig.4 dissipation storage temperature junction temperature operating ambient temperature 8/20 s; notes 1 and 2 tp = 1 ms; square pulse tp = 1 ms; square pulse 8/20 s; notes 1 and 2 PARAMETER CONDITIONS
PESDxL4UG series
MIN.
MAX.
UNIT
- - - -
3 2.5 30 3.5
A A W A
- - - - -65 - -65
0.9 0.8 300 6 +150 150 +150
A A mW W C C C
VALUE
UNIT
20 10
kV kV
CONDITION >15 kV (air); >8 kV (contact)
2004 Mar 23
3
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection diode array in SOT353 package
THERMAL CHARACTERISTICS SYMBOL Rth(j-a) Rth(j-s) PARAMETER thermal resistance from junction to ambient thermal resistance from junction to solder point
PESDxL4UG series
CONDITIONS all diodes loaded one diode loaded; note 1 all diodes loaded; note 1
VALUE 410 200 185
UNIT K/W K/W K/W
Note 1. Solder point of common anode (pin 2). ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL Per diode VF IRM forward voltage reverse leakage current PESD3V3L4UG PESD5V0L4UG VCL(R) clamping voltage PESD3V3L4UG PESD5V0L4UG VRWM reverse stand-off voltage PESD3V3L4UG PESD5V0L4UG VBR breakdown voltage PESD3V3L4UG PESD5V0L4UG rdiff differential resistance PESD3V3L4UG PESD5V0L4UG Cd diode capacitance PESD3V3L4UG PESD5V0L4UG VR = 0 V; f = 1 MHz VR = 5 V; f = 1 MHz VR = 0 V; f = 1 MHz VR = 5 V; f = 1 MHz Notes 1. Non-repetitive current pulse 8 x 20 ms exponentially decay waveform; see Fig.5. 2. Between any of pins 1, 3, 4 or 5 and pin 2. - - - - 22 12 16 8 28 17 19 11 pF pF pF pF IR = 1 mA - - - - 200 100 IZ = 1 mA 5.32 6.46 5.6 6.8 5.88 7.14 V V - - - - 3.3 5 V V Ipp = 1 A; notes 1 and 2 Ipp = 3 A; notes 1 and 2 Ipp = 1 A; notes 1 and 2 Ipp = 2.5 A; notes 1 and 2 - - - - - - - - 8 12 10 13 V V V V VRWM = 3.3 V VRWM = 5 V - - 75 5 300 25 nA nA IF = 200 mA - 1 1.2 V PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
2004 Mar 23
4
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection diode array in SOT353 package
PESDxL4UG series
handbook, halfpage
26 Cd 22
MCE657
handbook, halfpage
10
MCE658
(pF)
IZSM (A)
18 PESD3V3L4UG 1 PESD3V3L4UG 14 PESD5V0L4UG PESD5V0L4UG
10
6 0 1 2 3 4 VR (V) 5
10-1 10-2
10-1
1
tp (ms)
10
Fig.2
Diode capacitance as a function of reverse voltage; typical values.
Fig.3
Maximum non-repetitive peak reverse current as a function of pulse time.
102 handbook, halfpage PZSM (W)
MCE659
handbook, halfpage
120
MLE218
Ipp (%)
100 % Ipp; 8 s
80 PESD3V3L4UG 10 PESD5V0L4UG 40
e-t 50 % Ipp; 20 s
1 10-2
10-1
1
tp (ms)
10
0 0 10 20 30 t (s) 40
Fig.4
Maximum non-repetitive peak reverse power dissipation as a function of pulse duration (square pulse).
Fig.5
8/20 s pulse waveform according to IEC 61000-4-5.
2004 Mar 23
5
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection diode array in SOT353 package
PESDxL4UG series
ESD TESTER RZ CZ
450
RG 223/U 50 coax
10x ATTENUATOR note 1
DIGITIZING OSCILLOSCOPE 50
IEC 61000-4-2 network CZ = 150 pF; RZ = 330
D.U.T.: PESDxL4UG
Note 1: attenuator is only used for open socket high voltage measurements
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 5 V/div horizontal scale = 50 ns/div
GND2
PESD5V0L4UG
PESD3V3L4UG GND GND1 unclamped +1 kV ESD voltage waveform (IEC 61000-4-2 network) clamped +1 kV ESD voltage waveform (IEC 61000-4-2 network)
GND
GND
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 5 V/div horizontal scale = 50 ns/div
unclamped +1 kV ESD voltage waveform (IEC 61000-4-2 network)
clamped -1 kV ESD voltage waveform (IEC 61000-4-2 network)
mce656
Fig.6 ESD clamping test set-up and waveforms.
2004 Mar 23
6
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection diode array in SOT353 package
PACKAGE OUTLINE
Plastic surface mounted package; 5 leads
PESDxL4UG series
SOT353
D
B
E
A
X
y
HE
vMA
5
4
Q
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E (2) 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT353
REFERENCES IEC JEDEC EIAJ SC-88A
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2004 Mar 23
7
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection diode array in SOT353 package
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
PESDxL4UG series
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Mar 23
8
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R76/01/pp9
Date of release: 2004
Mar 23
Document order number:
9397 750 12226


▲Up To Search▲   

 
Price & Availability of PESD3V3L4U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X