Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download P60A48D05P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 60W DC-DC Converter P60A-Series
Offer single, dual and triple output 50 to 60 W Output power 2:1 Wide input voltage range International safety standard approval Six-Sided continuous shield High efficiency up to 86% Short circuit protection
Model selection guide
Typ Input nominal voltage [VDC] Single output P60A12S05P P60A12S12P P60A12S15P P60A12S24P P60A24S05P P60A24S12P P60A24S15P P60A24S24P P60A48S05P P60A48S12P P60A48S15P P60A48S24P Dual output P60A12D05P P60A12D12P P60A12D15P P60A12D512P P60A24D05P P60A24D12P P60A24D15P P60A24D512P P60A48D05P P60A48D12P P60A48D15P P60A48D512P Triple output P60A12T512P P60A24T512P P60A48T512P 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 9-18 18-36 36-72 current no load [mA] 20 20 20 20 15 15 15 15 10 10 10 10 20 20 20 20 15 15 15 15 10 10 10 10 20 15 10 Output 1 voltage [VDC] 5.0 12.0 15.0 24.0 5.0 12.0 15.0 24.0 5.0 12.0 15.0 24.0 5.0 12.0 15.0 5.0 5.0 12.0 15.0 5.0 5.0 12.0 15.0 5.0 5.0 5.0 5.0 current [A] 12.0 5.0 4.0 2.5 12.0 5.0 4.0 2.5 12.0 5.0 4.0 2.5 5.0 2.5 2.0 5.0 5.0 2.5 2.0 12.0 5.0 2.5 2.0 12.0 5.0 5.0 5.0 5.0 12.0 15.0 12.0 5.0 12.0 15.0 12.0 5.0 12.0 15.0 12.0 12.0 12.0 12.0 5.0 2.5 2.0 2.5 5.0 2.5 2.0 2.5 5.0 2.5 2.0 2.5 1.25 1.25 1.25 Output 2 (or Dual Output) voltage current [VDC] [A] Efficiency typ. [%] 79 82 82 84 80 84 84 85 83 85 85 86 78 80 80 79 80 82 82 80 80 84 84 81 78 79 80 Output Power
[W] 60 60 60 60 60 60 60 60 60 60 60 60 50 60 60 55 50 60 60 60 50 60 60 60 55 55 55
Suffix "P" PCB mounting type, heat sink will be added on module. Suffix "T" Chassis mounting type, (terminal block) heat sink or fan force cooling. Indicate suffix when order!
Page 1 of 4 Deutschland: Inselkammerstrae 10 D-82008 Unterhaching Tel.: 089 614 503-10 E-Mail: power@hy-line.de Schweiz: Grundenstrae 82 CH-8247 Flurlingen Tel.: 052 647 42 00 E-Mail: power@hy-line.ch
60W DC-DC Converter P60A-Series
Specifications
Input Voltage range Filter Input reversed protection Output Output Power Voltage accuracy (full load and nominal Vin) Voltage adjustability Ripple and noise (at 20 MHz BW) Short circuit Line voltage regulation (Iout nom, Vin min... Vin max) Load voltage regulation (Iout min...Iout nom) Transient recovery time @ 25% load, step changed Temperature coefficient Minimum load 9-18 VDC 18-36 VDC 36-72 VDC Pi-type Shunt diode built in, external fuse recommended ! 60 W max. 1% 10% 1% of Vout Coninuous 1% Single output model: 2% Dual output model: 2% Triple output model: 5% 500 s 0.02% / C, max Single: and Dual: 0% +5V of triple output 0% 12V of triple output 20% General Efficiency Switching frequency Environmental Operating temperature ambient Operating temperature case Storage temperature range Cooling MTBF according to MIL-HDBK-217F, GF40 Physical Dimensions "P" model Dimensions "T" model Weight Case material Isolation Rated voltage Resistance Remote control Remote control on Remote control off Shutdown idle current See table 80 kHz, typ. -25C to +95C (with derating, see diagram) +95 C, max. -25 C to +100 C Free air convection 122,500 hrs 3.5 x 5.5 x 1.4 inches 88.9 x 139.7 x 35.6 mm 3.5 x 5.5 x 1.29 inches 88.9 x 139.7 x 32.9 mm "P" Model 690 g "T" Model 570 g metal 1500 VDC, min 9 10 , min. Open or > + 5.5 VDC Short or 0V ... < + 1.8 VDC referenced to - Input, pin 2 10mA
Derating
Page 2 of 4 Deutschland: Inselkammerstrae 10 D-82008 Unterhaching Tel.: 089 614 503-10 E-Mail: power@hy-line.de Schweiz: Grundenstrae 82 CH-8247 Flurlingen Tel.: 052 647 42 00 E-Mail: power@hy-line.ch
60W DC-DC Converter P60A-Series
Internal circuit schematic
Page 3 of 4 Deutschland: Inselkammerstrae 10 D-82008 Unterhaching Tel.: 089 614 503-10 E-Mail: power@hy-line.de Schweiz: Grundenstrae 82 CH-8247 Flurlingen Tel.: 052 647 42 00 E-Mail: power@hy-line.ch
60W DC-DC Converter P60A-Series
Pin connections
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Single Omitted - Input - Input + Input + Input Remote CTRL NC - Output - Output + Output + Output - Sense / Trim up TRIM + Sense/ trim down Dual Omitted - Input - Input + Input + Input Remote CTRL NC - Sense / Trim up - Output + Output + Sense/ trim down - Output 2 TRIM + Output 2 Triple Omitted - Input - Input + Input + Input Remote CTRL NC - Sense / Trim up - Output + Output + Sense/ trim down - Output 2 Common -Vo 2 & +Vo 3 + Output 3
Trimming
12 TRIM UP 13 TRIM DOWN 14
Dimensions
Life Support Policy: HY-LINE does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Rev: 11 / 2004 f
Page 4 of 4 Deutschland: Inselkammerstrae 10 D-82008 Unterhaching Tel.: 089 614 503-10 E-Mail: power@hy-line.de Schweiz: Grundenstrae 82 CH-8247 Flurlingen Tel.: 052 647 42 00 E-Mail: power@hy-line.ch


▲Up To Search▲   

 
Price & Availability of P60A48D05P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X