Part Number Hot Search : 
A152ML AY271KE 68HC908G 4HC15 WST2907S NJL81H 4051C CD54A
Product Description
Full Text Search
 

To Download NL6448BC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
TFT COLOR LCD MODULE
NL6448BC20-08
17 cm (6.5 type), 640 x 480 pixels 262144 colors, high luminance, wide viewing angle
DESCRIPTION
NL6448BC20-08 is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) comprising amorphous silicon TFT attached to each signal electrode, a driving circuit and a backlight. NL6448BC20-08 has a built-in backlight. Backlight includes long-life lamps and the lamps are replaceable. The 17 cm diagonal display area contains 640 x 480 pixels and can display 262144 colors simultaneously. NL6448BC20-08 is suitable for industrial application use, because the luminance is high, and the viewing direction is selectable with display scan select.
FEATURES
* High luminance (300 cd/m2, typ.) * Low reflection * Wide viewing angle with retardation film (Antiglare treatment) * Display reverse scan function * 6-bit digital RGB signals * Edge type backlight with long-life-lamps (Two lamp holders, inverter-less) * Variable luminance control * Recommended inverter (Part No. 65PWB31) * Compatible to the mounting holes position of NL6448AC20-06 except for inverter.
APPLICATIONS
* Measuring instruments * Display terminals for control system * Monitors for process controller
Document No. EN0442EJ1V0DS00 (1st edition) Date Published July 1999 P Printed in Japan
(c)
1999
NL6448BC20-08
STRUCTURE AND FUNCTIONS A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure. LSIs for driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel. RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT cells. Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when activated by the data source. By regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity.
2
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
BLOCK DIAGRAM
H-driver ****** 100 R0-R5 100 G0-G5 100
V-driver
Digital signal processor
1920 lines Level shift * * * * * TFT LCD panel
480 lines
B0-B5
H: 640 x 3 (R, G, B) V: 480
47 CLK 100 H sync 100 V sync LCD timing controller
VCC 47 k 100 DE DPS 47 k
VCC
Power supply circuit
LSIs (VCCi: 3.3 V) Drivers
GND (SG) Frame (FG)
Data Sheet EN0442EJ1V0DS00
3
NL6448BC20-08
(1) In case of use NEC recommended inverter
Backlight
VDDB
Inverter (Part No. 65PWB31)
BRTL BRTH GNDB
(2) In case of use the inverter of customers
Lamp VH VL VL VH Lamp
Backlight
OUTLINE OF CHARACTERISTICS (at room temperature) Display area Drive system Display colors Number of pixels Pixel arrangement Pixel pitch Module size Weight Contrast ratio 132.48 (H) x 99.36 (V) mm a-Si TFT active matrix 262144 640 x 480 RGB vertical stripe 0.207 (H) x 0.207 (V) mm 178.8 (H) x 126.8 (V) x 11.0 typ. (D) mm 240 g (typ.) 250:1 (typ.)
Viewing angle (more than the contrast ratio of 10:1) * Horizontal : 50 (typ. left side, right side) * Vertical : 35 (typ. up side), 45 (typ. down side) : up side (12 o'clock, reverse scan) : down side (6 o'clock, normal scan) * wider viewing angle without image reversal: up side (12 o'clock, normal scan) : down side (6 o'clock, reverse scan) Palarizer pencil-hardness Color gamut Response time Luminance Signal system Supply voltage Backlight Power consumption 2H (min. at JIS K5400) 42% (typ. center to NTSC) 16 ms (typ.) "white" to "black"
2 300 cd/m (typ.)
Designed viewing direction * wider viewing angle with contrast ratio
6-bit digital signals for each of RGB primary colors, Synchronous signals (Hsync, Vsyc), Dot clock (CLK) 5.0 V (3.3 V) (Logic, LCD driving) Edge light type: two fluorescent lamps (cold cathode type) 5.0 W (typ., at 300 cd/m2, not include inverter less)
Data Sheet EN0442EJ1V0DS00
4
NL6448BC20-08
GENERAL SPECIFICATIONS
Item Module size Display area Number of pixels Dot pitch Pixel pitch Pixel arrangement Display colors Weight Specifications 178.8 0.5 (H) x 126.8 0.5 (V) x 11.5 max. (D) 132.48 (H) x 99.36 (V) 640 (H) x 480 (V) 0.069 (H) x 0.207 (V) 0.207 (H) x 0.207 (V) RGB (Red, Green, Blue) vertical stripe 262144 260 (max.) Unit mm mm pixel mm mm - color g
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Symbol VCC VDD Input voltage Lamp voltage Storage temp. Operating remp. Humidity (no condensation) VI VL TST TOP RH Rating -0.3 to 6.5 -0.3 to 6.5 -0.3 to VCC + 0.3 1600 -25 to 70 0 to 60 95% relative humidity 85% relative humidity Absolute humidity shall not exceed Ta = 50C, 85% relative humidity level. Unit V V V Vrms C C - - module surface Ta 40C 40 < Ta 50C Ta > 50C Note Remarks Ta = 25C VI - VCC < 3.0
Note measured at the display area ELECTRICAL CHARACTERISTICS (1) Logic, LCD driving Ta = 25C
Parameters Supply voltage Symbols VCC Min. 4.75 (3.0) 0 V C Ci x 0.7 - Typ. 5.0 (3.3) - - 200
Note 1
Max. 5.25 (3.6) VCCi x 0.3 VCC 450 (600)
Unit. V
Remarks -
Logic input "L" voltage Logic input "H" voltage Supply current
VIL VIH ICC
V V mA
CMOS level
Note 2
(320)
VCC = 5.0 V (VCC = 3.3 V)
Notes 1. Checker flag pattern (in EIAJ ED-2522) 2. VCCi = 3.3 V : VCCi is given by DC/DC converter in the LCD module.
Data Sheet EN0442EJ1V0DS00
5
NL6448BC20-08
(2) Backlight Ta = 25C
Parameters Lamp current Lamp voltage Lamp turn on voltage Symbols IL VL VS Min. 2.0 - - - Oscillator frequency Ft 50 Typ. 5.0 400 - - 54 Max. 6.0 - 720 590 58 kHz Unit. mArms Vrms Vrms Ta = 0C Ta = 25C Note Remarks with one lamp -
Note Recommended value of "Ft" * Ft is within the specification. and *
Ft = 1 x (2n - 1) 4th th: Hsync period n : a natural number (1, 2, 3, ****)
If Ft is out of the recommended value, interference between Ft frequency and Hsync frequency may cause beat on the display. SUPPLY VOLTAGE SEQUENCE
4.75 V (3.0 V) VCC 0V t < 150 ms Signal 0V Power-on Power-off VALID 0 < t < 35 ms 0 < t < 35 ms 4.75 V (3.0 V)
*1 The supply voltage for input signals should be the same as VCC. *2 Apply VDDB within the LCD operation period. When the backlight turns on before LCD operation or the LCD operation turns off before the backlight turn off, the display may momentarily become white. *3 When the power is off, please keep whole signals (Hsync, Vsync, CLK, DE, and DATA) low level or high impedance.
6
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
INTERFACE PIN CONNECTION Module side connector CN31 ***** IL-310-T31PB-VF (No. 1 to 31) Supplier: Japan Aviation Electronics Industry Limited (JAE) (1) 6-bit interface signals, power supply
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbols GND CLK Hsync Vsync GND R0 R1 R2 R3 R4 R5 GND G0 G1 G2 G3 Ground Dot clock Horizontal synchronous Vertical synchronous Ground Red data (LSB) Red data Red data Red data Red data Red data (MSB) Ground Green data (LSB) Green data Green data Green data Function Pin No. 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 Symbols G4 G5 GND B0 B1 B2 B3 B4 B5 GND DE VCC VCC N.C. DPS Function Green data Green data (MSB) Ground Blue data (LSB) Blue data Blue data Blue data Blue data Blue data (MSB) Ground Data enable Power supply Power supply Non-connection (Open) Scan Direction select
Mating connector IL-310-T31S-VF or DF9-31S-1V or DF9M-31S-1R Supplier: HIROSE ELECTRIC CO., LTD
LSB : Least Significant Bit MSB: Most Significant Bit
Notes 1. VCC : All VCC terminals should be connected to VCC. 2. DPS: Normal scan is "L" or "Open". And reverse scan is "H". 3. During the operation, do not change the operation mode: e.g. scan direction.
Data Sheet EN0442EJ1V0DS00
7
NL6448BC20-08
(2) Inverter <2-1> In case of use NEC recommended inverter * Inverter side connector 1 CN1 *** IL-Z-6PL-SMTY Mating connector 1 IL-Z-6S-S125C3
Supplier: Japan Aviation Electronics Industry Limited (JAE)
Pin No. 1 2 3 Symbols GNDB GNDB VDDB Function Backlight ground Backlight ground Power supply Pin No. 4 5 6 Symbols VDDB BRTL BRTH Function Power supply Luminance control input Luminance control input
* Inverter side connector 2 CN2 and CN3 *** SM02 (8.0) B-BHS-TB
Mating connector 2 (Lamp side) BHR-03VS-1
Supplier: J.S.T TRADING COMPANY, LTD.
Pin No. 1 2 3 Symbols VH N.C. GNDB Function High voltage terminal Non-connection Backlight ground
Notes 1. A way of luminance control by a variable resistor
BRTL R
BRTH
Mating variable resistor : 10 k 5% Minimum luminance (50%) : R = 0 Maximum luminance (100%) : R = 10 k
2. A way of luminance control by a voltage The range of input voltage between BRTH and GNDB is as follows. Minimum luminance (50%) : 1.5 V Maximum luminance (100%): 1.9 V
8
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
3. Connector location
Upper side
To CN2 or CN3 3 2 1 To CN2 or CN3
LCD module
CN31
Lower side
1 3 * * * * * 31
2 4 * * * * * 30
Recommended inverter CN3
3 2 1 1
CN2 2 3 CN1 4 Inverter (Part No. 65PWB31) 6 5

Data Sheet EN0442EJ1V0DS00
9
NL6448BC20-08
<2-2> In case of use the inverter of customers * Module side connector CN2 and CN3: BHR-03VS-1 Supplier: J.S.T TRADING COMPANY. LTD.
Pin No. 1 2 3 Symbols VH N.C. VL
Mating connector CN2 and CN3: SM03 (4.0) B-BHS-1-TB Supplier: J.S.T TRADING COMPANY.LTD.
Function
High voltage terminal (The cable color is white.) non-connection Low voltage terminal (The cable color is gray.)
Upper side
3 2 1
To CN2 or CN3
LCD module
CN31 To CN2 or CN3
Lower side
1 3 * * * * * 31
2 4 * * * * * 30

PIN DESCRIPTIONS
Symbols Vsync Hsync CLK
Functions Vertical sync. Horizontal sync. Dot clock
Logic Negative Negative Negative
Descriptions Vertical synchronous signal Horizontal synchronous signal Timing signal for display data. The video signal is sampled at the falling edge of DOTCLK. 6 bits digital signals for each of RGB primary colors.
R0 to R5 G0 to G5 B0 to B5 DE
Display data
Positive
Data enable signal
Positive
Data enable signal Back-porch (thb and tvb) can be changed when DE is high. Don't fix "DE = Low", if not, the display will have un-uniformity. Note +5.0 V (+3.3 V) Logic ground for VCC
DPS VCC GND
Scan direction select Power supply Ground
- - -
Note DPS: DPS changes display scan direction. GND or Open = Normal scan VCC = Reverse scan See 7-8. DISPLAY POSITION about another way for reversible scan.
10
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
DISPLAY COLORS vs. INPUT DATA SIGNALS (1) 6-bit interface signals
Data signals (0: Low level, 1: High level) Display colors R5 R4 R3 R2 R1 R0 Basic colors Black Blue Red Magenta Green Cyan Yellow White Black Dark Bright Red Green grayscale Black Dark Bright Green Blue grayscale Black Dark Bright Blue 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 1 0 0 1 1 0 0 1 1 0 1 0 G5 G4 G3 G2 G1 G0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 B5 B4 B3 B2 B1 B0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0 0 1 0 1 0 1 0 1 0 0 0
Red grayscale
1 1 1 0 0 0
1 1 1 0 0 0
1 1 1 0 0 0
1 1 1 0 0 0
0 1 1 0 0 0
1 0 1 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 1
0 0 0 0 1 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
1 1 1 0 0 0
1 1 1 0 0 0
1 1 1 0 0 0
1 1 1 0 0 0
0 1 1 0 0 0
1 0 1 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 1
0 0 0 0 1 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
1 1 1
1 1 1
1 1 1
1 1 1
0 1 1
1 0 1
Note Colors are developed in combination with 6 bit signal (64 steps in grayscale) of each primary red, green, and blue color. This process can result in up to 262144 (64 x 64 x 64) colors.
Data Sheet EN0442EJ1V0DS00
11
NL6448BC20-08
INPUT SIGNAL TIMING (1) Input signal specifications
Parameters CLK Frequency Duty Rise, fall Hsync Period Symbols 1/tc tch/tc tcrf th Min. 21.0 0.4 - 30.0 - Display period thd - - - 0 - 10 - 5 64 12 8 15 15 - 16.1 - Display period tvd - - - 1 - 2 - 4 6 - tds tdh tdrf tes teh terf 8 12 - 8 12 - Typ. 25.175 0.5 - 31.778 800 25.422 640 0.636 16 3.813 96 1.907 48 144 - - - - - 16.683 525 15.253 480 0.381 12 0.063 2 0.985 31 33 - - - - - - - Max. 29.0 0.6 10 33.6 - - - - - - - - - - - - - - 10 17.2 - - - - - - - - - - 10 - - 10 - - 10 Unit MHz - ns Remarks 39.722 ns (typ.) - - 31.468 kHz (typ.)
s
CLK
s CLK s CLK s CLK s CLK
CLK ns ns ns ns ns ms H ms H ms H ms H ms H H ns ns ns ns ns ns ns
- - - - - - - - - - 59.94 Hz (typ.)
Front-porch
thf
Pulse width
thp
Back-porch
thb
*) thp + thb CLK-Hsync timing Hsync-CLK timing Hsync-Vsync timing Vsync-Hsync timing Rise, fall Vsync Period thch thcs tvh tvs thrf tv
- - - - - - - - - -
Front-porch
tvf
Pulse width
tvp
Back-porch
tvb
*) tvp + tvb Rise, fall DATA R0 to R5 G0 to G5 B0 to B5 DE CLK-DATA timing DATA-CLK timing Rise, fall DE-CLK timing CLK-DE timing Rise, fall
Note All parameters should be kept within the specified range.
12
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
(2) Definition of input signal timing
tv
tvp
Vsync
tvb
tvf
Display period
Note 1
tvd
DE

th
thp
Hsync
thb
thf
Display period
Note 1
thd
DE
Notes 1. Display period does not exist as signals. 2. Set the total of thp + thb and tvp + tvb as the table of input signal timing, otherwise display position is shifted to right or left side, or to up or down side.
Data Sheet EN0442EJ1V0DS00
13
NL6448BC20-08
tc tch VIH CLK Vcci x 0.5 VIL tcrf tcrf
tds DATA (R0 to R5) (G0 to G5) (B0 to B5) VIH Vcci x 0.5 VIL tdrf INVALID
tdh INVALID
tdrf
teh VIH DE Vcci x 0.5 VIL terf
tes
teh
tes
terf
CLK
Vcci x 0.5
thch VIH Hsync Vcci x 0.5 VIL
thcs
thrf
Hsync
Vcci x 0.5
tvh VIH Vsync Vcci x 0.5 VIL
tvs
tvrf
VIH = VCCi x 0.7 (min.) VIL = VCCi x 0.3 (max.) VCCi = 3.3 V: VCCi is given by DC/DC converter in the LCD module.
14
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
(3) Input signal timing chart
Vsync 1H tvp tvb 480H (fixed) tvf
Hsync 123 1
DE
R0 to R5 G0 to G5 B0 to B5 INVALID D (X, 0) D (X, Y) D (X, 479) INVALID (Note: X = 0 to 639)
DE
R0 to R5 G0 to G5 B0 to B5 INVALID D (0, Y) D (1, Y) D (X, Y) D (638, Y) D (639, Y) INVALID
Hcync 1CLK thp thb 640CLK (fixed) thf
CLK 1 DE 2 1
R0 to R5 G0 to G5 B0 to B5 INVALID D (0, Y) D (1, Y) D (639, Y) INVALID (Note: Y = 0 to 479)
Data Sheet EN0442EJ1V0DS00
15
NL6448BC20-08
DISPLAY POSITION Normal scan: DPS = "L" (factory set)
D (0, 0) D (0, 1) D (1, 0) D (1, 1) D (X, 0) D (X, 1) D (638, 0) D (638, 1) D (639, 0) D (639, 1)
D (0, Y)
D (1, Y)
D (X, Y)
D (638, Y)
D (639, Y)
D (0, 478) D (0, 479)
D (1, 478) D (1, 479)
D (X, 478) D (X, 479)
D (638, 478) D (638, 479)
D (639, 478) D (639, 479)
Reverse scan: DPS = "H"
D (639, 479) D (639, 478) D (638, 479) D (638, 478) D (X, 479) D (X, 478) D (1, 479) D (1, 478) D (0, 479) D (0, 478)
D (639, Y)
D (638, Y)
D (X, Y)
D (1, Y)
D (0, Y)
D (639, 1) D (639, 0)
D (638, 1) D (638, 0)
D (X, 1) D (X, 0)
D (1, 1) D (1, 0)
D (0, 1) D (0, 0)
Note Below drawings show relations between the scan direction and the viewing direction.
Normal scan Reverse scan
D (0, 0) D (0, 0) D (639, 0)
D (639, 0) CN 31
CN 31 D (0, 479) D (639, 479)
D (0, 479)
D (639, 479)
16
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
OPTICAL CHARACTERISTICS Ta = 25C Note 1
Parameters Contrast ratio Luminance Luminance uniformity Symbols CR Lu - Conditions Note 2 Note 2 max./min. Min. 150 250 - Typ. 250 300 - Max. - - 1.25 Unit - cd/m -
2
Remarks Note 3 Note 4 Note 5
Reference data
Parameters Response time Symbols t on t off Color gamut Viewing angle range Horizontal C Conditions White to black Black to white at center, to NTSC CR > 10, y = 0 CR > 10, y = 0 CR > 10, x = 0 CR > 10, x = 0 Min. - - 35 45 45 30 40 Typ. 16 55 42 50 50 35 45 Max. 40 90 - - - - - Unit ms ms % deg. deg. deg. deg. - Note 7 Remarks Note 6
x+ x-
Vertical
y+ y-
Notes 1. VCC = 5.0 V, IL = 5.0 mA rms, with NEC recommended inverter (Part No.65PWB31). 2. Viewing angle: x = 0, y = 0, At center. Best contrast angle: x = 0, y = -10, At center. 3. The contrast ratio is calculated by using the following formula. Luminance with all pixels in "white" Luminance with all pixels in "black"
Contrast ratio (CR) =
The Luminance is measured in darkroom. 4. The luminance is measured after 20 minutes from the module works, with all pixels in "white". Typical value is measured after luminance saturation.
1 Photodetector (TOPCON BM-5A)
50 cm LCD MODULE
Data Sheet EN0442EJ1V0DS00
17
NL6448BC20-08
5. The luminance uniformity is calculated by using following formula. Maximum luminance Minimum luminance
Luminance uniformity =
The luminance is measured at near the five points shown below.
Column (160) (320) (480) Line 1 3 2 5 4 (120) (240) (360)
6. Definition of response time is as follows. Photodetector output signal is measured when the Luminance changes "white" to "black". Response time is the time between 10% and 100% of the photodetector output amplitude.
100%
Luminance range
White 90%
Display color
10% 0% ton toff
Black Time
7. Definitions of viewing angle are as follows.
Perpendicular 12 o'clock
x-
Left
y+ x+
Upper
y-
Lower Right
18
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
RELIABILITY TEST
No. 1. Test items High temperature/humidity operation Test conditions 50 2C, 85% relative humidity 240 hours Display data is black. 60 3C 240 hours Display data is black. <1> 0C 3C *** 1 hour 55C 3C *** 1 hour <2> 50 cycles, 4 hours/cycle <3> Display data is black. <1> -25C 3C *** 30 minutes 70C 3C *** 30 minutes <2> 100 cycles <3> Temperature transition time within 5 minutes <1> 5 - 100 Hz, 2G 1 minute/cycle, X, Y, Z direction <2> 120 times each direction <1> 55 G, 11 ms X, Y, Z direction <2> 5 times each direction 150 pF, 150 , 10 kV 9 places on a panel 10 times each place at one-second intervals 8. Dust (operation) 15 kinds of dust (JIS Z 8901) Hourly 15 seconds stir, 8 times repeat Note 1 Judgement Note 1
2.
High temperature (operation)
Note 1
3.
Heat cycle (operation)
Note 1
4.
Thermal shock (non-operation)
Note 1
5.
Vibration (non-operation)
Note 1 Note 2
6.
Mechanical shock (nonoperation)
Note 1 Note 2
7.
ESD (operation)
Note 1 Note 3
Notes 1. Display function is checked by the same condition as LCD module out-going inspection. 2. Physical damage. 3. Discharge points are shown in the figure.
Data Sheet EN0442EJ1V0DS00
19
NL6448BC20-08
GENERAL CAUTIONS Next figures and sentence are very important, please understand these contents as follows.
This figure is a mark that you will get hurt and/or the module will have damages when you make a mistake to operate.
CAUTION
This figure is a mark that you will get an electric shock when you make a mistake to operate.
This figure is a mark that you will get hurt when you make a mistake to operate
CAUTION (1) Caution when taking out the module <1> Pick the pouch only, when taking out the module from a carrier box. (2) Cautions for handling the module <1> As the electrostatic discharges may break the LCD module, handle the LCD module with care against electrostatic discharges. <2> As the LCD panel and backlight element are made from fragile glass material, impulse and pressure to the LCD module should be avoided. <3> As the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. <4> Do not pull the interface connectors in or out while the LCD module is operating. <5> Put the module display side down on a flat horizontal plane. <6> Handle connectors and cables with care. <7> When the module is operating, do not lose CLK, Hsync, or Vsync signal. If any one or more of these signals is lost, the LCD panel would be damaged. <8> The torque for mounting screw should never exceed 0.20 N*m (2 kgf*cm). (3) Cautions for the atmosphere <1> Dew drop atmosphere must be avoided. <2> Do not store and/or operate the LCD module in high temperature and/or high humidity atmosphere. Storage in an electro-conductive polymer packing pouch and under relatively low temperature atmosphere is recommended. <3> This module uses cold cathod fluorescent lamps. conspicuously at low temperature. <4> Do not operate the LCD module in high magnetic field. (4) Caution for the module characteristics <1> Do not apply any fixed patterns data signal to the LCD module at product aging. Applying fixed pattern for a long time may cause image sticking. <2> This module has the retardation film which may cause the variation of the color hue in the different viewing angles. The ununiformity may appear on the screen under the high temperature operation. Therefore, the life time of lamp becomes short
20
Data Sheet EN0442EJ1V0DS00
NL6448BC20-08
(5) Other cautions <1> Do not disassemble and/or reassemble LCD module. <2> Do not readjust variable resistors nor switches etc. <3> When returning the module for repair or etc, pack the module not to be broken. We recommend the original shipping packages. Liquid Crystal Display has the following specific characteristics. There are not defects nor malfunctions. The display condition of the LCD module may be affected by the ambient temperature. The LCD module uses cold cathode tube for backlighting. uniformity, will change during time. Uneven brightness and/or small spots may be noticed depending on different display patterns. Optical characteristics, like luminance or
Data Sheet EN0442EJ1V0DS00
21
NL6448BC20-08
OUTLINE DRAWING/FRONT SIDE (Unit in mm)
7.60.5
3.30.3
2.50.3
126.80.5 980.3 (49) (14.4)
MODULE CENTER
178.80.5 1720.3 1720.3 (86)
ACTIVE AREA CENTER
(3.4)
(86)
(48)
2.50.3 3.30.3
(1)
2.50.3
3.30.3
FRONT VIEW
(7.8)
7.60.5
3.30.3
2.50.3
(10.1) (46.95)
22
Data Sheet EN0442EJ1V0DS00
(9.3)
4- 2.8 MOUNTING HOLE
960.3
(15.4)
11.5 MAX.
NL6448BC20-08
ES8C10004 MADE IN JAPAN K1028B2015035 98.12.18/
NL6448BC20-08
OUTLINE DRAWING/REAR SIDE (Unit in mm)
I/F CONNECTOR IL-310-T31P-VF (JAE)
(9.2) 11210 (9.7)
(66.4)
(9.2)
(20.4)
(20.4)
(169)
K1028B2015035
THE TFT COLOR LCD PANEL CONTAINS COLD CATHODE FLOURESCENT LAMPS. PLEASE FOLLOW LOCAL ORDINANCES OR REGULATIONS FOR ITS DISPOSAL
O
Name 65BLM04
Pal No.
RISK OF ELECTRIC SHOCK. DISCONNECT THE ELECTRIC POWER BEFORE SERVICE.
-
NION VOLTEGE
CAUTION
(9.75)
(4.35) (17.95)
11210
(4.35) (17.95) REAR VIEW
I/F CONNECTOR BHR-03VS-1 (JST)
I/F CONNECTOR BHR-03VS-1 (JST)
Notes 1. Not shown tolerances of the dimensions are 0.5 mm. 2. The value in parenthese are for reference.
Data Sheet EN0442EJ1V0DS00
23
NL6448BC20-08
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents. Copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its Electronic Components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC Electronic Components, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
DATA SHEET


▲Up To Search▲   

 
Price & Availability of NL6448BC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X