Part Number Hot Search : 
97CFDC GP190 20006 FD400G4N MLX90247 BUK710 5248B PM600
Product Description
Full Text Search
 

To Download MX29L8100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDEX
MX29L8100T/B
8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH EEPROM
FEATURES
* Extended single-supply voltage range 2.7V to 3.6V for read and write * JEDEC-standard EEPROM commands * Endurance 100,000 cycles * Fast access time: 120ns * Optimized block architecture - One 16 Kbyte protected block(16K-block) - Two 8 Kbyte parameter blocks - One 96 Kbyte main block - Seven 128 Kbyte main blocks * Hardware and software data protection - Hardware Write Protection pin (WP) - Hardware Lockout bit for 16K-block - Software command data protection * Software EEPROM emulation with parameter blocks * Status register - For detection of program or erase cycle completion * Auto Erase operation - Automatically erases any one of the sectors or the whole chip - Erase suspend capability - Fast erase time: 50ms typical for chip erase * Auto Page Program operation - Automatically programs and verifies data at specified addresses - Internal address and data latches for 128 bytes per page * Low power dissipation - 20mA active current - 20uA standby current - 1uA deep power-down current * Hardware Reset pin (RP) - Reset internal state machine, and put the device into deep power-down mode * Built-in 128 Bytes/64 words Page Buffer - Work as SRAM for temporary data storage - Fast access to temporary data * Low Vcc write inhibit 1.8V * Industry standard surface mount packaging - 48-Lead TSOP Type I - 48-Lead CSP (9mm x 11mm) - Ball pitch : 0.75mm/0.8mm/1.0mm
1.0 GENERAL DESCRIPTION
The MX29L8100T/B is a 8 Mbit, 3 V-only Flash memory organized as a either 1 Mbytesx8 or 512K word x16. For flexible erase and program capability, the 8 Mbits of data is divided into 11 sectors of one 16 Kbyte protected block, two 8 Kbyte parameter blocks, one 96 Kbyte main block, and seven 128 Kbyte main blocks. To allow for simple insystem operation, the device can be operated with a single 2.7 V to 3.6 V supply voltage. Since many designs read from the flash memory a large percentage of the time, significant power saving is achieved with the 2.7 V VCC operation. Manufactured with MXIC's advanced nonvolatile memory technology, the device offers access times of 120 ns, and a low 1uA typical deep power-down current. The MX29L8100T/B command set is compatible with the JEDEC single-power-supply flash standard. Commands are written to the command register using standard microprocessor write timings. MXIC's flash memory augments EPROM functionality with an internal state machine which controls the erase and program circuitry. The device Status Register provides a convenient way to monitor when a program or erase cycle is complete, and the success or failure of that cycle. Programming the MX29L8100T/B is performed on a page basis; 128 bytes of data are loaded into the device and then programmed simultaneously. The typical Page Program time is 5ms.The device can also be reprogrammed in standard EPROM programmers. Reading data out of the device is similar to reading from an EPROM or other flash. Erase is accomplished by executing the Erase command sequence. This will invoke the Auto Erase algorithm which is an internal algorithm that automatically times the erase pulse widths and verifies proper cell margin. This device features both chip erase and block erase. Each block can be erased and programmed without affecting other blocks. Using MXIC's advanced design technology, no preprogram is required (internally or externally). As a result, the whole chip can be typically erased and verified in as fast as 50 ms.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
1
INDEX
MX29L8100T/B
A combined feature of Write Protection pin (WP), Reset pin (RP), 16K-block lockout bit, and software command sequences provides complete data protection. First, software data protection protects the device from inadvertent program or erase. Two "unlock" write cycles must be presented to the device before the program or erase command can be accepted by the device. For hardware data protection, the WP pin and RP pin provide protection against unwanted command writes due to invalid system bus condition that may occur during system reset and power-up/down sequence. Finally, with 16K-block lockout bit feature, the device provides complete core security for the kernel code required for system initialization. The device has 128 Bytes built-in page buffer, which can serve as SRAM. This feature provides a convenient way to store temporary data for fast read and write. MXIC's Flash technology reliably stores memory contents after 100,000 cycles. The MXIC's cell is designed to optimize the erase and program mechanism. In addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and program operations produce reliable cycling. The highest degree of latch-up protection is achieved with MXIC's proprietary non-epi process. Latch-up protection is proved for stresses up to 100 milliamps on address and data pin from -1V to VCC +1V.
1.1 PINOUTS
48-TSOP (TPYE 1) 12 x 20mm
A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE RP NC WP NC A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 BYTE GND Q15/A-1 Q7 Q14 Q6 Q13 Q5 Q12 Q4 VCC Q11 Q3 Q10 Q2 Q9 Q1 Q8 Q0 OE GND CE A0
MX29L8100T/B
48-CSP(9mm x 11mm, BGA, Ball Pitch : 0.75mm)
A4 A7
A2 A5 A17
A1 A3 A6
A0 CE Q8 Q2
GND Q0 Q9 Q3 Q12 Q6 Q15 /A-1
OE Q1 Q10 Vcc Q4 Q13 Q7 GND
8 7 6 5 4 3 2 1
WP
A18 RP
BYTE
Q11 Q5 Q14
A8
WE A10
A9 A12
PIN CONFIGURATIONS
SYMBOL A0 - A18 Q0 - Q14 Q15/A-1 CE OE WE RP WP BYTE VCC GND PIN NAME Address Input Data Input/Output Q15(word mode)/LSB addr(Byte mode) Chip Enable Input Output Enable Input Write Enable Reset/Deep Power-down Write Protect Word/Byte Selection Input Power Supply Pin (2.7V - 3.6V) Ground Pin
A11
A13 A14 A B
A15 A16 C D E
F
48-CSP(9mm x 11mm, BGA, Ball Pitch : 0.8mm)
1 2 3 4 5 6
A3 A7
A4 A17
A2 A6 A18
A1 A5
A0 Q0 Q2 Q5
CE Q8 Q10 Q12
OE Q9 Q11 Vcc Q13
Q15 /A-1
GND Q1 Q3 Q4 Q6 GND H
WE A9 A13 A
RP A8 A12 B A10 A14 C A11 A15 D
Q7 Q14 A16 E
BYTE
F
G
P/N:PM0460
REV. 1.7,SEP. 24, 1998
2
INDEX
MX29L8100T/B
1..2-1 MX29L8100T/B SECTOR ARCHITECTURE (Byte Mode Addr. A-1 ~ A18)
FFFFFH FC00 FBFF FA00 F9FF F800 F7FF 0 F 0 F 0 F H H H H H H 16-Kbyte BLOCK 8 - K b y t e PA R A M E T E R B L O C K 8 - K b y t e PA R A M E T E R B L O C K 96-Kbyte MAIN BLOCK C0000H BFFFFH 128-Kbyte MAIN BLOCK 128-Kbyte MAIN BLOCK C0000H BFFFFH 128-Kbyte MAIN BLOCK A0000H 9FFFFH 128-Kbyte MAIN BLOCK 80000H 7FFFFH 128-Kbyte MAIN BLOCK 60000H 5FFFFH 128-Kbyte MAIN BLOCK 40000H 3FFFFH 128-Kbyte MAIN BLOCK 20000H 1FFFFH 128-Kbyte MAIN BLOCK 00000H A0000H 9FFFFH 128-Kbyte MAIN BLOCK 80000H 7FFFFH 128-Kbyte MAIN BLOCK 60000H 5FFFFH 128-Kbyte MAIN BLOCK 40000H 3FFFFH 128-Kbyte MAIN BLOCK 20000H 1FFFFH 96-Kbyte MAIN BLOCK 0800 07FF 0600 05FF 0400 03FF 0 F 0 F 0 F H H H H H H 8 - K b y t e PA R A M E T E R B L O C K 8 - K b y t e PA R A M E T E R B L O C K 16-Kbyte BLOCK E0000H DFFFFH 128-Kbyte MAIN BLOCK FFFFFH 128-Kbyte MAIN BLOCK
E0000H DFFFFH
00000H
MX29L8100T Memory Map
MX29L8100B Memory Map
P/N:PM0460
REV. 1.7,SEP. 24, 1998
3
INDEX
MX29L8100T/B
1..2-2 MX29L8100T/B SECTOR ARCHITECTURE (Word Mode Addr. A0 ~ A18)
7FFFFH 128-Kbyte MAIN BLOCK 70000H 6FFFFH 128-Kbyte MAIN BLOCK 60000H 5FFFFH 128-Kbyte MAIN BLOCK 50000H 4FFFFH 128-Kbyte MAIN BLOCK 40000H 3FFFFH 128-Kbyte MAIN BLOCK 30000H 2FFFFH 128-Kbyte MAIN BLOCK 20000H 1FFFFH 128-Kbyte MAIN BLOCK 10000H 0FFFFH 96-Kbyte MAIN BLOCK 0400 03FF 0300 02FF 0200 01FF 0 F 0 F 0 F H H H H H H 8 - K b y t e PA R A M E T E R B L O C K 8 - K b y t e PA R A M E T E R B L O C K 16-Kbyte BLOCK 7FFFFH 7E00 7DFF 7D00 7CFF 7C00 7BFF 0 F 0 F 0 F H H H H H H 16-Kbyte BLOCK 8 - K b y t e PA R A M E T E R B L O C K 8 - K b y t e PA R A M E T E R B L O C K 96-Kbyte MAIN BLOCK
70000H 6FFFFH 128-Kbyte MAIN BLOCK 60000H 5FFFFH 128-Kbyte MAIN BLOCK 50000H 4FFFFH 128-Kbyte MAIN BLOCK 40000H 3FFFFH 128-Kbyte MAIN BLOCK 30000H 2FFFFH 128-Kbyte MAIN BLOCK 20000H 1FFFFH 128-Kbyte MAIN BLOCK 10000H 0FFFFH 128-Kbyte MAIN BLOCK 00000H
00000H
MX29L8100T Memory Map
MX29L8100B Memory Map
P/N:PM0460
REV. 1.7,SEP. 24, 1998
4
INDEX
MX29L8100T/B
BLOCK DIAGRAM
RP, WP
CE OE WE BYTE
CONTROL INPUT LOGIC
PROGRAM/ERASE HIGH VOLTAGE
WRITE STATE MACHINE (WSM)
COMMAND INTERFACE REGISTER
X-DECODER
MX29L8100T/B FLASH ARRAY ARRAY SOURCE HV Y-PASS GATE
(CIR)
ADDRESS
Q15/A-1 A0-A18
LATCH AND BUFFER
COMMAND DATA DECODER
Y-DECODER
SENSE AMPLIFIER
PGM DATA HV
COMMAND DATA LATCH
PAGE PROGRAM DATA LATCH
Q15/A-1 Q0-Q14
I/O BUFFER
P/N:PM0460
REV. 1.7,SEP. 24, 1998
5
INDEX
MX29L8100T/B
Table 1 .PIN DESCRIPTIONS SYMBOL A0 - A18 Q0 - Q7 TYPE INPUT INPUT/OUTPUT NAME AND FUNCTION ADDRESS INPUTS: for memory addresses. Addresses are internally latched during a write cycle. LOW-BYTE DATA BUS: Input data and commands during Command Interface Register(CIR) write cycles. Outputs array, status, identifier data, and page buffer in the appropriate read mode. Float to tri-state when the chip is deselected or the outputs are disabled. HIGH-BYTE DATA BUS:Input data during x16 Data-Write operations. Outputs array, identifier data in the appropriate read mode; not used for status register reads. Floated when the chip is de-selected or the outputs are disabled. Selectes between high-byte data INPUT/OUTPUT (BYTE=HIGH) and LSB ADDRESS (BYTE=LOW) BYTE ENABLE:BYTE Low places device in x8 mode. All data is then input or output on Q0~7 and Q8~14 float. Address Q15/A-1 selectes between the high and low byte. BYTE high places the device in x16 mode, and turns off the Q15/ A-1 input buffer. Address A0, then becomes the lowest order address. CHIP ENABLE INPUTS: Activate the device's control logic, input buffers, decoders and sense amplifiers. With CE high, the device is deselected and power consumption reduces to Standby level upon completion of any current program or erase operations. CE must be low to select the device. OUTPUT ENABLES: Gates the device's data through the output buffers during a read cycle. OE is active low. WRITE ENABLE: Controls writes to the Command Interface Register(CIR). WE is active low. RESET/DEEP POWER-DOWN: When RP is low, the device is in reset/deep power-down mode. When RP is high, the device is in standard operation. WRITE PROTECTION: Provides a method for locking the 16K-block, using three voltage levels (VIL, VIH, and VHH). When WP is low, the 16K-block is locked. When WP is high the 16K-block is unlocked, if the 16K-block lockout bit is disabled. When WP is at VHH, the 16K-block is unlocked. This overrides the status of the lockout bit. See Section3 for details of data-protection DEVICE POWER SUPPLY(2.7V - 3.6V) GROUND
Q8-Q14
INPUT/OUTPUT
Q15/A-1 BYTE
INPUT/OUTPUT INPUT
CE
INPUT
OE WE RP WP
INPUT INPUT INPUT INPUT
VCC GND
P/N:PM0460
REV. 1.7,SEP. 24, 1998
6
INDEX
MX29L8100T/B
1.3 BUS OPERATION Flash memory reads, erases and writes in-system via the local CPU . All bus cycles to or from the flash memory conform to standard microprocessor bus cycles. These bus operations are summarized below. Table2-1 MX29L8100T/B Bus Operations for Byte-Wide Mode (BYTE=VIL) Mode Read Output Disable Standby Deep power down Manufacturer ID Device ID Write Notes CE VIL VIL VIH X VIL VIL VIL OE VIL VIH X X VIL VIL VIH WE VIH VIH X X VIH VIH VIL RP VIH VIH VIH VIL VIH VIH VIH A0 X X X X VIL VIH X A1 X X X X VIL VIL X A9 X X X Q0-Q7 DOUT High Z High Z Q8-Q14 Q15/A-1 HighZ VIL/VIH HighZ X HighZ HighZ HighZ HighZ HighZ X VIL VIL VIL/VIH
X HighZ VHH C2H VHH 85H(Top Boot) 84H(Bottom Boot) X DIN
NOTES :1. X can be VIH or VIL for address or control pins. 2. VHH = 11.5V- 12.5V. 3. Q15/A-1=VIL, Q0~Q7=D0~D7 out, Q15/A-1=VIH, Q0~Q7=D8~D15 out
Table2-2 MX29L8100T/B Bus Operations for Word-Wide Mode (BYTE=VIH) Mode Notes CE Read VIL Output Disable VIL Standby VIH Deep power down X Manufacturer ID VIL Device ID VIL Write VIL OE VIL VIH X X VIL VIL VIH WE VIH VIH X X VIH VIH VIL RP VIH VIH VIH VIL VIH VIH VIH A0 X X X X VIL VIH X A1 A9 X X X X X X X X VIL VHH VIL VHH X X Q0-Q7 DOUT High Z High Z HighZ C2H 85H(Top Boot) 84H(Bottom Boot) DIN Q8-Q14 Q15/A-1 DOUT DOUT HighZ HighZ HighZ HighZ HighZ HighZ 00H 0B 00H 0B DIN DIN
NOTES :1.X can be VIH or VIL for address or control pins. 2. VHH = 11.5V- 12.5V.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
7
INDEX
MX29L8100T/B
1.4 WRITE OPERATIONS The Command Interface Register (CIR) is the interface between the microprocessor and the internal chip controller. Device operations are selected by writing specific address and data sequence into the CIR, using standard microprocessor write timings. Writing incorrect data value or writing them in improper sequence will reset the device to the read mode.(read array or read buffer) Table 3 defines the valid command sequences. Note that the Erase Suspend (B0H) and Erase Resume (30H) are valid only while an erase operation is in progress and will be TABLE 3. COMMAND DEFINITIONS Command Sequence Bus Write Cycles Required First Bus Write Cycle Second Bus Write Cycle Third Bus Write Cycle Fourth Bus Read/Write Cycle Fifth Bus Write Cycle Sixth Bus Write Cycle Read/ Reset 1 Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data XXXXH F0H RA RD Silicon ID Read 4 5555H AAH 2AAAH 55H 5555H 90H 00H/01H C2H/84H C2H/85H Page/Byte Chip Program Erase 4 6 5555H AAH 2AAAH 55H 5555H A0H PA PD 5555H AAH 2AAAH 55H 5555H 80H 5555H AAH 2AAAH 55H 5555H 10H Block Erase 6 Erase Erase Sleep Suspend Resume Mode 1 1 3 XXXXH 30H 5555H AAH 2AAAH 55H 5555H C0H ignored in other circumstance. There are four read modes: Read Array, Read Silicon ID, Read Status Register, and Read Page Buffer. For Program and Erase inform the internal state machine that a program or erase sequence has been requested. During the execution of program or erase operation, the state machine will control the program /erase sequence. After the state machine has completed its task, it will set bit 7 of the Status Register (SR. 7) to a "1", which indicates that the CIR can respond to the full command set.
5555H XXXXH AAH B0H 2AAAH 55H 5555H 80H 5555H AAH 2AAAH 55H SA 30H
P/N:PM0460
REV. 1.7,SEP. 24, 1998
8
INDEX
MX29L8100T/B
COMMAND DEFINITIONS(continue Table 3.)
Command Sequence Bus Write Cycles Required First Bus Write Cycle Second Bus Write Cycle Third Bus Write Cycle Fourth Bus Fifth Bus Write Cycle Sixth Bus Write Cycle Addr Data Addr Data Addr Data Addr Addr Data Addr Data 5555H AAH 2AAAH 55H 5555H 60H 5555H AAH 2AAAH 55H SA 20H 5555H AAH 2AAAH 55H 5555H 90H SA02H C2H/00H 5555H AAH 2AAAH 55H 5555H 75H PA PD 5555H AAH 2AAAH 55H 5555H E0H PA PD 5555H AAH 2AAAH 55H 5555H 70H 5555H AAH 2AAAH 55H 5555H 50H 5555H AAH 2AAAH 55H 5555H 04H Lock 6 Lock Status Read 4 4 Write 4 Read 3 Clear 3 Clear 3
16K-block Read
Page Buffer Page Buffer Status Register Status Register Buffer
Read/Write Cycle Data
Notes: 1.Address bit A15 -- A18 = X = Don't care for all address commands except for Program Address(PA) and Sector Address(SA). 5555H and 2AAAH address command codes stand for Hex number starting from A0 to A14. 2. Bus operations are defined in Table 2. 3. RA = Address of the memory location to be read. PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE pulse. SA = Address of the block to be erased. The combination of A12 -- A18 will uniquely select any block. 4. RD = Data read from location RA during a read operation. PD = Data to be programmed at location PA. Data is latched on the rising edge of WE. 5. Erase can be suspended during sector erase with Addr = don't care, Data = B0H 6. Erase can be resumed after suspend with Addr = don't care, Data = 30H. 7. Clear Buffer set all buffer data to 1. 8. Only Q0~Q7 command data is taken, Q8~Q15=Don't care 9. In Lock Status Read, SA02H = 00002H for BOTTOM BOOT(Word/Byte Modes) SA02H = FFF02H for TOP BOOT(Byte mode) SA02H = 7FF02H for TOP BOOT(Word Mode)
P/N:PM0460
REV. 1.7,SEP. 24, 1998
9
INDEX
MX29L8100T/B
2.0 DEVICE OPERATION
2.1 SILICON ID READ The Silicon ID Read mode allows the reading out of a binary code from the device and will identify its manufacturer and type. This mode is intended for use by programming equipment for the purpose of automatically matching the device to be programmed with its corresponding programming algorithm. This mode is functional over the entire temperature range of the device. To activate this mode, the programming equipment must force VHH (11.5V~12.5V) on address pin A9. Two identifier bytes may then be sequenced from the device outputs by toggling address A0 from VIL to VIH. All addresses are don't cares except A0 and A1. The manufacturer and device codes may also be read via the command register, for instances when the MX29L8100T/B is erased or programmed in a system without access to high voltage on the A9 pin. The command sequence is illustrated in Table 3. Following the command write, a read cycle with A0 = VIL retrieves the manufacturer code of C2H. A read cycle with A0 = VIH returns the device code . MX29L8100T Device Code =85H, MX29L8100B Device Code = 84H To terminate the operation, it is necessary to write the Read/Reset command sequence into the CIR.
Table 4. MX29L8100T/B Silion ID Codes and Verify Sector Protect Code Type Manufacturer Code MX29L8100T Device Code MX29L8100B Device Code Verify 16K-Block Protect** A18~A2 X X X SA A1 VIL VIL VIL VIH A0 VIL VIH VIH VIL Code(HEX) C2H 85H 84H C2H* DQ7 1 1 1 1 DQ6 1 0 0 1 DQ5 0 0 0 0 DQ4 0 0 0 0 DQ3 0 0 0 0 DQ2 0 1 1 0 DQ1 1 0 0 1 DQ0 0 1 0 0
* Outputs C2H if 16K-block is protected (lockout bit is enabled), 00H otherwise. ** Only the 16K-Block has protect-bit feature. MX29L8100B Manufacter Code=C2H, Device Code=84H when BYTE=VIL. MX29L8100T Manufacter Code=C2H, Device Code=85H when BYTE=VIL. MX29L8100B Manufacter Code=00C2H, Device Code=0084H when BYTE=VIH. MX29L8100T Manufacter Code=00C2H, Device Code=0085H when BYTE=VIH.
2.2 READ/RESET COMMAND The read or reset operation is initiated by writing the Read/Reset command sequence into the command register. Microprocessor read cycles retrieve array data from the memory. The device remains ready for reads until the CIR contents are altered by a valid command sequence. The device will automatically power-up in the read/reset state. In this case, a command sequence is not required to read data. Standard microprocessor read cycles will retrieve array data. This default value ensures that no spurious alteration of the memory content occurs during the power transition. Refer to the AC Read Characteristics and Waveforms for the specific timing parameters. The MX29L8100T/B is accessed like an EPROM. When CE and OE are low and WE is high the data stored at the memory location determined by the address pins is asserted on the outputs. The outputs are put in the high impedance state whenever CE or OE is high. This dual line control gives designers flexibility in preventing bus contention. Note that the Read/Reset command is not valid when program or erase is in progress.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
10
INDEX
MX29L8100T/B
2.3 PAGE PROGRAM To initiate Page program mode, a three-cycle command sequence is required. There are two " unlock" write cycles. These are followed by writing the page program command A0H. Any attempt to write to the device without the three-cycle command sequence will not start the internal Write State Machine(WSM), no data will be written to the device. After three-cycle command sequence is given, a byte load is performed by applying a low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Maximum of 128 bytes of data may be loaded into each page. 2.3.1 BYTE-WIDE LOAD/WORD-WIDE LOAD Byte(word) loads are used to enter the 128 bytes (64 words) of a page to be programmed or the software codes for data protection. A byte load (word load) is performed by applying a low pulse on the WE or CE input with CE or WE low respectively) and OE high. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Either byte-wide load or word-wide load is determinded (BYTE=VIL or VIH is latched) on the falling edge of the WE (or CE) during the 3rd command write cycle. 2.3.2 PROGRAM Any page to be programmed should have the page in the erased state first, i.e. performing sector erase is suggested before page programming can be performed. The device is programmed on a page basis. If a byte of data within a page is to be changed, data for the entire page can be loaded into the device. Any byte that is not loaded during the programming of its page will be still in the erased state (i.e. FFH). Once the bytes of a page are loaded into the device, they are simultaneously programmed during the internal programming period. After the first data byte has been loaded into the device, successive bytes are entered in the same manner. Each new byte to be programmed must have its high to low transition on WE (or CE) within 30us of the low to high transition of WE (or CE) of the preceding byte. A6 to A18 specify the page address, i.e., the device is page-aligned on 128 bytes boundary. The page address must be valid during each high to low transition of WE or CE. A-1 to A5 specify the byte address within the page The byte may be loaded in any order; sequential loading is not required. If a high to low transition of CE or WE is not detected whithin 100us of the last low to high transition, the load period will end and the internal programming period will start. The load period will also end if the same address is consecutively loaded twice. The first data and address will be treated as normal data to be progammed. The second data needs to be "00" to terminate the load cycle. Other numbers besides "00" are reserved for future use. The status of program can be determined by checking the Status Register. While the program operation is in progress, bit 7 of the Status Register (SR. 7) is "0". When the Status Register indicates that program is complete (when SR. 7 = 1), the Program Status bit should bechecked to verify that the program operation was successful. If the program operation was unsuccessful, SR. 4 of the Status Register will be set to "1" to indicate a program failure. The Status Register should be cleared before attempting the next operation. 2.4 CHIP ERASE Chip erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the "set-up" command-80H. Two more "unlock" write cycles are then followed by the Chip Erase command 10H. Chip erase does not require the user to program the device prior to erase. The 16K-Block will not be erased if it is protected (16K-Block Lockout bit enabled). The Auto Chip Erase begins on the rising edge of the last WE pulse in the command sequence and terminates when the status on SR.7 is "1". While the erase sequence is in progress, SR.7 of the Status Register is "0". When erase is complete, the Erase Status bit should be checked. If the erase operation was unsuccessful, SR.5 of the Status Register is set to a "1" to indicate an erase failure. Clear the Status Register before attempting the next operation.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
11
INDEX
MX29L8100T/B
2.5 BLOCK ERASE Sector erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the set-up command 80H. Two more "unlock" write cycles are then followed by the sector erase command-30H. The sector address is latched on the falling edge of WE, while the command (data) is latched on the rising edge of WE. Only one sector can be erased at a time. Sector erase does not require the user to program the device prior to erase. The system is not required to provide any controls or timings during these operations. The AutomaticBlock Erase begins on the rising edge of the last WE pulse in the command sequence and terminates when the data on SR.7 is "1". When erasing a block, the remaining unselected blocks are unaffected.During the execution of the Block Erase command, only the Erase Suspend and Erase Resume commands are allowed. The Erase Suspend/Resume command may be issued as many time as required. Similar to the Chip Erase mode, the Status Register should be checked when erase is complete. Table5. Status Register Bit Definition WSMS 7
SR.7 = WRITE STATE MACHINE STATUS(WSMS) 1 = Ready 0 = Busy SR.6 = ERASE-SUSPEND STATUS (ESS) 1 = Erase Suspended 0 = Erase in Progress/Completed
2.6 ERASE SUSPEND AND RESUME The Erase Suspend command is provided to allow the user to interrupt an erase sequence and then read data from a block other than that which is being erased. This command is applicable only during the erase operation. During the erase operation, writing the Erase Suspend command to the CIR will cause the internal state machine to pause the erase sequence at a predetermined point. The Status Register will indicate when the erase operation has been suspended. Once in erase suspend, a Read Array command can be written to the CIR in order to read data from blocks not being erase suspended. The only other valid commands during erase suspend are Erase Resume and Read Status Register commands. Read Page Buffer command, however, is not applicable during erase suspend. To resume the erase operation, the Erase Resume command 30H should be written to the CIR. Another Erase Suspend command can be written after the chip has resumed erasing.
ESS 6
ES 5
PS 4
SLP 2
SLK 1
NOTE : State machine bit must first be checked to determine Program or Erase completion, before the Program or Erase Status bits are checked for success. When Erase Suspend is issued, state machine halts execution and sets both WSMS and ESS bits to "1," ESS bit remains set to "1" until an Erase Resume command is issued. When this bit set to "1," state machine has applied the maximum number of erase pulses to the device and is still unable to successfully verify erasure. When this bit is set to "1," state machine has attempted but failed to program page data.
SR.5 = ERASE STATUS 1 = Error in Erase 0 = Successful Erasure SR.4 = PROGRAM STATUS 1 = Error in Page/Byte Program 0 = Successful Page/Byte Program SR.2 = SLEEP STATUS 1 = Device in sleep mode 0 = Device not in sleep mode SR.3 = 0 SR.1 = Boot sector lock status 1: lock, 0: unlock
When this bit is set to "1", the device is in sleep mode(deep power-down). Writing the Read Array command will wake up the device, and the device will return to standby.
Others = Reserved for future enhancements
P/N:PM0460 REV. 1.7,SEP. 24, 1998
12
INDEX
MX29L8100T/B
2.7 STATUS REGISTER The device contains a Status Register which may be read to determine when a Program or Erase operation is complete, and whether that operation completed successfully. The Status Register may be read at any time by writing the Read Status command to the command interface. After writing this command, all subsequent Read operations output data from the Status Register until another command is written to the command interface. A Read Array command must be written to the command interface to return to the read array mode. The Status Register bits are output on DQ[0:7]. In the word-wide(x16) mode the upper byte, DQ(8:15) is set to 00H during a Read status command, in the bytewide mode, DQ(8:14) are tri-stated and DQ15/A-1 retains the low order address function. The contents of the Status Register are latched on the falling edge of OE or CE, whichever occurs last in the read cycle. This prevents possible bus errors which might occur if the contents of the Status Register change while reading the Status Register. CE or OE must be toggled with each subsequent status read, or the completion of a Program or Erase operation will not be evident from the Status Register. When the state machine is active, this register will indicate the status of the state machine, and will also hold the bits indicating whether or not the state machine was successful in performing the desired operation. 2.7.1 CLEARING THE STATUS REGISTER The state machine sets status bits 4 through 7 to "1", and clears bits 6 and 7 to "0", but cannot clear status bits 4 and 5 to "0". Bits 4 and 5 can only be cleared by the controlling CPU through the use of the Clear Status Register command. These bits can indicate various error conditions. By allowing the system software to control the resetting of these bits, several operations may be performed (such as cumulatively programming several bytes or erasing multiple blocks in sequence). The Status Register may then be read to determine if an error occurred during that programming or erasure series. This adds flexibility to the way the device may be programmed or erased. Once an error occurred, the command Interface only responds to clear Status Register, Read Status Register and Read Array. To clear the Status Register, the Clear Status Register command is written to the command interface. Then, any other command may be issued to the command interface. Note, again, that before read cycle can be initiated, a Read Array command must be written to the command interface to specify whether the read data is to come from the Memory Array, Status Register, Page Buffer, or silicon ID. 2.8 SLEEP MODE The MX29L8100T/B features a sofware controlled low power modes: Sleep modes. Sleep mode is allowed during any current operations except that once Suspend command is issued, Sleep command is ignored. To activate Sleep mode, a three-bus cycle operation is required. The C0H command (Refer to Table 3) puts the device in the Sleep mode. Once in the Sleep mode and with CMOS input level applied, the power of the device is reduced to deep power-down current levels. The only power consumed is diffusion leakage, transistor subthreshold conduction, input leakage, and output leakage. The Sleep command allows the device to complete its current operations before going into Sleep mode. During Sleep mode, Silicon ID codes remain valid and can still be read. The Device Sleep Status bit SR.2 will indicate that the device in the sleep mode. The device is in read SR. mode during sleep mode. Writing the Read Array command wakes up the device out of sleep mode. SR.2 is reset to "0" and device returns to standby current level. 2.9 PAGE BUFFER READ AND WRITE The MX29L8100T/B has 128 Bytes of page buffers, which can work as SRAM to store temporary data for fast access purpose. To write data into page buffers, the Write Page Buffer command is written to the CIR. There are two "unlock"write cycles, followed by the command E0H. Loading data to page buffer is similar to that in Page Program. Sequential loading is not required. (A-1 to A5 in byte mode, or A0 to A5 in word mode) must be valid to specify byte address within the page buffers during each high-to-low transition of WE or CE. Each new byte to be stored must have its high-to-low transition of WE or CE within 30 us of the low-to-high transition of WE or CE of the preceding byte. Otherwise, the Write Page Buffer mode is terminated automatically.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
13
INDEX
MX29L8100T/B
To read data from the page buffer, the Read Page Buffer command is written to the CIR. There are two "unlock" write cycles, which are followed by the command 75H. Each subsequent toggle of address (or OE, CE) will read data from the specified byte address of the page buffer (A-1 to A5 in byte mode or A0 to A5 in word mode). To terminate the operation, it is necessary to write the Read/ Reset command sequence into the CIR. 2.9.1 BYTE-WIDE LOAD/WORD-WIDE LOAD Byte(word) loads are used to enter the 128 bytes (64 words) of a page to be programmed or the software codes for data protection. A byte load (word load) is performed by applying a low pulse on the WE or CE input with CE or WE low respectively) and OE high. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Either byte-wide load or word-wide load is determinded (BYTE=VIL or VIH is latched) on the falling edge of the WE (or CE) during the 3rd command write cycle. 3.1.1 LOCK BLOCK To active this mode, a six-bus cycle operation is required. There are two "unlock" write cycles. These are followed by writting the "set-up" command. Two more "unlock" write cycles are then followed the Lock Sector command 20H. The automatic Lock operation begins on the rising edge of the last WE pulse in the command sequence and terminates when the status on SR.7 is "1" at which time the device stays at the read mode. 3.1.2 LOCK STATUS READ To verify the Protect status of the 16K-Block, operation is initiated by writing Silicon ID read command into the command register. Following the command write, a read cycle from addressSA02H(See Table3) retrieves the Manufacturer code of (C2H in byte mode, 00C2H in word mode) if the 16K-Block is protected. If the 16K-Block is unprotected, (00H in byte mode, 0000H in word mode) will be read instead. To terminate the operation, it is necessary to write the Read/Reset command sequence into the CIR. The lock status information can also be retrieved by reading SR. . The SR.1 ="1" if 16K-Block is locked. The SR.1 ="0" if 16K-Block is unlocked. A few retries are required if Protect status can not be verified successfully after each operation. Execute lock bit protection operation three additional times after protect bit is verified successfully to guarantee lock bit status under all conditions. 3.2 HARDWARE PROTECTION Protection for parameter blocks and main blocks can be achieved using combinations of RP and WP pins. 3.2.1 RP = VIL FOR COMPLETE PROTECTION For complete data protection of all blocks, the RP can be held low. 3.2.2 WP = VIL FOR 16K-BLOCK LOCKING When WP = VIL, the 16K-block is locked, while all other blocks remain unlocked in this condition and can be programmed or erased normally.
3.0 DATA PROTECTION
The MX29L8100T/B is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transitions. During power up the device automatically resets the internal state machine in the Read Array mode. Also, with its control register architecture, alteration of the memory contents only occurs after successful completion of specific multi-bus cycle command sequences. The device also incorporates several features to prevent inadvertent write cycles resulting from VCC power-up and power-down transitions or system noise. 3.1 16K-BLOCK LOCKING The MX29L8100T/B features hardware 16K-Block protection. This feature will disable both program and erase operations in the 16K-Block. The block protection feature is enabled using system software by the user (Refer to Table 3). The device is shipped with 16K-Block unprotected. Alternatively, MXIC may protect 16K-Block in the factory prior to shipping the device.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
14
INDEX
MX29L8100T/B
3.2.3 WP = VHH FOR 16K-BLOCK UNLOCKING If WP = VHH, the 16K-Block is unlocked and can be programmed or erased. Note that this feature will override the 16K-Block Lock bit protection. 3.2.4 WP = VIH FOR REGULAR BLOCK UNLOCKING If WP = VIH and RP = VIH, all the regular blocks (parameter blocks and main blocks) are unlocked and can be programmed or erased. In this condition, whether the 16K-Block is locked is dependent on the 16K-Block Lock bit. If the 16K-Block Lock bit is enabled, then the 16KBlock is still protected; otherwise, it is unlocked. The following truth table clearly defines the write protection methods. Table 5. WRITE PROTECTION TRUTH TABLE FOR MX29L8100T/B
RP VIH VIL VIH VIH VIH WP VHH X VIL VIH VIH 16K-Block X X X 1 0 Write Protection Provided Regular Block unlocked locked unlocked unlocked unlocked
NO SR.7 = 1 ? YES Read Status Register Loading End?
3.5 LOGICAL INHIBIT Writing is inhibited by holding any one of OE = VIL,CE = VIH or WE = VIH. To initiate a write cycle CE and WE must be a logical zero while OE is a logical one.
Figure 1. AUTO PAGE PROGRAM FLOW CHART
START
Write Program Cmd Sequence
Write Program Data/Address
NO
Lockout bit 16K-Block unlocked locked locked locked unlocked
YES
3.3 LOW VCC WRITE INHIBIT To avoid initiation of a write cycle during VCC power-up and power-down, a write cycle is locked out for VCC less than VLKO( typically 1.8V). If VCC < VLKO, the command register is disabled and all internal program/erase circuits are disabled. Under this condition the device will reset to the read mode. Subsequent writes will be ignored until the VCC level is greater than VLKO. It is the user's responsibility to ensure that the control pins are logically correct to prevent unintentional write when VCC is above VLKO. 3.4 WRITE PULSE "GLITCH" PROTECTION Noise pulses of less than 5ns (typical) on CE or WE will not initiate a write cycle.
YES SR.4 = 1 ? NO Program Fail
Page Program Completed
P/N:PM0460
REV. 1.7,SEP. 24, 1998
15
INDEX
MX29L8100T/B
Figure 2. AUTO ERASE FLOW CHART
START
Write Erase Cmd Sequence
Read Status Register
NO NO SR.7 = 1 ? YES To Execute Suspend Mode ? YES Erase Suspend Flow (Figure 3.)
YES SR.5 = 1 ? NO
Erase Fail
Erase Completed
P/N:PM0460
REV. 1.7,SEP. 24, 1998
16
INDEX
MX29L8100T/B
Figure 3. ERASE SUSPEND/ERASE RESUME FLOW CHART Figure 4. 16K-BLOCK PROTECTION FLOW CHART
START
START
Write 16K-Block Protect Cmd Sequence
Write B0H
Read Status Register
Read Status Register
SR.7 = 1 ?
NO SR.7 = 1 ?
NO
YES
Sector Protect Completed
YES
NO SR.6 = 1 ? Erase Suspended
Erase Completed
Figure 5. VERIFY 16K-BLOCK PROTECT FLOW CHART
Write F0H
START
Read Array
Write Verify-Protection and Sequence
NO Done Reading
Read Protect Status
YES
Write 30H
Erase Resumed
Note: 1. Protect Status: Data Outputs (C2H in byte mode, 00C2H in word mode) if block is protected(lockout bit is enabled). Data Outputs (00H in byte mode, 0000H in word mode) otherwise 2. Silicon ID can be read via this Flow Chart. Refer to Table 4. 3. SR1 also contains the lock bit information Refer to Table 5.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
17
INDEX
MX29L8100T/B
5.0 ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS RATING Ambient Temperature Storage Temperature Applied Input Voltage Applied Output Voltage VCC to Ground Potential A9, WP VALUE -40 to 85 C C -65 to 125 C C -0.5V to VCC + 4.5 -0.5V to VCC + 0.6 -0.5V to 5.5V -0.5V to 13.0V
OPERATING RANGES
RATING Ambient Temperature Vcc Supply Voltage VALUE 0C to 70 (Comm.) C -40C to 85C (Ind.) 2.7V to 3.6V
NOTICE: 1.This document contains information on product in the dsign phase of development. Revised information will be published when the product is available. 2.Specifications contained within the following tables are subject to change. WARNING: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is stress rating only and functional operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability.
CAPACITANCE TA = 25 f = 1.0 MHz C,
SYMBOL CIN COUT PARAMETER Input Capacitance Output Capacitance MIN. TYP. MAX. 14 16 UNIT pF pF CONDITIONS VIN = 0V VOUT = 0V
SWITCHING TEST CIRCUITS
DEVICE UNDER TEST 2.7K W 3.3V
CL 6.2K W
DIODES = IN3064 OR EQUIVALENT
CL = 100 pF Including jig capacitance for 150/200ns CL = 50 pF for 120ns
SWITCHING TEST WAVEFORMS
2.4V
2.0V TEST POINTS 0.8V
0.45V
1.5V
INPUT
OUTPUT
AC TESTING: Inputs are driven at 2.4V for a logic "1" and 0.45V for a logic "0". Input pulse rise and fall times are 5ns.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
18
INDEX
MX29L8100T/B
5.1 DC CHARACTERISTICS Vcc = 2.7V to 3.6V
SYMBOL IIL ILO ISB1 ISB2 ICC1 ICC2 ICC3 ICC4 IPPD VIL VIH VOL VOH PARAMETER Input Load Current Output Leakage Current VCC Standby Current(CMOS) VCC Standby Current(TTL) VCC Read Current VCC Erase Suspend Current VCC Program Current VCC Erase Current VCC Deep Power-down Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage 2.4 3 4 -0.3 2.0 0.6 0.45 V V V IOL = 2.1mA, Vcc = Vcc Min IOH = -100uA, Vcc = Vcc Min VCC+0.3 V 1 15 1 30 8 mA uA Erase in Progress VCC = VCC Max RP = VIL 1 15 30 mA 1,2 5 mA 1 20 35 mA 1 2 mA 1 20 30 uA 1 10 uA NOTES 1 MIN. TYP. MAX. 1 UNITS uA TEST CONDITIONS VCC = VCC Max VIN = VCC or GND VCC = VCC Max VIN = VCC or GND VCC = VCC Max CE = VIH VCC = VCC Max CE = VIH VCC = VCC Max f = 10MHz, IOUT = 0 mA CE = VIH Block Erase Suspended Program in Progress
NOTES: 1. All currents are in RMS unless otherwise noted. Typical values at VCC = 3.0V, T = 25C. These currents are valid for all product versions (package and speeds). 2. ICC2 is specified with the device de-selected. If the device is read while in erase suspend mode, current draw is the sum of ICC2 and ICC1. 3. VIL min. = -1.0V for pulse width50ns. VIL min. = -2.0V for pulse width20ns. 4. VIH max. = VCC + 1.5V for pulse width20ns. If VIH is over the specified maximum value, read operation cannot be guaranteed.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
19
INDEX
MX29L8100T/B
5.2 AC CHARACTERISTICS --- READ OPERATIONS
29L8100T/B-12 SYMBOL DESCRIPTIONS tACC tCE tOE tDF(1) tOH tBACC tBHZ Address to Output Delay CE to Output Delay OE to Output Delay OE High to Output Delay Address to Output hold BYTE to Output Delay BYTE Low to Output in HighZ 0 0 120 55 MIN. MAX. 120 120 60 55 0 0 150 55 29L8100T/B-15 MIN. MAX. 150 150 75 55 0 0 200 70 29L8100T/B-20 MIN. MAX. 200 200 100 55 UNIT CONDITIONS ns ns ns ns ns ns ns CE=OE=VIL OE=VIL CE=VIL CE=VIL CE=OE=VIL CE=OE=VIL CE=VIL
TEST CONDITIONS:
* Input pulse levels: 0.45V/2.4V * Input rise and fall times: 5ns * Output load: 1TTL gate+100pF(Including scope and jig) (100pF loading for 150ns, 200ns read speed.) ( 50pF loading for 120ns read speed.) * Reference levels for measuring timing: 1.5V Figure 6.1 READ TIMING WAVEFORMS
NOTE: 1. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven.
Standby
VIH
Device and address selection
Outputs Enabled Data valid
Standby
ADDRESSES
VIL
ADDRESSES STABLE
VIH VIL
CE
VIH VIL tDF
OE
VIH
WE
VIL tCE
tOE
tOH VOH
DATA OUT
VOL
HIGH Z
Data out valid
HIGH Z
tACC
P/N:PM0460
REV. 1.7,SEP. 24, 1998
20
INDEX
MX29L8100T/B
Figure 6.2 BYTE TIMING WAVEFORMS
VIH
ADDRESSES
VIL
ADDRESSES STABLE
VIH VIL
CE
VIH VIL tDF tBACC VIH tOE
OE
BYTE
VIL tCE tOH VOH
DATA(DQ0-DQ7)
VOL
HIGH Z
Data Output
HIGH Z Data Output
tACC tBHZ VOH
DATA(DQ8-DQ15)
VOL
HIGH Z Data Output
HIGH Z
P/N:PM0460
REV. 1.7,SEP. 24, 1998
21
INDEX
MX29L8100T/B
5.3 AC CHARACTERISTICS --- WRITE/ERASE/PROGRAM OPERATIONS
29L8100T/B-12 SYMBOL tWC tAS tAH tDS tDH tOES tCES tGHWL tCS tCH tWP tWPH tBALC tBAL tSRA tCESR tPHWL tVCS DESCRIPTIONS Write Cycle Time Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time CE Setup Time Read Recover Time Before Write CE Setup Time CE Hold Time Write Pulse Width Write Pulse Width High Byte Address Load Cycle Byte Address Load Time Status Register Access Time CE Setup before S.R. Read RP High Recovery to WE Going Low VCC Setup Time MIN. 120 0 60 50 10 0 0 0 0 0 60 40 0.2 100 120 100 1 2 30 MAX. 29L8100T/B-15 MIN. 150 0 60 50 10 0 0 0 0 0 60 40 0.2 100 150 100 1 2 30 MAX. 29L8100T/B-20 MIN. 200 0 60 50 10 0 0 0 0 0 60 40 0.2 100 200 100 1 2 30 MAX. UNIT ns ns ns ns ns ns ns ns ns ns ns ns us us ns ns us us
Figure 7. COMMAND WRITE TIMING WAVEFORMS
CE
tOES tCS tCH
OE
tWC
WE
tGHWL
tWP tAS
tWPH
tAH
ADDRESSES
VALID
tDS
tDH
DATA
HIGH Z DIN
VCC
tVCS
NOTE:BYTE pin is treated as Address pin. All timing specifications for BYTE pin are the same as those for address pin.
P/N:PM0460 REV. 1.7,SEP. 24, 1998
22
INDEX
MX29L8100T/B
Figure 8. AUTOMATIC PAGE PROGRAM/WRITE PAGE BUFFER TIMING WAVEFORMS
A0~A5
55H
AAH
55H
Byte offset Address
Last Byte offset Address
A6~A14
tAS
55H
tAH
2AH
55H
Page Address 2**
A15~A18
Page Address 2**
tWC
tBALC
tBAL
CE
tWP
tWPH
WE
tCES
OE
tDS
tDH
tSRA
DATA
tPHWL
AAH
55H
A0H/E0H
Write Data
Last Write Data
SRD
RP
NOTE: 1.Please refer to SECTION 2.3 for detail page program operation. **2.Page address is not required for Write Page Buffer
P/N:PM0460
REV. 1.7,SEP. 24, 1998
23
INDEX
MX29L8100T/B
Figure 9. AUTOMATIC BLOCK/CHIP ERASE TIMING WAVEFORMS
A0~A14
5555H
tAS tAH
2AAAH
5555H
5555H
2AAAH
*1 5555H
A12~A18
SA 2**
tCESR
CE
tWP
tWPH
WE
tWC
tCES
OE
tDS tDH
tSRA
DATA
tPHWL
AAH
55H
80H
AAH
55H
30H/10H
SRD
RP
NOTES: *1. "X" means "don't care" in this diagram **2."SA" means "Block Address"(required for Block Erase only)
P/N:PM0460
REV. 1.7,SEP. 24, 1998
24
INDEX
MX29L8100T/B
5.4 AC CHARACTERISTICS --- WRITE/ERASE/PROGRAM OPERATIONS (Alternate CE Controlled)
29L8100T/B-12 SYMBOL DESCRIPTIONS MIN. MAX. 29L8100T/B-15 MIN. MAX. 29L8100T/B-20 MIN. MAX. UNIT
tWC tAS tAH tDS tDH tOES tCES tGHWL tWS tWH tCP tCPH
tVCS
Write Cycle Time Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time CE Setup Time Read Recover TimeBefore Write WE Setup Time WE Hold Time CE Pulse Width CE Pulse Width High
VCC Setup Time
120 10 60 50 10 0 0 0 0 0 60 40
2
150 10 60 50 10 0 0 0 0 0 60 40
2
200 10 60 50 10 0 0 0 0 0 60 40
2
ns ns ns ns ns ns ns ns ns ns ns ns
uA
Figure 10. COMMAND WRITE TIMING WAVEFORMS(Alternate CE Controlled)
WE
tOES tWS tWH
OE
tWC
CE
tGHWL
tCP tAS
tCPH
tAH
ADDRESSES
VALID
tDS
tDH
DATA
HIGH Z DIN
VCC
tVCS
NOTE:BYTE pin is treated as Address pin. All timing specifications for BYTE pin are the same as those for address pin.
P/N:PM0460
REV. 1.7,SEP. 24, 1998
25
INDEX
MX29L8100T/B
Figure 11. AUTOMATIC PAGE PROGRAM TIMING WAVEFORM(Alternate CE Controlled)
A0~A5
55H
AAH
55H
Byte offset Address
Last Byte Offset Address
A6~A14
tAS
55H
tAH
2AH
55H
Page Address
A15~A18
Page Address
tWC
tBALC
WE
tCP
tCPH
tBAL
CE
tCES
OE
tDS tDH
tSRA
DATA
AAH
55H
A0H
Write Data
Last Write Data
SRD
P/N:PM0460
REV. 1.7,SEP. 24, 1998
26
INDEX
MX29L8100T/B
5.5 ERASE AND PROGRAMMING PERFORMANCE PARAMETER Chip/Sector Erase Time Page Programming Time Chip Programming Time Byte Program Time(average) Erase/Program Cycles 5.6 LATCHUP CHARACTERISTICS MIN. Input Voltage with respect to GND on all pins except I/O pins Input Voltage with respect to GND on all I/O pins Current Includes all pins except Vcc. Test conditions: Vcc = 3.0V, one pin at a time. -1.0V -1.0V -100mA MAX. 13.5V Vcc + 1.0V +100mA MIN. LIMITS TYP. 50 5 40 40 MAX. UNITS ms ms sec us Cycles
100,000
REVISION HISTORY
Revision 1.1 1.2 1.3 1.4 1.5 1.6 1.7 Description Adding status register "SLK" column.(page 13) Change Program/Erase cycle from 1,000 to 1,000/10,000. Page 10:Table 4 "Verify 16K-block protect" : A18~A2 X--->SA. Write-Erase cycles change from 1,000/10,000 to 100,000. Adding CSP Package Taa:150ns@2.7V -->Taa:120ns @2.7V Corrected Pin-assignment of the CSP. Add in new CSP with 0.8mm ball pitch. Page Date APR/14/1997 AUG/22/1997 OCT/29/1997 JAN/12/1998 MAY/27/1998 AUG/24/1998 SEP/24/1998
P/N:PM0460
REV. 1.7,SEP. 24, 1998
27
INDEX
MX29L8100T/B
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
28


▲Up To Search▲   

 
Price & Availability of MX29L8100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X