Part Number Hot Search : 
K2625 0M25X4 2701A HC74A N4148 SB101 10D20 IPD90P03
Product Description
Full Text Search
 

To Download MSC81010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSC81010
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
.EMI .VSWR .HERMETI .P
T TER BALLASTED CAPABILITY :1 @ RATED CONDITIONS C STRIPAC (R) PACKAGE OUT = 10 W MIN. WITH 10 dB GAIN @ 1 GHz
.230 2L STUD (S016) hermetically sealed ORDER CODE MSC81010 BRANDING 81010
PIN CONNECTION
DESCRIPTION The MSC81010 is a common base hermetically sealed silicon NPN microwave transistor utilizing a fishbone, emitter ballasted geometry with a refractory/gold metallization system. This device is capable of withstanding infinite load VSWR at any phase angle under rated conditions. The MSC81010 is designed for Class C amplifier applications in the 0.4 - 1.2 GHz frequency range. ABSOLUTE MAXIMUM RATINGS (T case = 25 C)
Symbol Parameter
1. Collector 2. Base
3. Emitter
Value
Unit
PDISS IC VCC TJ T STG
Power Dissipation* Device Current* Collector-Supply Voltage* Junction Temperature Storage Temperature
29 1.0 35 200 - 65 to +200
W A V C C
THERMAL DATA RTH(j-c) Junction-Case Thermal Resistance* 6.0 C/W
*Applies only to rated RF amplifier operation
October 1992
1/5
MSC81010
ELECTRICAL SPECIFICATIONS (T case = 25 C) STATIC
Symbol Test Conditions Value Min. Typ. Max. Unit
BVCBO BVEBO BVCER I CBO hFE DYNAMIC
Symbol
IC = 1mA IE = 1mA IC = 10mA VCB = 28V VCE = 5V
IE = 0mA IC = 0mA RBE = 10 IC = 500mA
45 3.5 45 -- 15
-- -- -- -- --
-- -- -- 2.5 120
V V V mA --
Test Conditions
Value Min. Typ. Max.
Unit
POUT c GP COB
f = 1.0 GHz f = 1.0 GHz f = 1.0 GHz f = 1 MHz
PIN = 1.0 W PIN = 1.0 W PIN = 1.0 W VCB = 28 V
VCC = 28 V VCC = 28 V VCC = 28 V
10 60 10 --
11 64 10.4 --
-- -- -- 10
W % dB pF
TYPICAL PERFORMANCE POWER OUTPUT vs FREQUENCY
FREQUENCY vs COLLECTOR EFFICIENCY
RELATIVE POWER OUTPUT vs COLLECTOR VOLTAGE
2/5
MSC81010
IMPEDANCE DATA
TYPICAL INPUT IMPEDANCE
ZIN
PIN = 1.0 W VCC = 28 V Normalized to 50 ohms
FREQ. 0.4 GHz 0.6 GHz 0.8 GHz 1.0 GHz 1.2 GHz
ZIN () 2.3 + j 2.7 2.5 + j 4.0 2.8 + j 5.0 3.0 + j 6.0 3.3 + j 7.2
ZCL () 26.0 + j 16.0 17.2 + j 13.0 11.0 + j 9.5 7.7 + j 6.3 5.8 + j 3.5
TYPICAL COLLECTOR LOAD IMPEDANCE
ZCL
POUT = Saturated VCC = 28 V Normalized to 50 ohms
3/5
MSC81010
TEST CIRCUIT Ref.: Dwg. No. C127320 All dimensions are in inches. Frequency 1.0 GHz
PACKAGE MECHANICAL DATA
4/5
MSC81010
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
5/5


▲Up To Search▲   

 
Price & Availability of MSC81010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X