Part Number Hot Search : 
60AYP6C CXA1101M TFA37 3C472K SP8481JS HT9214AL IRFS4 IF29C93A
Product Description
Full Text Search
 

To Download MS3102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS3102
RF & MICROWAVE TRANSISTORS
SATCOM APPLICATIONS Features
* * * BALLASTED DIE GEOMETRY CLASS C OPERATION COMMON BASE CONFIGURATION
DESCRIPTION:
THE MS3102 IS A 28V CLASS C SILICON NPN TRANSISTOR DESIGNED FOR INMARSAST AND OTHER 1.65 GHz SATCOM APPLICATIONS. A GOLD METALLIZED EMITTER BALLASTED DIE GEOMETRY IS EMPLOYED PROVIDING HIGH GAIN AND EFFICIENCY. MS3102 IS PACKAGED IN A N EPOXY SEALED HOUSING.
ABSOLUTE MAXIMUM RATINGS
Symbol
VCBO VEBO IC TJ T STG
Parameter
Collector-base Voltage Emitter-base Voltage Device Current Junction Temperature Storage Temperature
Value
45 3.5 2.3 +200 -65 to +150
Unit
V V A
C C
Thermal Data
RTH(J-C) Thermal Resistance Junction-case 6.0 C/W
MSC0931.PDF 10-13-98
MS3102
ELECTRICAL SPECIFICATIONS (Tcase = 25C) (Tcase 25
STATIC
Symbol
Bvcbo Bvceo Bvebo HFE IC = 3 mA IC = 3 mA IE = 3 mA VCE=5V
Test Conditions Min.
IE = 0 mA IB= 0 mA IC = 0 mA IC = 600 mA 45 12 3.5 15
Value Typ.
---------
Max.
------150
Unit
V V V ---
DYNAMIC
Symbol
Pout c f=1.65 GHz f=1.65 GHz f=1.65 GHz
Test Conditions Min.
PIN= 0.8 W PIN= 0.8 W PIN= 0.8 W VCE=28V VCE=28V VCE=28V 10 11 48
Value Typ.
-------
Max.
-------
Unit
W dB %
Gpe
MSC0931.PDF 10-13-98
MS3102
PACKAGE MECHANICAL DATA
MSC0931.PDF 10-13-98


▲Up To Search▲   

 
Price & Availability of MS3102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X