Part Number Hot Search : 
N74F651 TN600A AO340 29SL800 WP424YDT C1228HA 2SB1623A 271MH
Product Description
Full Text Search
 

To Download ML6691 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 March 1997
ML6691* 100BASE-T MII-to-PMD Transceiver
GENERAL DESCRIPTION
The ML6691 implements the upper portion of the physical layer for the Fast Ethernet 100BASE-T standard. Functions contained in the ML6691 include a 4B/5B encoder/ decoder, a Stream Cipher scrambler/descrambler, and collision detect. Additional functions of the ML6691 -- accessible through the two-wire MII management interface -- include full duplex operation, loopback, power down mode, and MII isolation. The ML6691 is designed to interface to a 100BASE-T Ethernet Media Access Controller (MAC) via the MII (Media Independent Interface) on one side, and a 100BASE-X PMD transceiver on the other side. A complete 100BASE-TX physical layer (PHY) solution is realized using the ML6691, the ML6673, and one of the available clock recovery/generation devices. A 100BASEFX physical layer solution is implemented by disabling the scrambler function of the ML6691 and using an external optical PMD.
FEATURES
s s s s s s s s s
Conforms to the Fast Ethernet 100BASE-T IEEE 802.3 standard Integrated 4B/5B encoder/decoder Integrated Stream Cipher scrambler/descrambler Compliant MII interface Two-wire serial interface management port for configuration and control On-chip 25 MHz crystal oscillator Interfaces to either AMD's PDT/PDR (AM79865/79866) or Motorola's FCG (MC68836) Used with ML6673 for 100BASE-TX solutions 44-pin PLCC package * This Part Is End Of Life As Of August 1, 2000
BLOCK DIAGRAM
TXC OSC
VCC
GND
TXCLK TXD3 ... TXD0
NIBBLE INPUT REGISTER
4B/5B ENCODER
STREAM CIPHER SCRAMBLER
SYMBOL OUTPUT REGISTER
TSM4 ... TSM0
SD TXEN TXER COL CRS RXDV RXER TRANSMIT STATE MACHINE COLLISION DETECTION RECEIVE STATE MACHINE DCFR
RXCLK RXD3 ... RXD0
NIBBLE OUTPUT REGISTER
5B/4B DECODER
SYMBOL ALIGNER
STREAM CIPHER DESCRAMBLER
SYMBOL INPUT REGISTER
RSM4 ... RSM0 RXC
ISOLATE
FULLDUP
COLTST
LPBK
LINK FAILED
MDIO MDC
MANAGEMENT SECTION CONTROL STATUS
CS LPBK
LOCAL
AD4...AD0
RST
1
ML6691
PIN CONFIGURATION
ML6691 44-PIN PLCC (Q44)
TXCLK MDIO 41 TXEN MDC AD4 AD3 AD2 AD1 AD0 TXC 40 39 TSM4 38 TSM3 37 TSM2 36 TSM1 35 TSM0 34 SD 33 RSM4 32 RSM3 31 RSM2 30 RSM1 29 RSM0 18 RXDV 19 20 RXER RXCLK 21 VCC 22 DCFR 23 GND 24 LOCAL 25 RST 26 CS 27 LPBK 28 RXC VCC 1
6 TXER 7 TXD3 8 TXD2 9 TXD1 10 TXD0 11 CRS 12 COL 13 RXD3 14 RXD2 15 RXD1 16 RXD0 17
5
4
3
2
44
43
42
PIN DESCRIPTION
PIN# NAME FUNCTION PIN# NAME FUNCTION
1,21 2,3,4, 43,44
VCC AD[4:0]
Positive 5 volt supply. Local PHY address. These 5 inputs set the address to which the local physical layer responds. When an address match is detected, the CS output is asserted. Transmit clock output. Continuous 25MHz clock provides the timing reference for the transfer of TXEN, TXER, and TXD[3:0] from the MAC. TXCLK is generated from the TXC input. Transmit enable input. A logic high enables the transmit section of the ML6691. This signal indicates the MAC is transmitting nibble-wide data. TXEN is synchronous to TXCLK. Transmit error input. When TXER is high , while TXEN is asserted, the ML6691 will insert an "H" symbol in the data stream. TXER is synchronous to TXCLK.
12
CRS
Carrier sense output. A logic high indicates that either the transmit or receive medium is non-idle. CRS is deasserted when both transmit and receive are idle. Collision detect output. A logic high indicates a collision (simultaneous transmit and receive in half duplex mode).
13
COL
5
TXCLK
14-17
6
TXEN
RXD[3:0] Receive nibble data outputs. Nibblewide data for transmission to the MAC. RXD[0] is the least significant bit. RXD[3:0] is synchronous to RXCLK. RXDV Receive data valid output. A logic high indicates the ML6691 is presenting valid nibble-wide data. RXDV shall remain asserted from the first recovered nibble of the frame through the final recovered nibble. RXDV will be de-asserted prior to the first RXCLK that follows the final nibble. RXDV is synchronous to RXCLK. Receive error output. Active high, indicates that a coding error was detected. RXER is synchronous to RXCLK.
18
7
TXER
8-11
TXD[3:0] Transmit nibble data inputs. Nibblewide data from the MAC. For data transmission TXEN must be asserted. TXD[0] is the least significant bit. TXD[3:0] is synchronous to TXCLK.
19
RXER
2
ML6691
PIN DESCRIPTION (Continued)
PIN# NAME FUNCTION PIN# NAME FUNCTION
20
RXCLK
Receive clock output. Continuous 25 MHz clock provides the timing reference for the transfer of RXDV, RXER, and RXD[3:0] to the MAC. Scrambler/descrambler disable. A logic high on this input disables the Stream Cipher scrambler/descrambler. Ground Local/remote. A logic low on this input places the ML6691 in remote mode, in which the MII interface is disabled at power on or after a reset operation. When low, the isolate bit of the Control register will be set upon power up or reset. Reset. A logic high on this input resets the Status and Control registers to their default states. Chip select. A logic low is generated on this output when the ML6691 detects an address match. Loopback. A logic low on this output indicates the loopback function. Receive symbol clock. A 25 MHz clock input from the PMD layer. The rising edge of RXC is used to sample RSM[4:0].
29-33
RSM[4:0] Receive symbol data inputs. Symbolwide (encoded) data from the PMD layer. SD Signal detect. A logic high on this input indicates the presence of nonquiet data. The internal signal, linkfail, is enabled 330s after SD is asserted.
34
22
DCFR
23 24
GND LOCAL
35-39
TSM[4:0] Transmit symbol data outputs. Symbolwide (encoded) data for transfer to the PMD layer. TXC Transmit symbol clock input. Input used to generate TXCLK. Use either a 25 MHz crystal or a 25 MHz clock between TXC input and GND. Management data input/output. A bi-directional signal used to transfer control and status information between the ML6691 and the MAC. MDIO is synchronous to MDC. Management data clock input. A lowfrequency aperiodic clock used as the timing reference for transfer of information on the MDIO signal.
40
41
MDIO
25
RST
26
CS
42
MDC
27 28
LPBK RXC
3
ML6691
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Supply Voltage (VCC) ................................................ 6.0V GND ................................................ -0.3V to VCC + 0.3V Logic Inputs ..................................... -0.3V to VCC + 0.3V Input Current per Pin............................................ 25mA Storage Temperature .............................. -65C to +150C Package Dissipation at TA = 25C ....................... 750mW Lead Temperature (soldering 10 sec.) ..................... 300C
OPERATING CONDITIONS
Supply Voltage (VCC) .................................... 4.5V to 5.5V Temperature Range ................................ 0C < TA < 70C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V 10%, CL = 15pF, TA = TMIN to TMAX
PARAMETER DC Characteristics Logic Input Low Logic Input High Logic Input Low Current Logic Input High Current Logic Output Low Logic Output High Input Capacitance AC Characteristics TXD Setup Time TXD Hold Time TXC to TSM Delay RSM Setup Time RSM Hold Time RXCLK to RXD Delay MDIO Setup Time MDIO Hold time MDC to MDIO Delay t1 t2 t3 t4 t5 t6 t7 t8 t9 15 0 5 10 5 0 10 10 0 300 10 25 ns ns ns ns ns ns ns ns ns VIL VIH IIL IIH VOL VOH CIN All except TXC TXC All except TXC TXC VIN = 0, all except TXC VIN = 0, TXC VIN = VCC, all except TXC VIN = VCC, TXC IOL = -4mA IOH = 4mA All except TXC TXC 2.4 8 12 2.0 3.5 -10 -100 10 100 0.4 0.8 1.5 V V A A V V pF SYMBOL CONDITIONS MIN TYP MAX UNITS
4
ML6691
TXCLK TXEN, TXER, TXD[3:0] t1 t2 RXCLK RXDV, RXER, RXD[3:0] t6
Transmit Timing Relationships (MII Interface)
Receive Timing Relationships (MII Interface)
TXC TSM[4:0] t3
MDC MDIO t7 t8
Transmit Timing Relationships (Physical Interface)
Management Timing Relations (Sourced by STA)
MDC RXC MDIO RSM[4:0] t4 t5 t9
Receive Timing Relationships (Physical Interface)
Management Timing Relations (Sourced by PHY)
TXCLK TXEN TXER TXD[3:0] TSM[4:0] I J K H T R I
Transmission Timing
RXCLK RXDV RXER RSM[4:0] RXD[3:0] I J 0000 K 0101 H T R I 0000
Receiving Timing
5
ML6691
FUNCTIONAL DESCRIPTION
To describe the function of the ML6691, the device is separated into three sections, the Transmit Section, the Receive Section, and the Management section. Each section is discussed below. TRANSMIT SECTION The transmit section is responsible for converting transmit nibble data on the MII lines from the MAC into encoded and ciphered transmit symbols, as shown in Figure 1. The nibble input register samples the transmit nibble data on the MII lines and passes the nibble data onto the encoder. The encoder then converts the data to 4B/5B code (see Table 1) under the direction of the state machine. The state machine detects the leading edges of transmit enable and impresses the start of frame delimiter -- the JK pair -- ignoring the TXD<3:0> during these two symbol times. If,
HEX/4B 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 SYMBOL/5B 11110 01001 10100 10101 01010 01011 01110 01111 10010 10011 10110 10111 11010 11011 11100 11101 HEX/4B J K T R H IDLE SYMBOL/5B 11000 10001 01101 00111 00100 11111
while transmit enable is asserted, the transmit error is asserted, the H symbol will be impressed except during the time the JK pair is emitted. Following the trailing edge of transmit enable, the end of frame delimiter -- the TR pair -- is generated, after which the IDLE symbol is generated to fill the space between frames. The encoded data is then enciphered by performing a XOR with the output of the cipher register. The cipher register is a linear feedback shift register which generates the cipher bit stream which is used to scramble the transmit symbol data. The Boolean algebra expression is listed below. TCFR11 = TCFR6 TCFR10 = TCFR5 TCFR9 = TCFR4 TCFR8 = TCFR3 TCFR7 = TCFR2 TCFR6 = NOT (TCFR11 OR TCFR10 OR TCFR9 OR TCFR8 OR TCFR7 OR TCFR6 OR TCFR5 OR TCFR4 OR TCFR3 OR TCFR2) OR TCFR1 TCFR5 = TCFR11 XOR TCFR9 TCFR4 = TCFR10 XOR TCFR8 TCFR3 = TCFR9 XOR TCFR7 TCFR2 = TCFR8 XOR TCFR6 TCFR1 = TCFR7 XOR TCFR5 The enciphered data are then passed to the symbol output register which drives the generated symbol data out to the PMD transceiver. Collision detect is implemented by noting the occurrence of reception during transmission. A linkfail indication at any time causes an immediate transition to the IDLE state and supersedes any other transmit operation.
Table 1. 4B/5B Encoding Table
TRANSMIT NIBBLE DATA (TXD[3:0]) TRANSMIT TRANSMIT ERROR ENABLE (TXER) (TXEN) LINK FAIL TRANSMIT NIBBLE CLOCK (TXCLK)
NIBBLE INPUT REGISTER
TRANSMIT STATE MACHINE
ENCODER/ ENCIPHER
CIPHER REGISTER
TRANSMITTING
CARRIER AND COLLISION DETECT SYMBOL OUTPUT REGISTER
RECEIVING COLLISION (COL)
CARRIER SENSE (CRS)
TRANSMIT SYMBOL DATA (TSM[4:0])
TRANSMIT SYMBOL CLOCK (TXC)
Figure 1. Transmit Section Block Diagram
6
ML6691
RECEIVE SECTION The receive section is responsible for converting received unaligned symbols into deciphered, aligned and decoded nibble data on the MII lines, as shown in Figure 2. The receive symbol input register samples the receive symbol data from the PMD transceiver and passes the symbol data onto the decipher process. The cipher lock is restored by reloading the decipher register after detecting 13 consecutive IDLE symbols which must occur between packets. The decipher function is then performed by an exclusive-OR of the output of the decipher register and the input symbols. The decipher symbol data are then passed to the symbol aligner. The symbols are broken into arbitrary five-bit groups. The alignment is achieved by scanning the codebit stream for the JK pair following the idle symbols. The decoder translates the 4B/5B coded deciphered and aligned symbols into hex nibbles. The decoder along with the state machine also examines the symbol stream for packet framing information. The JK is converted back to 55 and the TR into 00. The decoder also flags invalid symbol codes and generates the receive error signal. The state machine also generates the receive data valid signal. A premature stream termination is caused by the detection of two IDLE symbols prior to an TR. A linkfail signal will also terminate the receive operation immediately. Note, the "Bad SSD" state is not implemented in the receive state machine of the ML6691.
RECEIVE SYMBOL DATA (RSM[4:0])
RECEIVE SYMBOL CLOCK (RXC)
SYMBOL INPUT REGISTER DECIPHER LOCK SUBSECTION
DECIPHER
LINK FAIL
SYMBOL ALIGNER
RECEIVING
RECEIVE STATE MACHINE
DECODER
RECEIVE RECEIVE ERROR DATA VALID (RXDV) (RXER)
NIBBLE OUTPUT REGISTER
RECEIVE NIBBLE DATA (RXD[3:0])
RECEIVE NIBBLE CLOCK (RXCLK)
Figure 2. Receive Section Block Diagram
7
ML6691
MANAGEMENT SECTION The ML6691 implements the applicable portions of the IEEE 802.3 Control and Status registers. The management section provides a two-wire serial interface for the purpose of control and status gathering. The MDIO pin is a bi-directional signal used to transfer control information between the ML6691 and the MAC. Data on MDIO is clocked using the MDC pin. The following frame structure is used:
PRE ST READ WRITE 1 1 01 01
OP 10 01
PHYAD AAAAA AAAAA
REGAD RRRRR RRRRR
TA Z0 10
DATA DDDDDDDDDDDDDDDD DDDDDDDDDDDDDDDD
IDLE Z Z
PRE (Preamble) The preamble condition on the two wire interface is a logic one. Prior to initiation of any other transaction, a sequence of 32 consecutive logic ones must be presented on MDIO with 32 corresponding cycles on MDC to establish synchronization. ST (Start of Frame) The start of frame is indicated by a <01> pattern. This pattern assures transitions from the default logic one line state to zero and back to one. OP (Operation Code) The operation code for a read transaction is <10>, while the operation code for a write transaction is <01>. PHYAD (PHY Address) The PHY Address is five bits, allowing 32 unique PHY addresses. The first PHY address bit transmitted and received is the MSB of the address.
REGAD (Register Address) The Control register is address <00000>, and the Status register is address <00001>.
TA (Turnaround) The turnaround time is a 2 bit time spacing between the Register Address field and the Data field of a management frame to avoid contention during a read transaction. DATA (Data) The data field is 16-bits. The first data bit transmitted and received shall be bit 15 of the register being addressed. CONTROL REGISTER Table 2 shows the applicable portions of the Control registers that are implemented in the ML6691. Bits 12, 9, and 6-0 are read-only and have default values of logic low.
CONTROL REGISTER
BIT 15 14 13 11 10 8 7
NOTE:
NAME Reset Loopback Speed Selection Power Down Isolate Duplex Mode Collision Test
DESCRIPTION 1 = reset 0 = normal operation 1 = loopback 0 = normal operation 1 = 100Mb/s 0 = 10Mb/s 1 = power down 0 = normal operation 1= electrically isolate from MII 0 = normal operation 1 = full duplex 0 = half duplex 1 = test Col signal 0 = normal operation
R/W R/W SC R/W R R/W R/W R/W R/W
DEFAULT 0 0 1 0 Determined by LOCAL 0 0
R/W = Read/Write, SC = Self Clearing
Table 2. Control Register
8
ML6691
Reset: By setting this bit to a logic one, the Control register will be reset to its default values. This bit self-clears upon completion of the reset operation. Loopback: By setting this bit to a logic one, the LPBK pin will be held at a logic low. The COL signal will remain low at all times, unless bit 7 is set, in which case the COL signal shall behave as described. Speed Selection: This bit is read-only and set at a logic one by default. Power Down: By setting this bit to a logic one, the oscillator and all the MII input buffers except for MDIO and MDC will be shut down. Isolate: By setting this bit a logic one, the ML6691 can be electrically isolated from the MII. In the isolation mode, the input TXEN will be ignored and TXD[3:0] and TXER shall not have any effect on the transmit section. All the output buffers connected to the MII will be tri-stated. The default state of this bit is determined by the LOCAL pin. Duplex Mode: ML6691 will operate in Full Duplex mode when this bit is set to a logic one. The COL signal will remain low unless bit 7 is set. Collision Test: By setting this bit to a logic one, the COL signal will be asserted in response to the assertion of TXEN, and will continue to assert the COL signal until TXEN is deasserted. STATUS REGISTER Table 3 shows the applicable portions of the Status register that are implemented in the ML6691. Bits 15, 12-3, 1, and 0 are read-only and have default values of logic low. 100BASE-TX Full Duplex ML6691 can perform full duplex link transmission and reception using the 100BASE-TX signaling specification. This bit is always read as a logic one. 100BASE-TX Half Duplex ML6691 can perform half duplex link transmission and reception using the 100BASE-TX signaling specification. This bit is always read as a logic one. Link Status When read as a logic one, this bit indicates that a valid link has been established. The link status bit is implemented with a latching function, such that the occurrence of a link failure condition will cause the link status bit to become cleared and remain cleared until it is read via the management interface.
STATUS REGISTER
BIT 14 13 2
NOTE:
NAME 100Base-TX Full Duplex 100Base-TX Half Duplex Link Status
DESCRIPTION 1 = able to perform full duplex 0 = not able to perform full duplex 1 = able to perform full duplex 0 = not able to perform full duplex 1 = link is up 0 = link is down
R/W R/O R/O R/O LL
R/O = Read Only, LL = Latching Low
Table 3. Status Register
9
ML6691
PHYSICAL DIMENSIONS inches (millimeters)
Package: Q44 44-Pin PLCC
0.685 - 0.695 (17.40 - 17.65) 0.650 - 0.656 (16.51 - 16.66) 1 0.042 - 0.056 (1.07 - 1.42) 0.025 - 0.045 (0.63 - 1.14) (RADIUS)
0.042 - 0.048 (1.07 - 1.22) 12
PIN 1 ID 0.650 - 0.656 0.685 - 0.695 (16.51 - 16.66) (17.40 - 17.65) 0.500 BSC (12.70 BSC) 0.590 - 0.630 (14.99 - 16.00)
34
23 0.050 BSC (1.27 BSC) 0.026 - 0.032 (0.66 - 0.81) 0.165 - 0.180 (4.06 - 4.57) 0.148 - 0.156 (3.76 - 3.96) 0.009 - 0.011 (0.23 - 0.28) 0.100 - 0.112 (2.54 - 2.84)
0.013 - 0.021 (0.33 - 0.53)
SEATING PLANE
ORDERING INFORMATION
PART NUMBER ML6691CQ TEMPERATURE RANGE 0C to 70C PACKAGE 44-PIN PLCC (Q44) (End Of Life)
(c) Micro Linear 1997 is a registered trademark of Micro Linear Corporation Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.
2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295
DS6691-01
10


▲Up To Search▲   

 
Price & Availability of ML6691

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X