|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Resistors Thick film rectangular MCR50 (5025 size: 1 / 2W) FFeatures 1) Made of same material as the general purpose chip resistors (MCR10 / 18). 2) Highly reliable chip resistor Ruthenium oxide dielectric offers superior resistance to the elements. 3) Electrodes not corroded by soldering FRatings Both flow and reflow soldering can be used. 4) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product before using or ordering it. FBefore using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage. 1 Resistors FCharacteristics MCR50 2 Resistors FExternal dimensions (Units: mm) MCR50 FPackaging 3 Resistors FMakeup of the part number MCR50 FDimensions FElectrical characteristics 4 Resistors MCR50 5 Resistors MCR50 6 |
Price & Availability of MCR505025SIZE12W |