Part Number Hot Search : 
2415S 01M35V8 2415S 1N5818WB BPC3510 G100EI T200A 19800
Product Description
Full Text Search
 

To Download MC33064D-005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC34064, MC33064, NCV33064 Undervoltage Sensing Circuit
The MC34064 is an undervoltage sensing circuit specifically designed for use as a reset controller in microprocessor-based systems. It offers the designer an economical solution for low voltage detection with a single external resistor. The MC34064 features a trimmed-in-package bandgap reference, and a comparator with precise thresholds and built-in hysteresis to prevent erratic reset operation. The open collector reset output is capable of sinking in excess of 10 mA, and operation is guaranteed down to 1.0 V input with low standby current. The MC devices are packaged in 3-pin TO-92, micro size TSOP-5, 8-pin SOIC-8 and Micro8t surface mount packages. The NCV device is packaged in SOIC-8 and TO-92. Applications include direct monitoring of the 5.0 V MPU/logic power supply used in appliance, automotive, consumer and industrial equipment.
Features http://onsemi.com
TO-92 P SUFFIX CASE 29 Pin 1. Reset 2. Input 3. Ground 3 SOIC-8 D SUFFIX CASE 751 Micro8 DM SUFFIX CASE 846A TSOP-5 SN SUFFIX CASE 483 Pin 1. 2. 3. 4. 5. Reset Input Ground NC NC
1
2
8 1 8 1 5 1
* * * * * * * * * * *
Trimmed-In-Package Temperature Compensated Reference Comparator Threshold of 4.6 V at 25C Precise Comparator Thresholds Guaranteed Over Temperature Comparator Hysteresis Prevents Erratic Reset Reset Output Capable of Sinking in Excess of 10 mA Internal Clamp Diode for Discharging Delay Capacitor Guaranteed Reset Operation with 1.0 V Input Low Standby Current Economical TO-92, TSOP-5, SOIC-8 and Micro8 Surface Mount Packages NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes Pb-Free Packages are Available
Input 2 (2) Reset 1 (1)
PIN CONNECTIONS
Reset 1 Input 2 N.C. 3 Ground 4 (Top View) 8 N.C. 7 N.C. 6 N.C. 5 N.C.
ORDERING INFORMATION
1.2 Vref
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
GND 3 (4) = Sink Only Positive True Logic
See general marking information in the device marking section on page 7 of this data sheet.
Pin numbers adjacent to terminals are for the 3-pin TO-92 package. Pin numbers in parenthesis are for the 8-lead packages. This device contains 21 active transistors.
Figure 1. Representative Block Diagram
(c) Semiconductor Components Industries, LLC, 2005
1
February, 2005 - Rev. 12
Publication Order Number: MC34064/D
MC34064, MC33064, NCV33064
MAXIMUM RATINGS
Rating Power Input Supply Voltage Reset Output Voltage Reset Output Sink Current (Note 2) Clamp Diode Forward Current, Pin 1 to 2 (Note 2) Power Dissipation and Thermal Characteristics P Suffix, Plastic Package Maximum Power Dissipation @ TA = 25C Thermal Resistance, Junction-to-Air D Suffix, Plastic Package Maximum Power Dissipation @ TA = 25C Thermal Resistance, Junction-to-Air DM Suffix, Plastic Package Maximum Power Dissipation @ TA = 25C Thermal Resistance, Junction-to-Air Operating Junction Temperature Operating Ambient Temperature MC34064 MC33064 NCV33064 Storage Temperature Range Symbol Vin VO ISink IF Value -1.0 to 10 10 Internally Limited 100 Unit V V mA mA
PD RqJA PD RqJA PD RqJA TJ TA
625 200 625 200 520 240 +150 0 to +70 -40 to +85 -40 to +125
mW C/W mW C/W mW C/W C C
Tstg
-65 to +150
C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (For typical values TA = 25C, for min/max values TA is the operating ambient temperature range that applies [Notes 3 and 4] unless otherwise noted.)
Characteristics COMPARATOR Threshold Voltage High State Output (Vin Increasing) Low State Output (Vin Decreasing) Hysteresis RESET OUTPUT Output Sink Saturation (Vin = 4.0 V, ISink = 8.0 mA) (Vin = 4.0 V, ISink = 2.0 mA) (Vin = 1.0 V, ISink = 0.1 mA) Output Sink Current (Vin, Reset = 4.0 V) Output Off-State Leakage (Vin, Reset = 5.0 V) Clamp Diode Forward Voltage, Pin 1 to 2 (IF = 10 mA) TOTAL DEVICE Operating Input Voltage Range Quiescent Input Current (Vin = 5.0 V) Vin Iin 1.0 to 6.5 - - 390 - 500 V mA VOL - - - ISink IOH VF 10 - 0.6 0.46 0.15 - 27 0.02 0.9 1.0 0.4 0.1 60 0.5 1.2 mA mA V V V VIH VIL VH 4.5 4.5 0.01 4.61 4.59 0.02 4.7 4.7 0.05 Symbol Min Typ Max Unit
2. Maximum package power dissipation limits must be observed. 3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. Thigh = +70C for MC34064 4. Tlow = 0C for MC34064 -40C for MC33064 +85C for MC33064 -40C for NCV33064 +125C for NCV33064 5. NCV prefix is for automotive and other applications requiring site and change control.
http://onsemi.com
2
MC34064, MC33064, NCV33064
10 RL = 10 k to Vin TA = 25C VO , OUTPUT VOLTAGE (V) VO , OUTPUT VOLTAGE (V) 8.0 6.0 4.0 2.0 0 4.0 3.0 2.0 1.0 0 5.0 RL = 10 k to Vin TA = 25C
0
2.0
4.0 6.0 Vin, INPUT VOLTAGE (V)
8.0
10
4.560
4.580
4.600 Vin, INPUT VOLTAGE (V)
4.620
4.640
Figure 2. Reset Output Voltage versus Input Voltage
Figure 3. Reset Output Voltage versus Input Voltage
4.630 V th, THRESHOLD VOLTAGE (V) RL = 10 k to Vin 4.620 4.610 4.600 4.590 4.580 4.570 -55 Lower Threshold Low State Output -25 0 25 50 75 100 125 I in , INPUT CURRENT (mA) Upper Threshold High State Output
1.0 0.8 0.6 +85C 0.4 0.2 0 TA = +25C +85C -40C TA = +25C -40C
0
2.0
4.0
6.0
8.0
10
TA, AMBIENT TEMPERATURE (C)
Vin, INPUT VOLTAGE (V)
Figure 4. Comparator Threshold Voltage versus Temperature
Figure 5. Input Current versus Input Voltage
2.0 Vin = 4.0 V V OL, OUTPUT SATURATION (V) 1.5 TA = 85C TA = -40C 1.0 4.0 V -
Vin 10k Reset
Reset TA = 25C 90%
Vin = 5.0 V to 4.0 V RL = 10 k TA = 25C
Vin 5.0 V -
0.5 10% 0
5.0V 4.0V
REF
0
10
20 30 ISink, SINK CURRENT (mA)
40 200 ns/DIV
Figure 6. Reset Output Saturation versus Sink Current
Figure 7. Reset Delay Time
http://onsemi.com
3
MC34064, MC33064, NCV33064
80 I F , FORWARD CURRENT (mA) Vin = 0 V TA = 25C 60
40
20
0
0
0.4
0.8 1.2 VF , FORWARD VOLTAGE (V)
1.6
Figure 8. Clamp Diode Forward Current versus Voltage
+ Power Supply
2 (2) 1 (1)
R Reset Microprocessor Circuit
-
- + 1.2 Vref
CDLY
A time delayed reset can be accomplished with the addition of CDLY. For systems with extremely fast power supply rise times (<500 ns) it is recommended that the RCDLY time constant be greater than 5.0 ms. Vth(MPU) is the microprocessor reset input threshold. 1 tDLY = RCDLY In 1- Vth(MPU) Vin
3 (4)
Figure 9. Low Voltage Microprocessor Reset TEST DATA
RH + Power Supply 1 (1) - - + 1.2Vref VH 4.6 RH + 0.02 RL Iin 2 (2) RL Reset VH (mV) 20 51 40 81 71 112 100 164 190 327 276 480 DVth (mV) 0 3.4 6.8 6.8 10 10 16 16 34 34 51 51 RH (W) 0 10 20 20 30 30 47 47 100 100 150 150 RL (kW) 0 1.5 4.7 1.5 2.7 1.5 2.7 1.5 2.7 1.5 2.7 1.5
Microprocessor Circuit
DVth(lower) 340 RH x 10-6 Where: RH 150 W Where: RL 1.5 W, 10 kW
3 (4)
Comparator hysteresis can be increased with the addition of resistor RH. The hysteresis equation has been simplified and does not account for the change of input current Iin as VCC crosses the comparator threshold (Figure 4). An increase of the lower threshold DVth(lower) will be observed due to Iin which is typically 340 mA at 4.59 V. The equations are accurate to 10% with RH less than 150 W and RL between 1.5 kW and 10 kW .
Figure 10. Low Voltage Microprocessor Reset with Additional Hysteresis
http://onsemi.com
4
MC34064, MC33064, NCV33064
1.0k + Power Supply - - + 1.2Vref 3 (4) 2 (2) 1 (1)
+ - 2 (2) 1 (1) - + 1.2Vref 3 (4) Solar Cells
Figure 11. Voltage Monitor
25mH Vin = 11.5 to 14.5V 470 22 4.7k 330 2 (2) 1N756 Test + 680 1.2k MPSW51A + 470 1N5819 +
Figure 12. Solar Powered Battery Charger
VO = 5.0 V IO = 50 mA
Conditions Vin = 11.5 V to 14.5 V, IO = 50 mA Vin = 12.6 V, IO = 0 mA to 50 mA Vin = 12.6 V, IO = 50 mA Vin = 12.6 V, IO = 50 mA
Results 35 mV 12 mV 60 mVpp 77%
Line Regulation 1 (1) - + 1.2Vref 3 (4) Load Regulation Output Ripple Efficiency
Figure 13. Low Power Switching Regulator
VCC RL MTP3055EL
270 4.6V 2 (2) 1 (1) - + 1.2Vref 3 (4)
Overheating of the logic level power MOSFET due to insufficient gate voltage can be prevented with the above circuit. When the input signal is below the 4.6 V threshold of the MC34064, its output grounds the gate of the L2 MOSFET.
Figure 14. MOSFET Low Voltage Gate Drive Protection
http://onsemi.com
5
MC34064, MC33064, NCV33064
ORDERING INFORMATION
Device MC34064D-005 MC34064D-005G MC34064D-5R2 MC34064D-5R2G MC34064DM-5R2 MC34064DM-5R2G MC34064P-005 MC34064P-005G MC34064P-5RA MC34064P-5RAG MC34064P-5RP MC34064P-5RPG MC34064P-5RM MC34064SN-5T1 MC33064D-005 MC33064D-005G MC33064D-5R2 MC33064D-5R2G MC33064DM-5R2 MC33064DM-5R2G MC33064P-005 MC33064P-005G MC33064P-5RA MC33064P-5RAG MC33064P-5RP MC33064P-5RPG NCV33064D-5R2* NCV33064D-5R2G* NCV33064P-5RA* NCV33064P-5RP* NCV33064DM-5R2* TA = -40C to +125C TJ = -40C to +85C 40C TA = 0C to +70C Operating Temperature Range Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TSOP-5 SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TO-92 TO-92 Micro8 Shipping 98 Units / Rail 98 Units / Rail 2500 Units/ Tape & Reel 2500 Units/ Tape & Reel 4000 Units / Tape & Reel 4000 Units / Tape & Reel 2000 Units / Bag 2000 Units / Bag 2000 Units / Tape & Reel 2000 Units / Tape & Reel 2000 Units / Ammo Pack 2000 Units / Ammo Pack 2000 Units / Ammo Pack 3000 Units / Tape & Reel 98 Units / Rail 98 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 4000 Units / Tape & Reel 4000 Units / Tape & Reel 2000 Units / Bag 2000 Units / Bag 2000 Units / Tape & Reel 2000 Units / Tape & Reel 2000 Units / Ammo Pack 2000 Units / Ammo Pack 2500 Units / Tape & Reel 2500 Units / Tape & Reel 2000 Units / Tape & Reel 2000 Units / Ammo Pack 4000 Units / Tape & Reel
*NCV33064: Tlow = -40C, Thigh = +125C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control.
http://onsemi.com
6
MC34064, MC33064, NCV33064
MARKING DIAGRAMS
TSOP-5 SN SUFFIX CASE 483 5 4 8
SOIC-8 D SUFFIX CASE 751
Micro8 DM SUFFIX CASE 846A 8 Ly50 AYW 1
TO-92 P SUFFIX CASE 29 * MC3x0 64P-5 ALYWW
SDYYW 1 23 1
3x064 ALYW5
SDY = Device Code x = 3 or 4 y = I or C A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week *This marking diagram also applies to NCV33064P.
123
http://onsemi.com
7
MC34064, MC33064, NCV33064
PACKAGE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 29-11 (TO-92) ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
http://onsemi.com
8
MC34064, MC33064, NCV33064
PACKAGE DIMENSIONS
SN SUFFIX PLASTIC PACKAGE CASE 483-02 ISSUE C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. A AND B DIMENSIONS DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 2.90 3.10 0.1142 0.1220 B 1.30 1.70 0.0512 0.0669 C 0.90 1.10 0.0354 0.0433 D 0.25 0.50 0.0098 0.0197 G 0.85 1.05 0.0335 0.0413 H 0.013 0.100 0.0005 0.0040 J 0.10 0.26 0.0040 0.0102 K 0.20 0.60 0.0079 0.0236 L 1.25 1.55 0.0493 0.0610 M 0_ 10 _ 0_ 10 _ S 2.50 3.00 0.0985 0.1181
D
5 1 2 4 3
S
B
L G A J C 0.05 (0.002) H K M
SOLDERING FOOTPRINT
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028SCALE 10:1
mm inches
http://onsemi.com
9
MC34064, MC33064, NCV33064
PACKAGE DIMENSIONS
D SUFFIX PLASTIC PACKAGE CASE 751-07 (SOIC-8 NB) ISSUE AE
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
10
MC34064, MC33064, NCV33064
PACKAGE DIMENSIONS
DM SUFFIX PLASTIC PACKAGE CASE 846A-02 (Micro8) ISSUE F
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. 846A-01 OBSOLETE, NEW STANDARD 846A-02. DIM A B C D G H J K L MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 --- 1.10 0.25 0.40 0.65 BSC 0.05 0.15 0.13 0.23 4.75 5.05 0.40 0.70 INCHES MIN MAX 0.114 0.122 0.114 0.122 --- 0.043 0.010 0.016 0.026 BSC 0.002 0.006 0.005 0.009 0.187 0.199 0.016 0.028
K
-B-
PIN 1 ID
G D 8 PL 0.08 (0.003)
M
TB
S
A
S
-T- PLANE 0.038 (0.0015) H
SEATING
C J L
SOLDERING FOOTPRINT*
8X
1.04 0.041
0.38 0.015
8X
3.20 0.126
4.24 0.167
5.28 0.208
6X
0.65 0.0256
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
11
MC34064, MC33064, NCV33064
Micro8 is a trademark of International Rectifier.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
12
MC34064/D


▲Up To Search▲   

 
Price & Availability of MC33064D-005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X