Part Number Hot Search : 
TB200 IT888 MAX14 C2020 MAX4530 HIROSE GP08B 2SJ265
Product Description
Full Text Search
 

To Download MAX4177 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCEthis data sheet is preliminary INFORMATION All information in
and subject to change.
6/95
380MHz, Gain of +1/Gain of +2 High-Speed Buffers
_______________General Description
The MAX4177/MAX4277 are wide-bandwidth, fast-settling buffer amplifiers featuring high slew rate, high precision, high output current, and low differential gain and phase errors. The MAX4177 is preset for unity voltage gain (0dB), and has a small-signal -3dB bandwidth of 380MHz. The MAX4277 is preset for a voltage gain of +2 (6dB), and has a small-signal -3dB bandwidth of 350MHz. The MAX4177/MAX4277 feature the high slew rate and low power of current-mode feedback amplifiers. However, unlike conventional current-mode feedback amplifiers, these devices have a unique input stage that combines the benefits of current-feedback topology with those of the traditional voltage-feedback topology. This combination of architectures results in low input offset voltage and bias current, and high gain precision and power-supply rejection. The MAX4177/MAX4277 are ideally suited for driving 50 or 75 loads. They are the perfect choice for highspeed cable-driving applications such as video routing. In addition, the devices incorporate a shutdown mode that can be used to disable the output in multiplexer applications and to conserve power. The MAX4177/ MAX4277 are available in 8-pin DIP, SO and MAX packages.
____________________________Features
o High Speed: 380MHz -3dB Bandwidth (MAX4177) 350MHz -3dB Bandwidth (MAX4277) 200MHz Full-Power Bandwidth (MAX4177, VOUT = 2Vp-p) 150MHz Full-Power Bandwidth (MAX4277, VOUT = 2Vp-p) 150MHz 0.1dB Flatness Bandwidth (MAX4177) 120MHz 0.1dB Flatness Bandwidth (MAX4277) o Low Differential Gain and Phase Error: 0.01%/0.01 o High Slew Rate: 1800V/s (MAX4177) o Low Power: 8mA Quiescent Supply Current 400A in Shutdown Mode o High-Impedance Output in Shutdown Mode o Low Input Bias Current: 2A o Low Input Offset Voltage: 0.5mV o Low Input-Referred Voltage Noise: 5nVHz o High Gain Precision: 1.5% Max with 50 Load o High PSRR: 75dB
MAX4177/MAX4277
________________________Applications
Broadcast and High-Definition TV Systems Video Switching and Routing High-Speed Cable Drivers Communications Medical Imaging Precision High-Speed DAC/ADC Buffers
______________Ordering Information
PART MAX4177CPA MAX4177CSA MAX4177CUA TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C PIN-PACKAGE 8 Plastic DIP 8 SO 8 MAX
Ordering Information continued on next page.
__________Typical Operating Circuit
__________________Pin Configuration
TOP VIEW
75 VIN
VOUT
SHDN 1 GND 2 INPUT 3
8
N.C. V+ OUT N.C.
MAX4277
MAX4177 MAX4277
7 6 5
75
75
V- 4
GAIN OF +2 CABLE DRIVER
DIP/SO/MAX
________________________________________________________________ Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
380MHz, Gain of +1/Gain of +2 High-Speed Buffers MAX4177/MAX4277
_Ordering Information (continued)
PART MAX4177EPA MAX4177ESA MAX4177EUA MAX4177MJA MAX4277CPA MAX4277CSA MAX4277CUA MAX4277EPA MAX4277ESA MAX4277EUA MAX4277MJA TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -55C to +125C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 8 Plastic DIP 8 SO 8 MAX 8 CERDIP 8 Plastic DIP 8 SO 8 MAX 8 Plastic DIP 8 SO 8 MAX 8 CERDIP
2
_______________________________________________________________________________________


▲Up To Search▲   

 
Price & Availability of MAX4177

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X