Part Number Hot Search : 
741XKT MAX695 BSP30008 CAT24 GSIB620 2SB822R 20680 BSP30008
Product Description
Full Text Search
 

To Download MAX19586 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3758; Rev 0; 8/05
KIT ATION EVALU BLE AVAILA
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
General Description Features
o 80Msps Minimum Sampling Rate o -82dBFS Noise Floor o Excellent Dynamic Performance 80dB/79.2dB SNR at fIN = 10MHz/70MHz and -2dBFS 96dBc/102dBc Single-Tone SFDR1/ SFDR2 at fIN = 10MHz 84.3dBc/100dBc Single-Tone SFDR1/ SFDR2 at fIN = 70MHz o Less than 0.1ps Sampling Jitter o 1.1W Power Dissipation o 2.56VP-P Fully Differential Analog Input Voltage Range o CMOS-Compatible Two's-Complement Data Output o Separate Data Valid Clock and Over-Range Outputs o Flexible Input Clock Buffer o 3.3V Analog Power Supply; 1.8V Digital Output Supply o Small 8mm x 8mm x 0.8mm 56-Pin Thin QFN Package o EV Kit Available for MAX19586 (Order MAX19586EVKIT)
MAX19586
The MAX19586 is a 3.3V, high-speed, high-performance analog-to-digital converter (ADC) featuring a fully differential wideband track-and-hold (T/H) and a 16-bit converter core. The MAX19586 is optimized for multichannel, multimode receivers, which require the ADC to meet very stringent dynamic performance requirements. With a -82dBFS noise floor, the MAX19586 allows for the design of receivers with superior sensitivity requirements. At 80Msps, the MAX19586 achieves a 79.2dB signal-tonoise ratio (SNR) and an 84.3dBc/100dBc single-tone spurious-free dynamic range (SFDR) performance (SFDR1/SFDR2) at fIN = 70MHz. The MAX19586 is not only optimized for excellent dynamic performance in the 2nd Nyquist region, but also for high-IF input frequencies. For instance, at 130MHz, the MAX19586 achieves an 82.5dBc SFDR and its SNR performance stays flat (within 2.5dB) throughout the 4th Nyquist region. This level of performance makes the part ideal for high-performance digital receivers. The MAX19586 operates from a 3.3V analog supply voltage and a 1.8V digital voltage, features a 2.56VP-P full-scale input range, and allows for a guaranteed sampling speed of up to 80Msps. The input track-and-hold stage operates with a 600MHz full-scale, full-power bandwidth. The MAX19586 features parallel, low-voltage CMOScompatible outputs in two's-complement output format. The MAX19586 is manufactured in an 8mm x 8mm, 56-pin thin QFN package with exposed paddle (EP) for low thermal resistance, and is specified for the extended industrial (-40C to +85C) temperature range.
Ordering Information
PART MAX19586ETN TEMP RANGE PIN-PACKAGE PKG CODE T5688-2 T5688-2
-40C to +85C 56 Thin QFN-EP MAX19586ETN+ -40C to +85C 56 Thin QFN-EP
+Denotes lead-free package.
Applications
DVDD DVDD
Pin Configuration
TOP VIEW
DGND DGND DVDD 28 AGND 27 REFIN 26 REFOUT 25 AVDD 24 AVDD 23 AVDD 22 AGND 21 AGND 20 AGND 19 AVDD 18 AVDD 17 AVDD 16 N.C. 15 N.C. 1 AVDD 2 AVDD 3 AGND 4 CLKP 5 CLKN 6 AGND 7 AGND 8 AGND 9 AGND 10 11 12 13 14 INP INN AGND AGND AGND D8 D7 D6 D5 D4 D3 D2 D1 D0
Cellular Base-Station Transceiver Systems (BTS) Wireless Local Loop (WLL) Multicarrier Receivers Multistandard Receivers E911 Location Receivers High-Performance Instrumentation Antenna Array Processing
42 41 40 39 38 37 36 35 34 33 32 31 30 29 D9 43 D10 44 D11 45 D12 46 D13 47 D14 48 D15 49 DAV 50 DVDD 51 DGND 52 DOR 53 N.C. 54 AVDD 55 AVDD 56
MAX19586
THIN QFN 8mm x 8mm
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
ABSOLUTE MAXIMUM RATINGS
AVDD to AGND ..................................................... -0.3V to +3.6V DVDD to DGND..................................................... -0.3V to +2.4V AGND to DGND.................................................... -0.3V to +0.3V INP, INN, CLKP, CLKN, REFP, REFN, REFIN, REFOUT to AGND....................-0.3V to (AVDD + 0.3V) D0-D15, DAV, DOR, DAV to GND...........-0.3V to (DVDD + 0.3V) Continuous Power Dissipation (TA = +70C) 56-Pin Thin QFN (derate 47.6mW/C above +70C) .........................3809.5mW Operating Temperature Range ..........................-40C to +85C Thermal Resistance JA ..................................................21C/W Thermal Resistance JC .................................................0.6C/W Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(AVDD = 3.3V, DVDD = 1.8V, AGND = DGND = 0, INP and INN driven differentially, internal reference CLKP and CLKN driven differentially, CL = 5pF at digital outputs, fCLK = 80MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER DC ACCURACY Resolution Offset Error Gain Error ANALOG INPUTS (INP, INN) Input Voltage Range Common-Mode Voltage Differential Input Resistance Differential Input Capacitance Full-Power Analog Bandwidth VDIFF VCM RIN CIN BW-3dB -3dB rolloff for FS Input Fully differential input, VIN = VINP - VINN Internally self-biased 2.56 2.2 10 20% 7 600 1.28 10% 1.28 VP-P V k pF MHz N VOS GE 0 -3.5 16 10 20 +3.5 Bits mV %FS SYMBOL CONDITIONS MIN TYP MAX UNITS
REFERENCE INPUT/OUTPUT (REFIN, REFOUT) Reference Input Voltage Range REFIN V V
Reference Output Voltage REFOUT DYNAMIC SPECIFICATIONS (fCLK = 80Msps) Thermal Plus Quantization Noise Floor NF AIN < -35dBFS fIN = 10MHz, AIN = -2dBFS Signal-to-Noise Ratio (First 4 Harmonics Excluded) (Notes 2, 3) fIN = 70MHz, AIN = -2dBFS SNR fIN = 100MHz, AIN = -2dBFS fIN = 130MHz, AIN = -2dBFS fIN = 168MHz, AIN = -2dBFS fIN = 10MHz, AIN = -2dBFS Signal-to-Noise Plus Distortion (Notes 2, 3) fIN = 70MHz, AIN = -2dBFS SINAD fIN = 100MHz, AIN = -2dBFS fIN = 130MHz, AIN = -2dBFS fIN = 168MHz, AIN = -2dBFS 75 77.5
-82 80 79.2 78.5 77.9 77.2 79.6 77.6 77.4 76.4 72.7
dBFS
dB
dB
2
_______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 3.3V, DVDD = 1.8V, AGND = DGND = 0, INP and INN driven differentially, internal reference CLKP and CLKN driven differentially, CL = 5pF at digital outputs, fCLK = 80MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER SYMBOL CONDITIONS fIN = 10MHz, AIN = -2dBFS Spurious-Free Dynamic Range (Worst Harmonic, 2nd and 3rd) fIN = 70MHz, AIN = -2dBFS SFDR1 fIN = 100MHz, AIN = -2dBFS fIN = 130MHz, AIN = -2dBFS fIN = 168MHz, AIN = -2dBFS fIN = 10MHz, AIN = -2dBFS Spurious-Free Dynamic Range (Worst Harmonic, 4th and Higher) (Note 3) fIN = 70MHz, AIN = -2dBFS SFDR2 fIN = 100MHz, AIN = -2dBFS fIN = 130MHz, AIN = -2dBFS fIN = 168MHz, AIN = -2dBFS fIN = 10MHz, AIN = -2dBFS Second-Order Harmonic Distortion fIN = 70MHz, AIN = -2dBFS HD2 fIN = 100MHz, AIN = -2dBFS fIN = 130MHz, AIN = -2dBFS fIN = 168MHz, AIN = -2dBFS fIN = 10MHz, AIN = -2dBFS fIN = 70MHz, AIN = -2dBFS Third-Order Harmonic Distortion HD3 fIN = 100MHz, AIN = -2dBFS fIN = 130MHz, AIN = -2dBFS fIN = 168MHz, AIN = -2dBFS Two-Tone Intermodulation Distortion Two-Tone SFDR CONVERSION RATE Maximum Conversion Rate Minimum Conversion Rate Aperture Jitter CLOCK INPUTS (CLKP, CLKN) Differential Input Swing Common-Mode Voltage Differential Input Resistance Differential Input Capacitance VDIFFCLK VCMCLK RINCLK CINCLK DVDD 0.2 0.2 Fully differential inputs Self-biased 1.0 to 5.0 1.6 10 3 VP-P V k pF fCLKMAX fCLKMIN tJ 0.094 80 20 MHz MHz psRMS TTIMD TTSFDR fIN1 = 65.1MHz, AIN = -8dBFS fIN2 = 70.1MHz, AIN = -8dBFS fIN1 = 65.1MHz, fIN2 = 70.1MHz -100dBFS < AIN < -10dBFS 90 80 MIN TYP 96 84.3 84 82.5 78 102 100 92 94 90 -100 -95 -94 -88.8 -78 -96 -84.3 -84 -82.5 -78 -85.2 99 dBc dBFS -80 dBc -84 dBc dBc dBc MAX UNITS
MAX19586
CMOS-COMPATIBLE DIGITAL OUTPUTS (D0-D15, DOR, DAV) Digital Output High Voltage Digital Output Low Voltage VOH VOL ISOURCE = 200A ISINK = 200A V V
_______________________________________________________________________________________
3
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 3.3V, DVDD = 1.8V, AGND = DGND = 0, INP and INN driven differentially, internal reference CLKP and CLKN driven differentially, CL = 5pF at digital outputs, fCLK = 80MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER CLKP - CLKN High CLKP - CLKN Low Effective Aperture Delay Output Data Delay Data Valid Delay Pipeline Latency CLKP Rising Edge to DATA Not Valid CLKP Rising Edge to DATA Guaranteed Valid DATA Setup Time Before Rising DAV DATA Hold Time After Rising DAV POWER SUPPLIES Analog Power-Supply Voltage Digital Output Power-Supply Voltage Analog Power-Supply Current Digital Output Power-Supply Current Power Dissipation AVDD DVDD IAVDD IDVDD PDISS 3.13 1.7 3.3 1.8 320 28 1105 3.46 1.9 382 35 1325 V V mA mA mW SYMBOL tCLKP tCLKN tAD tDAT tDAV tP tDNV tDGV tS tH (Note 2) (Note 2) Clock duty cycle = 50% (Note 2) Clock duty cycle = 50% (Note 2) 3 3 1.2 6.5 (Note 2) 2.8 (Note 2) (Note 2) CONDITIONS MIN 5 5 -300 3.3 3.8 7 5.0 TYP MAX UNITS ns ns ps ns ns Clock Cycles ns ns ns ns
TIMING SPECIFICATION (Figures 4, 5), CL = 5pF (D0-D15, DOR); CL = 15pF (DAV)
Note 1: +25C guaranteed by production test, < +25C guaranteed by design and characterization. Typical values are at TA = +25C. Note 2: Parameter guaranteed by design and characterization. Note 3: AC parameter measured in a 32,768-point FFT record, where the first 2 bins of the FFT and 2 bins on either side of the carrier are excluded.
4
_______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Typical Operating Characteristics
(AVDD = 3.3V, DVDD = 1.8V, INP and INN driven differentially, internal reference, CLKP and CLKN driven differentially, CL = 5pF at digital outputs, fCLK = 80MHz, TA = +25C. Unless otherwise noted, all AC data based on 32k-point FFT records and under coherent sampling conditions.) FFT PLOT FFT PLOT FFT PLOT (32,768-POINT RECORD) (32,768-POINT RECORD) (261,244-POINT DATA RECORD)
MAX19586 toc01 MAX19586 toc02
-20 AMPLITUDE (dBFS) -40 -60 -80 -100 -120 0 5 10 15
AMPLITUDE (dBFS)
-40 -60 -80 -100 -120
AMPLITUDE (dBFS)
fCLK = 80.00012288MHz fIN = 10.10011317MHz AIN = -2.02dBFS SNR = 80dB SINAD = 79.8dB SFDR1 = 96.2dBc SFDR2 = 101dBc HD2 = -99.6dBc HD3 = -96.2dBc
-20
fCLK = 80.00012288MHz fIN = 70.16368199MHz AIN = -2.06dBFS SNR = 79.3dB SINAD = 77.7dB SFDR1 = 83.3dBc SFDR2 = 98.2dBc HD2 = -93.5dBc HD3 = -83.3dBc 3 2
-20 -40 -60 -80 -100 -120 -140
fCLK = 80.00012288MHz fIN = 130.00050486MHz AIN = -1.82dBFS SNR = 77.7dB SINAD = 76.4dB SFDR1 = 83.1dBc SFDR2 = 91.2dBc HD2 = -89.4dBc HD3 = -83.1dBc 3
2
2
3
20
25
30
35
40
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
SNR/SINAD vs. ANALOG INPUT FREQUENCY (fCLK = 80MHz, AIN = -2dBFS)
MAX19586toc04
SFDR1/SFDR2 vs. ANALOG INPUT FREQUENCY (fCLK = 80MHz, AIN = -2dBFS)
MAX19586toc05
HD2/HD3 vs. ANALOG INPUT FREQUENCY (fCLK = 80MHz, AIN = -2dBFS)
-75 -80 HD2/HD3 (dBc) HD3 -85 -90 -95 -100 -105 -110 HD2
MAX19586toc06
82 80 SNR SNR/SINAD (dB) 78 76 74 72 70 0 20 40 60 SINAD
110 105 SFDR1/SFDR2 (dBc) 100 95 90 85 SFDR1 80 75 70 SFDR2
-70
80 100 120 140 160 180 fIN (MHz)
0
20
40
60
80 100 120 140 160 180 fIN (MHz)
0
20
40
60
80 100 120 140 160 180 fIN (MHz)
SNR vs. ANALOG INPUT AMPLITUDE (fCLK = 80MHz, fIN = 10.10011MHz)
MAX19586toc07
SFDR1 vs. ANALOG INPUT AMPLITUDE (fCLK = 80MHz, fIN = 10.10011MHz)
MAX19586toc08
SFDR2 vs. ANALOG INPUT AMPLITUDE (fCLK = 80MHz, fIN = 10.10011MHz)
MAX19586toc09
85 80 75 SNR (dB, dBFS) 70 65 60 55 50 SNR (dB) SNR (dBFS)
120 110 SFDR1 (dBc, dBFS) 100 90 SFDR1 (dBc) 80 70 SFDR = 90dB REFERENCE LINE SFDR1 (dBFS)
120 110 SFDR2 (dBc, dBFS) 100 90 80 70 60 SFDR = 90dB REFERENCE LINE -40 -35 -30 -25 -20 -15 -10 -5 0 SFDR2 (dBc) SFDR2 (dBFS)
45 40 -40 -35 -30 -25 -20 -15 -10 -5 0 ANALOG INPUT AMPLITUDE (dBFS) 60 -40 -35 -30 -25 -20
-15
-10
-5
0
ANALOG INPUT AMPLITUDE (dBFS)
ANALOG INPUT AMPLITUDE (dBFS)
_______________________________________________________________________________________
MAX19586 toc03
0
0
0
5
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Typical Operating Characteristics (continued)
(AVDD = 3.3V, DVDD = 1.8V, INP and INN driven differentially, internal reference, CLKP and CLKN driven differentially, CL = 5pF at digital outputs, fCLK = 80MHz, TA = +25C. Unless otherwise noted, all AC data based on 32k-point FFT records and under coherent sampling conditions.) SNR vs. ANALOG INPUT AMPLITUDE SFDR1 vs. ANALOG INPUT AMPLITUDE SFDR2 vs. ANALOG INPUT AMPLITUDE (fCLK = 80MHz, fIN = 70.163683MHz) (fCLK = 80MHz, fIN = 70.163683MHz) (fCLK = 80MHz, fIN = 70.163683MHz)
MAX19586toc10 MAX19586toc11
85 80 75 SNR (dB, dBFS) 70 65 60 55 50 45 40 35 -40 -35 -30
SNR (dBFS)
100 SFDR1 (dBc, dBFS) 90 80 70 60 50 40 SFDR1 (dBc)
SFDR1 (dBFS)
110 100 SFDR2 (dBc, dBFS) 90 80 70 60 50 40 SFDR2 (dBc)
SFDR2 (dBFS)
SNR (dB)
SFDR = 90dB REFERENCE LINE
SFDR = 90dB REFERENCE LINE
-25
-20
-15
-10
-5
0
-40
-35
-30
-25
-20
-15
-10
-5
0
-40
-35
-30
-25
-20
-15
-10
-5
0
ANALOG INPUT AMPLITUDE (dBFS)
ANALOG INPUT AMPLITUDE (dBFS)
ANALOG INPUT AMPLITUDE (dBFS)
SNR/SINAD vs. SAMPLING FREQUENCY (fIN = 9.9757395MHz, AIN = -2dBFS)
MAX19586toc13
SFDR/SFDR2 vs. SAMPLING FREQUENCY (fIN = 10.10011MHz, AIN = -2dBFS)
MAX19586toc14
HD2/HD3 vs. SAMPLING FREQUENCY (fIN = 10.10011MHz, AIN = -2dBFS)
MAX19586toc15
83
120 115 110 SFDR1/SFDR2 (dBc) 105 100 95 90 85 80 SFDR1 SFDR2
-70
81 SNR SNR/SINAD (dB) 79 SINAD
-80 HD2/HD3 (dBc)
-90 HD2 -100 HD3
77
75
-110
73 20 30 40 50 60 70 80 90 100 110 fCLK (MHz)
75 20 30 40 50 60 70 80 90 100 110 fCLK (MHz)
-120 20 30 40 50 60 70 80 90 100 110 fCLK (MHz)
SNR/SINAD vs. SAMPLING FREQUENCY (fIN = 70.163683MHz, AIN = -2dBFS)
MAX19586toc16
SFDR1/SFDR2 vs. SAMPLING FREQUENCY (fIN = 70.163683MHz, AIN = -2dBFS)
MAX19586toc17
HD2/HD3 vs. SAMPLING FREQUENCY (fIN = 70.163683MHz, AIN = -2dBFS)
-75 -80 HD2/HD3 (dBc) -85 -90 -95 -100 HD2 HD3
MAX19586toc18
82
105 100 SFDR/SFDR2 (dBc) 95 90 85 80 75 SFDR1
-70
80 SNR/SINAD (dB)
SNR
SFDR2
78
76 SINAD 74
-105 -110 20 30 40 50 60 70 80 90 100 110 20 30 40 50 60 70 80 90 100 110 fCLK (MHz) fCLK (MHz)
72 20 30 40 50 60 70 80 90 100 110 fCLK (MHz)
6
_______________________________________________________________________________________
MAX19586toc12
90
110
120
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Typical Operating Characteristics (continued)
(AVDD = 3.3V, DVDD = 1.8V, INP and INN driven differentially, internal reference, CLKP and CLKN driven differentially, CL = 5pF at digital outputs, fCLK = 80MHz, TA = +25C. Unless otherwise noted, all AC data based on 32k-point FFT records and under coherent sampling conditions.) SNR/SINAD vs. TEMPERATURE SFDR1/SFDR2 vs. TEMPERATURE HD2/HD3 vs. TEMPERATURE (fCLK = 80MHz, fIN = 10.10011MHz, (fCLK = 80MHz, fIN = 10.10011MHz, (fCLK = 80MHz, fIN = 10.10011MHz, AIN = -2dBFS) AIN = -2dBFS) AIN = -2dBFS)
MAX19586toc19 MAX19586toc20
81 SNR SNR/SINAD (dB) 80 SINAD 79 78 77 76 -40 -15 10 35 60
115 110 SFDR1/SFDR2 (dBc) 105 100 95 90 85 80 SFDR1
-85 -90 HD2/HD3 (dBc) -95 -100 -105 -110 -115 HD2 HD3
SFDR2
85
-40
-15
10
35
60
85
-40
-15
10
35
60
85
TEMPERATURE (C)
TEMPERATURE (C)
TEMPERATURE (C)
SNR/SINAD vs. TEMPERATURE (fCLK = 80MHz, fIN = 70.163683MHz, AIN = -2dBFS)
MAX19586toc22
SFDR1/SFDR2 vs. TEMPERATURE (fCLK = 80MHz, fIN = 70.163683MHz, AIN = -2dBFS)
MAX19586toc23
HD2/HD3 vs. TEMPERATURE (fCLK = 80MHz, fIN = 70.163683MHz, AIN = -2dBFS)
-75 -80 HD2/HD3 (dBc) -85 -90 -95 -100 -105 HD2 HD3
MAX19586toc24
81 80 SNR SNR/SINAD (dB) 79 78 SINAD 77 76 75 -40 -15 10 35 60
120 110 SFDR2 SFDR1/SFDR2 (dBc) 100 90 SFDR1 80 70 60
-70
-110 -115 -40 -15 10 35 60 85 -40 -15 10 35 60 85 TEMPERATURE (C) TEMPERATURE (C)
85
TEMPERATURE (C)
POWER DISSIPATION vs. TEMPERTURE
MAX19586toc25
REFERENCE VOLTAGE vs. TEMPERTURE
MAX19586toc26
POWER DISSIPATION vs. ANALOG SUPPLY VOLTAGE
1200 1100 IAVCC, PDISS (mA, mW) 1000 900 800 700 600 500 400 IAVCC 300 200 fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS
MAX19586toc27
1200
POWER DISSIPATION (mW)
1160
fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS
1.300 1.295 REFERENCE VOLTAGE (V) 1.290 1.285 1.280 1.275 1.270 1.265
fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS
1300
PDISS
1120
1080
1040
1000 -40 -15 10 35 60 85 TEMPERATURE (C)
1.260 -40 -15 10 35 60 85 TEMPERATURE (C)
3.15
3.20
3.25
3.30
3.35
3.40
3.45
ANALOG SUPPLY VOLTAGE (V)
_______________________________________________________________________________________
MAX19586toc21
82
120
-80
7
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Typical Operating Characteristics (continued)
(AVDD = 3.3V, DVDD = 1.8V, INP and INN driven differentially, internal reference, CLKP and CLKN driven differentially, CL = 5pF at digital outputs, fCLK = 80MHz, TA = +25C. Unless otherwise noted, all AC data based on 32k-point FFT records and under coherent sampling conditions.)
REFERENCE VOLTAGE vs. ANALOG SUPPLY VOLTAGE
MAX19586toc28
SNR/SINAD vs. ANALOG SUPPLY VOLTAGE
MAX19586toc29
SFDR1/SFDR2 vs. ANALOG SUPPLY VOLTAGE
105 SFDR1/SFDR2 (dBc) 100 95 90 85 80 75 70 fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS 3.15 3.20 3.25 3.30 3.35 3.40 3.45 SFDR2 SFDR1
MAX19586toc30
1.290 1.288 REFERENCE VOLTAGE (V) 1.285 1.283 1.280 1.278 1.275 1.273 1.270
fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS
81 80 79 SNR/SINAD (dB) 78 77
fCLK = 80.00012288MHz fIN = 70.163683MHz SNR AIN = -2dBFS
110
SINAD 76 75 74 73
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.15
3.20
3.25
3.30
3.35
3.40
3.45
ANALOG SUPPLY VOLTAGE (V)
ANALOG SUPPLY VOLTAGE (V)
ANALOG SUPPLY VOLTAGE (V)
HD2/HD3 vs. ANALOG SUPPLY VOLTAGE
MAX19586to31
TWO-TONE SFDR PLOT (32,768-POINT DATA RECORD)
MAX19586 toc32
TWO-TONE SFDR PLOT (32,768-POINT DATA RECORD)
fCLK = 80MHz fIN1 = 65.1002MHz fIN2 = 70.1MHz AIN1 = -8.03dBFS AIN2 = -8.00dBFS TTSFDR = 93.2dBFS
MAX19586 toc33
-70 -75 -80
fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS HD3
0 -20 AMPLITUDE (dBFS) -40 -60 -80 fIN1 fIN2
AMPLITUDE (dBFS)
HD2/HD3 (dBc)
-85 -90 -95 -100 -105 -110 3.15 3.20 HD2
fCLK = 80MHz fIN1 = 10.1001MHz fIN2 = 14.871MHz AIN1 = -8.04dBFS AIN2 = -8.00dBFS TTSFDR = 99.6dBFS
0 -20 -40 -60 2fIN1 - fIN2 -80 -100 -120
fIN2 fIN1
fIN1 + fIN2 -100 -120 3.25 3.30 3.35 3.40 3.45 0 5 10 15 20 25 30 35 40 ANALOG SUPPLY VOLTAGE (V) ANALOG INPUT FREQUENCY (MHz)
0
5
10
15
20
25
30
35
40
ANALOG INPUT FREQUENCY (MHz)
TWO-TONE SFDR vs. ANALOG INPUT AMPLITUDE (fCLK = 80MHz, fIN1 = 10.1MHz, fIN2 = 14.87MHz)
120 110 100 90 80 70 60 50 40 30 20 10 0 120 110 100 90 80 70 60 50 40 30 20 10 0
MAX19586toc34
TWO-TONE SFDR vs. ANALOG INPUT AMPLITUDE (fCLK = 80MHz, fIN1 = 65.1MHz, fIN2 = 70.1MHz)
MAX19586toc35
SFDR (dBFS)
SFDR (dBFS)
TTSFDR (dBc, dBFS)
SFDR (dBc)
TTSFDR (dBc, dBFS)
SFDR (dBc)
SFDR = 90dB REFERENCE LINE
SFDR = 90dB REFERENCE LINE
-100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 ANALOG INPUT AMPLITUDE (dBFS)
-100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 ANALOG INPUT AMPLITUDE (dBFS)
8
_______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Pin Description
PIN 1, 2, 17, 18, 19, 23, 24, 25, 55, 56 3, 6-9, 12, 13, 14, 20, 21, 22, 28 4 5 10 11 15, 16, 54 26 27 29, 41, 42, 51 30, 31, 52 32 33 34 35 36 37 38 39 40 43 44 45 46 47 48 49 50 NAME AVDD FUNCTION Analog Supply Voltage. Provide local bypassing to ground with 0.01F and 0.1F capacitors.
AGND CLKP CLKN INP INN N.C. REFOUT REFIN DVDD DGND D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 DAV
Converter Ground. Analog, digital, and output-driver grounds are internally connected to the same potential. Connect the converter's exposed paddle (EP) to GND. Differential Clock, Positive Input Terminal Differential Clock, Negative Input Terminal Differential Analog Input, Positive Terminal Differential Analog Input, Negative/Complementary Terminal No Connection. Do not connect to this pin. Internal Bandgap Reference Output Reference Voltage Input Digital Supply Voltage. Provide local bypassing to ground with 0.01F and 0.1F capacitors. Converter Ground. Digital output-driver ground. Digital CMOS Output Bit 0 (LSB) Digital CMOS Output Bit 1 Digital CMOS Output Bit 2 Digital CMOS Output Bit 3 Digital CMOS Output Bit 4 Digital CMOS Output Bit 5 Digital CMOS Output Bit 6 Digital CMOS Output Bit 7 Digital CMOS Output Bit 8 Digital CMOS Output Bit 9 Digital CMOS Output Bit 10 Digital CMOS Output Bit 11 Digital CMOS Output Bit 12 Digital CMOS Output Bit 13 Digital CMOS Output Bit 14 Digital CMOS Output Bit 15 (MSB) Data Valid Output. This output can be used as a clock control line to drive an external buffer or dataacquisition system. The typical delay time between the falling edge of the converter clock and the rising edge of DAV is 3.8ns. Data Over-Range Bit. This control line flags an over-/under-range condition in the ADC. If DOR transitions high, an over-/under-range condition was detected. If DOR remains low, the ADC operates within the allowable full-scale range. Exposed Paddle. Must be connected to AGND.
53 --
DOR EP
_______________________________________________________________________________________
9
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Detailed Description
Figure 1 provides an overview of the MAX19586 architecture. The MAX19586 employs an input track-andhold (T/H) amplifier, which has been optimized for low thermal noise and low distortion. The high-impedance differential inputs to the T/H amplifier (INP and INN) are self-biased at 2.2V, and support a full-scale 2.56VP-P differential input voltage. The output of the T/H amplifier is applied to a multistage pipelined ADC core, which is designed to achieve a very low thermal noise floor and low distortion. A clock buffer receives a differential input clock waveform and generates a low-jitter clock signal for the input T/H. The signal at the analog inputs is sampled at the rising edge of the differential clock waveform. The differential clock inputs (CLKP and CLKN) are highimpedance inputs, are self-biased at 1.6V, and support differential clock waveforms from 1VP-P to 5VP-P. The outputs from the multistage pipelined ADC core are delivered to error correction and formatting logic, which deliver the 16-bit output code in two's-complement format to digital output drivers. The output drivers provide 1.8V CMOS-compatible outputs. ential signal inputs to the MAX19586 should be AC-coupled and carefully balanced to achieve the best dynamic performance (see Differential, AC-Coupled Analog Inputs in the Applications Information section for more details). AC-coupling of the input signal is required because the MAX19586 inputs are self-biasing as shown in Figure 2. Although the track-and-hold inputs are high impedance, the actual differential input impedance is nominally 10k because of the two 5k resistors connected to the common-mode bias circuitry. Avoid injecting any DC leakage currents into these analog inputs. Exceeding a DC leakage current of 10A shifts the self-biased common-mode level, adversely affecting the converter's performance.
On-Chip Reference Circuit
The MAX19586 incorporates an on-chip 1.28V, low-drift bandgap reference. This reference potential establishes the full-scale range for the converter, which is nominally 2.56V P-P differential (Figure 3). The internal reference voltage can be monitored by REFOUT. To use the internal reference voltage the reference input (REFIN) must be connected to REFOUT through a 10k resistor. Bypass both pins with separate 1F capacitors to AGND. The MAX19586 also allows an external reference source to be connected to REFIN, enabling the user to overdrive the internal bandgap reference. REFIN accepts a 1.28V 10% input voltage range.
Analog Inputs (INP, INN)
The signal inputs to the MAX19586 (INP and INN) are balanced differential inputs. This differential configuration provides immunity to common-mode noise coupling and rejection of even-order harmonic terms. The differ-
CLKP CLKN
CLOCK BUFFER CMOS DRIVER
AVDD AGND DVDD DAV DOR D0-D15 DGND
INP T/H INN
PIPELINE ADC
CMOS OUTPUT DRIVERS
MAX19586
REFERENCE
REFOUT
REFIN
Figure 1. Block Diagram
10
______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Clock Inputs (CLKP, CLKN)
The differential clock buffer for the MAX19586 has been designed to accept an AC-coupled clock waveform. Like the signal inputs, the clock inputs are self-biasing. In this case, the self-biased potential is 1.6V and each input is connected to the reference potential with a 5k resistor. Consequently, the differential input resistance associated with the clock inputs is 10k. While differential clock signals as low as 0.5VP-P can be used to drive the clock inputs, best dynamic performance is achieved with 1VP-P to 5VP-P clock input voltage levels. Jitter on the clock signal translates directly to jitter (noise) on the sampled signal. Therefore, the clock source must be a very low-jitter (low-phase-noise) source. Additionally, extremely low phase-noise oscillators and bandpass filters should be used to obtain the true AC performance of this converter. See the Differential, AC-Coupled Clock Inputs and Testing the MAX19586 topics in the Applications Information section for additional details on the subject of driving the clock inputs.
System Timing Requirements
Figure 4 depicts the general timing relationships for the signal input, clock input, data output, and DAV output. Figure 5 shows the detailed timing specifications and signal relationships, as defined in the Electrical Characteristics table. The MAX19586 samples the input signal on the rising edge of the input clock. Output data is valid on the rising edge of the DAV signal, with a 7 clock-cycle data latency. Note that the clock duty cycle should typically be 50% 10% for proper operation.
MAX19586
Digital Outputs (D0-D15, DAV, DOR)
Although designed for low-voltage 1.8V logic systems, the logic-high level of the low-voltage CMOS-compatible digital outputs (D0-D15, DAV, and DOR) offer some flexibility, as it allows the user to select the digital voltage within the 1.7V to 1.9V range. For best performance, the capacitive loading on the digital outputs of the MAX19586 should be kept as low as possible (< 10pF). Due to the current-limited dataoutput driver of the MAX19586, large capacitive loads increase the rise and fall time of the data and can make it more difficult to register the data into the next IC. The loading capacitance can be kept low by keeping the output traces short and by driving a single CMOS buffer or latch input (as opposed to multiple CMOS inputs). The output data is in two's-complement format, as illustrated in Table 1. Data is valid at the rising edge of DAV (Figures 4, 5). DAV may be used as a clock signal to latch the output data. Note that the DAV output driver is not current limited, hence it allows for higher capacitive loading.
T/H AMPLIFIER INP TO FIRST QUANTIZER STAGE
5k OTA
5k INN T/H AMPLIFIER TO FIRST QUANTIZER STAGE
Figure 2. Simplified Analog Input Architecture
2.56VP-P DIFFERENTIAL FSR INP INN -640mV
+640mV COMMON-MODE VOLTAGE (2.2V)
Figure 3. Full-Scale Voltage Range ______________________________________________________________________________________ 11
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
7 CLOCK-CYCLE LATENCY N+1 N N+3 N+7 ANALOG INPUT N+4 N+6 N+5 CLOCK INPUT N+2
D0-D15
N-7
N-6
N-5
N-4
N-3
N-2
N-1
N
DAV
Figure 4. General System and Output Timing Diagram
INP
INN tA CLKN N CLKP tDAT D0-D15 N-7 DOR tDAV tS tH N-6 N-5 N-4 tDNV tDGV N+1 N+2 N+3 tCLKP tCLKN
DAV
ENCODE AT CLKP - CLKN > 0 (RISING EDGE) tCLKP CLKP - CLKN > 0 tCLKN CLKP - CLKN < 0 EFFECTIVE APERTURE DELAY tAD tDAT DELAY FROM CLKP TO OUTPUT DATA TRANSITION
tDAV tDNV tDGV tS tH
DELAY FROM CLKN TO DATA VALID CLOCK DAV CLKP RISING EDGE TO DATA NOT VALID CLKP RISING EDGE TO DATA GUARANTEED VALID DATA SETUP TIME BEFORE RISING DAV DATA HOLD TIME AFTER RISING DAV
Figure 5. Detailed Timing Information for Clock Operation
12
______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Table 1. MAX19586 Digital Output Coding
INP ANALOG VOLTAGE LEVEL VCM + 0.64V INN ANALOG VOLTAGE LEVEL VCM - 0.64V D15-D0 TWO'S-COMPLEMENT CODE 0111111111111111 (positive full-scale) 0000000000000000 (midscale + ) 1111111111111111 (midscale - ) 1000000000000000 (negative full-scale)
VCM
VCM
VCM - 0.64V
VCM + 0.64V
The converter's DOR output signal is used to identify over- and under-range conditions. If the input signal exceeds the positive or negative full-scale range for the MAX19586 then DOR will be asserted high. The timing for DOR is identical to the timing for the data outputs, and DOR therefore provides an over-range indication on a sample-by-sample basis.
Applications Information
Differential, AC-Coupled Clock Inputs
The clock inputs to the MAX19586 are driven with an AC-coupled differential signal, and best performance is achieved under these conditions. However, it is often the case that the available clock source is single-ended. Figure 6 demonstrates one method for converting a single-ended clock signal into a differential signal with a transformer. In this example, the transformer turns ratio from the primary to secondary side is 1:1.414. The impedance ratio from primary to secondary is the square of the turns ratio, or 1:2. So terminating the secondary side with a 100 differential resistance results in a 50 load looking into the primary side of the transformer. The termination resistor in this example is comprised of the series combination of two 50 resistors with their common node AC-coupled to ground. Figure 6 illustrates the secondary side of the transformer to be coupled directly to the clock inputs. Since the clock inputs are self-biasing, the center tap of the transformer must be AC-coupled to ground or left floating. If the center tap of the transformer's secondary side is DC-coupled to ground, it is necessary to add blocking capacitors in series with the clock inputs. Clock jitter is generally improved if the clock signal has a high slew rate at the time of its zero-crossing. Therefore, if a sinusoidal source is used to drive the clock inputs the clock amplitude should be as large as
possible to maximize the zero-crossing slew rate. The back-to-back Schottky diodes shown in Figure 6 are not required as long as the input signal is held to a differential voltage potential of 3VP-P or less. If a larger amplitude signal is provided (to maximize the zero-crossing slew rate), then the diodes serve to limit the differential signal swing at the clock inputs. Note that all AC specifications for the MAX19586 are measured within this configuration and with an input clock amplitude of approximately 12dBm. Any differential mode noise coupled to the clock inputs translates to clock jitter and degrades the SNR performance of the MAX19586. Any differential mode coupling of the analog input signal into the clock inputs results in harmonic distortion. Consequently, it is important that the clock lines be well isolated from the analog signal input and from the digital outputs. See the Signal Routing section for more discussion on the subject of noise coupling.
Differential, AC-Coupled Analog Inputs
The analog inputs INP and INN are driven with a differential AC-coupled signal. It is important that these inputs be accurately balanced. Any common-mode signal applied to these inputs degrades even-order distortion terms. Therefore, any attempt at driving these inputs in a single-ended fashion will result in significant even-order distortion terms. Figure 7 presents one method for converting a singleended signal to a balanced differential signal using a transformer. The primary-to-secondary turns ratio in this example is 1:1.414. The impedance ratio is the square of the turns ratio, so in this example the impedance ratio is 1:2. To achieve a 50 input impedance at the primary side of the transformer, the secondary side is terminated with a 100 differential load. This load, in shunt with the differential input resistance of the MAX19586, results in a 100 differential load on the secondary side. It is rea-
______________________________________________________________________________________
13
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
sonable to use a larger transformer turns ratio to achieve a larger signal step-up, and this may be desirable to relax the drive requirements for the circuitry driving the MAX19586. However, the larger the turns ratio, the larger the effect of the differential input impedance of the MAX19586 on the primary-referred input impedance. As stated previously, the signal inputs to the MAX19586 must be accurately balanced to achieve the best evenorder distortion performance.
AVDD DVDD
INP
D0-D15
MAX19586
16 INN 0.1F T2-1T-KK81 49.9
BACK-TO-BACK DIODE
CLKP CLKN AGND DGND
49.9
0.1F
Figure 6. Transformer-Coupled Clock Input Configuration
AVDD DVDD
POSITIVE TERMINAL
0.1F
ADT2-1T
T1-1T-KK81
49.9
INP
D0-D15
MAX19586
49.9 16 INN
0.1F
CLKP CLKN
AGND DGND
Figure 7. Transformer-Coupled Analog Input Configuration with Primary-Side Balun Transformer
14
______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
One note of caution in relation to transformers is important. Any DC current passed through the primary or secondary windings of a transformer may magnetically bias the transformer core. When this happens the transformer is no longer accurately balanced and a degradation in the distortion of the MAX19586 may be observed. The core must be demagnetized to return to balanced operation. performance of the ADC. Figure 8a is a block diagram of a conventional high-speed ADC test system. The input signal and the clock source are generated by lowphase-noise synthesizers (e.g., Agilent 8644B). Bandpass filters in both the signal and the clock paths then attenuate noise and harmonic components. Figure 8b shows the resulting power spectrum, which results from this setup for a 70MHz input tone and an 80Msps clock. Note the substantial lift in the noise floor near the carrier. The bandwidth of this particular noisefloor lift near the carrier corresponds to the bandwidth of the filter in the input signal path. Figure 8c illustrates the impact on the spectrum if the input frequency is shifted away from the center frequency of the input signal filter. Note that the fundamental tone has moved, but the noise-floor lift remains in the same location. This is evidence of the validity of the claim that the lift in the noise floor is due to the test system and not the ADC. In this figure, the magnitude of the lift in the noise floor increased relative to the previous figure because the signal is located on the skirt of the filter and the signal amplitude had to be increased to obtain a signal near full scale. To truly reveal the performance of the MAX19586, the test system performance must be improved substantially. Figure 8d depicts such an improved test system. In this system, the synthesizers provide reference inputs to two dedicated low-noise phase-locked loops (PLLs), one centered at approximately 80MHz (for the clock path) and the other centered at 70MHz (for the signal path). The oscillators in these PLLs are very low-noise oscillators, and the
FFT PLOT (32,768-POINT DATA RECORD)
0 fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS POWER (dBFS) -20 -40 -60 -80 3 2 -100 -120 0 5 10 15 20 25 30 35 40 ANALOG INPUT FREQUENCY (MHz) -100 -120 0 5 10 15 20 25 30 35 40 FREQUENCY (MHz) 2 3 fCLK = 80.00012288MHz fIN = 68MHz AIN = -2dBFS CARRIER WAS INTENTIONALLY LOWERED BY 2MHz TO SHOW THE STATIONARY BEHAVIOR OF THE NOISE
MAX19586
Testing the MAX19586
The MAX19586 has a very low thermal noise floor (-82dBFS) and very low jitter (< 100fs). As a consequence, test system limitations can easily obscure the
AGILENT 8644B
SIGNAL PATH BANDPASS FILTER 10dB 3dB PAD MAX19586
BOTH SIGNAL GENERATORS ARE PHASE-LOCKED AGILENT 8644B
CLOCK PATH BANDPASS FILTER
Figure 8a. Standard High-Speed ADC Test Setup (Simplified Block Diagram)
FFT PLOT (32,768-POINT DATA RECORD)
0 -20 POWER (dBFS) -40 -60 -80
Figure 8b. 70MHz FFT with Standard High-Speed ADC Test Setup
Figure 8c. 68MHz FFT with Standard High-Speed ADC Test Setup 15
______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
AGILENT 8644B SIGNAL PATH VARIABLE BANDPASS ATTENUATOR FILTER REF PLL SIGNAL TUNE 10dB VCXO 3dB PAD MAX19586
LOW-NOISE PLL
AGILENT 8644B
BOTH SIGNAL GENERATORS ARE PHASE-LOCKED CLOCK PATH BANDPASS FILTER REF PLL SIGNAL TUNE 10dB VCXO
LOW-NOISE PLL
Figure 8d. Improved Test System Employing Narrowband PLLs (Simplified Block Diagram)
FFT PLOT (32,768-POINT DATA RECORD)
0 -20 ANALOG POWER (dBFS) -40 SNR (dB) -60 -80 -100 -120 0 5 10 15 20 25 30 35 40 ANALOG INPUT FREQUENCY (MHz) 2 110 fCLK = 80.00012288MHz fIN = 70.163683MHz AIN = -2dBFS 105 100 95 90 85 80 75 70 65 60 10
SNR vs. RMS JITTER PERFORMANCE
INPUT FREQUENCY = 70MHz
3
INPUT FREQUENCY = 140MHz
100 RMS JITTER (fs)
1000
Figure 8e. 70MHz FFT with Improved High-Speed ADC Test Setup
Figure 8f. SNR vs. System Jitter Performance Graph
PLLs act as extremely narrow bandwidth filters (on the order of 20Hz) to attenuate the noise of the synthesizers. The system provides a total system jitter on the order of 20fs. Note that while the low-noise oscillators could be used by themselves without being locked to their respective signal sources, this would result in FFTs that are not coherent and which would require windowing.
16
Figure 8e is an FFT plot of the spectrum obtained when the improved test system is employed. The noise-floor lift in the vicinity of the carrier is now almost completely eliminated. The SNR associated with this FFT is about 79.1dB, whereas the SNR obtained using the standard test system is on the order of 77.6dB.
______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Figure 8f demonstrates the impact of test system jitter on measured SNR. The figure plots SNR due to test system jitter only, neglecting all other sources of noise, for two different input frequencies. For example, note that for a 70MHz input frequency a test system jitter number of 100fs results in an SNR (due to the test system alone) of about 87.1dB. In the case of the MAX19586, which has a -82dBFS noise floor, this is not an inconsequential amount of additional noise. In conclusion, careful attention must be paid to both the input signal source and the clock signal source, if the true performance of the MAX19586 is to be properly characterized. Dedicated PLLs with low-noise VCOs, such as those used in Figure 8d, are capable of providing signals with the required low jitter performance. then connect to the ADC through vias placed in close proximity to the device. The clock lines are isolated from the supply lines as well by virtue of the ground plane on layer 5. As with all high-speed designs, digital output traces should be kept as short as possible to minimize capacitive loading. The ground plane on layer 2 beneath these traces should not be removed so that the digital ground return currents have an uninterrupted path back to the bypass capacitors.
MAX19586
Grounding
The practice of providing a split ground plane in an attempt to confine digital ground-return currents has often been recommended in ADC application literature. However, for converters such as the MAX19586 it is strongly recommended to employ a single, uninterrupted ground plane. The MAX19586 EV kit achieves excellent dynamic performance with such a ground plane. The exposed paddle of the MAX19586 should be soldered directly to a ground pad on layer 1 with vias to the ground plane on layer 2. This provides excellent electrical and thermal connections to the PC board.
Layer Assignments
The MAX19586 EV kit is a 6-layer board, and the assignment of layers is discussed in this context. It is recommended that the ground plane be on a layer between the signal routing layer and the supply routing layer(s). This prevents coupling from the supply lines into the signal lines. The MAX19586 EV kit PC board places the signal lines on the top (component) layer and the ground plane on layer 2. Any region on the top layer not devoted to signal routing is filled with the ground plane with vias to layer 2. Layers 3 and 4 are devoted to supply routing, layer 5 is another ground plane, and layer 6 is used for the placement of additional components and for additional signal routing. A four-layer implementation is also feasible using layer 1 for signal lines, layer 2 as a ground plane, layer 3 for supply routing, and layer 4 for additional signal routing. However, care must be taken to ensure that the clock and signal lines are isolated from each other and from the supply lines.
Supply Bypassing
The MAX19586 EV kit uses 220F capacitors (and smaller values such as 47F and 2F) on power-supply lines AV DD and DV DD to provide low-frequency bypassing. The loss (series resistance) associated with these capacitors is beneficial in eliminating high-Q supply resonances. Ferrite beads are also used on each of the power-supply lines to enhance supply bypassing (Figure 9). Combinations of small value (0.01F and 0.1F), lowinductance surface-mount capacitors should be placed at each supply pin or each grouping of supply pins to attenuate high-frequency supply noise. Place these capacitors on the top side of the board and as close to the converter as possible with short connections to the ground plane.
Signal Routing
To preserve good even-order distortion, the signal lines (those traces feeding the INP and INN inputs) must be carefully balanced. To accomplish this, the signal traces should be made as symmetric as possible, meaning that each of the two signal traces should be the same length and should see the same parasitic environment. As mentioned previously, the signal lines must be isolated from the supply lines to prevent coupling from the supplies to the inputs. This is accomplished by making the necessary layer assignments as described in the previous section. Additionally, it is crucial that the clock lines be isolated from the signal lines. On the MAX19586 EV kit this is done by routing the clock lines on the bottom layer (layer 6). The clock lines
Parameter Definitions
Offset Error
Offset error is a figure of merit that indicates how well the actual transfer function matches the ideal transfer function at a single point. Ideally, the midscale MAX19586 transition occurs at 0.5 LSB above midscale. The offset error is the amount of deviation between the measured midscale transition point and the ideal midscale transition point.
______________________________________________________________________________________
17
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
BYPASSING--ADC LEVEL AVDD DVDD AVDD
BYPASSING--BOARD LEVEL FERRITE BEAD
0.01F
0.1F
0.1F
0.01F 2F 47F 220F
ANALOG POWERSUPPLY SOURCE
AGND DGND D0-D15 DVDD
FERRITE BEAD
MAX19586
16 2F 47F 220F DIGITAL POWERSUPPLY SOURCE
AGND
DGND
Figure 9. Grounding, Bypassing, and Decoupling Recommendations for the MAX19586
Gain Error
Gain error is a figure of merit that indicates how well the slope of the actual transfer function matches the slope of the ideal transfer function. The slope of the actual transfer function is measured between two data points: positive full scale and negative full scale. Ideally, the positive full-scale MAX19586 transition occurs at 1.5 LSBs below positive full scale, and the negative fullscale transition occurs at 0.5 LSB above negative full scale. The gain error is the difference of the measured transition points minus the difference of the ideal transition points.
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNR[max] = 6.02 x N + 1.76 In reality, there are other noise sources besides quantization noise: thermal noise, reference noise, clock jitter, etc. SNR is computed by taking the ratio of the RMS signal to the RMS noise. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first four harmonics (HD2 through HD5), and the DC offset. SNR = 20 x log (SIGNALRMS / NOISERMS)
Small-Signal Noise Floor (SSNF)
Small-signal noise floor is the integrated noise and distortion power in the Nyquist band for small-signal inputs. The DC offset is excluded from this noise calculation. For this converter, a small signal is defined as a single tone with an amplitude of less than -35dBFS. This parameter captures the thermal and quantization noise characteristics of the data converter and can be used to help calculate the overall noise figure of a digital receiver signal path.
Signal-to-Noise Plus Distortion (SINAD)
SINAD is computed by taking the ratio of the RMS signal to the RMS noise plus distortion. RMS noise plus distortion includes all spectral components to the Nyquist frequency excluding the fundamental and the DC offset.
18
______________________________________________________________________________________
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Spurious-Free Dynamic Range (SFDR1 and SFDR2)
SFDR is the ratio expressed in decibels of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest spurious component, excluding DC offset. SFDR1 reflects the MAX19586 spurious performance based on worst 2ndor 3rd-order harmonic distortion. SFDR2 is defined by the worst spurious component excluding 2nd- and 3rdorder harmonic spurs and DC offset. Second-Order Intermodulation Products (IM2): fIN1 + fIN2, fIN2 - fIN1 Third-Order Intermodulation Products (IM3): 2 x fIN1 - fIN2, 2 x fIN2 - fIN1, 2 x fIN1 + fIN2, 2 x fIN2 + fIN1 Fourth-Order Intermodulation Products (IM4): 3 x fIN1 - fIN2, 3 x fIN2 - fIN1, 3 x fIN1 + fIN2, 3 x fIN2 + fIN1, 2 x fIN1 - 2 x fIN2 Fifth-Order Intermodulation Products (IM5): 3 x fIN1 - 2 x fIN2, 3 x fIN2 - 2 x fIN1, 3 x fIN1 + 2 x fIN2, 3 x fIN2 + 2 x fIN1, 4 x fIN1 - fIN2 Note that the two-tone intermodulation distortion is measured with respect to a single-carrier amplitude and not the peak-to-average input power of both input tones.
MAX19586
Two-Tone Spurious-Free Dynamic Range (TTSFDR)
Two-tone SFDR is the ratio of the full scale of the converter to the RMS value of the peak spurious component. The peak spurious component can be related to the intermodulation distortion components, but does not have to be. Two-tone SFDR for the MAX19586 is expressed in dBFS.
Aperture Jitter
Aperture jitter (tAJ) represents the sample-to-sample variation in the aperture delay specification.
Two-Tone Intermodulation Distortion (TTIMD)
IMD is the total power of the IM2 to IM5 intermodulation products to the Nyquist frequency relative to the total input power of the two input tones fIN1 and fIN2. The individual input tone levels are at -8dBFS. The intermodulation products are as follows:
Aperture Delay
Aperture delay (tAD) is the time defined between the rising edge of the sampling clock and the instant when an actual sample is taken (Figure 5).
______________________________________________________________________________________
19
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor MAX19586
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
56L THIN QFN.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. Inc. Products,
Freed


▲Up To Search▲   

 
Price & Availability of MAX19586

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X