|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHINDENGEN Power Switching Regulators MA2000 Series MA2810 OUTLINE DIMENSIONS Case : MA7 Unit : mm RATINGS Absolute Maximum Ratings Item Storage Temperature Operating Temperature Junction Temperature Peak Input Voltage Input Current Maximum Operating Frequency Maximum Power Dissipation Dielectric Strength Insulation Resistance Fold Back Control Voltage Fold Back Control Current Symbol Tstg Top Tj Vin Iin f(max) PD PD Vdis Case Temperature Conditions Ratings P Class N Class Unit V A kHZ W W kV M V mA Unit mA V /W A V V +,-,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX. Pulse Pulse Width 150s MAX, Duty1/2, Sawtooth Wave, Peak Value, +,- Ta=25 Heatsink Tc=100 Terminals To Case AC 1 min Terminals To Case 500VDC VCONT(max) Fold Control Resistance=0Duty 1/2, , ICONT(max) -,+ -30125 -30125 -20125 -20125 150 150 850 850 4 4 200 200 3 3 14 14 2 2 100 100 8 8 100 100 Ratings P Class N Class Electrical Characteristics (Tc=25) Item Symbol Collector Cutoff Current DC Current Gain Collector to Emitter Saturation Voltage Thermal Resistance Reverse Current Forward Voltage Conditions VCE=850V,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX. , , Q1 ICEX hFE VCE(sat) jc IR VF VD(sat) MAX 0.1 MAX 0.1 VCE = 5V, IC = 1.0A, ,,IB IC=1.0A, IB=0.2A, ,,IB Junction to Case VR=800V,+,IF=0.6A,-,+ IC=1.0A, IB=0.2A, +, - 1326 816 D1 Driving Saturation Voltage MAX 1.0 MAX 1.0 MAX 3.57 MAX 3.57 MAX 10 MAX 10 MAX 1.7 MAX 1.7 MIN 1.7 MIN 1.7 MAX 2.3 MAX 2.3 Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd MA2810 Standard Operating ConditionDesign Standard For Application Circuit Item Input Rated Voltage Output Nominal Wattage Output Nominal Voltage Output Nominal Current Conditions Ratings P Class N Class Unit V W V A AC90274 AC90274 12 12 12 12 1 1 Standard Operating ConditionStandard Operating Characteristics Ta=25 Item Conditions Minimum Input Full Load Output Voltage Maximum Input Light Load Output Voltage AC Input Voltage Over Current Protection Foldback Current Short Circuit Ratings P Class N Class Unit V V V A mV P-P Fig 2, Refer Fig 2, Refer Fig 2, Refer Fig 2, Refer Vin=90V, IO=1A Vin=274V, IO=0.65A IO=1A Vin=274V, VO=10V Vin=274V, RO=0.5 Vin=90274V, IO=0.11A 12.00.6 12.00.6 12.00.6 12.00.6 MAX 85 MAX 85 MAX 1.75 MAX 1.75 Nodamage To Any Device, Automatic Recovery. Output Ripple Noise Figure in =Terminal Sign MAX 150 MAX 150 Fig1. Measurement Circuit Fig2. Output Voltage/Current Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd MA2810 Transient Thermal Impedance 1000 100 10 1 Transient Thermal Impedance jc(t) [C/W] 0.1 0.01 10-5 10-3 10-4 10-2 10-1 100 101 102 Time t [s] MA2810 Forward Bias SOA 150s PT limit 50s 1 IS/B limit Collector Current IC [A] 0.1 Tc = 25C Single Pulse 0.01 10 100 1000 Collector-Emitter Voltage VCE [V] MA2810 100 Collector Current Derating Collector Current Rating [%] 80 IS/B limit 60 40 PT limit 20 VCE = fixed 0 0 50 100 150 Junction Temperature Tj [C] MA2810 5 Reverse Bias SOA 4 Collector Current IC [A] 3 2 1 IB1 = 0.25IC IB2 = 0.3A VBB2 = 5V Tc < 125C 0 0 200 400 600 800 1000 Collector-Emitter Voltage VCE [V] MA2810 hFE - I C VCE = 5V 100 Tj = 150C 100C 50C 25C DC Current Gain hFE 10 0C -20C 1 0.001 0.01 0.1 1 Collector Current IC [A] |
Price & Availability of MA2810 |