Part Number Hot Search : 
LT1764E 4761A 4761A D15SB100 1N4754 ML120 MA5889 PSSB05P
Product Description
Full Text Search
 

To Download MA2420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Power Switching Regulators
MA2000 Series
MA2420
OUTLINE DIMENSIONS
Case : MA7 Unit : mm
RATINGS
Absolute Maximum Ratings Item
Storage Temperature Operating Temperature Junction Temperature Peak Input Voltage Input Current Maximum Operating Frequency Maximum Power Dissipation Dielectric Strength Insulation Resistance Fold Back Control Voltage Fold Back Control Current
Symbol Tstg Top Tj Vin Iin f(max) PD PD Vdis
Case Temperature
Conditions
Ratings
P Class N Class
Unit V A kHZ W W kV M V mA Unit mA V /W A V V
+,-,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX.
Pulse Pulse Width 150s MAX, Duty1/2, Sawtooth Wave, Peak Value, +,-
Ta=25 Heatsink Tc=100 Terminals To Case AC 1 min Terminals To Case 500VDC VCONT(max) Fold Control Resistance=0Duty 1/2, , ICONT(max) -,+
-30125 -30125 -20125 -20125 150 150 500 500 6 6 200 200 3 3 12 12 2 2 100 100 8 8 100 100 Ratings
P Class N Class
Electrical Characteristics (Tc=25) Item
Collector Cutoff Current DC Current Gain Collector to Emitter Saturation Voltage Thermal Resistance Reverse Current Forward Voltage
Symbol ICEX hFE VCE(sat) jc IR VF VD(sat)
Conditions
VCE=500V,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX. , ,
MAX 0.1
MAX 0.1
Q1
VCE = 5V, IC = 1.5A, ,,IB IC=1.5A, IB=0.3A, ,,IB Junction to Case VR=450V,+,IF=0.6A,-,+ IC=1.5A, IB=0.3A, +, -
1530
1020
D1
Driving Saturation Voltage
MAX 1.0 MAX 1.0 MAX 4.17 MAX 4.17 MAX 10 MAX 10 MAX 1.7 MAX 1.7 MIN 1.7 MIN 1.7 MAX 2.3 MAX 2.3
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA2420
Standard Operating ConditionDesign Standard For Application Circuit Item
Input Rated Voltage Output Nominal Wattage Output Nominal Voltage Output Nominal Current
Conditions
Ratings
P Class N Class
Unit V W V A
AC90132 AC90132 24 24 12 12 2 2
Standard Operating ConditionStandard Operating Characteristics Ta=25 Conditions Item
Minimum Input Full Load Output Voltage Maximum Input Light Load Output Voltage AC Input Voltage Over Current Protection
Foldback Current Short Circuit
Vin=90V, IO=2A Vin=132V, IO=0.2A IO=2A Vin=132V, VO=10V Vin=132V, RO=0.5 Vin=90132V, IO=0.22A
Ratings P Class N Class 12.00.6 12.00.6 12.00.6 12.00.6
MAX 85 MAX 3.5 MAX 85 MAX 3.5
Unit V V V A mV P-P Fig 2, Refer Fig 2, Refer Fig 2, Refer Fig 2, Refer
Nodamage To Any Device, Automatic Recovery.
Output Ripple Noise Figure in =Terminal Sign
MAX 150
MAX 150
Fig1. Measurement Circuit
Fig2. Output Voltage/Current
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA2420
Transient Thermal Impedance
1000
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-5 10-3
10-4
10-2
10-1
100
101
102
Time t [s]
MA2420
10
Forward Bias SOA
150s
50s
PT limit
Collector Current IC [A]
1 IS/B limit
Tc = 25C Single Pulse 0.1 10 100
Collector-Emitter Voltage VCE [V]
MA2420
100
Collector Current Derating
Collector Current Rating [%]
80
IS/B limit
60
40 PT limit 20
VCE = fixed 0 0 50 100 150
Junction Temperature Tj [C]
MA2420
7
Reverse Bias SOA
6
5
Collector Current IC [A]
4
3
2
1
IB1 = 0.3IC IB2 = 0.9A VBB2 = 5V Tc < 125C 0 100 200 300 400 500 600
0
Collector-Emitter Voltage VCE [V]
MA2420
hFE - I C
VCE = 5V
100
Tj = 150C
100C
50C
DC Current Gain hFE
10 25C
-20C
0C
1 0.001 0.01
0.1
1
Collector Current IC [A]


▲Up To Search▲   

 
Price & Availability of MA2420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X