Part Number Hot Search : 
D201I C550A LVC125 VTC5764C PC817 16BPE MAX17 AD637B
Product Description
Full Text Search
 

To Download LTC4059 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC4059 900mA Linear Li-Ion Battery Charger with Thermal Regulation in 2 x 2 DFN
FEATURES
s s
DESCRIPTIO
s
s
s
s s
s s s
Programmable Charge Current Up to 900mA with 5% Accuracy Charge Current Monitor Output for Charge Termination* Constant-Current/Constant-Voltage Operation with Thermal Regulation to Maximize Charging Rate Without Risk of Overheating* Constant-Current Source Mode for Charging Nickel Batteries No External MOSFET, Sense Resistor or Blocking Diode Required Operating Supply Voltage from 3.75V to 8V Charges Single Cell Li-Ion Batteries Directly from USB Port Preset 4.2V Charge Voltage with 0.6% Accuracy 10A Supply Current in Shutdown Mode Tiny 6-Lead (2mm x 2mm) DFN Package
The LTC(R)4059 is a constant-current/constant-voltage linear charger for single cell lithium-ion batteries. Its 2mm x 2mm DFN package and low external component count make the LTC4059 especially well suited for portable applications. Furthermore, the LTC4059 is designed to work within USB power specifications. No external sense resistor, MOSFET or blocking diode is required. Thermal feedback regulates the charge current to limit the die temperature during high power operation or high ambient thermal conditions. The charge voltage is fixed at 4.2V and the charge current can be programmed with a resistor. When the input supply (wall adapter or USB supply) is removed, the LTC4059 automatically enters a low current state, dropping the battery current drain to less than 1A. With power applied, the LTC4059 can be put into shutdown mode, reducing the supply current to 10A. The LTC4059 can also be used as a constant current source to charge Nickel cells. Other features include undervoltage lockout protection and a current monitor pin which can indicate when to terminate a charge cycle. The LTC4059 is available in a 6-lead, low profile (0.8mm) 2mm x 2mm DFN package.
, LTC and LT are registered trademarks of Linear Technology Corporation. *US Patent 6,522,118
APPLICATIO S
s s s s s
Wireless PDAs Cellular Phones Portable Electronics Wireless Headsets Digital Cameras
TYPICAL APPLICATIO
VIN 4.5V TO 6.5V VCC 1F EN Li CC BAT PROG GND
Complete Charge Cycle (800mAh Battery)
700 600 CONSTANT CURRENT CONSTANT VOLTAGE 4.4 4.2
CHARGE CURRENT (mA)
600mA LTC4059
500 400 300 200 VCC = 5V 100 RPROG = 2k TA = 25C 0 0.5 0
+
2k
4.2V Li-Ion BATTERY
4059 TA01
U
BATTERY VOLTAGE (V)
4.0 3.8 3.6 3.4 3.2 3.0 2.5
4059 TA02
U
U
1
1.5
2
TIME (HOURS)
4059f
1
LTC4059
ABSOLUTE
(Note 1)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW GND 1 Li CC 2 BAT 3 7 6 EN 5 PROG 4 VCC
Input Supply Voltage (VCC) ...................... -0.3V to 10V BAT .......................................................... -0.3V to 10V PROG, EN, Li CC ....................................... -0.3V to 10V BAT Short-Circuit Duration ........................... Continuous BAT Pin Current ............................................... 1000mA PROG Pin Current ............................................. 1000A Junction Temperature .......................................... 125C Operating Temperature Range (Note 2) .. - 40C to 85C Storage Temperature Range ................. - 65C to 125C
O5DE5 PA5T NUMBE5 LTC4059EDC DC6 PA5T MARKING LAFU
DC6 PACKAGE 6-LEAD (2mm x 2mm) PLASTIC DFN TJMAX = 125C, JA = 60C/W TO 85C/W DEPENDING ON PCB LAYOUT (NOTE 3) EXPOSED PAD IS GND (PIN 7) MUST BE SOLDERED TO PCB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V unless otherwise noted.
SYMBOL PARAMETER VCC ICC ICCMS ICCUV VFLOAT IBAT IBMS IBUV VUV VPROG VMS VMSHYS REN VLi CC tLIM RON VCC Supply Voltage Quiescent VCC Supply Current VCC Supply Current in Shutdown VCC Supply Current in Undervoltage Lockout VBAT Regulated Output Voltage BAT Pin Current Battery Drain Current in Shutdown Battery Drain Current in Undervoltage Lockout VCC - VBAT Undervoltage Lockout Threshold PROG Pin Voltage Manual Shutdown Threshold Manual Shutdown Hysteresis EN Pin Input Resistance Voltage Mode Disable Threshold Junction Temperature In Constant Temperature Mode Power FET "ON" Resistance (Between VCC and BAT) VLi CC = 5V, IBAT = 150mA VBAT = 4.5V (Forces IBAT and IPROG = 0) VEN = VCC VCC < VBAT; VCC = 3.5V, VBAT = 4V IBAT = 2mA 4.5V < VCC < 8V, IBAT = 2mA RPROG = 2.43k, Current Mode, VBAT = 3.8V RPROG = 12.1k, Current Mode, VBAT = 3.8V VEN = VCC, VCC > VBAT VCC < VBAT, VBAT = 4V VCC from Low to High, VBAT = 3.7V VCC from High to Low, VBAT = 3.7V RPROG = 2.43k, IPROG = 500A RPROG = 12.1k, IPROG = 100A VEN Increasing VEN Decreasing VEN = 5V VLi CC Increasing VLi CC Decreasing
q q
ELECTRICAL CHARACTERISTICS
CONDITIONS
q q q q
MIN 3.75
TYP 25 10 4
MAX 8 60 25 10 4.225 4.242 525 106 1 4 200 80 1.24 1.24 1.2 3 1.2
UNITS V A A A V V mA mA A A mV mV V V V mV M V mV C
q q q q q q q q q q
4.175 4.158 475 94 0 100 0 1.18 1.18 0.3 1 0.3
4.2 4.2 500 100 0 1 150 35 1.21 1.21 0.92 85 1.85 0.92 85 115 800
VLi CCHYS Voltage Mode Disable Hysteresis
1200
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC4059E is guaranteed to meet performance specifications from 0C to 70C. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls.
Note 3: Failure to solder the exposed backside of the package to the PC board ground plane will result in a thermal resistance much higher than 60C/W.
2
U
m
4059f
W
U
U
WW
W
LTC4059 TYPICAL PERFOR A CE CHARACTERISTICS
Battery Regulation (Float) Voltage vs Battery Charge Current
4.26 4.24 4.22 VCC = 5V TA = 25C RPROG = 2.43k 4.24 4.23 4.22
VFLOAT (V)
VFLOAT (V)
4.18 4.16 4.14 4.12 4.10 0 100 200 300 IBAT (mA) 400 500
4059 G01
4.20 4.19 4.18 4.17 4.16 -50 -25 50 25 TEMPERATURE (C) 0 75 100
4059 G02
VFLOAT (V)
4.20
Charge Current vs Input Voltage
600 500 RPROG = 2.43k 400 THERMAL LIMITING VBAT = 3.85V TA = 25C 600 500 400
IBAT (mA)
IBAT (mA)
300 200 100 0 4 5 6 VCC (V)
4059 G04
300 200
IBAT (mA)
RPROG = 12.1k
7
PROG Pin Voltage vs Charge Current
1.4 1.2 1.0
VPROG (V) VPROG (V)
VCC = 5V TA = 25C RPROG = 2.43k
0.8 0.6 0.4 0.2 0 0 100 200 300 400 500
4059 F07
RPROG = 12.1k 1.21 1.20 1.19 1.18 -50 -25 RPROG = 2.43k
RDS(ON) (m)
IBAT (mA)
UW
8
Battery Regulation (Float) Voltage vs Temperature
VCC = 5V IBAT = 2mA RPROG = 2.43k 4.24 4.23 4.22 4.21 4.20 4.19 4.18 4.17 4.16
Regulated Output (Float) Voltage vs Supply Voltage
TA = 25C IBAT = 10mA RPROG = 2.43k
4.21
4
5
6 VCC (V)
7
8
4059 G03
Charge Current vs Battery Voltage
600
Charge Current vs Ambient Temperature with Thermal Regulation
RPROG = 2.43k 500
Li CC = 5V Li CC = 0V
400
THERMAL CONTROL LOOP IN OPERATION 300 200
100 0
VCC = 5V TA = 25C RPROG = 2.43k 2.5 3 3.5 VBAT (V) 4 4.5
4059 G05
100 0 -50 -25 VCC = 5V VBAT = 3.85V
RPROG = 12.1k
50 100 25 75 0 AMBIENT TEMPERATURE (C)
125
4059 G06
PROG Pin Voltage vs Temperature (Constant Current Mode)
1.24 1.23 1.22 VCC = 5V VBAT = 3.85V
Power FET "ON" Resistance vs Temperature
1000 VCC = 5V Li CC = 5V 900 IBAT = 100mA 800 700 600 500 400 -50
50 25 75 0 TEMPERATURE (C)
100
125
-25
0 25 50 TEMPERATURE (C)
75
100
4059 G09
4059 G08
4059f
3
LTC4059 TYPICAL PERFOR A CE CHARACTERISTICS
VCC - VBAT Undervoltage Lockout Threshold vs Battery Voltage
500 TA = 25C 450 RPROG = 12.1k 400 350 2.5 3.5 3.0 TA = 25C
VUV (mV)
250 200 150 100 50 0 3 4 6 5 VBAT (V) 7 8
4059 G10
EN (A)
2.0 TA = -20C 1.5 1.0 0.5 0 0 1 2 3 VEN (V)
4059 G11
IBUV (A)
6
300
UVLO Battery Drain Current vs Temperature
2.5 VCC = 0V VBAT = 4V
14 12 10
2.0
ICCMS (A)
IBUV (A)
1.5
1.0
0.5
2
0 -50 -25
Manual Shutdown Threshold Voltage vs Temperature
1.2 1.1 1.0 0.9 FALLING 0.8 0.7 0.6 -50 VLi CC (V) VMS (V) RISING 1.2 1.1 1.0
-25
4
UW
EN Pin Current vs EN Voltage and Temperature
2.0
Battery Drain Current in UVLO vs Battery Voltage
VCC = 0V 1.8 TA = 25C 1.6 1.4
TA = 100C
1.2 1.0 0.8 0.6 0.4 0.2
4
5
0
0
1
3 2 VBAT (V)
4
5
4059 G12
Manual Shutdown Supply Current vs Temperature
VCC = 5V VEN = 5V
8 6 4
50 25 0 75 TEMPERATURE (C)
100
125
0 -50 -25
50 25 75 0 TEMPERATURE (C)
100
125
4059 G13
4059 G14
Voltage Mode Disable Threshold Voltage vs Temperature
RISING 0.9 0.8 0.7 0.6 -50 FALLING
0 25 50 TEMPERATURE (C)
75
100
4059 F15
-25
0 25 50 TEMPERATURE (C)
75
100
4059 F16
4059f
LTC4059
PI FU CTIO S
GND (Pins 1, 7): Ground/Exposed Pad. The exposed package pad is ground and must be soldered to the PC board for maximum heat transfer. Li CC (Pin 2): Li-Ion/Constant Current Input Pin. Pulling this pin above VLi CC disables voltage mode thereby providing a constant current to the BAT pin. This feature is useful for charging Nickel chemistry batteries. Tie to GND if unused. BAT (Pin 3): Charge Current Output. Provides charge current to the battery and regulates the final float voltage to 4.2V. An internal precision resistor divider from this pin sets this float voltage and is disconnected in shutdown mode. VCC (Pin 4): Positive Input Supply Voltage. This pin provides power to the charger. VCC can range from 3.75V to 8V. This pin should be bypassed with at least a 1F capacitor. When VCC is within 35mV of the BAT pin voltage, the LTC4059 enters shutdown mode, dropping IBAT to less than 4A. PROG (Pin 5): Charge Current Program and Charge Current Monitor Pin. Connecting a 1% resistor, RPROG, to ground programs the charge current. When charging in constant-current mode, this pin servos to 1.21V. In all modes, the voltage on this pin can be used to measure the charge current using the following formula:
IBAT = VPROG * 1000 RPROG
U
U
U
EN (Pin 6): Enable Input Pin. Pulling this pin above the manual shutdown threshold (VMS is typically 0.92V) puts the LTC4059 in shutdown mode, thus terminating a charge cycle. In shutdown mode, the LTC4059 has less than 30A supply current and less than 1A battery drain current. Enable is the default state, but the pin should be tied to GND if unused.
4059f
5
LTC4059
BLOCK DIAGRA
6
EN
MA CA
-
1.2V VOLTAGE REF REFERENCE
+
TDIE 115C
- +
D3 TA
R3
PROG 5
Li CC 2 1,7
Figure 1
6
+
-
W
4 VCC M1 1000x LOGIC REN M2 1x D1 D1 D2 BAT 3
+
R1 VA
+
-
REF
R2
GND
4059 F01
4059f
LTC4059
OPERATIO
The LTC4059 is a linear battery charger designed primarily for charging single cell lithium-ion batteries. Featuring an internal P-channel power MOSFET, the charger uses a constant-current/constant-voltage charge algorithm with programmable current. Charge current can be programmed up to 900mA with a final float voltage accuracy of 0.6%. No blocking diode or external sense resistor is required; thus, the basic charger circuit requires only two external components. The Li CC pin disables constant-voltage operation and turns the LTC4059 into a precision current source capable of charging Nickel chemistry batteries. Furthermore, the LTC4059 is designed to operate from a USB power source. An internal thermal limit reduces the programmed charge current if the die temperature attempts to rise above a preset value of approximately 115C. This feature protects the LTC4059 from excessive temperature, and allows the user to push the limits of the power handling capability of a given circuit board without risk of damaging the LTC4059 or external components. Another benefit of the LTC4059
APPLICATIO S I FOR ATIO
Programming Charge Current
The charge current is programmed using a single resistor from the PROG pin to ground. The battery charge current is 1000 times the current out of the PROG pin. The program resistor and the charge current are calculated using the following equations:
RPROG = 1000 * 1.21V 1.21V , ICHG = 1000 * ICHG RPROG
The charge current out of the BAT pin can be determined at any time by monitoring the PROG pin voltage and using the following equation:
IBAT = VPROG * 1000 RPROG
U
W
UU
U
thermal limit is that charge current can be set according to typical, not worst-case, ambient temperatures for a given application with the assurance that the charger will automatically reduce the current in worst-case conditions. The charge cycle begins when the voltage at the VCC pin rises approximately 150mV above the BAT pin voltage, a 1% program resistor is connected from the PROG pin to ground, and the EN pin is pulled below the shutdown threshold (typically 0.85V). If the BAT pin voltage is below 4.2V (or the Li CC pin is pulled above VLi CC) the LTC4059 will charge the battery with the programmed current. This is constant-current mode. When the BAT pin approaches the final float voltage (4.2V), the LTC4059 enters constant-voltage mode and the charge current begins to decrease. To terminate the charge cycle the EN should be pulled above the shutdown threshold. Alternatively, reducing the input voltage below the BAT pin voltage will also terminate the charge cycle. Undervoltage Lockout (UVLO) An internal undervoltage lockout circuit monitors the input voltage and keeps the charger in undervoltage lockout until VCC rises approximately 150mV above the BAT pin voltage. The UVLO circuit has a built-in hysteresis of 115mV. If the BAT pin voltage is below approximately 2.75V, then the charger will remain in undervoltage lockout until VCC rises above approximately 3V. During undervoltage lockout conditions, maximum battery drain current is 4A. Shutdown Mode Charging can be terminated by pulling the EN pin above the shutdown threshold (approximately 0.92V). In shutdown mode, the battery drain current is reduced to less than 1A and the supply current to 10A.
4059f
7
LTC4059
APPLICATIO S I FOR ATIO
USB and Wall Adapter Power Although the LTC4059 allows charging from a USB port, a wall adapter can also be used to charge Li-Ion batteries. Figure 2 shows an example of how to combine wall adapter and USB power inputs. A P-channel MOSFET, MP1, is used to prevent back conducting into the USB port when a wall adapter is present and Schottky diode, D1, is used to prevent USB power loss through the 1k pull-down resistor. Typically a wall adapter can supply significantly more current than the 500mA limited USB port. Therefore, an N-channel MOSFET, MN1, and an extra program resistor are used to increase the charge current to 850mA when the wall adapter is present.
5V WALL ADAPTER 850mA ICHG USB POWER 500mA ICHG ICHG SYSTEM LOAD
D1 4 MP1
BAT LTC4059 VCC PROG
3
5
+
Li-Ion BATTERY
1k
MN1 3.4k
2.43k
4059 F02
Figure 2. Combining Wall Adapter and USB Power
Constant Current/Constant Voltage/ Constant Temperature The LTC4059 uses a unique architecture to charge a battery in a constant-current, constant-voltage and constant-temperature fashion. Figure 1 shows a simplified block diagram of the LTC4059. Three of the amplifier feedback loops shown control the constant-current, CA, constant-voltage, VA, and constant-temperature, TA modes. A fourth amplifier feedback loop, MA, is used to increase the output impedance of the current source pair, M1 and M2 (note that M1 is the internal P-channel power MOSFET). It ensures that the drain current of M1 is exactly 1000 times greater than the drain current of M2. Amplifiers CA and VA are used in separate feedback loops to force the charger into constant-current or voltage mode, respectively. Diodes D1 and D2 provide priority to either the constant-current or constant-voltage loop;
8
U
whichever is trying to reduce the charge current the most. The output of the other amplifier saturates low which effectively removes its loop from the system. When in constant-current mode, CA servos the voltage at the PROG pin to be 1.21V. VA servos its inverting input to precisely 1.21V when in constant-voltage mode and the internal resistor divider made up of R1 and R2 ensures that the battery voltage is maintained at 4.2V. The PROG pin voltage gives an indication of the charge current during constant-voltage mode as discussed in the Programming Charge Current section. Transconductance amplifier, TA, limits the die temperature to approximately 115C when in constant-temperature mode. TA acts in conjunction with the constant-current loop. When the die temperature exceeds approximately 115C, TA sources current through R3. This causes CA to reduce the charge current until the PROG pin voltage plus the voltage across R3 equals 1.21V. Diode D3 ensures that TA does not affect the charge current when the die temperature is below approximately 115C. The PROG pin voltage continues to give an indication of the charge current. In typical operation, the charge cycle begins in constantcurrent mode with the current delivered to the battery equal to 1210V/RPROG. If the power dissipation of the LTC4059 results in the junction temperature approaching 115C, the amplifier (TA) will begin decreasing the charge current to limit the die temperature to approximately 115C. As the battery voltage rises, the LTC4059 either returns to constant-current mode or enters constantvoltage mode straight from constant-temperature mode. Regardless of mode, the voltage at the PROG pin is proportional to the current delivered to the battery. Power Dissipation The conditions that cause the LTC4059 to reduce charge current through thermal feedback can be approximated by considering the power dissipated in the IC. For high charge currents, the LTC4059 power dissipation is approximately: PD = (VCC - VBAT) * IBAT where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and IBAT is the charge
4059f
W
UU
LTC4059
APPLICATIO S I FOR ATIO
current. It is not necessary to perform any worst-case power dissipation scenarios because the LTC4059 will automatically reduce the charge current to maintain the die temperature at approximately 115C. However, the approximate ambient temperature at which the thermal feedback begins to protect the IC is: TA = 115C - PDJA TA = 115C - (VCC - VBAT) * IBAT * JA Example: Consider an LTC4059 operating from a 5V wall adapter providing 900mA to a 3.7V Li-Ion battery. The ambient temperature above which the LTC4059 will begin to reduce the 900mA charge current is approximately: TA = 115C - (5V - 3.7V) * (900mA) * 50C/W TA = 115C - 1.17W * 50C/W = 115C - 59C TA = 56C The LTC4059 can be used above 56C, but the charge current will be reduced from 900mA. The approximate current at a given ambient temperature can be calculated:
IBAT = 115C - TA ( VCC - VBAT ) * JA
Using the previous example with an ambient temperature of 65C, the charge current will be reduced to approximately:
IBAT =
115C - 65C 50C = (5V - 3.7V) * 50C/W 65C/A
IBAT = 770mA
Furthermore, the voltage at the PROG pin will change proportionally with the charge current as discussed in the Programming Charge Current section. It is important to remember that LTC4059 applications do not need to be designed for worst-case thermal conditions since the IC will automatically reduce power dissipation when the junction temperature reaches approximately 115C.
U
Board Layout Considerations In order to be able to deliver maximum charge current under all conditions, it is critical that the exposed metal pad on the backside of the LTC4059 package is soldered to the PC board ground. Correctly soldered to a 2500mm2 double sided 1oz copper board the LTC4059 has a thermal resistance of approximately 60C/W. Failure to make thermal contact between the exposed pad on the backside of the package and the copper board will result in thermal resistances far greater than 60C/W. As an example, a correctly soldered LTC4059 can deliver over 900mA to a battery from a 5V supply at room temperature. Without a backside thermal connection, this number could drop to less than 500mA. Stability Considerations The LTC4059 contains two control loops: constant voltage and constant current. The constant-voltage loop is stable without any compensation when a battery is connected with low impedance leads. Excessive lead length, however, may add enough series inductance to require a bypass capacitor of at least 1F from BAT to GND. Furthermore, a 4.7F capacitor with a 0.2 to 1 series resistor from BAT to GND is required to keep ripple voltage low when the battery is disconnected. High value capacitors with very low ESR (especially ceramic) reduce the constant-voltage loop phase margin. Ceramic capacitors up to 22F may be used in parallel with a battery, but larger ceramics should be decoupled with 0.2 to 1 of series resistance. In constant-current mode, the PROG pin is in the feedback loop, not the battery. Because of the additional pole created by PROG pin capacitance, capacitance on this pin must be kept to a minimum. With no additional capacitance on the PROG pin, the charger is stable with program resistor values as high as 12k. However, additional capacitance on this node reduces the maximum allowed program resistor. The pole frequency at the PROG pin should be kept above 500kHz. Therefore, if the PROG pin is loaded
4059f
W
UU
9
LTC4059
APPLICATIO S I FOR ATIO
with a capacitance, CPROG, the following equation should be used to calculate the maximum resistance value for RPROG: RPROG 1 2 * 5 * 105 * CPROG
Average, rather than instantaneous, battery current may be of interest to the user. For example, if a switching power supply operating in low current mode is connected in parallel with the battery, the average current being pulled out of the BAT pin is typically of more interest than the instantaneous current pulses. In such a case, a simple RC filter can be used on the PROG pin to measure the average
LTC4059 PROG GND
Figure 3. Isolating Capacitive Load on PROG Pin and Filtering
Figure 4. Photo of Typical Circuit (2.5mm x 2.7mm)
4059f
10
U
battery current as shown in Figure 3. A 20k resistor has been added between the PROG pin and the filter capacitor to ensure stability. VCC Bypass Capacitor Many types of capacitors can be used for input bypassing; however, caution must be exercised when using multilayer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of ceramic capacitors, high voltage transients can be generated under some start-up conditions, such as connecting the charger input to a live power source. For more information, refer to Application Note 88.
20k CHARGE CURRENT MONTIOR CIRCUITRY CFILTER
4059 F03
W
UU
RPROG
2.7mm
2.5mm
LTC4059
PACKAGE DESCRIPTIO
2.50 0.05 1.15 0.05 0.61 0.05 (2 SIDES) PACKAGE OUTLINE PIN 1 TOP MARK (SEE NOTE 5)
0.25 0.05 0.50 BSC 1.42 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WCCD-2) 2. ALL DIMENSIONS ARE IN MILLIMETERS 3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 4. EXPOSED PAD SHALL BE SOLDER PLATED 5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
DC Package 6-Lead Plastic DFN (2mm x 2mm)
(Reference LTC DWG # 05-08-1703)
R = 0.115 TYP 0.56 0.05 (2 SIDES) 2.00 0.10 (4 SIDES) PIN 1 NOTCH
(DC6) DFN 0403
0.38 0.05 4 6
0.675 0.05
3 0.200 REF 0.75 0.05
1
0.25 0.05 0.50 BSC
1.37 0.05 (2 SIDES) 0.00 - 0.05 BOTTOM VIEW--EXPOSED PAD
4059f
11
LTC4059
RELATED PARTS
PART NUMBER LTC1733 LTC1734 LTC1998 LTC4050 DESCRIPTION Monolithic Lithium-Ion Linear Battery Charger Lithium-Ion Linear Battery Charger in ThinSOT Lithium-Ion Low Battery Detector Lithium-Ion Linear Battery Charger Controller
TM
COMMENTS Standalone Charger with Programmable Timer, Up to 1.5A Charge Current Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed 1% Accurate 2.5A Quiescent Current, SOT-23 Simple Charger uses External FET, Features Preset Voltages, C/10 Charger Detection and Programmable Timer, Input Power Good Indication, Thermistor Interface No Blocking Diode or External Power FET Required Standalone Charger with Programmable Timer, Up to 1.25A Charge Current Thermal Regulation Prevents Overheating, C/10 Termination, C/10 Indicator Standalone Charger with Programmable Timer, No Blocking Diode, No Sense Resistor Needed No External MOSFET, Sense Resistor or Blocking Diode Required, Charge Current Monitor for Gas Gauging For Simultaneous Operation of USB Peripheral and Battery Charging from USB Port, Keeps Current Drawn from USB Port Constant, Keeps Battery Fresh, Use with the LTC4053, LTC1733 or LTC4054 USB Compatible, Thermal Regulation Protects Against Overheating
LTC4052 LTC4053 LTC4054 LTC4056 LTC4057 LTC4410
Monolithic Lithium-Ion Battery Pulse Charger USB Compatible Monolithic Li-Ion Battery Charger Standalone Linear Li-Ion Battery Charger with Integrated Pass Transistor in ThinSOT Standalone Lithium-Ion Linear Battery Charger in ThinSOT Monolithic Lithium-Ion Linear Battery Charger with Thermal Regulation in ThinSOT USB Power Manager
LTC4058
950mA Standalone Li-Ion Charger in 3mm x 3mm DFN
ThinSOT is a trademark of Linear Technology Corporation.
4059f
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
LT/TP 1103 1K PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2003


▲Up To Search▲   

 
Price & Availability of LTC4059

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X