Part Number Hot Search : 
TN6603PM MMSZ4688 8L08A 05004GOF SI102 19001 05004GOF NJM45
Product Description
Full Text Search
 

To Download L9700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L9700
HEX PRECISION LIMITER
.HI .FASTACTI .OPERATI .SI .LOWQUI .LOWI
GH PERFORMANCE CLAMPING AT GROUND AND POSITIVE REFERENCE VOLTAGE VE CLAMPING NG RANGE 4.75 - 5.25 V NGLE VOLTAGEFOR SUPPLY AND POSITIVE REFERENCE ESCENT CURRENT NPUT LEAKAGE CURRENT
DESCRIPTION The L9700 is a monolithic circuit which is suited for input protection and voltage clamping purpose. The limiting function is referred to ground and the positive supply voltage. One single element contains six independentchannels. Very fast speed is achieved by internal feedback and the application of a new vertical PNP-transistor with isolated collector. BLOCK DIAGRAM
Min idip
ORDERING NUMBER : L9700
November 1990
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1/5
L9700
ABSOLUTE MAXIMUM RATINGS
Symbol VCC IIN Tj, Tstg Ptot Supply Voltage Input Current per Channel Junction and Storage Temperature Total Power Dissipation (Tamb = 85C) Parameter Value 20 30 -55 to 150 650 Un it V mA C mW
Note: The circuit is ESD protected according to MIL-STD-883C
THERMAL DATA
Symbol R th j-amb Parameter Thermal Resistance Junction to Ambient Max. Value 100 Un it C/W
PIN CONNECTION
ELECTRICAL CHARACTERISTICS (VCC = 5V, T J = -40 to 125C unless otherwise specified)
Symbol VCC ICC Vcis IIN Parameter Supply Voltage Supply Current Static Input Clamping Voltage Input Current (static) Negative IIN = -10mA Positive I IN = +10mA VIN = 0 VIN = VCC VIN = 50mV VIN = VCC -50mV IIN = 10mA, tR = 5ns Positive Overshoot Negative Overshoot See fig. 2 0 VIN VCC, fIN < 1kHz 70 -250 VCC Test co ndition Min. 4.75 1.5 Typ . Max. 5.25 3 0 VCC +250 15 15 5 5 400 400 20 5 Un it V mA mV A A A A mV mV ns dB
Vcld (*)
Dynamic Input Clamping Voltage
tS (*) RIN (*) Crtk (*)
Setting Time Dynamic Input Resistance Crosstalk between any two inputs
(*) Design limits are guaranteed by statistical control on production samples over the indicated temperature and supply voltage ranges. These limits are not used to calculate outgoing quality levels.
2/7
L9700
Figure 1 : DC INPUT CHARACTERISTIC Limit Points of the Characteristic Approximation.
Figure 2 : Dynamical Input Characteristics.
2a
3/7
L9700
Figure 2 : Dynamical Input Characteristics (continued) .
2b
APPLICATION INFORMATION Most integrated circuits, both HNMOS and bipolar, are very sensitive to positive and negative overvoltages on the supply and at the inputs. These transients occur in large numbers and with different magnitudes in the automotive environment, making adequate protection for devices aimed at it indispensible. Overvoltages on the supply line are faced through high voltage integration technologies or through external protection (transil, varistor). Signal inputsare generally protected using clampdiodes to the supply and ground, and a current limi-ter resistor. However, such solutions do not always completely satisfy the protection specifications in terms of intervention speed, negative clamping and current leakage high enough to change analog signals. The L9700 device combines a high intervention speed with a high precision positive and negative clamp and a low current leakage providing the optimal solution to the problems of the automotive environment. The high intervention speed, due to the pre-bias of the limiter stage and internal feedback, limits the voltage overshoot and avoid the use of external capacitors for the limitation of the transient rise times. Figure 3 illustrates a typical automotive application scheme. The resistor RS limits the input current of the device and is therefore dimensioned considering the characteristics of the transients to be eliminated. Consequently : RS = Vtransient Peak IIN MAX
The CIN capacitors must be used only on analog inputs because they present a low impedance during the sampling period.
4/7
L9700
Figure 3 : Typical Application.
The minimum value for CIN is determined by the accuracy required, the time taken to sample the input and the input impedance during that time, while the maximum value is determined by the required frequency response and the value of RS. Thus for a resistive input A/D connector where : TS = Sample time (Seconds) RD = Device input resistance (Ohms) VIN = Input voltage (Volts) k = Required accuracy (%) Q1 = Charge on capacitor before sampling Q2 = Charge on capacitor after sampling ID = Device input current (Amps) Thus : k Q1 Q1- Q2 = 100
but and so that and so
Q1 = CIN VIN Q1- Q2 = ID - TS ID TS = CIN CIN k CIN - VIN 100 ID TS (min) = Farad VIN k 100 TS (min) = Farad k RD
The calculationfor a sample and hold type convertor is even simpler : k = Required accuracy (%) CH = Hold capacitor (Farad) CIN (min) = 100 CH Farad k
5/7
L9700
MINIDIP PACKAGE MECHANICAL DATA
DIM. MIN. A a1 B b b1 D E e e3 e4 F I L Z 3.18 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 0.125 0.51 1.15 0.356 0.204 1.65 0.55 0.304 10.92 9.75 0.313 0.100 0.300 0.300 0.260 0.200 0.150 0.060 mm TYP. 3.32 0.020 0.045 0.014 0.008 0.065 0.022 0.012 0.430 0.384 MAX. MIN. inch TYP. 0.131 MAX.
6/7
L9700
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THO MSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore Spain - Sweden - Switzerland - Taiwan - Thaliand - United Kingdom - U.S.A.
7/7


▲Up To Search▲   

 
Price & Availability of L9700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X