Part Number Hot Search : 
TEA2261 CAT9554A LL4004G SPW4558D KD40F80 LDO53 MAX1062 26102
Product Description
Full Text Search
 

To Download JAN1N6059 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6036 and 1N6072A 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
DESCRIPTION This popular Transient Voltage Suppressor (TVS) series for 1N6036 thru 1N6072A are JEDEC registered selections for bidirectional devices. All have the same high Peak Pulse Power rating of 1500 W with extremely fast response times. They are also available in military qualified selections as described in the Features section herein. They are most often used for protecting against transients from inductive switching environments, induced RF effects, or induced secondary lightning effects as found in lower surge levels of IEC61000-4-5. They are also very successful in protecting airborne avionics and electrical systems. Since their response time is virtually instantaneous, they can also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-13 (DO-202AA)
FEATURES
* * * * * * Bidirectional TVS series for thru-hole mounting Suppresses transients up to 1500 watts @ 10/1000 s (see Figure 1) Clamps transient in less than 100 pico seconds Working voltage (VWM) range 5.5 V to 185 V Hermetic sealed DO-13 metal package JAN/TX/TXV military qualifications also available per MIL-PRF-19500/507 for the tighter tolerance "A" suffix types by adding the JAN, JANTX, or JANTXV prefix, e.g. JANTXV1N6036A, etc. For unidirectional TVS in the same DO-13 package, see separate data sheet for the 1N5629 - 1N5665A series (also military qualified) Surface mount equivalent packages also available as SMCJ5.0C - SMCJ170CA or SMCG5.0C - SMCG170CA in separate data sheet (consult factory for other surface mount options) Plastic axial-leaded equivalents available in the 1.5KE6.8C - 1.5KE220CA series in separate data sheet * * *
APPLICATIONS / BENEFITS
Protection from switching transients and induced RF Protection from ESD and EFT per IEC 61000-4-2 and IEC 61000-4-4 Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: Class 1: 1N6036 to 1N6072A Class 2: 1N6036 to 1N6067A Class 3: 1N6036 to 1N6061A Class 4: 1N6036 to 1N6054A Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: Class 1 : 1N6036 to 1N6064A Class 2: 1N6036 to 1N6057A Class 3: 1N6036 to 1N6049A Class 4: 1N6036 to 1N6042A Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance: Class 2: 1N6036 to 1N6048A Class 3: 1N6036 to 1N6041A Inherently radiation hard as described in Microsemi MicroNote 050
*
*
*
*
*
*
MAXIMUM RATINGS
* 1500 Watts for 10/1000 s with repetition rate of 0.01% o or less* at lead temperature (TL) 25 C (see Figs. 1, 2, & 4) * Operating & Storage Temperatures: -65o to +175oC * THERMAL RESISTANCE: 50oC/W junction to lead at 0.375 inches (10 mm) from body or 110 oC/W junction to 2 ambient when mounted on FR4 PC board with 4 mm copper pads (1oz) and track width 1 mm, length 25 mm * DC Power Dissipation*: 1 Watt at TL < +125oC 3/8" (10 mm) from body (see derating in Fig 3 and note below) * Solder Temperatures: 260 o C for 10 s (maximum) * *
MECHANICAL AND PACKAGING
CASE: DO-13 (DO-202AA), welded, hermetically sealed metal and glass FINISH: All external metal surfaces are Tin-Lead plated and solderable per MIL-STD-750 method 2026 POLARITY: Not applicable for bidirectional TVS MARKING: Part number WEIGHT: 1.4 grams. (Approx) TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) See package dimension on last page
1N6036 thru 1N6072A
* * * * *
*
TVS devices are not typically used for dc power dissipation and are instead operated at or less than their rated standoff voltage (VWM) except for transients that briefly drive the device into avalanche breakdown (VBR to VC region).
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N6036 and 1N6072A 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS @ 25oC (Test Both Polarities)
Rated Standoff Voltage VWM (NOTE 1) V(BR) min Volts 5.5 6.0 6.5 7.0 7.0 7.5 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 14.0 15.0 16.0 17.0 17.0 18.0 19.0 20.0 21.0 22.0 24.0 25.0 26.0 28.0 29.0 30.0 31.0 33.0 34.0 36.0 38.0 40.0 41.0 43.0 45.0 47.0 48.0 53.0 55.0 58.0 60.0 64.0 66.0 70.0 Volts 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 Breakdown Voltage V(BR) V(BR) max Volts 8.25 7.88 9.02 8.61 10.00 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.5 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 @ I(BR) mA 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Volts 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 A 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Maximum Clamping Voltage VC @ IPP Maximum Standby Current ID @ VWM Maximum Peak Pulse Current IPP (See Fig. 2) Amps 128 132 120 124 109 112 100 103 93 96 87 90 79 82 68 71 64 67 56.5 59.5 51.5 54 47 49 43 45 38.5 40 34.5 36 31.5 33 29 30 26.5 28 24 25.3 22.2 23.2 20.4 21.4 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 Maximum Temperature Coefficient of V(BR)
WWW . Microsemi .C OM
JEDEC Type No.
V(BR)
%/ C .061 .061 .065 .065 .068 .068 .073 .073 .075 .075 .078 .078 .081 .081 .084 .084 .086 .086 .088 .088 .090 .090 .092 .092 .094 .094 .095 .096 .097 .097 .098 .098 .099 .099 .100 .100 .101 .101 .101 .101 .102 .102 .103 .103 .104 .104 .104 .104 .105 .105 .105 .105
o
1N6036 *1N6036A 1N6037 *1N6037A 1N6038 *1N6038A 1N6039 *1N6039A 1N6040 *1N6040A 1N6041 *1N6041A 1N6042 *1N6042A 1N6043 *1N6043A 1N6044 *1N6044A 1N6045 *1N6045A 1N6046 *1N6046A 1N6047 *1N6047A 1N6048 *1N6048A 1N6049 *1N6049A 1N6050 *1N6050A 1N6051 *1N6051A 1N6052 *1N6052A 1N6053 *1N6053A 1N6054 *1N6054A 1N6055 *1N6055A 1N6056 *1N6056A 1N6057 *1N6057A 1N6058 *1N6058A 1N6059 *1N6059A 1N6060 *1N6060A 1N6061 *1N6061A
1N6036 thru 1N6072A
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N6036 and 1N6072A 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
JEDEC Type No.
Rated Standoff Voltage VWM (NOTE 1) V(BR) min
Breakdown Voltage V(BR) V(BR) max @ I(BR)
Maximum Clamping Voltage VC @ IPP
Maximum Standby Current ID @ VWM
Maximum Peak Pulse Current IPP (See Fig. 2)
Maximum Temperature Coefficient of V(BR)
WWW . Microsemi .C OM
Volts Volts Volts mA Volts Volts Amps A 1N6062 73.0 81.9 100.0 1 131.0 5 11.4 .106 *1N6062A 75.0 86.5 95.5 1 125.0 5 12.0 .106 1N6063 81.0 90.0 110.0 1 144.0 5 10.4 .106 *1N6063A 82.0 95.0 105.0 1 137.0 5 11.0 .106 1N6064 90.0 99.0 121.0 1 158.0 5 9.5 .107 *1N6064A 94.0 105.0 116.0 1 152.0 5 9.9 .107 1N6065 95.0 108.0 132.0 1 176.0 5 8.5 .107 *1N6065A 100.0 114.0 126.0 1 168.0 5 8.9 .107 1N6066 105.0 117.0 143.0 1 191.0 5 7.8 .107 *1N6066A 110.0 124.0 137.0 1 182.0 5 8.2 .107 1N6067 121.0 135.0 165.0 1 223.0 5 6.7 .108 *1N6067A 128.0 143.0 158.0 1 213.0 5 7.0 .108 1N6068 137.0 153.0 187.0 1 258.0 5 5.8 .108 *1N6068A 145.0 162.0 179.0 1 245.0 5 6.1 .108 1N6069 145.0 162.0 198.0 1 274.0 5 5.5 .108 *1N6069A 150.0 171.0 189.0 1 261.0 5 5.7 .108 1N6070 155.0 171.0 210.0 1 292.0 5 5.1 .108 *1N6070A 160.0 181.0 200.0 1 278.0 5 5.4 .108 1N6071 165.0 180.0 220.0 1 308.0 5 4.9 .108 *1N6071A 170.0 190.0 210.0 1 294.0 5 5.1 .108 1N6072 175.0 198.0 242.0 1 344.0 5 4.3 .108 *1N6072A 185.0 209.0 231.0 1 328.0 5 4.6 .108 * Also available in military qualified types by adding the prefix JAN, JANTX or JANTXV per MIL-PRF-19500/507. NOTE 1: A TVS is normally selected according to the rated "Standoff Voltage" VWM that should be equal to or greater than the dc or continuous peak operating voltage level.
Symbol
VWM V(BR)
VC
SYMBOLS & DEFINITIONS Definition
Standoff Voltage: Applied Reverse Voltage to assure a nonconductive condition. (See Note 1 above) Breakdown Voltage: This is the Breakdown Voltage the device will exhibit at 25oC Maximum Clamping Voltage: The maximum peak voltage appearing across the TVS when subjected to the peak pulse current in a one millisecond time interval. The peak pulse voltage is the combination of voltage rise due to both the series resistance and thermal rise and positive temperature coefficient (V(BR)) Peak Pulse Current: The peak current during the impulse (See Figure 2) Peak Pulse Power: The pulse power as determined by the product of VC and IPP Standby Current: The current at the standoff voltage (VWM) Breakdown Current: The current used for measuring Breakdown Voltage (V(BR))
1N6036 thru 1N6072A
IPP PPP ID I(BR)
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
1N6036 and 1N6072A 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
GRAPHS
100
WWW . Microsemi .C OM
Peak Pulse Power (PPP) in kW
10
Peak Pulse Power (PPP) or current (IP) o in percent of 25 C rating
Exponential waveform (See FIG. 2)
Square-wave pulse
Peak Value IPP
Pulse time duration (tp) is defined as that point where IP decays to 50% of peak value (IPP).
1.0
0.1kW 100ns
1s
10s
100s
1ms
10ms
Pulse Time (tp) FIG. 1 - Non-repetitive peak pulse power rating curve NOTE: Peak power defined as peak voltage times peak current
Steady-state power dissipation (watts)
time (t) in milliseconds FIG. 2 Pulse wave form for exponential surge
PACKAGE DIMENSIONS
FIG. 3 Steady-state power derating curve
TL - lead Temperature oC
Pulse current (IP) in percent of IPP
1N6036 thru 1N6072A
TA Ambient Temperature C FIG. 4 Derating Curve
o
DO-13 (DO-202AA)
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of JAN1N6059

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X