Part Number Hot Search : 
M060302 LM337BT 6039110 B7740 D10SC6M DS1NBB YB25D C1000
Product Description
Full Text Search
 

To Download IRHE7230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 90713E
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Product Summary
Part Number Radiation Level IRHE7230 100K Rads (Si) IRHE3230 300K Rads (Si) IRHE4230 IRHE8230 600K Rads (Si) 1000K Rads (Si) RDS(on) 0.35 0.35 0.35 0.35 ID 5.5A 5.5A 5.5A 5.5A
IRHE7230 JANSR2N7262U 200V, N-CHANNEL
REF: MIL-PRF-19500/601 (R) TM RAD-Hard HEXFET MOSFET TECHNOLOGY
QPL Part Number JANSR2N7262U JANSF2N7262U JANSG2N7262U JANSH2N7262U
LCC - 18
International Rectifier's RADHard HEXFET(R) technology provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low Rdson and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
Features:
n n n n n n n n n
Single Event Effect (SEE) Hardened Low RDS(on) Low Total Gate Charge Proton Tolerant Simple Drive Requirements Ease of Paralleling Hermetically Sealed Surface Mount Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = 12V, TC = 25C ID @ VGS = 12V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Pckg. Mounting Surface Temp. Weight For footnotes refer to the last page 5.5 3.5 22 25 0.2 20 240 -- -- 5.0 -55 to 150 300 ( for 5s) 0.42 (Typical)
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
02/01/01
IRHE7230, JANSR2N7262U
Pre-Irradiation
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter
BVDSS Drain-to-Source Breakdown Voltage BV DSS/T J Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance IDSS Zero Gate Voltage Drain Current
Min
200 -- -- -- 2.0 2.5 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- 0.25 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 6.1 -- -- 0.35 0.36 4.0 -- 25 250 100 -100 50 10 25 25 40 60 45 -- V V/C V S( ) A
Test Conditions
VGS =0 V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 12V, ID = 3.5A VGS = 12V, ID = 5.5A VDS = VGS, ID = 1.0mA VDS > 15V, IDS = 3.5A VDS= 160V,VGS=0V VDS = 160V VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VGS = 12V, ID = 5.5A VDS = 100V VDD = 100V, ID = 5.5A, VGS = 12V, RG = 7.5
IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns
nH
Measured from drain lead (6mm/0.25in. from package) to source lead (6mm/0.25in. from package)
Ciss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
1100 250 55
-- -- --
pF
VGS = 0V, VDS = 25V f = 1.0MHz
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- 5.5 22 1.4 400 3.0
Test Conditions
A
V nS C Tj = 25C, IS = 5.5A, VGS = 0V Tj = 25C, IF = 5.5A, di/dt 100A/s VDD 25V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC RthJPCB Junction-to-Case Junction-to-PC Board
Min Typ Max Units
-- -- -- 19 5.0 --
C/W
Test Conditions
Solder to a copper clad PC Board
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
Radiation Characteristics Pre-Irradiation
IRHE7230, JANSR2N7262U
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation
Parameter
BVDSS VGS(th) IGSS IGSS IDSS RDS(on) RDS(on) VSD Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source On-State Resistance (TO-3) Static Drain-to-Source On-State Resistance (LCC-18) Diode Forward Voltage
100K Rads(Si)1
600 to 1000K Rads (Si)2
Units V nA A V
Test Conditions
VGS = 0V, ID = 1.0mA VGS = VDS, ID = 1.0mA VGS = 20V VGS = -20 V VDS=160V, VGS =0V VGS = 12V, ID =3.5A VGS = 12V, ID =3.5A VGS = 0V, IS = 5.5A
Min 200 2.0 -- -- -- -- -- --
Max -- 4.0 100 -100 25 0.35 0.35 1.4
Min 200 1.25 -- -- -- -- -- --
Max -- 4.5 100 -100 50 0.48 0.48 1.4
1. Part number IRHE7230 (JANSR2N7262U) 2. Part numbers IRHE3230 (JANSF2N7262U), IRHE4230 (JANSG2N7262U) and IRHE8230 (JANSH2N7262U)
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Ion Cu Br LET MeV/(mg/cm2)) 28 36.8 Energy (MeV) 285 305 Range VDS(V) (m) @VGS=0V @VGS=-5V @VGS=-10V @VGS=-15V @VGS=-20V 43 190 180 170 125 -- 39 100 100 100 50 --
200 150 100 50 0 0 -5 -10 VGS -15 -20 Cu Br VDS
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHE7230, JANSR2N7262U
Post-Irradiation Pre-Irradiation
Fig 1. Typical Response of Gate Threshhold Fig 2. Typical Response of On-State Resistance Vs. Total Dose Exposure Voltage Vs. Total Dose Exposure
Fig 3. Typical Response of Transconductance Vs. Total Dose Exposure
Fig 4. Typical Response of Drain to Source Breakdown Vs. Total Dose Exposure
4
www.irf.com
Post-Irradiation Pre-Irradiation
IRHE7230, JANSR2N7262U
Fig 5. Typical Zero Gate Voltage Drain Current Vs. Total Dose Exposure
Fig 6. Typical On-State Resistance Vs. Neutron Fluence Level
Fig 8a. Gate Stress of VGSS Equals 12 Volts During Radiation
Fig 7. Typical Transient Response of Rad Hard HEXFET During 1x1012 Rad (Si)/Sec Exposure
Fig 8b. VDSS Stress Equals 80% of BVDSS During Radiation
Fig 9. High Dose Rate (Gamma Dot) Test Circuit
www.irf.com
5
IRHE7230, JANSR2N7262U
Note: Bias Conditions during radiation: VGS = 12 Vdc, VDS = 0 Vdc
RadiationPost-Irradiation Characteristics Pre-Irradiation
Fig 10. Typical Output Characteristics Pre-Irradiation
Fig 11. Typical Output Characteristics Post-Irradiation 100K Rads (Si)
Fig 12. Typical Output Characteristics Post-Irradiation 300K Rads (Si)
Fig 13. Typical Output Characteristics Post-Irradiation 1 Mega Rads (Si)
6
www.irf.com
Radiation Characteristics Pre-Irradiation
IRHE7230, JANSR2N7262U
Note: Bias Conditions during radiation: VGS = 0 Vdc, VDS = 160 Vdc
Fig 14. Typical Output Characteristics Pre-Irradiation
Fig 15. Typical Output Characteristics Post-Irradiation 100K Rads (Si)
Fig 16. Typical Output Characteristics Post-Irradiation 300K Rads (Si)
Fig 17. Typical Output Characteristics Post-Irradiation 1 Mega Rads (Si)
www.irf.com
7
IRHE7230, JANSR2N7262U
Pre-Irradiation
Fig 18. Typical Output Characteristics
Fig 19. Typical Output Characteristics
Fig 20. Typical Transfer Characteristics
Fig 21. Normalized On-Resistance Vs. Temperature
8
www.irf.com
Pre-Irradiation
IRHE7230, JANSR2N7262U
Fig 22. Typical Capacitance Vs. Drain-to-Source Voltage
100
Fig 23. Typical Gate Charge Vs. Gate-to-Source Voltage
OPERATION IN THIS AREA LIMITED BY R
DS(on) 10us
I D , Drain Current (A)
10 100us
1ms 1 10ms
0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100 1000
VDS , Drain-to-Source Voltage (V)
Fig 24. Typical Source-Drain Diode Forward Voltage
Fig 25. Maximum Safe Operating Area
www.irf.com
9
IRHE7230, JANSR2N7262U
Pre-Irradiation
VDS VGS RG
RD
D.U.T.
+
-VDD
VGS
Pulse Width 1 s Duty Factor 0.1 %
Fig 27a. Switching Time Test Circuit
VDS 90%
10% VGS
Fig 26. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 27b. Switching Time Waveforms
10
Thermal Response (Z thJC )
D = 0.50 0.20 0.10 0.05 0.02 0.1 0.01
1
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.1 0.0001 0.001 0.01
PDM t1 t2 1
t1 , Rectangular Pulse Duration (sec)
Fig 28. Maximum Effective Transient Thermal Impedance, Junction-to-Case
10
www.irf.com
Pre-Irradiation
IRHE7230, JANSR2N7262U
1 5V
VD S
L
D R IV E R
RG
D .U .T
IA S tp
+ - VD D
A
VGS 20V
0 .0 1
Fig 29a. Unclamped Inductive Test Circuit
V (B R )D S S tp
Fig 29c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 29b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
12 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 30a. Basic Gate Charge Waveform
Fig 30b. Gate Charge Test Circuit
www.irf.com
11
IRHE7230, JANSR2N7262U
Pre-Irradiation
Foot Notes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = 25V, starting TJ = 25C, L= 15.9mH Peak IL = 5.5A, VGS = 12V ISD 5.5A, di/dt 120A/s, VDD 200V, TJ 150C
Pulse width 300 s; Duty Cycle 2% Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during irradiation per MIL-STD-750, method 1019, condition A. Total Dose Irradiation with VDS Bias. 160 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A.
Case Outline and Dimensions -- LCC-18
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 02/01
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRHE7230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X