Part Number Hot Search : 
B19S4P 1N4948 GBU12A06 106K0 MCP17 CMF22A 1558D BCR14110
Product Description
Full Text Search
 

To Download IP3R17AK-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
1 2
SEME
IP1R17A IP3R17A IP1R17A IP3R17A
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
3
Pin 1 - Ground Pin 2 - VOUT Case - VIN
FEATURES
* 0.01%/V LINE REGULATION * 0.5% LOAD REGULATION * 1% OUTPUT TOLERANCE (-A VERSIONS) * AVAILABLE IN -5V, -12V AND -15V OPTIONS * COMPLETE SERIES OF PROTECTIONS: * CURRENT LIMITING * THERMAL SHUTDOWN * SOA CONTROL
K Package - TO-3
123
1
2
3
Pin 1 Pin 2 Pin 3 Case
- - - -
Ground VIN VOUT VIN
Pin 1 Pin 2 Pin 3 Case
- - - -
Ground VIN VOUT VIN
G Package - TO-257
T Package - TO-220
Order Information
Part Number IP1R17Axx-zz IP1R17xx-zz IP3R17Azz-xx IP3R17zz-xx K-Pack (TO-3) G-Pack T-Pack (TO-257) (TO-220) Temp. Range -55 to +150C " 0 to +125C " Note: xx = Voltage Code (05, 12, 15) eg. IP1R17AK-05 zz = Package Code (G, K, T) IP3R17G-12
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VI PD TJ TSTG TL DC Input Voltage Power Dissipation Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering, 10 sec) 35V Internally limited See Table Above -65C to +150C 300C
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
LAB
ELECTRICAL CHARACTERISTICS
Parameter Test Conditions
IO = -5mA to -3A P PMAX VIN = -8V to -20V -5.15 3 6 5 10 -4.85 15 30 25 50 5 10 5 2.2 60 80 0.002 -6.5 -4.5 -4 -1 40 1.5 3 2.5 4 0.01 -6.5 3 60 2.2 80 -5.25 6 12 10 20
2
SEME
IP1R17A IP3R17A IP1R17A IP3R17A
(TC = 25C unless otherwise stated) IP1R17A-05 IP3R17A-05 Min. Typ. Max.
-5.05 -5 -4.95
IP1R17-05 IP3R17-05 Min. Typ. Max. Units
-5.15 -5 -4.85 -4.75 30 60 50 100 5 10 mA 5 3 V dB 0.02 %/W A A V 2.5 4 C/W V V
VO
Output Voltage
TJ = Over Temp. Range 1 VO VI VO IO IQ Line Regulation Load Regulation Quiescent Current Quiescent Current Change VIN = -7.5V to -35V IO = -5mA
3
TJ = Over Temp. Range 1
3
mV mV mA
IO = -5mA to -3A IO = -5mA
TJ = Over Temp. Range 1 TJ = Over Temp. Range 1 IO = -5mA to -3A
IQ
TJ = Over Temp. Range 1 IO = -5mA IO = -3A IO = -1A tp = 20ms VIN = -10V VIN = -10V VIN = -35V K Package G, T Package VIN = -7.5V to -35V VOUT = 100mV f = 120Hz P = PMAX TJ = Over Temp. Range 1 TJ = Over Temp. Range 1
VD
Dropout Voltage Ripple Rejection Thermal Regulation
TJ = Over Temp. Range 1 TJ = Over Temp. Range 1
0.002 -4.5 -4 -1 40 1.5 3
IPEAK Peak Output Current ISC en RJC Short Circuit Current
Output Noise Voltage f = 10Hz to 100kHz Thermal Resistance Junction to Case
Notes
1) Applies over full temperature range:- TJ = -55 to +150C for IP1R17A-05 / IP1R17-05 TJ = 0 to +125C for IP3R17A-05 / IP3R17-05 All other specifications apply at TC = 25C unless otherwise stated. 2) Test conditions unless otherwise stated:- VIN = -10V , IOUT = -1.5A . Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 30W for the TO-3 Package, and 20W for the TO-220 and TO-257 Packages. 3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal regulation specification.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
LAB
ELECTRICAL CHARACTERISTICS
Parameter Test Conditions
IO = -5mA to -3A P PMAX VIN = -15V to -27V -12.36 5 10 10 20 -11.64 -12.60 30 60 60 120 5 10 5 2.2 52 72 0.002 -6.5 -4.5 -2.5 -1 75 1.5 3 2.5 4 0.01 -6.5 3 52 2.2 72 10 20 20 40
2
SEME
IP1R17A IP3R17A IP1R17A IP3R17A
(TJ = 25C unless otherwise stated) IP1R17A-12 IP3R17A-12 Min. Typ. Max.
-12.12 -12
IP1R17-12 IP3R17-12 Min. Typ. Max. Units
-12 -11.64 -11.40 60 120 120 240 5 10 mA 5 3 V dB 0.02 %/W A A V 2.5 4 C/W V V
-11.88 -12.36
VO
Output Voltage
TJ = Over Temp. Range 1 VO VI VO IO IQ Line Regulation Load Regulation Quiescent Current Quiescent Current Change VIN = -14.5V to -35V IO = -5mA
3
TJ = Over Temp. Range 1
3
mV mV mA
IO = -5mA to -3A IO = -5mA
TJ = Over Temp. Range 1 TJ = Over Temp. Range 1 IO = -5mA to -3A
IQ
TJ = Over Temp. Range 1 IO = -5mA IO = -3A IO = -1A tp = 20ms VIN = -17V VIN = -17V VIN = -35V K Package G, T Package VIN = -14.5V to -35V VOUT = 250mV f = 120Hz P = PMAX TJ = Over Temp. Range 1 TJ = Over Temp. Range 1
VD
Dropout Voltage Ripple Rejection Thermal Regulation
TJ = Over Temp. Range 1 TJ = Over Temp. Range 1
0.002 -4.5 -2.5 -1 75 1.5 3
IPEAK Peak Output Current ISC en RJC Short Circuit Current
Output Noise Voltage f = 10Hz to 100kHz Thermal Resistance Junction to Case
Notes
1) Applies over full temperature range:- TJ = -55 to +150C for IP1R17A-12 / IP1R17-12 TJ = 0 to +125C for IP3R17A-12 / IP3R17-12 All other specifications apply at TC = 25C unless otherwise stated. 2) Test conditions unless otherwise stated:- VIN = -17V , IOUT = -1.5A . Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 30W for the TO-3 Package, and 20W for the TO-220 and TO-257 Packages. 3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal regulation specification.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
LAB
ELECTRICAL CHARACTERISTICS
Parameter Test Conditions
IO = -5mA to -3A POUT PMAX VIN = -18V to -30V -15.45 8 16 16 32 -14.55 -15.75 40 80 80 160 5 10 5 2.2 50 70 0.002 -6.5 -4.5 -2.3 -1 90 1.5 3 2.5 4 0.01 -6.5 3 50 2.2 70 16 32 32 64
2
SEME
IP1R17A IP3R17A IP1R17A IP3R17A
(TJ = 25C unless otherwise stated) IP1R17A-15 IP3R17A-15 Min. Typ. Max.
-15.15 -15
IP1R17-15 IP3R17-15 Min. Typ. Max. Units
-15 -14.55 -14.25 80 160 160 320 5 10 mA 5 3 V dB 0.02 %/W A A V 2.5 4 C/W V V
-14.85 -15.45
VO
Output Voltage
TJ = Over Temp. Range 1 VO VI VO IO IQ Line Regulation Load Regulation Quiescent Current Quiescent Current Change VIN = -17.5V to -35V IO = -5mA
3
TJ = Over Temp. Range 1
3
mV mV mA
IO = -5mA to -3A IO = -5mA
TJ = Over Temp. Range 1 TJ = Over Temp. Range 1 IO = -5mA to -3A
IQ
TJ = Over Temp. Range 1 IO = -5mA IO = -3A IO = -1A tp = 20ms VIN = -20V VIN = -20V VIN = -35V K Package G, T Package VIN = -17.5V to -35V VOUT = 300mV f = 120Hz P = PMAX TJ = Over Temp. Range 1 TJ = Over Temp. Range 1
VD
Dropout Voltage Ripple Rejection Thermal Regulation
TJ = Over Temp. Range 1 TJ = Over Temp. Range 1
0.002 -4.5 -2.3 -1 90 1.5 3
IPEAK Peak Output Current ISC en RJC Short Circuit Current
Output Noise Voltage f = 10Hz to 100kHz Thermal Resistance Junction to Case
Notes
1) Applies over full temperature range:- TJ = -55 to +150C for IP1R17A-15 / IP1R17-15 TJ = 0 to +125C for IP3R17A-15 / IP3R17-15 All other specifications apply at TC = 25C unless otherwise stated. 2) Test conditions unless otherwise stated:- VIN = -20V , IOUT = -1.5A . Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 30W for the TO-3 Package, and 20W for the TO-220 and TO-257 Packages. 3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal regulation specification.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96


▲Up To Search▲   

 
Price & Availability of IP3R17AK-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X