Part Number Hot Search : 
MOC3020 LTC13 4805S 331MP 4004B 42500 0401N85 D2463
Product Description
Full Text Search
 

To Download IMC-0402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMC-0402
Vishay Dale
High Frequency, Surface Mount, Laser Spiral, Coated Inductors
FEATURES
* * * * * * Very small in size High self-resonant frequency values High Q values relative to size at higher frequencies Coated coil provides protection and moisture resistance Compatible with vapor phase and infrared reflow soldering Tape and reel packaging for automatic handling, 10,000/reel, EIA-481 * L and Q value not affected by mounting orientation
ELECTRICAL SPECIFICATIONS
Inductance Range: 1.0nH to 100nH Inductance and Tolerance: 0.3nH for 1.0 - 5.6nH 5% for 6.8nH to 100nH Operating Temperature: - 40C to + 100C Core Material: Ceramic
TEST EQUIPMENT
* Inductance and Q measured on HP4291B * SRF measured on HP8753E * DCR measured on HP4338B
STANDARD ELECTRICAL SPECIFICATIONS
TEST FREQUENCY INDUCTANCE L Q (nH) TOLERANCE (MHz) TYPICAL 1.0 0.3nH, 0.2nH 100 21 1.2 0.3nH, 0.2nH 100 21 1.5 0.3nH, 0.2nH 100 21 1.8 0.3nH, 0.2nH 100 21 2.2 0.3nH, 0.2nH 100 21 2.7 0.3nH, 0.2nH 100 21 3.3 0.3nH, 0.2nH 100 21 3.9 0.3nH, 0.2nH 100 20 4.7 0.3nH, 0.2nH 100 20 5.6 0.3nH, 0.2nH 100 20 6.8 5% 100 19 8.2 5% 100 19 10 5%, 2% 100 19 12 5%, 2% 100 19 15 5%, 2% 100 19 18 5%, 2% 100 19 22 5%, 2% 100 19 27 5%, 2% 100 19 33 5%, 2% 100 18 39 5%, 2% 100 18 47 5%, 2% 100 17 56 5%, 2% 100 17 68 5%, 2% 100 15 82 5%, 2% 100 15 100 5%, 2% 100 14 *Value obtained when current flows and temperature has risen 15C TEST FREQUENCY Q (MHz) 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 SELF-RESONANT FREQUENCY MINIMUM (MHz) 6000 6000 6000 6000 6000 5500 5500 5200 4800 4600 4000 3500 2800 2800 2500 2200 2000 1800 1800 1800 1800 1500 1500 1400 1200 DCR MAXIMUM (Ohms) 0.05 0.06 0.07 0.08 0.09 0.10 0.12 0.15 0.17 0.19 0.30 0.35 0.41 0.45 0.60 0.70 0.80 1.20 1.40 1.70 2.10 2.50 4.00 4.50 5.50 RATED DC* CURRENT (mA) 400 400 400 400 400 400 400 360 360 340 320 320 320 320 240 240 200 200 170 150 140 130 120 110 90
DIMENSIONS in inches [millimeters]
0.008 [0.2] 0.020 0.004 [0.5 0.1] 0.039 0.004 [1.0 0.1] 0.020 0.004 [0.5 0.1]
Solder Pad Layout
0.02 [0.50]
0.020 [0.50]
0.063 [1.60]
90/10 Sn/Pb Termination
DESCRIPTION
IMC-0402 MODEL
10nH INDUCTANCE VALUE
5% INDUCTANCE TOLERANCE
SAP PART NUMBERING GUIDELINES (INTERNAL)
I M C 0 4
SIZE
0
2
R
K
1
0
N
J
TOL.
PRODUCT FAMILY See the end of this data book for conversion tables
PACKAGE CODE
INDUCTANCE VALUE
www.vishay.com 48
For technical questions, contact Magnetics@vishay.com
Document Number 34038 Revision 16-May-03


▲Up To Search▲   

 
Price & Availability of IMC-0402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X