Part Number Hot Search : 
Z5237 CY7B991 N5401 KS0127B KTA501 IRLHM620 RCA9229B CH375
Product Description
Full Text Search
 

To Download ILC1232N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Impala Linear Corporation
ILC1232
mP Supervisory Circuit
General Description The ILC1232 is a multifunction circuit which monitors microprocessor activity, external reset and power supplies in microprocessor based systems. The circuit functions include a watchdog timer, power supply monitor, microprocessor reset, and manual pushbutton reset input. The power supply line is monitored with a comparator and an internal voltage reference. RST is forced low when an out-of-tolerance condition exists and remains asserted for at least 250ms after VCC rises above the threshold voltage (4.5V or 4.75V). The RST pin will remain logic low with VCC as low as 1.4V. The Watchdog input (ST) monitors mP activity and will assert RST if no mP activity has occurred within the watchdog timeout period. The watchdog timeout period is selectable with nominal periods of 150, 600, or 1200 milliseconds.
Features * Power OK/Reset Time Delay, 250ms min. * Watchdog Timer, 150ms, 600ms, or 1.2s typical * Precision Supply Voltage Monitor, Select Between 5% or 10% of Supply Voltage * 18A Supply Current * Debounced External Reset Input * 8-Pin SO Package Applications * * * * * Computers Controllers Critical Microprocessor Power Monitoring Intelligent Instruments Portable Equipment
Ordering Information
Part ILC1232N ILC1232M Package 8-Lead PDIP 8-Lead SOIC Temp. Range -40C to +85C -40C to +85C
Typical Circuit
VCC
Pin Package Configurations
Top View
VCC TD VCC P
ST RST TOL GND
ETC1232N - 8 Lead Plastic DIP Package ETC1232M - 8 Lead Plastic SOIC Package PBRST 1 8 7
VCC ST RST RST
ILC1232
PBRST I/O RESET
TD 2
ILC1232
TOL 3 GND 4
6 5
Impala Linear Corporation
ILC1232 1.1
(408) 574-3939
www.impalalinear.com
Sept 1999
1
1
ILC1232 mP Supervisory Circuit
Sept 1999
Absolute Maximum Ratings
Parameter Terminal Voltage Input Current Symbol VCC All other inputs VCC GND, All other inputs TA Ratings -0.3 to 6.0 -0.3 to (VCC + 0.3) 250 25 -40 to +85 -65 to +150 300 700 Units V V mA mA C C C mW
Operating Temperature Range Storage Temperature Range Lead Temperature (Soldering, 10 sec.) Power Dissipation
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. Operating ranges define those limits between which the functionality of the device is guaranteed.
Electrical Characterisitcs
VCC = 4.5 V to 5.5 V, TA = Operating Temperature Range, unless otherwise noted. Parameter Conditions Min Operating Voltage Range, VCC 4.5 Supply Current, ICC (See Note 1) ST and PBRST Input Levels Input Leakage, IIL Output Source Current, RST Output Sink Current, RST, RST VCC 5% Trip Point (Reset Threshold Voltage) VCC 10% Trip Point (Reset Threshold Voltage) Input Capacitance, ST, TOL Output Capacitance, RST, RST PBRST Min. Pulse Width, tPB PBRST Delay, tPBD Reset Active Time, tRST ST Pulse Width, tST ST Timeout Period, tTD VOH = 2.4V VOL = 0.4V TOL= GND TOL= VCC CIN (See Note 3) COUT (See Note 3) PBRST = VIL (See Note 4) 1.0 2.0 4.50 4.25 10 10 4.62 4.37 VIH (See Note 2) VIL 2.0 -0.3 Typ 18 Max 5.5 40 VCC + 0.3 0.8 1 Units V A V A mA mA V V pF pF ms ms ms ns ms
4.74 4.49 5 7 20 1000 250 1000 2000
TD = 0V TD = Open TD = VCC
VCC Fall Time, tF VCC Rise Time, tR VCC Detect to RST Low and RST High, tRPD VCC Detect to RST Open and RST Low, tRPU VCC Falling at 1.66 mV/s VCC Rising (See Note 5)
20 1 250 20 62.5 250 500 10 0
4 610 150 600 1200
s ns 50 150 1000 610 s ms
250
Note Note Note Note Note
1: 2: 3: 4: 5:
ICC is measured with outputs open and inputs within 0.5V of supply rails. PBRST has an internal 40k (typical) pull-up resistor to VCC. Guaranteed by design. PBRST must be held low for a minimum of 20ms to guarantee a reset. RST has an open drain output.
Impala Linear Corporation
ILC1232 1.1
(408) 574-3939
www.impalalinear.com
June 1999
2
ILC1232 mP Supervisory Circuit
Sept 1999
Pin Functions
Pin Number 1 Pin Name PBRST Description Pushbutton reset input. This input is debounced and can be driven with external logic signals or a mechanical push button to actively force a reset. All pulses less than 1ms in duration on the PBRST pin are ignored. Any pulse with a duration of 20ms or greater is guaranteed to cause a reset. Time delay input. This input selects the timebase used by the watchdog timer. When TD = 0V, the watchdog timeout period is set to a nominal value of 150ms, when TD = open, the watchdog timeout period is set to a nominal value of 600ms and when TD = VCC, the watchdog timeout period is 1.2 sec nominally. Tolerance select input. Selects whether 5% or 10% of VCC is used as the reset threshold voltage. When TOL = 0 V, the 5% tolerance level is selected and when TOL = VCC, a 10% tolerance level is selected. Ground pin, 0V reference. RST is asserted high if either VCC goes below the reset threshold, the watchdog times out or PBRST is pulled low for a minimum of 20ms. RST remains asserted for one reset timeout period after VCC exceeds the reset threshold or after the watchdog times out or after PBRST goes high. RST is asserted low if either VCC goes below the reset threshold, the watchdog times out or PBRST is pulled low for a minimum of 20ms. RST remains asserted for one reset timeout period after VCC exceeds the reset threshold or after the watchdog times out or after PBRST goes high. Open-drain output. Input to the watchdog timer. If ST does not see a transition from high to low within the watchdog timeout period, RST and RST will be asserted. Power supply input, 5V.
2
TD
3
TOL
4 5
GND RST
6
RST
7 8
ST VCC
Block Diagram
VCC 8
Trip Point Select
+ -
Reset Generator
6
RST
TOL 3
Ref
5
RST
PBRST 1
Manual Reset Debounce
ST 7
Timeout Select
Watchdog Timer 4
TD 2
GND
Impala Linear Corporation
ILC1232 1.1
(408) 574-3939
www.impalalinear.com
June 1999
3
ILC1232 mP Supervisory Circuit
Sept 1999
Circuit Decription
Power Monitor The RST and RST pins are asserted whenever VCC falls below the reset threshold voltage set by the TOL pin. A 5% tolerance level (4.62V reset threshold voltage) can be selected by connecting the TOL pin to ground or a 10% tolerance (4.37V reset threshold voltage) can be selected by connecting the TOL pin to VCC. The reset pins will remain asserted for a period of 250ms after VCC has risen above the reset threshold voltage. The reset function ensures the microprocessor is properly reset and powers up into a known condition after a power failure. RST will remain valid with VCC as low as 1.4V.
VCCTP VCCTP
Pushbutton Reset Input The PBRST input can be driven with a manual pushbutton switch or with external logic signals. The input is internally debounced and requires an active low signal to force the reset outputs into their active states. The PBRST input will recognize any pulse that is 20ms in duration or greater and will ignore all pulses that are less than 1ms in duration.
tPB PBRST tPDLY
RST
VCC
tRST RST
tRPD RST tRPU RST
Pushbutton Reset
Power-Up/Power-Down Sequence
Watchdog Timer The microprocessor can be monitored by connecting the ST pin (watchdog input) to a bus line or I/O line. If a high-to-low transition does not occur on the ST pin within the watchdog timeout period set by the TD pin (see Table 1), the RST and RST pins will be asserted resulting in a microprocessor reset. RST and RST will remain asserted for 250ms when this occurs. A minimum pulse of 75ns or any transition highto-low on the ST pin will reset the watchdog timer. The watchdog timer will be reset if ST sees a valid transition within the watchdog timeout period.
TD Pin GND Open VCC
Min. 62.5ms 250ms 500ms
tTD Typ. 150ms 600ms 1200ms
Max. 250ms 1000ms 2000ms
Table 1: Watchdog Timeout Period
Alternate Cross Reference Guide
Industry P/N DS1232LP DS1232LPS-2 DS1232 DS1232LPN DS1232LPSN-2 DS1232N MAX1232CPA MAX1232CSA MAX1232EPA MAX1232ESA MAX1232C/D ILC Direct Replacement ILC1232N ILC1232M ILC1232N ILC1232N ILC1232M ILC1232N ILC1232N ILC1232M ILC1232N ILC1232M ILC1232D
tSD
ST
tTD
Watchdog Input
Impala Linear Corporation
ILC1232 1.1
(408) 574-3939
www.impalalinear.com
June 1999
4
ILC1232 mP Supervisory Circuit
Sept 1999
Packaging Information
0.197 0.190
M Package, 8-Pin Small Outline
Pin 1 identifier
0.155 0.150
0.244 0.228
0.069 0.053 0.060 0.040 0.019 0.013
0.012 0.009
0.8
0.011 0.004
0.050 0.016
Tape and Reel Information
0.019 0.013
N Package, 8-Pin Plastic Dual-In-Line
0.260 0.240
0.260 0.240 0.260 0.240 0.260 0.240 0.260 0.240
0.260 0.240
0.260 0.240 0.260 0.240
Devices sold by Impala Linear Corporation are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Impala Linear Corporation makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Impala Linear Corporation makes no warranty of merchantability or fitness for any purpose. Impala Linear Corporation reserves the right to discontinue production and change specifications and prices at any time and without notice. This product is intended for use in normal commercial applications. Applications requiring an extended temperature range, unusual environmental requirements, or high reliability applications, such as military and aerospace, are specifically not recommended without additional processing by Impala Linear Corporation. Impala Linear Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in an Impala Linear Corporation product. No other circuits, patents, licenses are implied.
Life Support Policy Impala Linear Corporation's products are not authorized for use as critical components in life support devices or systems. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labelling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonbly expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Impala Linear Corporation
ILC1232 1.1
(408) 574-3939
www.impalalinear.com
June 1999
5


▲Up To Search▲   

 
Price & Availability of ILC1232N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X