Part Number Hot Search : 
2N1040 D2498 RF9820 R2040 DG623 26001 D2498 SR180
Product Description
Full Text Search
 

To Download IDT74FCT541C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT54/74FCT541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54/74FCT541/A/C
FEATURES:
* * * * * * * *
IDT54FCT541 equivalent to FASTTM speed and drive IDT54/74FCT541A up to 25% faster than FAST IDT74FCT541C up to 55% faster than FAST IOL = 64mA (commercial) and 48mA (military) CMOS power levels (1mW typ. static) MIlitary product compliant to MIL-STD-883, Class B Meets or exceeds JEDEC Standard 18 specifications Available in the following packages: - Commercial: SOIC - Military: CERDIP, LCC
DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced dual metal CMOS technology. The FCT541 is designed to be employed as a memory and address driver, clock driver and bus-oriented transmitter/receiver which provides improved board density. The FCT541 is similar in function to the FCT244, except that the inputs and outputs are on opposite sides of the package. This pinout arrangement makes these devices especially useful as output ports for microprocessors and as backplane drivers, allowing ease of layout and greater board density.
FUNCTIONAL BLOCK DIAGRAM
OEA
1 19
OEB
D0 D1 D2 D3 D4 D5 D6 D7
2
18
O0 O1 O2 O3 O4 O5 O6 O7
3
17
4
16
5
15
6
14
7
13
8
12
9
11
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
1
JUNE 2002
DSC-5429/4
(c) 2002 Integrated Device Technology, Inc.
IDT54/74FCT541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATION
OEA
D0 D1 D2 D3 D4 D5 D6 D7 GND
2 3 4 5 6 7 8 9 10
19 18 17 16 15 14 13 12 11
OEB O0 O1 O2 O3 O4 O5 O6 O7
3 2 1 20 19 18 17 16 15 14 9 10 11 12 13
D2 D3 D4 D5 D6
D1
D0
OEA
1
20
VCC
INDEX
OEB
VCC
4 5 6 7 8
O0 O1 O2 O3 O4
D7
GND
O7
O6
CERDIP/ SOIC TOP VIEW
LCC TOP VIEW
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) TA TBIAS TSTG PT IOUT Rating Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Operating Temperature Temperature under BIAS Storage Temperature Power Dissipation DC Output Current 0 to +70 -55 to +125 -55 to +125 0.5 120 -55 to +125 -65 to +135 -65 to +150 0.5 120 C C C W mA -0.5 to VCC -0.5 to VCC V Commercial -0.5 to +7 Military -0.5 to +7 Unit V
PIN DESCRIPTION
Pin Names OEA, OEB Dx Ox Inputs Outputs Description 3-State Output Enable Inputs (Active LOW)
FUNCTION TABLE(1)
OEA L L H Inputs OEB L L H Dx L H X Output Ox L H Z
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed Vcc by +0.5V unless otherwise noted. 2. Input and Vcc terminals only. 3. Output and I/O terminals only.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High Impedance
NOTE: 1. This parameter is measured at characterization but not tested.
2
O5
IDT54/74FCT541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC - 0.2V Commercial: TA = 0C to +70C, VCC = 5.0V 5%, Military: TA = -55C to +125C, VCC = 5.0V 10%
Symbol VIH VIL IIH IIL IOZH IOZL VIK IOS VOH Off State (High Impedance) Output Current Clamp Diode Voltage Short Circuit Current Output HIGH Voltage VCC = Max. Parameter Input HIGH Level Input LOW Level Input HIGH Current VCC = Max. Input LOW Current Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VI = VCC VI = 2.7V VI = 0.5V VI = GND VO = VCC VO = 2.7V VO = 0.5V VO = GND GND(3) Min. 2 -- -- -- -- -- -- -- -- -- -- -60 VHC VHC 2.4 2.4 -- -- -- -- Typ.(2) -- -- -- -- -- -- -- -- -- -- -0.7 -120 VCC VCC 4.3 4.3 GND GND 0.3 0.3 Max. -- 0.8 5 5(4) -5(4) -5 10 10(4) -10(4) -10 -1.2 -- -- -- -- -- VLC VLC(4) 0.55 0.55 A A Unit V V
VCC = Min., IIN = -18mA VCC = Max., VO = VCC = 3V, VIN = VLC or VHC, IOH = -32A VCC = Min IOH = -300A VIN = VIH or VIL IOH = -12mA MIL IOH = -15mA COM'L VCC = 3V, VIN = VLC or VHC, IOL = 300A VCC = Min IOL = 300A VIN = VIH or VIL IOL = 48mA MIL IOL = 64mA COM'L
V mA V
VOL
Output LOW Voltage
V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient and maximum loading. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. This parameter is guaranteed but not ttested.
3
IDT54/74FCT541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC - 0.2V
Symbol ICC ICC ICCD Parameter Quiescent Power Supply Current Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Test Conditions(1) VCC = Max. VIN VHC; VIN VLC VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OEA = OEB = GND or OEA = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle OEA = OEB = GND or OEA = GND One Bit Toggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle OEA = OEB = GND or OEA = GND Eight Bits Toggling
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2+ fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Output Frequency Ni = Number of Outputs at fi All currents are in milliamps and all frequencies are in megahertz.
Min. -- --
Typ.(2) 0.2 0.5 0.15
Max. 1.5 2 0.25
Unit mA mA mA/ MHz
VIN VHC VIN VLC
--
IC
Total Power Supply Current(6)
VIN VHC VIN VLC (FCT) VIN = 3.4V VIN = GND VIN VHC VIN VLC (FCT) VIN = 3.4V VIN = GND
--
1.7
4
mA
--
2
5
--
3.2
6.5(5)
--
5.2
14.5(5)
4
IDT54/74FCT541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
74FCT541A Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ Output Disable Time 1.5 5.6 1.5 5.2 ns Parameter Propagation Delay Dx to Ox Output Enable Time Condition(1) CL = 50pF RL = 500 1.5 6.2 1.5 5.8 ns Min.(2) 1.5 Max. 4.8 Min.(2) 1.5 74FCT541C Max. 4.1 Unit ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY
54FCT541 Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays.
54FCT541A Min.(2) 1.5 1.5 1.5 Max. 5.1 6.5 5.9 Unit ns ns ns
Parameter Propagation Delay Dx to Ox Output Enable Time Output Disable Time
Condition(1) CL = 50pF RL = 500
Min.(2) 1.5 1.5 1.5
Max. 9 10.5 10
5
IDT54/74FCT541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T . VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low Switch Closed Open
50pF CL
500
All Other Tests
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Octal link
Test Circuits for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
Octal link
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
Octal link
1.5V
1.5V
tSU
tH
Pulse Width
Set-Up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
Octal link
DISABLE 3V 1.5V 0V 3.5V 0.3V tPHZ 0.3V 1.5V 0V VOH 0V
Octal link
CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPLZ
VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; ZO 50; tF 2.5ns; tR 2.5ns.
6
IDT54/74FCT541/A/C FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
XXXX IDT XX FCT Temp. Range Device Type XX Package X Process Blank B Commercial MIL-STD-883, Class B Commercial Options Small Outline IC Military Options CERDIP Leadless Chip Carrier
SO
D L
541 541A 541C
Fast CMOS Octal Buffer/Line Driver
54 74
- 55C to +125C 0C to +70C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT541C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X