Part Number Hot Search : 
BU426A 465ANR TS158207 QS5U34 2412S XC6115A R24C05 B8247
Product Description
Full Text Search
 

To Download ICS8305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
FEATURES
* 4 LVCMOS/LVTTL outputs * Selectable differential or LVCMOS/LVTTL clock inputs * CLK, nCLK pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL * LVCMOS_CLK supports the following input types: LVCMOS, LVTTL * Maximum output frequency: 350MHz * Output skew: 35ps (maximum) * Part-to-part skew: 700ps (maximum) * Additive phase jitter, RMS: 0.04ps (typical) * 3.3V core, 3.3V, 2.5V or 1.8V output operating supply * 0C to 70C ambient operating temperature * Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS8305 is a low skew, 1-to-4, Differential/ LVCMOS-to-LVCMOS/LVTTL Fanout Buffer and a HiPerClockSTM member of the HiPerClockSTM family of High Performance Clock Solutions from ICS. The ICS8305 has selectable clock inputs that accept either differential or single ended input levels. The clock enable is internally synchronized to eliminate runt pulses on the outputs during asynchronous assertion/deassertion of the clock enable pin. Outputs are forced LOW when the clock is disabled. A separate output enable pin controls whether the outputs are in the active or high impedance state.
ICS
Guaranteed output and part-to-part skew characteristics make the ICS8305 ideal for those applications demanding well defined performance and repeatability.
BLOCK DIAGRAM
CLK_EN D Q LE LVCMOS_CLK CLK nCLK CLK_SEL Q2
PIN ASSIGNMENT
GND OE VDD CLK_EN CLK nCLK CLK_SEL LVCMOS_CLK 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 Q0 VDDO Q1 GND Q2 VDDO Q3 GND
00 1
1 Q0
Q1
ICS8305
16-Lead TSSOP 4.4mm x 3.0mm x 0.92mm package body G Package Top View
Q3
OE
8305AG
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 6, 2004
1
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
Type Power Input Power Input Input Input Input Input Output Power Description
TABLE 1. PIN DESCRIPTIONS
Number 1, 9, 13 2 3 4 5 6 7 8 10, 12, 14, 16 11, 15 Name GND OE VDD CLK_EN CLK nCLK CLK_SEL LVCMOS_CLK Q3, Q2, Q1, Q0 VDDO Power supply ground. Output enable. When LOW, outputs are in HIGH impedance state. Pullup When HIGH, outputs are active. LVCMOS / LVTTL interface levels. Core supply pin. Synchronizing clock enable. When LOW, the output clocks are disabled. When HIGH, output clocks are enabled. Pullup LVCMOS / LVTTL interface levels. Pulldown Non-inver ting differential clock input. Pullup/ Inver ting differential clock input. VDD/2 default when left floating. Pulldown Clock select input. When HIGH, selects CLK, nCLK inputs. Pullup When LOW, selects LVCMOS_CLK input. LVCMOS / LVTTL interface levels. Pulldown LVCMOS / LVTTL clock input. Clock outputs. LVCMOS / LVTTL interface levels. Output supply pins.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN C PD ROUT Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Power Dissipation Capacitance (per output) Output Impedance Test Conditions Minimum Typical 4 51 51 11 7 Maximum Units pF K K pF
8305AG
www.icst.com/products/hiperclocks.html
2
REV. B DECEMBER 6, 2004
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
Inputs CLK_SEL 0 1 0 1 Outputs Q0:Q3 Disabled; LOW Disabled; LOW Enabled Enabled
TABLE 3A. CONTROL INPUT FUNCTION TABLE
OE 1 1 1 1 CLK_EN 0 0 1 1 Selected Source LVCMOS_CLK CLK, nCLK LVCMOS_CLK CLK, nCLK
0 X X HiZ NOTE: After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as shown in Figure 1.
Disabled
Enabled
nCLK CLK, LVCMOS_CLK CLK_EN
Q0:Q3
FIGURE 1. CLK_EN TIMING DIAGRAM
8305AG
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 6, 2004
3
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
4.6V -0.5V to VDD + 0.5 V -0.5V to VDD + 0.5V 89C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol VDD VDDO IDD IDDO Parameter Core Supply Voltage Output Supply Voltage Power Supply Current Output Supply Current Test Conditions Minimum 3.135 3.135 2.375 1.65 Typical 3.3 3.3 2.5 1.8 Maximum 3.465 3.465 2.625 1.95 21 5 Units V V V V mA mA
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol Parameter VIH VIL IIH IIL Input High Voltage Input Low Voltage Input High Current Input Low Current CLK_EN, CLK_SEL, OE LVCMOS_CLK CLK_EN, CLK_SEL, OE LVCMOS_CLK CLK_EN, CLK_SEL, OE LVCMOS_CLK CLK_EN, CLK_SEL, OE LVCMOS_CLK VDD = VIN = 3.465V VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V VDD = 3.465V, VIN = 0V VDDO = 3.3V 5% VOH Output High Voltage; NOTE 1 VDDO = 2.5V 5% VDDO = 1.8V 0.15V VDDO = 3.3V 5% VOL IOZL IOZH Output Low Voltage; NOTE 1 Output Tristate Current Low Output Tristate Current High VDDO = 2.5V 5% VDDO = 1.8V 0.15V -5 5 -150 -5 2.6 1.8 1.5 0.5 0.5 0.4 Test Conditions Minimum Typical 2 2 -0.3 -0.3 Maximum VDD + 0.3 VDD + 0.3 0.8 1.3 5 150 Units V V V V A A A A V V V V V V A A
NOTE 1: Outputs terminated with 50 to VDDO/2. See Parameter Measurement Information, Output Load Test Circuit.
8305AG
www.icst.com/products/hiperclocks.html
4
REV. B DECEMBER 6, 2004
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
Test Conditions nCLK CLK nCLK CLK VIN = VDD = 3.465V VIN = VDD = 3.465V VIN = 0V, VDD = 3.465V VIN = 0V, VDD = 3.465V -150 -5 1.3 VDD - 0.85 Minimum Typical Maximum 150 150 Units A A A A V V
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol IIH IIL VPP Parameter Input High Current Input Low Current
Peak-to-Peak Input Voltage 0.15 Common Mode Input Voltage; VCMR GND + 0.5 NOTE 1, 2 NOTE 1: For single ended applications, the maximum input voltage for CLK, nCLK is VDD + 0.3V. NOTE 2: Common mode voltage is defined as VIH.
TABLE 5A. AC CHARACTERISTICS, VDD = VDDO = 3.3V 5%, TA = 0C TO 70C
Symbol Parameter fMAX tpLH Output Frequency LVCMOS_CLK; Propagation Delay, NOTE 1A Low to High CLK, nCLK; NOTE 1B Output Skew; NOTE 2, 6 Par t-to-Par t Skew; NOTE 3, 6 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter Section, NOTE 5 Output Rise/Fall Time; NOTE 4 Output Duty Cycle Output Enable Time; NOTE 4 1.75 Measured on the Rising Edge Test Conditions Minimum Typical Maximum 350 2.75 35 700 0.04 20% to 80% Ref = CLK/nCLK Ref = LVCMOS_CLK, 300MHz 100 45 45 700 55 55 5 5 Units MHz ns ps ps ps ps % % ns ns
t sk(o) t sk(pp) t jit
tR / tF odc tEN
Output Disable Time; NOTE 4 tDIS All parameters measured at 350MHz unless noted otherwise. NOTE 1A: Measured from the VDD/2 of the input to VDDO/2 of the output. NOTE 1B: Measured from the differential input crossing point to VDDO/2 of the output. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2. NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 4: These parameters are guaranteed by characterization. Not tested in production. NOTE 5: Driving only one input clock. NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
8305AG
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 6, 2004
5
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 5B. AC CHARACTERISTICS, VDD = 3.3V 5%, VDDO = 2.5V 5%, TA = 0C TO 70C
Symbol Parameter fMAX tpLH Output Frequency Propagation Delay, Low to High LVCMOS_CLK; NOTE 1A CLK, nCLK; NOTE 1B Output Skew; NOTE 2, 6 1.8 Measured on the Rising Edge Test Conditions Minimum Typical Maximum 350 2.9 35 800 0.04 20% to 80% Ref = CLK/nCLK Ref = LVCMOS_CLK, 300MHz 100 44 44 700 56 56 5 Units MHz ns ps ps ps ps % % ns
t sk(o) t sk(pp) tjit
t R / tF odc t EN
Par t-to-Par t Skew; NOTE 3, 6 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter Section, NOTE 5 Output Rise/Fall Time; NOTE 4 Output Duty Cycle Output Enable Time; NOTE 4
Output Disable Time; NOTE 4 5 ns tDIS All parameters measured at 350MHz unless noted otherwise. NOTE 1A: Measured from the VDD/2 of the input to VDDO/2 of the output. NOTE 1B: Measured from the differential input crossing point to VDDO/2 of the output. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2. NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 4: These parameters are guaranteed by characterization. Not tested in production. NOTE 5: Driving only one input clock. NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
TABLE 5C. AC CHARACTERISTICS, VDD = 3.3V 5%, VDDO = 1.8V -0.15V, TA = 0C TO 70C
Symbol Parameter fMAX tpLH Output Frequency Propagation Delay, Low to High LVCMOS_CLK; NOTE 1A CLK, nCLK; NOTE 1B Output Skew; NOTE 2, 6 1.95 Measured on the Rising Edge Test Conditions Minimum Typical Maximum 350 3.65 35 900 0.04 20% to 80% Ref = CLK/nCLK Ref = LVCMOS_CLK, 300MHz 100 44 44 700 56 56 5 5 Units MHz ns ps ps ps ps % % ns ns
t sk(o) t sk(pp) tjit
t R / tF odc t EN tDIS
Par t-to-Par t Skew; NOTE 3, 6 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter Section, NOTE 5 Output Rise/Fall Time; NOTE 4 Output Duty Cycle Output Enable Time; NOTE 4 Output Disable Time; NOTE 4
See notes in Table 5B.
8305AG
www.icst.com/products/hiperclocks.html
6
REV. B DECEMBER 6, 2004
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
ADDITIVE PHASE JITTER
The spectral purity in a band at a specific offset from the fundamental compared to the power of the fundamental is called the dBc Phase Noise. This value is normally expressed using a Phase noise plot and is most often the specified plot in many applications. Phase noise is defined as the ratio of the noise power present in a 1Hz band at a specified offset from the fundamental frequency to the power value of the fundamental. This ratio is expressed in decibels (dBm) or a ratio of the power in
0 -10 -20 -30 -40 -50
the 1Hz band to the power in the fundamental. When the required offset is specified, the phase noise is called a dBc value, which simply means dBm at a specified offset from the fundamental. By investigating jitter in the frequency domain, we get a better understanding of its effects on the desired application over the entire time record of the signal. It is mathematically possible to calculate an expected bit error rate given a phase noise plot.
Input/Output Additive Phase Jitter at 155.52MHz
= 0.04ps typical
SSB PHASE NOISE dBc/HZ
-60 -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 100 1k 10k 100k 1M 10M 100M
OFFSET FROM CARRIER FREQUENCY (HZ)
As with most timing specifications, phase noise measurements have issues. The primary issue relates to the limitations of the equipment. Often the noise floor of the equipment is higher than the noise floor of the device. This is illustrated above. The de-
vice meets the noise floor of what is shown, but can actually be lower. The phase noise is dependant on the input source and measurement equipment.
8305AG
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 6, 2004
7
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
1.65V5%
2.05V5%
1.25V5%
VDD, VDDO
SCOPE
Qx
V DD VDDO
Qx
SCOPE
LVCMOS
GND
LVCMOS
GND
-1.65V5%
-1.25V5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.4V0.09V 0.9V0.075V VDD
V DD VDDO
Qx
SCOPE
nCLK
V
CLK
LVCMOS
GND
PP
Cross Points
V
CMR
GND -0.9V0.075V
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
V
PART 1
2
V
DDO
DDO
Qx
Qx
2
V
PART 2
2 tsk(o)
V
DDO
DDO
Qy
Qy
2 tsk(pp)
OUTPUT SKEW
8305AG
PART-TO-PART SKEW
www.icst.com/products/hiperclocks.html
8
REV. B DECEMBER 6, 2004
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
LVCMOS_CLK
VDD 2
80%
80% 20% tR tF
nCLK CLK
Clock Outputs
20%
Q0:Q3
VDDO 2 t
PD
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
V Q0:Q3 Pulse Width t
DDO
2
PERIOD
odc =
t PW t PERIOD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
8305AG
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 6, 2004
9
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER APPLICATION INFORMATION
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
Figure 2 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = VDD/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio
of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609.
VDD
R1 1K Single Ended Clock Input CLK V_REF nCLK C1 0.1u
R2 1K
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
8305AG
www.icst.com/products/hiperclocks.html
10
REV. B DECEMBER 6, 2004
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
here are examples only. Please consult with the vendor of the driver component to confirm the driver termination requirements. For example in Figure 3A, the input termination applies for ICS HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver from another vendor, use their termination recommendation.
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and other differential signals. Both VSWING and VOH must meet the VPP and VCMR input requirements. Figures 3A to 3E show interface examples for the HiPerClockS CLK/nCLK input driven by the most common driver types. The input interfaces suggested
3.3V 3.3V
3.3V 1.8V
Zo = 50 Ohm
Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVHSTL ICS HiPerClockS LVHSTL Driver R1 50 R2 50
R3 50 LVPECL Zo = 50 Ohm
CLK
nCLK
HiPerClockS Input
HiPerClockS Input
R1 50
R2 50
FIGURE 3A. HIPERCLOCKS CLK/nCLK INPUT DRIVEN ICS HIPERCLOCKS LVHSTL DRIVER
BY
FIGURE 3B. HIPERCLOCKS CLK/nCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
3.3V 3.3V 3.3V R3 125 Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVPECL R1 84 R2 84 HiPerClockS Input R4 125
3.3V
3.3V
LVDS_Driv er
Zo = 50 Ohm
CLK
R1 100
Zo = 50 Ohm
nCLK
Receiv er
FIGURE 3C. HIPERCLOCKS CLK/nCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
FIGURE 3D. HIPERCLOCKS CLK/nCLK INPUT DRIVEN 3.3V LVDS DRIVER
BY
3.3V
3.3V
3.3V
LVPECL
Zo = 50 Ohm
C1
R3 125
R4 125
CLK
Zo = 50 Ohm
C2
nCLK
HiPerClockS Input
R5 100 - 200
R6 100 - 200
R1 84
R2 84
R5,R6 locate near the driver pin.
FIGURE 3E. HIPERCLOCKS CLK/nCLK INPUT DRIVEN 3.3V LVPECL DRIVER WITH AC COUPLE
8305AG
BY
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 6, 2004
11
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
is driven by an LVCMOS driver. CLK_EN is set at logic low to select LVCMOS_CLK input.
SCHEMATIC EXAMPLE
This application note provides general design guide using ICS8305 LVCMOS buffer. Figure 3 shows a schematic example of the ICS8305 LVCMOS clock buffer. In this example, the input
VDD
Zo = 50
VDD
R1 43
R4 1K
VDD
R5 1K
U1
Zo = 50
Ro ~ 7 Ohm
1 2 3 4 5 6 7 8
GND OE VDD CLK_EN CLK nCLK CLK_SEL LVCMOS_CLK
ICS8305
Q0 VDDO Q1 GND Q2 VDDO Q3 GND
16 15 14 13 12 11 10 9
LVCMOS Receiv er
Zo = 50
R2 43
R3
3,.3V LVCMOS
43
R6 1K
(U1,3) VDD
(U1,11)
(U1,15)
LVCMOS Receiv er
C1
C2 0.1u
C3 0.1u
VDD=3.3V
0.1u
FIGURE 4. EXAMPLE ICS8305 LVCMOS CLOCK OUTPUT BUFFER SCHEMATIC
8305AG
www.icst.com/products/hiperclocks.html
12
REV. B DECEMBER 6, 2004
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER RELIABILITY INFORMATION
TABLE 6.
JAVS. AIR FLOW TABLE FOR 16 LEAD TSSOP
JA by Velocity (Linear Feet per Minute)
0 200
118.2C/W 81.8C/W
500
106.8C/W 78.1C/W
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards
137.1C/W 89.0C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS8305 is: 459
8305AG
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 6, 2004
13
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
16 LEAD TSSOP
PACKAGE OUTLINE - G SUFFIX
FOR
TABLE 7. PACKAGE DIMENSIONS
SYMBOL N A A1 A2 b c D E E1 e L aaa 0.45 0 -4.30 -0.05 0.80 0.19 0.09 4.90 6.40 BASIC 4.50 0.65 BASIC 0.75 8 0.10 Millimeters Minimum 16 1.20 0.15 1.05 0.30 0.20 5.10 Maximum
Reference Document: JEDEC Publication 95, MO-153
8305AG
www.icst.com/products/hiperclocks.html
14
REV. B DECEMBER 6, 2004
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 8. ORDERING INFORMATION
Part/Order Number ICS8305AG ICS8305AGT Marking ICS8305AG ICS8305AG Package 16 Lead TSSOP 16 Lead TSSOP on Tape and Reel Count 94 per tube 2500 Temperature 0C to 70C 0C to 70C
The aforementioned trademark, HiPerClockSTM is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 8305AG www.icst.com/products/hiperclocks.html REV. B DECEMBER 6, 2004
15
Integrated Circuit Systems, Inc.
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REVISION HISTORY SHEET
Rev A B B
Table T8 T5A - T5C T1
Page 14 5&6 7 2
Description of Change Ordering Information table - corrected Par t/Order Number typo from ICS88305AGT to ICS8305AGT. Added Additive Phase Jitter to AC Characteristics Tables. Added Additive Phase Jitter Section. Pin Description Table - corrected CLK_EN description.
Date 1/20/04 2/26/04 12/6/04
8305AG
www.icst.com/products/hiperclocks.html
16
REV. B DECEMBER 6, 2004


▲Up To Search▲   

 
Price & Availability of ICS8305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X