Part Number Hot Search : 
MA718 WC01RITE TL101 EM48AM LM64P11 SZ65D0 74HC4 100ML
Product Description
Full Text Search
 

To Download IC42S16160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IC42S16160
Document Title
4M x 16Bit x 4 Banks (256-MBIT) SDRAM
Revision History
Revision No
0A
History
Initial Draft
Draft Date
September 05,2003
Remark
Preliminary
The attached datasheets are provided by ICSI. Integrated Circuit Solution Inc reserve the right to change the specifications and products. ICSI will answer to your questions about device. If you have any questions, please contact the ICSI offices.
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
1
IC42S16160
4M x 16 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
FEATURES
* Single 3.3V ( 0.3V) power supply * High speed clock cycle time -6: 166MHz, -7: 133MHz * Fully synchronous operation referenced to clock rising edge * Possible to assert random column access in every cycle * Quad internal banks contorlled by BA0 & BA1 (Bank Select) * Byte control by LDQM and UDQM for IC42S16160 * Programmable Wrap sequence (Sequential / Interleave) * Programmable burst length (1, 2, 4, 8 and full page) * Programmable CAS latency (2 and 3) * Automatic precharge and controlled precharge * CBR (Auto) refresh and self refresh * LVTTL compatible inputs and outputs * 8,192refresh cycles / 64ms * Burst termination by Burst stop and Precharge command * Package 400mil 54-pin TSOP-2
DESCRIPTION
The IC42S16160 are high-speed 256M-bits synchronous dynamic random-access memories, organized as 4M x 16 x 4 (word x bit x bank), respectively. The synchronous DRAMs achieved high-speed data transfer using the pipeline architecture and clock frequency up to 166MHz for -6. All input and outputs are synchronized with the positive edge of the clock.The synchronous DRAMs are compatible with Low Voltage TTL (LVTTL).These products are packaged in 54-pin TSOP-2.
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which may appear in this publication. (c) Copyright 2000, Integrated Circuit Solution Inc.
2
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
PIN CONFIGURATIONS
54-Pin TSOP-2
VDD DQ0 VDDQ DQ1 DQ2 VSSQ DQ3 DQ4 VDDQ DQ5 DQ6 VSSQ DQ7 VDD LDQM WE CAS RAS CS BA0 BA1 A10 A0 A1 A2 A3 VDD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 VSS DQ15 VSSQ DQ14 DQ13 VDDQ DQ12 DQ11 VSSQ DQ10 DQ9 VDDQ DQ8 VSS NC UDQM CLK CKE A12 A11 A9 A8 A7 A6 A5 A4 VSS
PIN DESCRIPTIONS
CLK CKE CS RAS CAS WE DQ0 ~ DQ15 Master Clock Clock Enable Chip Select Row Address Strobe Column Address Strobe Write Enable Data I/O DQM A0-12 BA0,1 VDD VDDQ VSS VSSQ DQ Mask Enable Address Input Bank Address Power Supply Power Supply for DQ Ground Ground for DQ
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
3
IC42S16160
FUNCTIONAL BLOCK DIAGRAM
CLK CKE Clock Generator
Address
Mode Register
Row Decoder
Row Address Buffer & Refresh Counter
Bank D Bank C Bank B
Bank A
Sense Amplifier
Command Decoder
CS RAS CAS WE
Control Logic
Input & Output Buffer
Latch Circuit
Column Address Buffer & Burst Counter
Column Decoder & Latch Circuit
DQM
Data Control Circuit
DQ
4
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
PIN FUNCTIONS
Symbol CLK CKE Type Input Pin Input Pin Function (In Detail)
Master Clock: Other inputs signals are referenecd to the CLK rising edge Clock Enable: CKE HIGH activates, and CKE LOW deactivates internal clock signals,device input buffers and output drivers. Deactivating the clock provides PRECHARGE POWER-DOWN and SELF REFRESH operation (all banks idle), or ACTIVE POWER-DOWN (row ACTIVE in any bank). Chip Select: CS enables (registered LOW) and disables (registered HIGH) the command decoder. All commands are masked when CS is registered HIGH. CS provides for external bank selection on systems with multiple banks. CS is considered part of the command code. Command Inputs: RAS, CAS and WE (along with CS) define the command being entered. Address Inputs: Provide the row address for ACTIVE commands, and the column address and AUTO PRECHARGE bit for READ/WRITE commands, to select one location out of the memory array in the respective bank. The row address is specified by RA0-RA12. The column address is specified by CA0-CA8 (IC42S16160) Bank Address Inputs: BA0 and BA1 define to which bank an ACTIVE, READ, WRITE or PRECHARGE command is being applied. Din Mask / Output Disable: When DQM is high in burst write, Din for the current cycle is masked. When DQM is is high in burst read, Dout is disable at the next but one cycle. Data Input / Output: Data bus. Power Supply for the memory array and peripheral circuitry. Power Supply are supplied to the output buffers only.
CS
Input Pin
RAS, CAS, WE
A0-A12
Input Pin Input Pin
BA0,BA1 DQM, UDQM ,LDQM
Input Pin Input Pin
DQ0 to DQ15
VDD, VSS VDDQ, VSSQ
I/O Pin Power Supply Pin Power Supply Pin
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
5
IC42S16160
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
VDD VDDQ
Parameters
Rating
Unit V V V V mA W C C
VI VO IO PD TOPT TSTG
Supply Voltage (with respect to VSS) -0.5 to +4.6 Supply Voltage for Output (with respect to VSSQ) -0.5 to +4.6 Input Voltage (with respect to VSS) -0.5 to VDD+0.5 Output Voltage (with respect to VSSQ) -1.0 to VDDQ+0.5 Short circuit output current 50 Power Dissipation (TA = 25 C) 1
Operating Temperature Storage Temperature
0 to +70 -65 to +150
Notes: 1. Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent damage. The device is not meant to be operated under conditions outside the limits described in the operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
DC RECOMMENDED OPERATING CONDITIONS (At TA = 0 to +70C unless otherwise noted)
Symbol VDD VDDQ VIH VIL Parameter Supply Voltage Supply Voltage for DQ High Level Input Voltage (all Inputs) Low Level Input Voltage (all Inputs) Min. 3.0 3.0 2.0 -1.2 Typ. 3.3 3.3 -- -- Max. 3.6 3.6 VDD + 1.2 +0.8 Unit V V V V
Notes: 1. All voltages are referenced to VSS =0V 2. VIH(max) for pulse width with 3ns of duration 3. VIL(min) for pulse width with 3ns of duration
CAPACITANCE CHARACTERISTICS
(At TA = 0 ~ 70C, VDD = VDDQ = 3.3 0.3V, VSS = VSSQ = 0V , unless otherwise noted) Symbol CIN CCLK CI/O Parameter
Input Capacitance, address & control pin Input Capacitance, CLK pin
Max. 5 4 6.5
Unit pF pF pF
Data Input/Output Capacitance
6
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
DC ELECTRICAL CHARACTERISTICS
(At TA = 0 ~ 70C, VDD = VDDQ = 3.3 0.3V, VSS = VSSQ = 0V , unless otherwise noted) Symbol Parameter ICC1(1) Operating Current Test Condition One Bank active, Burst Length=1 tRC = tRC (min.) tCLK = tCLK (min.) CKE < VIL (MAX) CAS latency = 3 Speed -6 -7 Min. -- -- Max. 90 80 Unit mA mA
ICC2P ICC2PS ICC2N(2) ICC2NS ICC3P ICC3N(2) ICC4
Precharge Standby Current (In Power-Down Mode)
Precharge Standby Current (In Non Power-Down Mode)
Active Standby Current (In Power-Down Mode) Active Standby Current (In Non Power-Down Mode) Operating Current (In Burst Mode) Auto-Refresh Current Self-Refresh Current Input Leakage Current
(Inputs)
ICC5 ICC6(3, 4) IIL IOL VOH VOL
-6 -7 CKE < VIL (MAX) CLK < VIL (MAX) -6 -7 CS > VCC -0.2V tCK = min -6 CKE > VIH (MIN) -7 CS > VCC -0.2V CKE < VIL (MAX) -6 CKE > VIH (MIN) All input signals are stable. -7 CKE < VIL (MAX) tCK = min -6 -7 CS > VCC -0.2V tCK = min -6 CKE > VIH (MIN) -7 All Banks active CAS latency = 3 -6 Burst Length=1 -7 tCK = tCK (MIN) tRC = tRC (MIN) -6 tCLK = tCLK (MIN) -7 CKE < 0.2V -6 -7 0V < VIN < VDD (MAX)
Pins not under test = 0V
tCK = 15 ns
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -5 -5 2.4 --
2 2 1 1 55 45 5 5 10 10 65 55 170 150 270 240 3 3 5 5 -- 0.4
mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA A A V V
Output Leakage Current
(I/O pins)
High Level Output Voltage Low Level Output Voltage
Output is disabled DQ# in H - Z., 0V < VOUT < VDD (MAX) IOUT = -2 mA IOUT = +2 mA
Notes: 1. ICC(max) is specified at the output open condition. 2. Input signals are changed one time during 30ns.
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
7
IC42S16160
AC TEST CONDITIONS
(At TA = 0 ~ 70C, VDD = VDDQ = 3.3 0.3V, VSS = VSSQ = 0V , unless otherwise noted) Parameter
AC input Levels (VIH /VIL ) Input timing reference level /Output timing reference level Input rise and fall time Output load condition
Rating
2.0 / 0.8 1.4 1 50
Unit
V V ns
pF
Output Load Conditions
VDDQ VOUT
VDDQ
Z = 50
50PF
Device Under Test
8
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
AC ELECTRICAL CHARACTERISTICS
(At TA = 0 ~ 70C, VDD = VDDQ = 3.3 0.3V, VSS = VSSQ = 0V , unless otherwise noted) -6 Symbol tCK3 tCK2 tAC3 tAC2 tCH tCL tCKE tCKH tAS tAH tCMS tCMH tDS tDH tOH tLZ tHZ tRC tRAS tRCD tRP tRRD tDPL tT tRSC tPDE tSRX tREF tDQZ tDQW tWR Parameter CLK Cycle Time
CLK to valid output delay(1) CLK high pulse width CLK low pulse width CKE setup time CKE hold time Address setup time Address hold time Command setup time Command hold time Data input setup time Data input hold time Output data hold time(1) CLK to output in low - Z CLK to output in H - Z ROW cycle time ROW active time RAS to CAS delay Row precharge time Row active to active delay Data in to precharge Transition time Mode reg. set cycle Power down exit setup time Self refresh exit time
-7 Max. -- -- 5.4 5.4 -- -- -- -- -- -- -- -- -- -- -- -- 6 -- 100,000 -- -- -- -- 1.2 -- 6 -- 64 2 -- -- Min. 7 10 -- -- 2.5 2.5 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 3 1 3 60 45 15 15 14 15 0.3 14 0 1 -- -- 2 0 Max. -- -- 5.4 6 -- -- -- -- -- -- -- -- -- -- -- -- 7 -- 100,000 -- -- -- -- 1.2 -- 7 -- 64 2 -- -- Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms CLK CLK CLK
Min. CAS Latency = 3 CAS Latency = 2 CAS Latency = 3 CAS Latency = 2 6 7.5 -- -- 2.5 2.5 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 3 1 3 60 42 12 15 12 12 0.3 12 0 1 -- -- 2 0
Refresh Time
DQM data out disable latency DQM write latency Write recovery time
Notes: 1. if clock rising time is longer than 1ns, (tr/2-0.5ns) should be added to the parameter.
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
9
IC42S16160
Basic Features and Function Description Simplified State Diagram
Self
Refresh
try en it ex
LF SE
Mode Register Set
MRS
IDLE
LF SE
REF
AUTO Refresh
CK E
E CK
ROW ACTIVE
BS T
ACT
Power Down
CKE CKE
T BS
Active Power Down
ad Re
W rit e
Au Write to p rec with har ge
h wit rge ad cha Re Pre to Au
re co ve r
y
Write (Write recovery)
Read
PRE
W
rit
e
WRITE SUSPEND
CKE CKE
WRITE
Read (write recovery) Write
READ
CKE CKE
READ SUSPEND
Write with Auto Precharge
R Auto ead w Pre ith cha rge
rge cha P re E( PR
ith e te w arg Wri Prech uto (writA
e re cov ery)
ter min atio n )
Read with Auto Precharge
WRITE A SUSPEND
CKE CKE
WRITE A
CKE READ A CKE
READA SUSPEND
POWER ON
Precharge
Precharge
Automatic sequence Manual input Note: After the AUTO refresh operation, precharge operation is performed automatically and enter the IDLE state
10
PR E
(P r ech
arg e
m ter tio ina n)
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
COMMAND TRUTH TABLE
Symbol
DESL NOP MRS ACT READ READA WRIT WRITA PRE PALL BST REF SELF
Command
Device deselect No operation Mode register set Bank activate Read Read with auto precharge Write Write with auto precharge Precharge select bank Precharge all banks Burst stop CBR (Auto) refresh Self refresh
L : Low level V : Valid Data input
CKE n-1 n H H H H H H H H H H H H H X X X X X X X X X X X H L
CS H L L L L L L L L L L L L
RAS X H L L H H H H L L H L L
CAS X H L H L L L L H H H L L
WE X H L H H H L L L L L H H
BA X X L V V V V V V X X X X
A11 A10 A9-A0 X X L V L H L H L H X X X X X V V V V V V X X X X X
Notes: H : High level X : High or Low level (Don't care)
DQM TRUTH TABLE
CKE Symbol ENB MASK Command Data Write / Output Enable Data Mask / Output Disable n-1 H H n X X DQM L H
CKE TRUTH TABLE
Symbol -- -- -- REF SELF -- -- -- Command
Clock suspend mode entry Clock suspend Clock suspend mode exit CBR refresh command Self refresh entry Self refresh exit Power down entry Power down exit
Current State
Activating Any Clock suspend Idle Idle Self refresh Idle Power down
CKE n-1 n H L L H H L L H L L L H H L H H L H
CS X X X L L L H X X
RAS X X X L L H X X X
CAS X X X L L H X X X
WE X X X H H H X X X
Addreess X X X X X X X X X
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
11
IC42S16160
OPERATION COMMAND TABLE(1)
Current State Command Idle DESL NOP or BST READ / READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP or BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS Operation NOP or Power-Down(2) NOP or Power-Down(2) Illegal(3) Illegal(3) Row Active NOP Refresh or Self-Refresh(4) Mode Register Set NOP NOP
Begin read : Determine AP(5) Begin write : Determine AP(5)
CS H L L L L L L L H L L L L L L L H L L L L L L L L H L L L L L L L L H L L L L L L L L
RAS X H H H L L L L X H H H L L L L X H H H H L L L L X H H H H L L L L X H H H H L L L L
CAS X H L L H H L L X H L L H H L L X H H L L H H L L X H H L L H H L L X H H L L H H L L
WE X X H L H L H L X H H L H L H L X H L H L H L H L X H L H L H L H L X H L H L H L H L
Address X
X BA, CA, A10 BA, CA, A10 BR, RA BA, A10
X
Op-Code
Row Active
X X
BA, CA, A10 BA, CA, A10 BR, RA BA, A10
Illegal(3) Precharge(6) Illegal Illegal
Continue burst to end -> Row active Continue burst to end -> Row active Burst stop -> Row active Term burst, new read : Determine AP(7) Term burst, start write : Determine AP(7, 8)
X
Op-Code
Read
X X X
BA, CA, A10 BA, CA, A10 BR, RA BA, A10 X Op-Code
Illegal(3)
Term burst, precharging
Illegal Illegal
Continue burst to end -> write recovering Continue burst to end -> write recovering Burst stop -> Row active Term burst, start read : Determine AP(7, 8) Term burst, new write : Determine AP(7)
Write
X X X
BA, CA, A10 BA, CA, A10 BR, RA BA, A10
Illegal(3)
Term burst, precharging(9)
Illegal Illegal
Continue burst to end -> Precharging Continue burst to end -> Precharging
X
Op-Code
Read With AutoPrecharge
Illegal Illegal(11) Illegal(11) Illegal(3) Illegal(11) Illegal Illegal
X X X
BA, CA, A10 BA, CA, A10 BR, RA BA, A10
X
Op-Code
12
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
OPERATION COMMAND TABLE(continue)
Current State Command
Write with auto precharge
Operation
CS
RAS X H H H H L L L L X H H H H L L L L X H H H H L L L L X H H H H L L L L
CAS X H H L L H H L L X H H L L H H L L X H H L L H H L L X H H L L H H L L
WE X H L H L H L H L X H L H L H L H L X H L H L H L H L X H L H L H L H L
Address X
X X BA, CA, A10 BA, CA, A10 BR, RA BA, A10
Precharging
Row activating
Write recovering
DESL NOP BST READ / READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS
Continue burst to end -> write recovering with auto precharge H Continue burst to end -> write recovering with auto precharge L
Illegal Illegal(11) Illegal(11) Illegal(3, 11) Illegal(3, 11) Illegal Illegal
Nop -> Enter idle after tRP Nop -> Enter idle after tRP Nop -> Enter idle after tRP
Illegal(3) Illegal(3) Illegal(3)
Nop -> Enter idle after tRP
Illegal Illegal
Nop - > Enter row active after tRCD Nop - > Enter row active after tRCD Nop - > Enter row active after tRCD
Illegal(3) Illegal(3) Illegal(3, 9) Illegal(3) Illegal Illegal
Nop -> Enter row active after tDPL Nop -> Enter row active after tDPL Nop -> Enter row active after tDPL Start read, Determine AP(8) New write, Determine AP
Illegal(3) Illegal(3) Illegal Illegal
L L L L L L L H L L L L L L L L H L L L L L L L L H L L L L L L L L
X
Op-Code
X X X
BA, CA, A10 BA, CA, A10 BR, RA BA, A10
X
Op-Code
X X X
BA, CA, A10 BA, CA, A10 BR, RA BA, A10 X Op-Code
X X X
BA, CA, A10 BA, CA, A10 BR, RA BA, A10
X
Op-Code
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
13
IC42S16160
OPERATION COMMAND TABLE(continue)
Current State Command
Write recovering with auto precharge
Operation
Nop -> Enter precharge after tDPL Nop -> Enter precharge after tDPL Nop -> Enter precharge after tDPL
CS H L L L L L L L L H L L L L H L L L L
RAS X H H H H L L L L X H H L L X H H H L
CAS X H H L L H H L L X H L H L X H H L X
WE X H L H L H L H L X X X X X X H L X X
Address X
X X BA, CA, A10 BA, CA, A10 BR, RA BA, A10 X Op-Code
Auto Refreshing
Mode register
setting
DESL NOP BST READ/READA WRIT/WRITA ACT PRE/PALL REF/SELF MRS DESL NOP/BST READ/WRIT ACT/PRE/PALL REF/SELF/MRS DESL NOP BST READ/WRIT ACT/PRE/PALL/ REF/SELF/MRS
Illegal(3 ,8, 11) Illegal(3,11) Illegal(3, 11) Illegal(3, 11) Illegal Illegal
Nop Enter idle after tRC Nop Enter idle after tRC
X X
X
Illegal Illegal Illegal
Nop -> Enter idle after 2 Clocks Nop -> Enter idle after 2 Clocks
X
X
X X
X
Illegal Illegal Illegal
X X
Notes: 1. All entries assume that CKE was active (High level) during the preceding clock cycle. 2. If both banks are idle, and CKE is inactive (Low level), the device will enter Power downmode. All input buffers except CKE will be disabled. 3. Illegal to bank in specified states; Function may be legal in the bank indicated by Bank Address(BA), depending on the state of that bank. 4. If both banks are idle, and CKE is inactive (Low level), the device will enter Self refresh mode. All input buffers except CKE will be disabled. 5. Illegal if tRCD is not satisfied. 6. Illegal if tRAS is not satisfied. 7. Must satisfy burst interrupt condition. 8. Must satisfy bus contention, bus turn around, and/or write recovery requirements. 9. Must mask preceding data which don't satisfy tDPL . 10. Illegal if tRRD is not satisfied. 11. Illegal for single bank, but legal for other banks in multi-bank devices.
14
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
CKE RELATED COMMAND TRUTH TABLE(1)
Current State Self-Refresh (S.R.) Operation
INVALID, CLK (n - 1)would exit S.R.
CKE n-1 n
(2)
CS X H L L L X H L L L H L L L X X X X X H L L L L H L L L L X X X X X
RAS X X H H L X X H H L X H H L X X X X X X H L L L X H L L L X X X X X
CAS X X H L X X X H L X X H L X X X X X X X X H L L X X H L L X X X X X
WE X X X X X X X X X X X X X X X X X X X X X X H L X X X H L X X X X X
Address X X X X X X X X X X X X X X X X -- X X -- -- -- X
Op - Code
Self-Refresh Recovery Self-Refresh Recovery(2) Illegal Illegal
Maintain S.R.
Self-Refresh Recovery
Idle After tRC Idle After tRC Illegal Illegal
Begin clock suspend next cycle(5) Begin clock suspend next cycle(5)
Illegal Illegal
Exit clock suspend next cycle(2) Maintain clock suspend INVALID, CLK (n - 1) would exit P.D. EXIT P.D. -> Idle(2) Maintain power down mode Refer to operations in Operative Command Table Refer to operations in Operative Command Table Refer to operations in Operative Command Table
Power-Down (P.D.)
Both Banks Idle
Auto-Refresh
Refer to operations in Operative Command Table Refer to operations in Operative Command Table Refer to operations in Operative Command Table Refer to operations in Operative Command Table
Self-Refresh(3)
Refer to operations in Operative Command Table
Power-Down(3)
Any state other than listed above Refer to operations in Operative Command Table Begin clock suspend next cycle(4) Exit clock suspend next cycle Maintain clock suspend
H L L L L L H H H H H H H H L L H L L H H H H H H H H H H L H H L L
X H H H H L H H H H L L L L H L X H L H H H H H L L L L L X H L H L
-- -- -- X
Op - Code
X X X X X
Notes: 1. H : Hight level, L : low level, X : High or low level (Don't care). 2. CKE Low to High transition will re-enable CLK and other inputs asynchronously. A minimum setup time must be satisfied before any command other than EXIT. 3. Power down and Self refresh can be entered only from the both banks idle state. 4. Must be legal command as defined in Operative Command Table. 5. Illegal if tSREX is not satisfied.
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
15
IC42S16160
Initiallization
Before starting normal operation, the following power on sequence is necessary to prevent SDRAM from damged or malfunctioning. 1. Apply power and start clock. Attempt to maintain CKE high , DQN high and NOP condition at the inputs. 2. Maintain stable power, table clock , and NOP input conditions for a minimum of 200us. 3. Issue precharge commands for all bank. (PRE or PREA) 4. After all banks become idle state (after tRP), issue 8 or more auto-refresh commands. 5. Issue a mode register set command to initialize the mode regiser. After these sequence, the SDRAM is in idle state and ready for normal operation.
CAS Latency
CAS latency is the most critical parameter being set. It tells the device how many clocks must elapse before the data will be available. The value is determined by the frequency of the clock and the speed grade of the device. The value can be programmed as 2 or 3.
Burst Length
Burst Length is the number of words that will be output or input in read or write cycle. After a read burst is completed, the output bus will become high impedance. The burst length is programmable as 1, 2, 4, 8 or full page.
Wrap Type (Burst Sequence)
The wrap type specifies the order in which the burst data will be addressed. The order is programmable as either "Sequential" or "Interleave". The method chosen will depend on the type of CPU in the system.
Programming the Mode Register
The mode register is programmed by the mode register set command using address bits BA1 through A0 as data inputs. The register retains data until it is reprogrammed or the device loses power. The mode register has four fields; Options : BA1 through A7 CAS latency : A6 through A4 Wrap type : A3 Burst length : A2 through A0 Following mode register programming, no command can be asserted befor at least two clock cycles have elapsed.
16
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
MODE REGISTER
BA1BA0 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 BL 0 0 0 0 0 1 0 0 CAS Latency WT BA1BA0 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 0 0 0 0 0 0 0 0 CAS Latency WT BL
Burst Read and Single Write (for Write Through Cache)
Burst Read and Burst Write
X = Don't care
Bits2 - 0 WT = 0 WT = 1 1 1 000 001 010 Burst length 011 100 101 110 111 Wrap type 0 1
2 4 8 R R R
Fullpage
2 4 8 R R R R
Sequential Interleave
Bits 6-4 CAS Iatency R 000 001 010 Latency mode 011 100 101 110 111
R 2 3 R R R
R
Remark R : Reserved
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
17
IC42S16160
Burst Length and Sequence
Burst of Two Starting Address (column address A0, binary) 0 1 Sequential Addressing Sequence (decimal) 0, 1 1, 0 Interleave Addressing Sequence (decimal) 0, 1 1, 0
Burst of Four Starting Address (column address A1 - A0, binary) 00 01 10 11 Sequential Addressing Sequence (decimal) 0, 1, 2, 3 1, 2, 3, 0 2, 3, 0, 1 3, 0, 1, 2 Interleave Addressing Sequence (decimal) 0, 1, 2, 3 1, 0, 3, 2 2, 3, 0, 1 3, 2, 1, 0
Burst of Eight Starting Address (column address A2 - A0, binary) 000 001 010 011 100 101 110 111 Sequential Addressing Sequence (decimal) 0, 1, 2, 3, 4, 5, 6, 7 1, 2, 3, 4, 5, 6, 7, 0 2, 3, 4, 5, 6, 7, 0, 1 3, 4, 5, 6, 7, 0, 1 ,2 4, 5, 6, 7, 0, 1, 2, 3 5, 6 ,7, 0, 1, 2, 3, 4 6, 7 ,0 ,1 ,2 ,3 ,4 ,5 7, 0, 1, 2, 3, 4, 5, 6 Interleave Addressing Sequence (decimal) 0, 1, 2, 3, 4, 5, 6, 7 1, 0, 3, 2, 5, 4, 7, 6 2, 3, 0, 1, 6, 7, 4, 5 3, 2, 1, 0, 7, 6, 5, 4 4, 5, 6, 7, 0, 1, 2, 3 5, 4, 7, 6, 1, 0, 3, 2 6, 7, 4, 5, 2, 3, 0, 1 7, 6, 5, 4, 3, 2, 1, 0
18
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Address Bits of Bank-Select and Precharge
Row A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 BA0 BA1 (Activate command) BA0 0 0 1 1 BA1 Result 0 1 0 1 Select Bank A "Activate " command Select Bank B "Activate" command Select Bank C "Activate" command Select Bank D "Activate" command
Row A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 BA0 BA1 (Precharge command)
A11 BA0 BA1 Result 0 0 0 0 1 0 0 1 1 X 0 1 0 1 X Precharge Bank A Precharge Bank B Precharge Bank C Precharge Bank D Precharge All Banks
X: Don't care
0 1 Co1. A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 BA0 BA1 (CAS strobes)
Disable Auto-Precharge (End of Burst) Enable Auto - Precharge (End of Burst) BA0 0 0 1 1 BA1 Result 0 1 0 1 Enable Read/Write commands for Bank A Enable Read/Write commands for Bank B Enable Read/Write commands for Bank C Enable Read/Write commands for Bank D
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
19
IC42S16160
Precharge
The precharge command can be asserted anytime after tRAS(min.) is satisfied. Soon after the precharge command is asserted, the precharge operation is performed and the synchronous DRAM enters the idle state after tRP(min.) is satisfied. The parameter tRP is the time required to perform the precharge. The earliest timing in a read cycle that a precharge command can be asserted without losing any data in the burst is as follows.
PrechargeE
T0 CLK Command Read
T1
T2
T3
T4
T5
T6
Burst lengh=4 T7
PRE CAS latency = 2 DQ Q0 Q1 Q2 Q3 Hi - Z
Command CAS latency = 3 DQ
Read
PRE
Q0
Q1
Q2
Q3
Hi - Z
(tRAS is satisfied)
In order to write all data to the memory cell correctly, the asynchronous parameter tDPL must be satisfied. The tDPL(min.) specification defines the earliest time that a precharge command can be asserted. The minimum number of clocks can be calculated by dividing tDPL(min.) with the clock cycle time. In summary, the precharge command can be asserted relative to the reference clock that indicates the last data word is valid. In the following table, minus means clocks before the reference; plus means time after the reference.
CAS latency 2 3
Read -1 -2
Write + tDPL((min.) + tDPL((min.)
20
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Auto Precharge
During a read or write command cycle, A10 controls whether auto precharge is selected. If A10 is high in the read or write command (Read with Auto precharge command or Write with Auto precharge command), auto precharge is selected and begins automatically. In the write cycle, tDAL(min.) must be satisfied before asserting the next activate command to the bank being precharged. When using auto precharge in the read cycle, knowing when the precharge starts is important because the next activate command to the bank being precharged cannot be executed until the precharge cycle ends. Once auto precharge has started, an activate command to the bank can be asserted after tRP has been satisfied. A Read or Write command without auto - precharge can be terminated in the midst of a burst operation. However, a Read or Write command with auto - precharge can not be interrupted by the same bank commands before the entire burst operation is completed. Therefore use of the same bank Read, Write, Precharge or Burst Stop command is prohibited during a read or write cycle with auto - precharge. It should be noted that the device will not respond to the Auto - Precharge command if the device is programmed for full page burst read or write cycles. The timing when the auto precharge cycle begins depends both on both the CAS Iatency programmed into the mode register and whether the cycle is read or write.
Read with Auto Precharge
During a READA cycle, the auto precharge begins one clock earlier (CL = 2) or two clocks earlier (CL = 3) than the last word output.
READ with AUTO PRECHARGE
Burst lengh = 4 T0 T1 T2 T3
T4
T5
T6
T7
T8
CLK
No New Command to Bank B
Command
READA B
Auto precharge starts
CAS latency = 2 DQ QB0 QB1 QB2 QB3 Hi - Z
No New Command to Bank B
Auto precharge starts Command CAS latency = 3 DQ Remark READA means READ with AUTO PRECHARGE QB0 QB1 QB2 QB3 Hi - Z
READA B
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
21
IC42S16160
Write with Auto Precharge
During a write cycle, the auto precharge starts at the timing that is equal to the value of tDPL(min.) after the last data word input to the device.
WRITE with AUTO PRECHRGE
Burst lengh = 4 T0 CLK Command
WRITA B
AUTO PRECHARGE starts
T1
T2
T3
T4
T5
T6
T7
T8
CAS latency = 2 DQ
DB0 DB1 DB2
tDPL
Hi - Z_
DB3
Command CAS latency = 3 DQ
AUTO PRECHARGE starts
WRITA B
tDPL
Hi - Z
DB0
DB1
DB2
DB3
Remark WRITA means WRITE with AUTO Precharge
In summary, the auto precharge cycle begins relative to a reference clock that indicates the last data word is valid. In the table below, minus means clocks before the reference; plus means clocks after the reference.
CAS latency 2 3
Read -1 -2
Write + tDPL((min.) + tDPL((min.)
22
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Read / Write Command Interval
Read to Read Command Interval During a read cycle when a new read command is asserted, it will be effective after the CAS latency, even if the previous read operation has not completed. READ will be interrupted by another READ. Each read command can be asserted in every clock without any restriction.
READ to READ Command Interval
Burst lengh=4, CAS latency=2 T0 T1 T2 T3 T4 T5 T6 T7 T8
CLK Read A Read B
Command
DQ
QA0
QB0
QB1
QB2
QB3
Hi-Z_
1 cycle
Write to Write Command Interval During a write cycle, when a new Write command is asserted, the previous burst will terminate and the new burst will begin with a new write command. WRITE will be interrupted by another WRITE. Each write command can be asserted in every clock without any restriction.
WRITE to WRITE Command Interval
Burst lengh=4, CAS latency=2 T0 T1 T2 T3 T4 T5 T6 T7 T8
CLK Write A Write B
Command
DQ
QA0
QB0
QB1
QB2
QB3
Hi-Z_
1 cycle
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
23
IC42S16160
Write to Read Command Interval
The write command to read command interval is also a minimum of 1 cycle. Only the write data before the read command will be written. The data bus must be Hi-Z at least one cycle prior to the first DOUT.
WRITE to READ Command Interval
Burst lengh=4 T0 T1 T2 T3 T4 T5 T6 T7 T8
CLK 1 cycle Command CAS latency=2 Hi-Z WRITE A Read B
DQ
DA0
QB0
QB1
QB2
QB3
Command
Write A
Read B
CAS latency=3 DQ DA0 Hi-Z QB0 QB1 QB2 QB3
Read to Write Command Interval
During a read cycle, READ can be interrupted by WRITE. DQM must be in High at least 3 clocks prior to the write command. There is a restriction to avoid a data conflict. The data bus must be Hi-Z using DQM before Write.
24
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
READ to WRITE Command Interval
CAS latency=2 T8
T0
T1
T2
T3
T4
T5
T6
T7
CLK
Command
Read
Write
DQM
DQ
Hi-Z
D0
D1
D2
D3
1 cycle
T0
T1
T2
T3
T4
T5
T6
T7
Burst length=8, CAS latency=2 T8 T9
CLK
Command
Read
Write
DQM
DQ
Q0
Q1
Q2 Hi-Z is necessary
D0
D1
D2
example: Burst length=4, CAS latency=3 T0 T1 T2 T3 T4 T5 T6 T7 T8
CLK
Command
Read
Write
DQM
DQ
Q2
Hi-Z is necessary
D0
D1
D2
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
25
IC42S16160
BURST Termination
There are two methods to terminate a burst operation other than using a read or a write command. One is the burst stop command and the other is the precharge command.
BURST Stop Command
During a read burst, when the burst stop command is issued, the burst read data are terminated and the data bus goes to high-impedance after the CAS latency from the burst stop command. During a write burst, when the burst stop command is issued, the burst write data are termained and data bus goes to HiZ at the same clock with the burst stop command.
Burst Termination
T0 T1 T2 T3 T4 T5 Burst lengh=X, CAS Intency=2,3 T7 T6
CLK BST
Command
Read
CAS latency=2 DQ
Q0
Q1
Q2
Hi-Z
CAS latency=3 DQ
Q0
Q1
Q2
Hi-Z
Remark BST: Burst stop command
T0
T1
T2
T3
T4
T5
Burst lengh=X, CAS latency=2,3 T7 T6
CLK BST
Command
Write
CAS latency=2,3 Q0 DQ Q0 Q1 Q2 Hi-Z_
Remark BST: Burst command
26
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
PRECHARGE TERMINATION PRECHARGE TERMINATION in READ Cycle
During READ cycle, the burst read operation is terminated by a precharge command. When the precharge command is issued, the burst read operation is terminated and precharge starts. The same bank can be activated again after tRP from the precharge command. When CAS latency is 2, the read data will remain valid until one clock after the precharge command. When CAS latency is 3, the read data will remain valid until two clocks after the precharge command.
Precharge Termination in READ Cycle
Burst lengh= X T8
T0
T1
T2
T3
T4
T5
T6
T7
CLK
Command
Read
PRE tRP
ACT
CAS latency=2 DQ Q0 Q1 Q2 Q3 Hi-Z
command
Read
PRE tRP
ACT
CAS latency=3 DQ
Q0
Q1
Q2
Q3
Hi-Z
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
27
IC42S16160
Precharge Termination in WRITE Cycle
During WRITE cycle, the burst write operation is terminated by a precharge command. When the precharge command is issued, the burst write operation is terminated and precharge starts. The same bank can be activated again after tRP from the precharge command. The DQM must be high to mask invalid data in. During WRITE cycle, the write data written prior to the precharge command will be correctly stored. However, invalid data may be written at the same clock as the precharge command. To prevent this from happening, DQM must be high at the same clock as the precharge command. This will mask the invalid data.
PRECHARGE TERMINATION in WRITE Cycle
Burst lengh = X T8
T0 CLK Command CAS latency = 2 DQM DQ D0 Write
T1
T2
T3
T4
T5
T6
T7
PRE
ACT
D1
D2
D3
D4 tRP
Hi - Z
command CAS latency = 3
DQM
Write
PRE
ACT
DQ
D0
D1
D2
D3
D4
Hi - Z tRP
28
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Mode Register Set
T0 CLK
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
CKE
t RSC
CS
RAS
CAS
WE
BS0,1
A10
Address Key
ADD
DQM
t RP
DQ
Hi-Z
Precharge Command All Banks
Mode Register Set Command
Command
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
29
IC42S16160
AC Parameters for Write Timing (1 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5
T6 T7 T8
T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CH t CL t CMS t CMH t CK2 Begin Auto Precharge Begin Auto Precharge Bank A Bank B
CKE
t CKS
t CKH
CS
RAS
CAS
WE
*BS0
A10
t AS tAH
ADD
DQM
tRCD
DQ
t RRD tRC
tDAL
tDS t DH t DPL t RP
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBa2 QBa3 QAb0 QAb1 QAb2 QAb3
Activate Write with Activate Write with Activate Command Auto Precharge Command Auto Precharge Command Bank A Command Bank A Command Bank B Bank B Bank A
Write without Auto Precharge Command Bank A
Precharge Command Bank A
Activate Command Bank A
Activate Command Bank B
BS1="L", Bank C,D = Idle 30 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
AC Parameters for Write Timing (2 of 2)
Burst Length=4, CAS Latency=3 T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 T23
CLK
t CL t CH t CK3 t CMS t CMH Begin Auto Precharge Begin Auto Precharge Bank A Bank B t CKH
CKE
t CKS
CS
RAS
CAS
WE
*BS0
A10
t AS t AH
ADD
DQM
tRCD
DQ
t RRD RC
t DAL
tDS t DH t DPL t RP
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBa2 QBa3
QAb0 QAb1 QAb2 QAb3
Activate Command Bank A
Write with Activate Write with Auto Precharge Command Auto Precharge Command Bank B Command Bank A Bank B
Activate Command Bank A
Write without Auto Precharge Command Bank A
Precharge Command Bank A
Activate Command Bank A
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
31
IC42S16160
AC Parameters for Read Timing (1 of 2)
Burst Length=2, CAS Latency=2
T0 CLK
tCH tCL
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
tCK2 tCMS t CMH Begin Auto Precharge Bank B t CKH
CKE
tCKS
CS
RAS
CAS
WE
*BS0
A10
tAS tAH
ADD
tRRD tRAS tRC
DQM
t AC2 tLZ tAC2 tOH QAa0
t RCD
tHZ tOH QAa1 QBa0
tRP tHZ QBa1
DQ
Hi-Z
Activate Command Bank A
Read Command Bank A
Activate Command Bank B
Read with Auto Precharge Command Bank B
Precharge Command Bank A
Activate Command Bank A
BS1="L", Bank C,D = Idle 32 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
AC Parameters for Read Timing (2 of 2)
Burst Length=2, CAS Latency=3 T0 CLK
t CH tCL t CK3 t CMS t CMH Begin Auto Precharge Bank B
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11
T12
T13 T14
T15
CKE
tCKS
t CKH
CS
RAS
CAS
WE
*BS0
A10
t AH t AS
ADD
t RRD t RAS t RC t RP
DQM
t RCD
tAC3 tLZ
tAC3 tOH
tHZ tOH
QAa1 QBa0
t
HZ
DQ
Hi-Z
QAa0
QBa1
Activate Command Bank A
Read Command Bank A
Activate Command Bank B
Read with Auto Precharge Command Bank B
Precharge Command Bank A
Activate Command Bank A
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
33
IC42S16160
Power on Sequence and Auto Refresh (CBR)
T0 T1 T2 T3 T4 T5 T6 T7
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK CKE
High level is required t RSC Minimum of 8 Refresh Cycles are required
CS
RAS
CAS
WE
BS0, 1
A10
Address Key
ADD
DQM
High Level is Necessary t RP t RC
DQ
Hi-Z
Precharge Inputs Command All Banks must be stable for 200us
1st Auto Refresh Command
2nd Auto Refresh Command
Mode Register Set Command
Command
34
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Clock Suspension During Burst Read (Using CKE) (1 of 2)
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
DQM
t HZ
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3
Activate Command Bank A
Read Command Bank A
Clock Suspended 1 Cycle
Clock Suspended 2 Cycles
Clock Suspended 3 Cycles
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
35
IC42S16160
Clock Suspension During Burst Read (Using CKE) (2 of 2)
Burst Length=4, CAS Latency=3 T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK3
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
DQM
t HZ
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3
Activate Command Bank A
Read Command Bank A
Clock Suspended 1 Cycle
Clock Suspended 2 Cycles
Clock Suspended 3 Cycles
BS1="L", Bank C,D = Idle 36 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Clock Suspension During Burst Write (Using CKE) (1 of 2)
Burst Length=4, CAS Latency=2 T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
DQM
DQ
Hi-Z
DAa0 DAa1 DAa2 DAa3
Activate Command Bank A
Clock Suspended 1 Cycle Write Command Bank A
Clock Suspended 2 Cycles
Clock Suspended 3 Cycles
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
37
IC42S16160
Clock Suspension During Burst Write (Using CKE) (2 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 CLK
t CK3
T7
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
DQM
DQ
Hi-Z
DAa0 DAa1 DAa2 DAa3
Activate Command Bank A
Clock Suspended 1 Cycle Write Command Bank A
Clock Suspended 2 Cycles
Clock Suspended 3 Cycles
BS1="L", Bank C,D = Idle 38 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Power Down Mode and Clock Mask
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
t t CKS
CKH
t CKS
CKE
VALID
CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3
Activate Command Bank A
ACTIVE STANDBY
Read Command Bank A Clock Mask Start Clock Mask End
Precharge Command Power Down Mode Entry
Precharge Standby
Power Down Mode Entry
Power Down Mode Exit
Power Down Mode Exit Command
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
39
IC42S16160
Auto Refresh (CBR)
Burst Length=4, CAS Latency=2 T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0, 1
A10
RAa
ADD
RAa
CAa
DQM
t RP t RC t RC
Q0 Q1 Q2 Q3
DQ
Hi-Z
Precharge CBR Refresh Command Command All Banks
CBR Refresh Command
Activate Read Command Command
BS1="L", Bank C,D = Idle 40 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Self Refresh (Entry and Exit)
CLK can be Stopped**
T0 T1 T2 T3 T4 T5 T6 T7 CLK
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
t SRX
t SRX
t CKS
CKE
t CKS
CS
RAS
CAS
WE
*BS0
A10
ADD
t RC t RC
DQM
DQ
Hi-Z
All Banks must be idle
Self refresh Entry
Self Refresh Exit
Self Refresh Entry Self Refresh Exit
Activate Command
BS1="L", Bank C,D = Idle Clock can be stopped at CKE=Low. If clock is stopped, it must be restarted/stable for 4 clock cycles before CKE=High Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
41
IC42S16160
Random Column Read (Page With Same Bank) (1 of 2)
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
RAa RAd
ADD
RAa
CAa
CAb
CAc
RAd
CAd
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QAb0 QAb1 QAc0 QAc1 QAc2 QAc3
QAd0 QAd1 QAd2 QAd3
Precharge Command Bank A
Read Command Bank A
Read Read Command Command Bank A Bank A
Precharge Activate Read Command Command Command Bank A Bank A Bank A
BS1="L", Bank C,D = Idle 42 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Random Column Read (Page With Same Bank) (2 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK3
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
RAd
ADD
RAa
CAa
CAb
CAc
RAd
CAd
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QAb0 QAb1 QAc0 QAc1 QAc2 QAc3
Activate Command Bank A
Read Command Bank A
Read Read Command Command Bank A Bank A
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
43
IC42S16160
Random Column Write (Page With Same Bank) (1 of 2)
Burst Length=4, CAS Latency=2 T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
Ra
Rd
ADD
Ra
Ca
Cb
Cc
Rd
Cd
DQM
DQ
Hi-Z
Da0
Da1
Da2
Da3
Db0
Db1
Dc0
Dc1
Dc2
Dc3
Dd0
Dd1
Dd2
Dd3
Activate Command Bank B
Write Command Bank B
Write Write Command Command Bank B Bank B
Precharge Activate Write Command Command Command Bank B Bank B Bank B
BS1="L", Bank C,D = Idle 44 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Random Column Write (Page With Same Bank) (1 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
Ra
Rd
ADD
Ra
Ca
Cb
Cc
Rd
Cd
DQM
DQ
Hi-Z
Da0
Da1
Da2
Da3
Db0
Db1
Dc0
Dc1
Dc2
Dc3
Dd0
Dd1
Activate Command Bank B
Write Command Bank B
Write Command Bank B
Write Command Bank B
Precharge Command Bank B
Activate Command Bank B
Write Command Bank B
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
45
IC42S16160
Random Row Read (Interleaving Banks) (1 of 2)
Burst Length=8, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
High
CS
RAS
CAS
WE
*BS0
A10
ADD
t t AC2 t RP
DQM
RCD
DQ
Hi-Z
QBa0 QBa1 QBa2 QBa3 QBa4 QBa5 QBa6 QBa7 QAa0 QAa1 QAa2 QAa3 QAa4 QAa5 QAa6 QAa7
QBb0 QBb1
Activate Command Bank B
Read Command Bank B
Activate Command Bank A
Precharge Active Command Command Bank B Bank B Read Command Bank A
Read Command Bank B
BS1="L", Bank C,D = Idle 46 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Random Row Read (Interleaving Banks) (2 of 2)
Burs tLength=8, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CK3
CKE
High
CS
RAS
CAS
WE
*BS0
A10
ADD
t t RCD AC3 t RP
DQM
DQ
Hi-Z
QBa0 QBa1 QBa2 QBa3 QBa4 QBa5 QBa6 QBa7 QAa0 QAa1 QAa2 QAa3 QAa4 QAa5 QAa6 QAa7 QBb0
Activate Command Bank B
Read Command Bank B
Activate Command Bank A
Read Command Bank A
Precharge Command Bank B
Activate Command Bank B
Read Precharge Command Command Bank B Bank A
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
47
IC42S16160
Random Row Write (Interleaving Banks) (1 of 2)
Burst Length=8, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CK2
CKE
High
CS
RAS
CAS
WE
*BS0
A10
ADD
DQM
t RCD
t DPL
t
RP
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QAa4 QAa5 QAa6 QAa7 QBa0 QBa1 QBa2 QBa3 QBa4 QBa5 QBa6 QBa7 QAb0 QAb1 QAb2 QAb3 QAb4
Activate Command Bank A
Write Command Bank A
Activate Command Bank B
Precharge Active Command Command Bank A Bank A Write Command Bank B
Write Command Bank A Precharge Command Bank B
BS1="L", Bank C,D = Idle 48 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Random Row Write (Interleaving Banks) (2 of 2)
Burst Length=8, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
High
CS
RAS
CAS
WE
*BS0
A10
ADD
RBa
DQM
t DPL
t RP
t DPL
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QAa4 QAa5 QAa6 QAa7 QBa0 QBa1 QBa2 QBa3 QBa4 QBa5 QBa6 QBb7 QAb0 QAb1 QAb2 QAb3
Activate Command Bank A
Write Command Bank A
Activate Command Bank B
Write Command Bank B
Precharge Command Bank A
Activate Command Bank A
Precharge Write Command Command Bank B Bank A
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
49
IC42S16160
Read and Write Cycle (1 of 2)
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
CAb
CAc
DQM
Hi-Z
DQ
QAa0 QAa1 QAa2 QAa3
DAb0 DAb1
DAb3
QAc0 QAc1
QAc3
Activate Command Bank A
Write Command Bank A
The Write Data Write Command is Masked with a Bank A Zero Clock latency
Read Command Bank A
The Read Data is Masked with Two Clocks Latency
BS1="L", Bank C,D = Idle 50 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Read and Write Cycle (2 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CK3
CKE
CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
CAb
CAc
DQM
Hi-Z
QAa0 QAa1 QAa2 QAa3
DQ
DAb0 DAb1
DAb3
QAc0 QAc1
QAc3
Activate Command Bank A
Read Command Bank A
Write The Write Data Read Command is Masked with a Command Bank A Bank A Zero Clock
Latency
The Read Data is Masked with Two Clock Latency
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
51
IC42S16160
Interleaved Column Read Cycle (1 of 2)
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CLK
t CK2
CKE
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
ADD
Ra
Cb
Ra
Ca
Cb
Cc
Cb
Cd
DQM
t
RCD
t AC2
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBb0 QBb1 QBc0 QBc1 QAb0 QAb1 QBd0 QBd1 QBd2 QBd3
Activate Command Bank A
Read Read Read Activate Read Read Read Command Command Command Command Command Command Command Bank A Bank A Bank B Bank B Bank B Bank B Bank B Precharge Command Bank A
Precharge Command Bank B
BS1="L", Bank C,D = Idle 52 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Interleaved Column Read Cycle (2 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CK3
CKE
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
ADD
Ra
Ca
Ra
Ca
Cb
Cc
Cb
DQM
t RCD t RRD t AC3
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBb0 QBb1 QBc0 QBc1 QAb0 QAb1 QAb2 QAb3
Activate Command Bank A
Read Command Bank A Activate Command Bank B
Read Read Read Read Precharge Precharge Command Command Command Command Command Command Bank A Bank B Bank B Bank B Bank B Bank A
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
53
IC42S16160
Interleaved Column Write Cycle (1 of 2)
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CLK
t CK2
CKE
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
ADD
Ra
Ca
Ra
Ca
Cb
Cc
Cb
Cb
DQM
t RCD
t RP
t DPL
t Hi-Z
RRD
DQ
DAa0 DAa1 DAa2 DAa3 DBa0 DBa1 DBb0 DBb1 DBc0 DBc1 DAb0 DAb1 DBd0 DBd1 DBd2 DBd3
Activate Write Write Write Write Write Activate Command Command Command Command Command Command Command Bank B Bank B Bank A Bank A Bank B Bank B Bank A
Precharge Command Bank A Write Command Bank B
Precharge Command Bank B
BS1="L", Bank C,D = Idle 54 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Interleaved Column Write Cycle (2 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CLK
t CK3
CKE CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
ADD
Ra
Ca
Ra
Ca
Cb
Cc
Cb
Cd
DQM
t RCD
t DPL
t DPL
t Hi-Z
RRD
t RP
DQ
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBb0 QBb1 QBc0 QBc1 QAb0 QAb1 QBd0 QBd1 QBd2 QBd3
Activate Command Bank A
Write Command Bank A Activate Command Bank B
Write Write Write Write Write Command Command Command Command Command Bank A Bank B Bank B Bank B Bank B Precharge Command Bank A
Precharge Command Bank B
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
55
IC42S16160
Auto Precharge after Read Burst (1 of 2)
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CLK
t CK2
Start Auto Precharge Bank B Start Auto Precharge Bank A Start Auto Precharge Bank B
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
Rc
ADD
Ra
Ca
Ra
Ca
Cb
Rb
Cb
Rc
Cc
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBa2 QBa3 QAb0 QAb1 QAb2 QAb3 QBb0 QBb1 QBb2 QBb3 QAc0 QAc1 QAc2
Activate Read Activate Read with Command Command Command Auto Precharge Bank A Bank A Bank B Command Bank B
Read with Auto Precharge Command Bank A
Activate Command Read with Bank A Auto Precharge Command Read with Activate Bank B Auto Precharge Command Command Bank B Bank A
BS1="L", Bank C,D = Idle 56 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Auto Precharge after Read Burst (2 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CLK
t CK3
Start Auto Precharge Bank B Start Auto Precharge Bank A Start Auto Precharge Bank B
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
ADD
Ra
Ca
Ra
Ca
Cb
Rb
RBb
Cb
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBa2 QBa3 QAb0 QAb1 QAb2 QAb3 QBb0 QBb1 QBb2
Activate Command Bank A
Activate Command Bank B Read Command Bank A
Read with Auto Precharge Command Bank B
Read with Auto Precharge Command Bank A
Activate Command Bank B
Write with Auto precharge Command Bank B
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
57
IC42S16160
Auto Precharge after Write Burst (1 of 2)
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CK2
Start Auto Precharge Bank B Start Auto Precharge Bank A Start Auto Precharge Bank B
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
Rc
ADD
Ra
Ca
Ra
Ca
Cb
Rb
Cb
Rc
Cc
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBa2 QBa3 QAb0 QAb1 QAb2 QAb3 QBb0 QBb1 QBb2 QBb3 QAc0 QAc1 QAc2 QAc3
Activate Write Write with Activate Command Command Command Auto Precharge Command Bank A Bank B Bank A Bank B
Activate Write with Activate Command Auto Precharge Command Bank A Command Bank B Write with Bank A Auto Precharge Write with Bank A Auto Precharge Command Bank B
Start Auto Precharge Bank A
BS1="L", Bank C,D = Idle 58 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Auto Precharge after Write Burst (2 of 2)
Burst Length=4, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CLK
t
CK3
Start Auto Precharge Bank B Start Auto Precharge Bank A Start Auto Precharge Bank B
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
ADD
Ra
Ca
Ra
Ca
Cb
Rb
RBb
Cb
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 QAa3 QBa0 QBa1 QBa2 QBa3 QAb0 QAb1 QAb2 QAb3 QBb0 QBb1 QBb2 QBb3
Activate Command Bank A
Activate Command Bank B Read Command Bank A
Read with Auto Precharge Command Bank B
Read with Auto Precharge Command Bank A
Activate Command Bank B
Write with Auto precharge Command Bank B
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
59
IC42S16160
Full Page Read Cycle (1 of 2)
Burst Length=Full Page, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
ADD
Ra
Ca
Ra
Ca
Rb
DQM
t RP
DQ
Hi-Z
QAa QAa+1 QAa+2 QAa-2 QAa-1 QAa QAa+1 QBa QBa+1 QBa+2 QBa+3 QBa+4 QBa+51QBa+6
Activate Command Bank A
Read Command Bank A
Activate Command Bank B
Read Command Bank B The burst counter wraps from the highest order page address back to zero during this time interval
Full page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues bursting beginning with the starting address
Precharge Command Bank B Burst Stop Command
Activate Command Bank B
BS1="L", Bank C,D = Idle 60 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Full Page Read Cycle (2 of 2)
Burst Length=Full Page, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CK3
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
ADD
Ra
Ca
Ra
Ca
Rb
DQM
DQ
Hi-Z
QAa QAa+1 QAa+2 QAa-2 QAa-1 QAa QAa+1 QBa0 QBa+1 QBa+2 QBa+3 QBa+4 QBa+5
Activate Command Bank A
Read Command Bank A
Activate Command Bank B
Read Command Bank B The burst counter wraps from the highest order page address back to zero during this time interval
Full page burst operation does not teminate when Precharge the burst length is satisfied; Command the burst counter increments Bank B and continues bursting beginning with the starting Burst Stop address Command
Activate Command Bank B
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
61
IC42S16160
Full Page Write Cycle (1 of 2)
Burst Length=Full Page, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
ADD
Ra
Ca
Ra
Ca
Rb
DQM
t BDL
DQ
Hi-Z
QAa QAa+1 QAa+2 QAa+3 QAa-1 QAa QAa+1 QBa QBa+1 QBa+2 QBa+3 QBa+4 QBa+5 QBa+6
Activate Command Bank A
Write Command Bank A
Activate Command Bank B The burst counter wraps from the highest order page address back to zero during this time interval
Write Command Bank B
Data is ignored Precharge Command Bank B Full page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues bursting beginning with the starting address Burst Stop Command
Activate Command Bank B
BS1="L", Bank C,D = Idle 62 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Full Page Write Cycle (2 of 2)
Burst Length=Full Page, CAS Latency=3 T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK3
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
High
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
ADD
Ra
Ca
Ra
Ca
Rb
DQM
tBDL Data is ignored.
DQ
Hi-Z
DAa DAa+1 DAa+2 DAa+3 DAa-1 DAa DAa+1 DBa DBa+1 DBa+2 DBa+3 DBa+4 DBa+5
Activate Command Bank A
Write Command Bank A
Activate Command Bank B The burst counter wraps from the highest order page address back to zero during this time interval
Write Command Bank B Full page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues bursting beginning with the starting address
Precharge Command Bank B Burst Stop Command
Activate Command Bank B
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
63
IC42S16160
Burst Read and Single Write Operation
Burst Length=4, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
t CK2 High
CKE CS
RAS
CAS
WE
*BS0
A10
RAa
ADD
RAa
CAa
CAb
CAc
CAd
CAe
DQM
Hi-Z
DQ
Activate Command Bank A
Read Command Bank A
Read Single Write Single Write Command Command Command Bank A Bank A Bank A
DQs are masked
Single Write Command Bank A
DQs are masked
BS1="L", Bank C,D = Idle 64 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Full Page Random Column Read
Burst Length=Full Page, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
BS
A10
Ra
Ra
Rb
ADD
Ra
Ra
Ca
Ca
Cb
Cb
Cc
Cc
Rb
t RP
DQM DQ
Hi-Z
QAa0 QBa0 QAb0 QAb1 QBb0 QBb1 QAc0 QAc1 QAc2 QBc0 QBc1 QBc2
Activate Command Bank A
Activate Command Bank B
Read Command Bank B Read Command Bank A
Read Command Bank B
Read Command Bank A
Read Command Bank B
Precharge Command Bank B (Bank D) (Precharge Termination) Activate Command Bank B
Read Command Bank A
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
65
IC42S16160
Full Page Random Column Write
Burst Length=Full Page, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
CS
RAS
CAS
WE
*BS0
A10
Ra
Ra
Rb
ADD
Ra
Ra
Ca
Ca
Cb
Cb
Cc
Cc
Rb
t RP
DQM
DQ
Hi-Z
QAa0 QBa0 QAb0 QAb1 QBb0 QBb1 QAc0 QAc1 QAc2 QBc0 QBc1 QBc2
Activate Command Bank A
Activate Command Bank B
Write Command Bank B Write Command Bank A
Write Command Bank B
Write Command Bank A
Write Command Bank B
Precharge Command Bank B (Bank D) (Precharge Termination) Write Data is masked Activate Command Bank B
Write Command Bank A
BS1="L", Bank C,D = Idle 66 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
Precharge Termination of a Burst (1 of 2)
Burst Length=8, CAS Latency=2
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK2
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
High
CS
RAS
CAS
WE
*BS0
A10
RAa
RAb
RAc
ADD
RAa
CAa
RAb
CAb
RAc
CAc
t
DPL
t
RP
t
RP
t
RP
DQM
DQ
Hi-Z
QAa0 QAa1 QAa2 Da3 QAb0 QAb1 QAb2 QAc0 QAc1 QAc2
Activate Command Bank A
Write Command Bank A
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A
Precharge Command Bank A
Precharge Termination of a Write Burst. Write data is masked.
Precharge Termination of a Read Burst.
BS1="L", Bank C,D = Idle Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
67
IC42S16160
Precharge Termination of a Burst (2 of 2)
Burst Length=8, CAS Latency=3
T0 T1 T2 T3 T4 T5 T6 T7 CLK
t CK3
T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE
High
CS
RAS
CAS
WE
*BS0
A10
RAa
RAb
RAc
ADD
RAa
CAa
RAb
CAb
RAc
t DPL
t
RP
t
RAS
t
RP
DQM
t
RCD
DQ
Hi-Z
DAa0 DAa1 QAb0 QAb1 QAb2 QAb3
Activate Command Bank A
Write Command Bank A
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A
Activate Command Bank A
Activate Command Bank A
Write Data is masked
Precharge Termination of a Write Burst.
Precharge Termination of a Read Burst.
BS1="L", Bank C,D = Idle 68 Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
IC42S16160
ORDERING INFORMATION Commercial Range: 0C to 70C
Speed (ns) 6 7 Order Part No. IC42S16160-6TG IC42S16160-7TG Package 400mil TSOP-2(Pb-free Package) 400mil TSOP-2(Pb-free Package)
ORDERING INFORMATION Industrial Temperature Range: -40C to 85C
Speed (ns) 6 7 Order Part No. IC42S16160-6TIG IC42S16160-7TIG Package 400mil TSOP-2(Pb-free Package) 400mil TSOP-2(Pb-free Package)
Integrated Circuit Solution Inc.
HEADQUARTER: NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK, HSIN-CHU, TAIWAN, R.O.C. TEL: 886-3-5780333 Fax: 886-3-5783000 BRANCH OFFICE: 7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD, HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C. TEL: 886-2-26962140 FAX: 886-2-26962252 http://www.icsi.com.tw
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
69


▲Up To Search▲   

 
Price & Availability of IC42S16160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X