Part Number Hot Search : 
68172 MX7226D SDR809 70007 74LVC125 2SB707 BC848C 68172
Product Description
Full Text Search
 

To Download HSM223C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HSM223C
Silicon Epitaxial Planar Diode for High Speed Switching
ADE-208-092C (Z) Rev. 3 Features
* Low capacitance, proof against high voltage. * Fast recovery time. * MPAK package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No. HSM223C Laser Mark A8 Package Code MPAK
Pin Arrangement
3
2
1
(Top View)
1 NC 2 Cathode 3 Anode
HSM223C
Absolute Maximum Ratings (Ta = 25C)
Item Peak reverse voltage Reverse voltage Peak forward current Non-Repetitive peak forward surge current Average forward current Junction temperature Storage temperature Note: Within 1s forward surge current. Symbol VRM VR I FM I FSM * IO Tj Tstg Value 85 80 300 4 100 125 -55 to +125 Unit V V mA A mA C C
Electrical Characteristics (Ta = 25C)
Item Forward voltage Symbol VF1 VF2 VF3 Reverse current Capacitance Reverse recovery time IR C t rr Min -- -- -- -- -- -- Typ 0.76 0.88 0.97 -- 0.5 -- Max 1.0 1.0 1.2 0.1 2.0 3.0 A pF ns Unit V Test Condition I F = 10mA I F = 50mA I F = 100mA VR = 80V VR = 0V, f = 1MHz I F = 10mA, VR = 6V, RL= 50
HSM223C
10
-1
Forward current I F (A)
10
-2
10
10
-5
10
-6
0
0.6 0.8 0.2 0.4 Forward voltage VF (V)
Ta
-4
=7 5C =2 5C Ta =- 25 C
10
-3
Ta
1.0
Fig.1 Forward current Vs. Forward voltage
-4
10 10 Reverse current I R (A)
-5
10 10 10 10 10
-6
Ta = 75C
-7
Ta = 50C Ta = 25C
-8
-9
Ta = 0C Ta = -25C
-10
10
-11
0
60 80 20 40 Reverse voltage VR (V)
100
Fig.2 Reverse current Vs. Reverse voltage
HSM223C
f = 1MHz
10 Capacitance C (pF)
1.0
10
-1
1.0
10 Reverse voltage VR (V)
102
Fig.3 Capacitance Vs. Reverse voltage
HSM223C
Package Dimensions
Unit: mm
0.65 - 0.3
+ 0.1
Laser Mark
0.4 - 0.05
+ 0.10
0.16 - 0.06
+ 0.10
3
+ 0.2 - 0.6
0.1 0.65 + 0.3 -
2 0.95
1 0.95
2.8
A8
1.9
0.3 2.8 + 0.1 -
1.5
0 - 0.10
1 NC 2 Cathode 3 Anode
0.3
1.1 - 0.1
+ 0.2
HITACHI Code JEDEC Code EIAJ Code Weight (g)
MPAK(1) -- SC-59A 0.011


▲Up To Search▲   

 
Price & Availability of HSM223C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X