Part Number Hot Search : 
MMBD353 BB121 74HC366 BTB12 FSF05H60 BTB12 PSB2197 PT2399
Product Description
Full Text Search
 

To Download FMM5701LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMM5701LG
LNA MMIC
FEATURES
* Low Noise Figure: NF=1.7dB (MAX.) @ f=20GHz NF=2.0dB (MAX.) @ f=24GHz * High Associated Gain: Gas=14dB (MIN.) @ f=20GHz Gas=12dB (MIN.) @ f=24GHz * Wide Frequency Band: 18-24GHz * LG package for SMT Applications
DESCRIPTION
The FMM5701LG is a LNA MMIC designed for applications in the 18-24GHz frequency range. This product is well suited for satellite communications and radio link applications where low noise and high gain is required. Fujitsu's stringent Quality Assurance Program assures the highest reliability and consistent performance. ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25C)
Item Drain Voltage Gate Voltage Storage Temperature Operating Case Temperature Symbol VDD VGG Tstg Top Condition Rating 7.0 -3.0 -55 to +125 -40 to +85 Unit V V C C
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25C)
Item Symbol NF VDD = 5V ID=12mA Associated Gain CASE STYLE: LG Gas f=24GHz 12.0 dB f=24GHz f=20GHz 14.0 2.0 dB dB Conditions f=20GHz Noise Figure Min. Limits Typ. Max. 1.7 Unit dB
1999 Microwave Databook
678
Data Sheets
FMM5701LG
LNA MMIC
NF & Gas vs. FREQUENCY
VDD=5V, ID=12mA
9 8
18 16 Gas 14
Noise Figure (dB)
7 6 5 4 3 2 1 15 16 17 18 19 20 21 22
10 8 6 NF 4 2 23 24 25 26
Frequency (GHz)
S11 S22
24
Gas (dB)
12
2.
+j50
23
+90 SCALE FOR |S12|
S21 S12
+j100
+j25
22 21 21 20 19 20 18 17 19 18 17 16 50W 15GHz 16 15GHz 25 100 26GHz 22 23 25
0.16 0.12
+j250
25
+j10
0.08
24
0
180
-j10
26GHz
-j250
26GHz 18 19 15GHz 0.04 17 20 24 26GHz 16 16 15GHz 6 8 4 2 21 SCALE FOR |S21| 23 17 22 25 18 22 24 19 23 21 20
0
-j25 -j50
-j100 -90
S-PARAMETERS VDD = 5V, ID = 12mA FREQUENCY (MHZ)
15000 16000 17000 18000 19000 20000 21000 22000 23000 24000 25000 26000
S11 MAG
.183 .264 .370 .453 .511 .563 .609 .641 .627 .542 .407 .343
S21 ANG
-159.7 -172.1 176.0 158.2 140.0 117.7 92.1 68.0 45.5 14.1 -31.6 -95.9
S12 ANG MAG
.042 .041 .048 .061 .075 .090 .105 .110 .107 .091 .055 .015
S22 ANG
27.6 29.0 35.7 33.0 25.7 13.5 -2.8 -23.8 -45.0 -70.1 -104.2 118.7
MAG
5.639 5.375 5.233 4.980 4.878 4.743 4.535 4.257 4.312 4.359 4.157 3.540
MAG
.146 .243 .387 .506 .584 .624 .696 .765 .851 .893 .825 .691
ANG
-121.7 -137.6 -152.4 -164.8 -178.2 160.6 134.5 109.6 91.1 72.3 41.1 9.9
20.6 1.0 -19.8 -40.8 -62.5 -86.1 -111.9 -136.1 -162.3 167.8 130.7 93.1
Data Sheets
679
1999 Microwave Databook
FMM5701LG
LNA MMIC
Case Style "LG" Metal-Ceramic Hermetic Package
4.780.5 (0.188) 1.5 0.5 1.78+0.15 1.5 0.5 (0.07) (0.059) (0.059)
1
1.5 0.5 1.78+0.15 1.5 0.5 (0.059) (0.07) (0.059)
1.780.15 (0.07)
1.0 Min (0.039)
4
3
2
0.5 (0.02)
1.780.15
(0.07)
1.3 Max (0.051)
Gold Plated Leads
1: RF-IN and VGG 2: GND
0.1 (0.004)
1999 Microwave Databook
680
4.780.5 (0.188)
3: RF-OUT and VDD 4: GND Unit: mm (Inches)
Data Sheets
2.
Data Sheets
681
1999 Microwave Databook
FMM5701X
24GHz Low Noise Amplifier MMIC
FEATURES
* Low Noise Figure: NF=1.5dB (MAX.) @ f=20GHz NF=1.8dB (MAX.) @ f=24GHz NF=2.3dB (MAX.) @ f=28GHz * High Associated Gain: Gas=15.0dB (MIN.) @ f=20GHz Gas=12.0dB (MIN.) @ f=24GHz Gas=9.0dB (MIN.) @f=28GHz * Wide Frequency Band: 18-28GHz
DESCRIPTION
The FMM5701X is a LNA MMIC designed for applications in the 18-28GHz frequency range. This product is well suited for satellite communications and radio link applications where low noise and high gain is required. Fujitsu's stringent Quality Assurance Program assures the highest reliability and consistent performance. ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25C)
Item Drain Voltage Gate Voltage Storage Temperature Channel Temperature Symbol VDD VGG Tstg Tch Condition Rating 7.0 -3.0 -65 to +175 +175 Unit V V C C
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25C)
Item Symbol Conditions (2) f=20GHz Noise Figure NF VDD = 5V ID=12mA Associated Gain Gas f=24GHz f=28GHz f=20GHz f=24GHz f=28GHz
Note 1: RF parameters sample size 10pcs. criteria (accept/reject = (2/3) Note 2: Tuned for Gopt
NOISE FIGURE & Gas vs. FREQUENCY
VDD=5V, IDD=12mA (ZS=ZL=50W) (Tuned for Gopt)
Min. 15.0 12.0 9.0
Limits Typ. Max. 1.5 1.8 2.3 -
Unit dB dB dB dB dB dB
10 9 8
30 25 Gas 20 15
Noise Figure (dB)
7 6 5 4 NF 3 2 1 0 10 12 14 16 18 20 22 24 26 28
5 0 -5 -10 -15 0 30
Frequency (GHz)
1999 Microwave Databook
682
Gas (dB)
10
Data Sheets
FMM5701X
24GHz Low Noise Amplifer MMIC
S-PARAMETERS VDD = 5V, IDS = 12mA FREQUENCY (MHZ)
15000 16000 17000 18000 19000 20000 21000 22000 23000 24000 25000 26000 27000 28000 29000 30000
S11 MAG
.395 .417 .448 .468 .500 .537 .581 .636 .663 .721 .802 .872 .922 .949 .961 .942
S21 ANG
-155.5 -166.9 179.8 167.1 155.5 143.4 132.6 122.2 111.8 101.2 89.2 77.7 65.6 52.9 40.8 30.8
S12 ANG
109.5 92.1 78.2 63.8 48.8 36.4 23.5 10.4 -1.6 -15.3 -29.4 -45.0 -58.5 -72.6 -88.8
S22 ANG
23.7 22.9 21.4 22.0 19.3 15.7 6.2 -4.1 -5.8 -8.6 -20.7 -31.3 -42.6 -54.3 -67.1 -73.6
MAG
13.439 12.411 10.757 9.737 8.678 7.901 7.195 6.745 6.696 6.188 5.462 5.255 4.781 4.464 3.770 3.349
MAG
.016 .018 .019 .023 .027 .029 .035 .039 .044 .050 .057 .063 .069 .066 .068 .061
MAG
.237 .195 .180 .148 .131 .132 .137 .160 .168 .194 .242 .293 .339 .377 .396 .397
ANG
164.0 151.1 139.2 129.8 124.6 121.0 124.3 125.4 123.1 120.7 115.1 108.3 99.6 88.2 76.4 68.3
2.
-100.0
NOTE:* The data includes bonding wires.
n: number of wires RF IN n=1 (0.3mm length, 25m Dia Au wire) RF OUT n=1 (0.3mm length, 25m Dia Au wire) GND n=6 (0.3mm length, 25m Dia Au wire)
BONDING LAYOUT
RF out and VDD
GND
GND
RF in and VGG
Data Sheets
683
GND
1999 Microwave Databook


▲Up To Search▲   

 
Price & Availability of FMM5701LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X