Part Number Hot Search : 
AD8531AR MAX92 M74HC283 4EM3T5 A1315 93AA46 1N6108A M67776L
Product Description
Full Text Search
 

To Download D1688 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet Mainboard D1688 / D1683 Issue March 2004
Mainboard D1688 / D1683
Intel 875P Chipset for DDR400 SDRAM (PC3200) Memory and Intel Pentium 4 Processors (800 MHz FSB)
Product picture (ATX-version) similar to product
Chipset: Intel 875P Performance Accelerator Technology (PAT) Processors: Intel Pentium 4 Processors, mPGA 478 with 800/533 MHz FSB Support for Hyper-Threading Technology PSC FMB 1.5
(R) (R) (R)
Memory: DDR400 SDRAM (PC3200) DDR333 SDRAM (PC2700) Product Features: FireWireTM on board (D1688) USB 2.0 on board Gbit LAN on board
www.fujitsu-siemens.com
Data Sheet Mainboard D1688 / D1683 Issue March 2004
Board Size ATX (D1688): 12" x 9.6" (304.8 x 243.8 mm) ATX (D1683):9.6" x 9.6" (243.8 x 243.8 mm) Chipset Intel(R) 875P, Performance Accelerator Technology Memory 4 DIMM Sockets (2.5 V), 128 MB - 4 GB, 184 Pin Single or Dual Channel, DDR400/333 SDRAM (PC3200/2700), unbuffered, with or without ECC (For details on recommended RAM, please refer to our website) Processors: Intel(R) Pentium(R) 4 Processors, mPGA 478, 800/533 MHz FSB Support for Hyper-Threading Technology, PSC FMB 1.5 (For details on processors supported, please refer to our website) Power Specification ATX 12 V Power Supply required Support for Soft-Off Power Supplies 5 V and 3.3 V Supply Voltage on PCI Slots 3.3 V Auxiliary Supply Voltage on PCI Slots (Wake-Up Function) On board CPU Voltage Regulator, 5 V / 2 A Auxiliary Power required for USB Wake-Up from Save-to-RAM, Save-to-Disk Power Supply Requirements for onboard components (worst case)
Source Voltage Maximal variation 5% 10 % 5% 5% 5% Mainboard current (Maximal) 12 A 0.05 A 9A 5.9 A 2A
Audio Analog Devices AD1980, AC `97 Audio, S/PDIF 5.1, HW 3D Stereo Enhancement, SW Soundblaster Emulation (Win98/WinME/ Win2000) Support, SW Wavetable Synthesis Support LAN (R) Intel LAN Ethernet Controller 82547 EI with 10/100/1000 MBit/s, Alert Standard Format (ASF), Wake-on-LAN (WoL) by interesting Packets, Link Status Change and Magic PacketTM, bootix(R) PXE support, bootix BootP support flashable (License included), BIOS MAC Address Display FireWireTM (D1688) Agere FW 322, 1394 Controller, two 1394 interfaces IDE 2 ATA 100 Interfaces, up to 4 Drives, 2 Serial ATA 150 Interfaces, up to 2 Drives Versions
D1688-A D1683-A Features Intel(R) 875 P Intel(R) 875 P Chipset ATX ATX Board Size VGA /-/ /-/ Audio / 6-channel / S/PDIF 5.1 -/ -/ Buzzer / int. Speaker Support // // LAN GBit / 100Mbit / 10 MBit /-/ / /-/ / LAN ASF/ AoL / WoL / Boot / // /SATA / ATA / RAID FireWireTM USB 2.0 / / Logo Boot / Intel on Screen Branding // // silent - Silent Fan / System Guard / Silent Drives // // simple - Recovery BIOS / Desk Update / Multi Boot / / secure - HDD Password / USB Security Internal Connectors DIMM Sockets (DDR400 SDRAM, PC3200) AGP Pro 50 Slot (2/4/8x, 32Bit, 66 MHz, 1.5 V) AGP Slot (2/4/8x, 32Bit, 66 MHz, 1.5 V) PCI Slots (32Bit, 33 MHz, 5 V and 3.3 V) CNR Slot (Type A, AC'97 only) S-ATA (150 Mbyte/s) ATA (Ultra DMA/100) Floppy (up to 2.88 MB) S/PDIF 5.1 (digital Audio) OUT / IN CD / AUX Audio Input Frontpanel Audio (9 pin for headphone, microphone) FireWireTM (9-Pin, Intel standard header) USB* (2.0, ~480 MB/s) Serial* (RS 232, FIFO, 16550 compatible) FAN PSU**/CPU/AUX1/AUX2 SMBus* (Case Temperature) Intrusion* (Case Open) Power ATX/ATX 12V/AGP Pro External Connectors VGA Audio Mic. In / Line in / Line out S/PDIF 5.1 (digital Audio) OUT / IN LAN (RJ-45) PS/2 Mouse / Keyboard FireWireTM (6-Pin, IEEE1394) USB (2.0, ~480MB/s) Serial (RS 232, FIFO, 16550 compatible) Parallel (EPP/ECP)
* for use with internal devices or optional Front- or Rearpanel ** not supported by standard Power Supplies
+ 12 V - 12 V +5V + 3.3 V Aux. Power Supply + 5 V Main Power Supply
BIOS Phoenix NuBIOS V4.06 modified and adapted by Fujitsu Siemens Computers SM-BIOS (DMI), BIOS Update via disk, Quick Boot, Logo Boot Quiet Boot (Silent Screen), Plug & Play, Automatic DRAM and PCI Configuration, Advanced Power Management ACPI S4 (Save-to-Disk), ACPI S3 (Save-to-RAM) Wake on time from S3, Intel on Screen Branding Security Features Recovery BIOS, System and BIOS Password, Boot and/or Write Protection for Floppy Disk Drive, Boot Sequence Control for each Floppy and IDE Drive, Serial and Parallel Port Access Protection, Boot Sector Virus Warning, Write Protection for Flash BIOS Special Features Silent Fan Independent temperature related processor and fan supervision and control System Guard View and adjust Silent Fan Silent Drives Noise reduction for optical and hard disk drives Recovery BIOS Restores a corrupted BIOS Desk Update Simple driver update with DU CD Multi Boot Comfortable boot from any boot device HDD Password Access protection for ATA5/ATAPI5 disk drives USB Security Access protection with Fujitsu Siemens Computers Memory Bird External Connectors PS/2 Mouse FireWireTM Parallel LAN Audio (D1688)
4 1 6 2 2 1 -/1/1
4 1 3 2 2 1 -/1/1
1 4 4 1/1/1/1 1/1/1/1 1 1 1 1/1/1 1/1/-
1/1/1 1/1 1/1 1 4 1 1
1/1/1 1/1 1/1 4 1 1
PS/2 USB Keyboard
Published by
S/PDIF OUT
Serial
USB
Fujitsu Siemens Computers http://www.fujitsu-siemens.com/mainboards
All rights, including rights created by patent grant or registration of a utility model or design as well as rights of technical modifications are reserved. Delivery subject to availability. Designations may be trademarks, the use of which by third parties for their own purposes may violate the rights of the trademark owners. Copyright (c) Fujitsu Siemens Computers, 03/2004
Company stamp


▲Up To Search▲   

 
Price & Availability of D1688

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X