Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download CSD882P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
NPN PLASTIC POWER TRANSISTOR
CSD882 TO126 Plastic Package
B Complementary CSB772
EC
Audio Frequency Power Amplifier and Low Speed Switching Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25C unless specified otherwise) DESCRIPTION SYMBOL VCBO Collector Base Voltage(open emitter) VCEO Collector Emitter Voltage (open base) Emitter Base Voltage(open collector) Collector Current (DC) Collector Current (Pulse) Base Curent (DC) Total Power Dissipation@ Ta=25C Total Power Dissipation@ Tc=25C Junction Temperature Storage Temperature Range VEBO IC IC IB Ptot Ptot Tj Tstg
VALUE >40 >30 >5.0 <3.0 <7 <0.6 <1.0 <10 150 -65 to +150
UNIT V V V A A A W W C C
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION IE =0, VCB =30V ICBO Collector-Cut off Current IC =0, VEB =3V IEBO Emitter cut -off Current VCEO IC =1mA, IB =0 Breakdown Voltages VCBO IC =1mA, IE =0 VEBO IC =0, IE =1mA Saturation Voltages VCE (sat)* IC=2A, IB=0.2A VBE (sat)* IC=2A, IB=0.2A IC=20mA,VCE=2V hFE* DC Current Gain IC=1A,VCE=2V** hFE* Output Capacitance at f=1MHz Transition Frequency * Pulse test : pulse width <350s ; duty cycle <2% **hFE classification : R : 60-120 Q: 100-200 P: 160-320 E: 200-400 Co fT IE =0, VCB =10V, IC=0.1A, VCE=5V
MIN
TYP
MAX 1.0 1.0
UNIT A A V V V V V
30 40 5 0.5 2.0 30 60 45 90 400
pF MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
CSD882 TO126 Plastic Package TO-126 (SOT-32) Plastic Package
A N P B C
DIM A B C D E
MIN 7.4 10.5 2.4 0.7 0.49
MAX 7.8 10.8 2.7 0.9 0.75
2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 3.0 3.2
S
1
1 2 3 D F G M
F 2 3 Pin Configuration G L M N P
L
1. Emitter 2. Collector 3. Base
E
2.5 TYP. S All diminsions in mm.
Packing Detail
PACKAGE TO-126 Bulk TO-126 Tube STANDARD PACK Details Net Weight/Qty 500 pcs/polybag 340 gm/500 pcs 50 pcs/tube 73 gm/50 pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 2K 3" x 3.7" x 21.5" 1K
Data Sheet
OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 32K 31 kgs 19" x 19" x 19" 10K 15 kgs
Page 2 of 3
Continental Device India Limited
Notes
CSD882 TO126 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 www.cdilsemi,com email@cdil.com
CSD882/GR/YRev180701
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSD882P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X