Part Number Hot Search : 
EM311518 M52758SP EMK21 AX101311 0APBF 5C6V2 2SC46 10600
Product Description
Full Text Search
 

To Download CSB772P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
PNP PLASTIC POWER TRANSISTOR
CSB772 TO126 Plastic Package
B Complementary CSD882
EC
Audio Frequency Power Amplifier and Low Speed Switching
ABSOLUTE MAXIMUM RATINGS(Ta=25C unless specified otherwise) DESCRIPTION SYMBOL VCBO Collector Base Voltage(open emitter) VCEO Collector Emitter Voltage (open base) VEBO Emitter Base Voltage(open collector) IC Collector Current (DC) IC Collector Current (Pulse) (1) IB Base Current (DC) Ptot Total Power Dissipation@ Tc=25C Ptot Total Power Dissipation@ Ta=25C Tj Junction Temperature Tstg Storage Temperature ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION ICBO IE =0, VCB =30V Collector-Cut off Current Emitter cut off Current Breakdown Voltages IEBO VCEO VCBO VEBO VCE (sat)* VBE (sat)* hFE* hFE* CO fT VEB =3V, IC =0 IC =1mA, IB =0 IC =1mA, IE =0 IC =0, IE =1mA IC=2A, IB=0.2A
IC=2A, IB=0.2A
VALUE >40 >30 >5.0 <3.0 <7 <0.6 <10 <1.0 <150 -65 to +150
UNIT V V V A A A W W
C C
MIN
TYP
MAX 1.0 1.0
UNIT A A V V V V V
30 40 5 0.5 2.0 30 60 55 80
Saturation Voltages
DC Current Gain
IC=20mA,VCE=2V IC=1.0A,VCE=2V** IE =0, VCB =10V IC=0.1A, VCE=5V
400 pF MHz
Output Capacitance at f=1MHz Transition Frequency
* Pulse test : pulse width < 350s, Duty cycle < 2% (1) PW = 10ms, Duty Cycle < 50% **hFE classification : R :60-120 Q :100-200 P: 160-320
E: 200-400
Continental Device India Limited
Data Sheet
Page 1 of 3
CSB772 TO126 Plastic Package TO-126 (SOT-32) Plastic Package
A N P B C
DIM A B C D E
MIN 7.4 10.5 2.4 0.7 0.49
MAX 7.8 10.8 2.7 0.9 0.75
2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 3.0 3.2
S
1
1 2 3 D F G M
F 2 3 Pin Configuration 1. Emitter 2. Collector 3. Base G L M N P
L
E
2.5 TYP. S All diminsions in mm.
Packing Detail
PACKAGE TO-126 Bulk TO-126 Tube STANDARD PACK Details Net Weight/Qty 500 pcs/polybag 340 gm/500 pcs 50 pcs/tube 73 gm/50 pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 2K 3" x 3.7" x 21.5" 1K OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 32K 31 kgs 19" x 19" x 19" 10K 15 kgs
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
CSB772 TO126 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 www.cdilsemi.com email@cdil.com
CSB772/P/QRev180701
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSB772P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X